Part Number Hot Search : 
035PBF 60DNT BTS410E2 CL9013 TAR8D08K D2003 AD7450 TA400
Product Description
Full Text Search
 

To Download SG-2103-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SG-2103
EW N
SME Security Gateway with 3 LAN
Features
* Support VIA Eden 400/Ezra 800 MHz CPU * 3 fast Ethernet (RTL 8139C plus) for SME Firewall/VPN/IDS platform * Support CompactFlash and IDE HDD space for storage * Desktop/Rack-mount chassis solution
Introduction
The SG-2103 is a Firewall/VPN/IDS platform suitable for SME security gateway. The platform provides one CompactFlash to store OS and AP, and an optional IDE HDD allows users to store event logs in the local site. The system provides 3 fast Ethernet ports for Network security solution. In addition, also provides RS-232 port and PS2 port for local management, maintenance, and diagnostic. The SG-2103 with industrial grade rack-mount chassis and high performance Ezra/Eden CPU, gives network security system integrators and software venders the choice to integrate their security application. Applied in any network environment, the SG-2103 has the processing power and reliability to handle your mission critical, network security applications. Advantech also depend on customer's requirements to provide OEM/ODM service.
* Operating temperature: 0 ~ 40C (32 ~ 104F) * Storage temperature: -20 ~ 75C (-4 ~ 167F) * Operating humidity: 5 ~ 95% @ 40C, non-condensing * Storage humidity: 5 ~ 95% * Dimension: 426 x 50 x 270 mm (W x H x D) * EMI/EMC: FCC Class A
Ordering Information
SG-2103-A: SME Security Gateway with 3 LAN (Ezra 800) SG-2103-B: SME Security Gateway with 3 LAN (Eden 400)
Specifications:
* CPU: Embedded VIA low power Ezra 800/Eden 400 CPU * VGA Chipset: VIA Twister chip with integrated Savage4 2D/3D/Video Accelerator * BIOS: Award 256KB flash memory * Memory: One DIMM sockets support up to Max. 512MB * LAN: Triple RTL 8139C Plus, IEEE 802.3u 100BASE-T, built-in boot ROM * Storage: One 3.5" HDD drive option and one Compact Flash Type I/II option * I/O: 1 x RS-232 port (Console), 3 x RJ-45 LAN ports, 1 PS2 port * Watchdog timer: 62 level timer intervals * AC power: 125W, 100V ~ 240V
Internet Security Appliances
Note: All specifications are subject to change without notice.
www.advantech.com/ecg/


▲Up To Search▲   

 
Price & Availability of SG-2103-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X