Part Number Hot Search : 
MAX166 5367B 00022 20PFI TLG4243 CEM4804 M25P16 S7878
Product Description
Full Text Search
 

To Download SAH02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Equivalent circuit
SAH02
Silicon PNP Epitaxial Planar Transistor with Shottky Barrier Diode
2
4
1
3
Application : Chopper Regulator
(Ta=25C) SAH02 -10max -10max -30min 100min 150min -0.3max 100typ 45typ
30 min 0.55 max 15 typ
sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg SAH02 -30 -30 -10 -3 -0.5 800(Ta=25C) 125 -40 to +125 Unit V V V A A mW C C
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE1 hFE2 VCE(sat) fT COB VR VF
trr
External Dimensions PS Pack
2.540.25
Conditions VCB=-30V VEB=-10V IC=-10mA VCE=-2V, IC=-1A VCE=-2V, IC=-0.5A IC=-0.5A, IB=-20mA VCE=-12V, IE=0.3A VCB=-10V, f=1MHz
IR=100A IF=0.5A IF=100mA
Unit
A
V
4
0.75 +0.15 -0.05
a
b
1
4.320.2
A
3
2
4.8max
0.890.15
1.40.2 6.8max 3.60.2 4.0max
V MHz
0.25
8.00.5 6.30.2 0.3 +0.15 -0.05 0~0.1 1.00.3 3.00.2 9.80.3
pF
V V ns
Weight : Approx 0.23g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
-3
-100mA -20mA
Di ode I F - V F Characteristics
3
I C - V BE Temperature Characteristics (Typical)
-3 (VCE=-2V)
-15mA
Collector Current I C( A)
-2
-5m A
Forward Current I F( A)
-1 0m A
2
Collector Current I C( A)
-2
-5m A
) emp
mp) e Te
-30C
Cas
eT
-1
IB=-3m A
1
-1
C (
25
0
0
-1
-2
-3
-4
-5
-6
0
-3
12
0
0
0.5 Forward Voltage V F( V)
1.0
0
0
-0.5
125
5
C
C
C
25C
(Case
(Cas
Temp
-1.0
)
-1.5
Collector-Emitter Voltage V C E( V)
Base-Emittor Voltage V B E( V)
ton*tstg*t f - IC Characteristics (Typical)
1.0
hFE - IC Temperature Characteristics (Typical)
(V C E= -2V) 1000 DC Curr ent Gain h FE
j-a(C/W)
j-a - t Characteristics
300 100
ton*t st g*t f ( s)
V C C 12V -I B1= I B2= 30mA 0.8 tstg 0.6 t on
500 25C -30C
Transient Thermal Resistance -0.5 -1 -3
125C
Swit ching Time
10
0.4 0.2 0 -0.1
tf
1 0.3 0.001
-0.5 Collector Current I C (A)
-1
-3
100 -0.01
-0.05
-0.1
0.01
0.1
1 Time t(ms)
10
100
1000
Collector Current I C( A)
VCE(sat) - IB Temperature Characteristics (Typical)
Collecto r-Emitte r Satu ration Voltage V C E( s a t )( V) -1.5 (I C= -0.5A) -5
Safe Operating Area (Single Pulse)
1.0
100s
P c - T a Derating
-30C 25C
Collector Curr ent I C( A) -1.0 -1 -0.5
10 m
1m
s
s
125C
Ma xim um Powe r Dissipat io n P C( W)
0.5
-0.5
-0.1 Without Heatsink Natural Cooling
-0.05 0 -1 -0.03 -3
Glass epoxy substrate (95 x 69 x 1.2mm) Natural Cooling 0 0 25 50 75 100 125
-5
-10
-50
-100
-300
-5
-10
-50
Base Current I B( mA)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
162


▲Up To Search▲   

 
Price & Availability of SAH02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X