Part Number Hot Search : 
380013 TP60N XE0472 IRFI630 2316052 GP206 MAX3002E 1403RSD0
Product Description
Full Text Search
 

To Download RTS-1205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
RTS/RTD Series, 2 Watt, SMD (Single & Dual Output) Features

1kVDC Isolation Efficiency to 70% UL 94V-0 Package Material

Toroidal Magnetics Internal SMD Construction
Selection Guide
Part SMD RTS-XX3.3 RTS-XX05 RTS-XX09 RTS-XX12 RTS-XX15 RTS-XX24 RTD-XX3.3 RTD-XX05 RTD-XX09 RTD-XX12 RTD-XX15 RTD-XX24 Input Number (VDC) 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 Output Voltage (VDC) 3.3 5 9 12 15 24 3.3 5 9 12 15 24 Output Voltage (mA) 606 400 222 167 133 83 303 200 111 83 66 42 Efficienc Current (%) 70 70 75 75 75 78 70 70 75 75 75 78
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Range Output Voltage Accuracy Rated Power Isolation Voltage Isolation Resistance (Viso = 500VDC) Isolation Capacitance Ripple and Noise (20MHz BW) Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) 3.3V output type 5V output type 9V, 12V, 15V output types 24V output type 10% 5% 2W 1000VDC min. 10 G min. 40pF min./115pF max. 150mVp-p max. 1.2%/1% of Vin 20% max. 15% max. 10% max. 10% max. 70% min. 1 Second -40C to +71C -55C to +125C Single output types Dual output types August 2002 2.1g 2.5g EC 49
Efficiency at Full Load Short Circuit Protection Operating Temperature Range Storage Temperature Range Package Weight
www.recom-international.com
ECONOLINE - DC/DC-Converter
RTS/RTD Series, 2 Watt, SMD (Single & Dual Output) Package Style and Pinning (mm)
Dual Output Single Output
3rd angle projection
2.54
RTD-0505 RECOM ****
0.500.5
2.57
RTS-0505 RECOM ****
0.500.5
15.24 14.84 7.05 1.65 7.05 1.65
12.75 12.40
9.30 9.00
0.20 2.54x4
0.20 2.54x3 8.60 10.00 11.80
Recommended Footprint Details
Pin Connections
10 12.70 12
7 12.70 45 1.20 1.80
8 12
5 4 1.20 1.80
Pin # Single 1 -Vin 2 +Vin 4 -Vout 5 +Vout 7 No Pin 8 NC 10 No Pin NC = No Connection
Dual -Vin +Vin Com -Vout +Vout No Pin NC
XX.X 0.5 mm XX.XX 0.25 mm
EC 50
August 2002
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RTS-1205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X