|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RS101 THRU RS107 SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere FEATURES * Ideal for printed circuit board * Low forward voltage * Low leakage current * Polarity: marked on body * Mounting position: Any * Weight: 1.52 grams .125 X 45 (3.2) RS-1 .460(11.7) .420(10.7) .500(12.7) .460(11.7) .035(0.9) .028(0.7) DIA. .50 MIN. (12.7) .160(4.1) SPACING .140(3.6) .200(5.1) .180(4.6) .600(15.2) .560(14.2) .105(2.67) .085(2.16) Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=50 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per Bridge Element at 1.0A D.C. Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Operating Temperature Range, TJ Storage Temperature Range, TSTG Ta=100 C RS101 RS102 RS103 RS104 RS105 RS106 RS107 UNITS 50 100 200 400 600 800 1000 V 35 70 140 280 420 560 700 V 50 100 200 400 600 800 1000 V 1.0 30 1.0 10 -65 -65 100 +125 +150 A A V A A C C 144 RATING AND CHARACTERISTIC CURVES (RS101 THRU RS107) FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE 1.2 1.0 0.8 0.6 0.4 0.2 0 Single Phase Half Wave 60Hz Resistive Or Inductive Load FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT,(A) 50 AVERAGE FORWARD CURRENT,(A) 40 30 Tj=25 C 8.3ms Single Half Sine Wave JEDEC method 20 10 0 25 50 75 100 125 150 175 CASE TEMPERATURE,( C) 0 1 5 10 50 100 NUMBER OF CYCLES AT 60Hz FIG.3-TYPICAL FORWARD CHARACTERISTICS 50 INSTANTANEOUS FORWARD CURRENT,(A) FIG.4-TYPICAL REVERSE CHARACTERISTICS 50 3.0 1.0 Tj=25 C Pulse Width 300us 1% Duty Cycle REVERSE LEAKAGE CURRENT, (A) 10 10 3.0 1.0 0.1 0.1 Tj=25 C .01 0 .2 .4 .6 .8 1.0 1.2 1.4 .01 0 20 40 60 80 100 120 140 FORWARD VOLTAGE,(V) PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) 145 |
Price & Availability of RS101 |