![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RECTRON SEMICONDUCTOR TECHNICAL SPECIFICATION RS101 THRU RS107 SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere FEATURES * * * * * Low cost Low leakage Low forward voltage Mounting position: Any Weight: 1.26 grams RS-1 .414 (10.5) .374 (9.5) .360 (9.1) .320 (8.1) MECHANICAL DATA * UL listed the recognized component directory, file #E94233 * Epoxy: Device has UL flammability classification 94V-O AC .035 (0.9) DIA .028 (0.7) TYP. .390 MIN. (9.9) .160 (4.1) SPACING .140 (3.6) .650 (16.5) .610 (15.5) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. .050 (1.27) .161 (4.1) .150 (3.8) Dimensions in inches and (millimeters) MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current at TA = 50oC Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Operating Temperature Range Storage Temperature Range TJ TSTG -55 to + 125 -55 to + 150 0 0 SYMBOL VRRM VRMS VDC IO IFSM RS101 50 35 50 RS102 100 70 100 RS103 200 140 200 RS104 400 280 400 1.0 30 RS105 600 420 600 RS106 800 560 800 RS107 1000 700 1000 UNITS Volts Volts Volts Amps Amps C C ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage Drop per Bridge Element at 1.0A DC Maximum Reverse Current at Rated DC Blocking Voltage per element @TA = 25 oC @TA = 100 o C SYMBOL VF RS101 RS202 RS203 RS204 1.0 10 IR 1 mAmps 2001-5 RS205 RS206 RS207 UNITS Volts uAmps RATING AND CHARACTERISTIC CURVES ( RS101 THRU RS107 ) FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 30 8.3ms Single Half Sine-Wave (JEDED Method) PEAK FORWARD SURGE CURRENT, (A) AVERAGE FORWARD CURRENT, (A) FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE 1.0 .8 .6 .4 .2 0 0 20 40 60 80 100 120 AMBIENT TEMPERATURE, ( 140 ) Single Phase Half Wave 60Hz Inductive or Resistive Load 20 10 0 1 2 4 6 8 10 20 40 60 NUMBER OF CYCLES AT 60Hz 100 FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT, (A) FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 20 10 INSTANTANEOUS REVERSE CURRENT, (uA) 1.0 1.0 .1 TJ = 25 Pulse Width = 300us 1% Duty Cycle TJ = 25 0.1 .01 .4 .6 .8 1.0 1.2 1.4 INSTANTANEOUS FORWARD VOLTAGE, (V) .01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) RECTRON |
Price & Availability of RS101
![]() |