Part Number Hot Search : 
WSL1506E 2SB869 2SC2983 E13005D 74HC574 SP563 FM2100 MUR3020W
Product Description
Full Text Search
 

To Download PTH12050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 12 Vin single output
DC-DC CONVERTERS POLA Non-isolated NEW Product 1 * 6 A output current * 12 V input voltage * Wide-output voltage adjust * 1.2 Vdc to 5.5 Vdc for suffix `W' and 0.8 Vdc to 1.8 Vdc for suffix `L' * Auto-trackTM sequencing* * Efficiencies up to 93% * Output ON/OFF inhibit * Output voltage sense * Point-of-Load-Alliance (POLA) compatible * Available RoHS compliant
The PTH12050 is a next generation series of non-isolated dc-dc converters offering some of the most advanced POL features available in the industry. The primary new feature provides for sequencing between multiple modules, a function, which is becoming a necessity for powering advanced silicon including DSP's, FPGA's and ASIC's requiring controlled power-up and power-down Other industry leading features include efficiencies up to 93%. The PTH12050 has an input voltage of 10.8 Vdc to 13.2 Vdc and offers a wide output voltage range adjustable with external trim resistor, allowing for maximum design flexibility and a pathway for future upgrades.
2 YEAR WARRANTY All specifications are typical at nominal input, full load at 25 C unless otherwise stated Cin = 100 F, Cout = 0 F OUTPUT SPECIFICATIONS Voltage adjustability (See Note 4) Setpoint accuracy Line regulation Load regulation Total regulation Minimum load Ripple and noise 20 MHz bandwidth Suffix `W' Suffix `L' Vo Vo Vo Vo 2.5 V > 2.5 V 1.0 V > 1.0 V Suffix `W' Suffix `L' 1.2-5.5 Vdc 0.8-1.8 Vdc 2.0% Vo 5 mV typ. 5 mV typ. 3.0% Vo 0A 25 mV pk-pk 1% Vo 20 mV pk-pk 30 mV pk-pk 0.5% Vo EMC CHARACTERISTICS Electrostatic discharge Conducted immunity Radiated immunity EN61000-4-2, IEC801-2 EN61000-4-6 EN61000-4-3
PTH12050
SPECIFICATIONS
GENERAL SPECIFICATIONS Efficiency Insulation voltage Switching frequency Over Vin and Io ranges Approvals and standards Material flammability Dimensions Weight MTBF Telcordia SR-332 (L x W x H) Suffix `W' Suffix `L' See Tables on Page 2 Non-isolated 320 kHz typ. 250 kHz typ. EN60950 UL/cUL60950 UL94V-0 22.10 x 12.57 x 8.50 mm 0.870 x 0.495 x 0.335 in 2.9 g (0.10 oz) 7,092,000 hours
Temperature co-efficient -40 C to +85 C Transient response (See Note 5) Margin adjustment INPUT SPECIFICATIONS Input voltage range Input current Remote ON/OFF Start-up time Undervoltage lockout Track input voltage Pin 8 (See Note 6) (See Note 3) No load (See Note 1)
70 s recovery time Overshoot/undershoot 100 mV 5.0% Vo
ENVIRONMENTAL SPECIFICATIONS 10.8-13.2 Vdc 10 mA typ. Positive logic 1 V/ms 8.8-0.4 V typ. 0.3 Vin PROTECTION Short-circuit Auto reset 14 A typ. Thermal performance (See Note 2) MSL (`Z' suffix only) Operating ambient, temperature Non-operating JEDEC J-STD-020C -40 C to +85 C -40 C to +125 C Level 3
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950-1-03/UL 60950-1, File No. E174104 TUV Product Service (EN60950) Certificate No. B 04 06 38572 044 CB Report and Certificate to IEC60950, Certificate No. US/8292/UL
*Auto-trackTM is a trade mark of Texas Instruments
File Name: PTH12050.pdf Rev (07): 19 Dec 2005
12 Vin single output
DC-DC CONVERTERS POLA Non-isolated2 NEW Product 2 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT POWER (MAX.) 33 W 33 W OUTPUT CURRENT (MIN.) 0A 0A OUTPUT CURRENT (MAX.) 6A 6A
PTH12050
INPUT VOLTAGE 10.8-13.2 Vdc 10.8-13.2 Vdc
OUTPUT VOLTAGE 0.8-1.8 Vdc 1.2-5.5 Vdc
EFFICIENCY (MAX.) 88% 93%
REGULATION LINE 5 mV 5 mV LOAD 5 mV 5 mV
MODEL NUMBER (9,10) PTH12050L PTH12050W
Part Number System with Options
PTH12050WAST
Packaging Options No Suffix = Trays T = Tape and Reel (7) Mounting Option (9) D = Horizontal Through-Hole (Matte Sn) H = Horizontal Through-Hole (Sn/Pb) S = Surface-Mount (63/37 Sn/Pb pin solder material) Z = Surface-Mount (96.5/3.0/0.5 Sn/Ag/Cu pin solder material) Pin Option A = Through-Hole Std. Pin Length (0.140") A = Surface-Mount Tin/Lead Solder Ball Output Voltage Code W = Wide. L = Low Voltage
Product Family Point of Load Alliance Compatible Input Voltage 12 = 12 V
Output Current 05 = 6 A Mechanical Package Always 0 Output Voltage Adjustment of the PTH12050 Series
The ultra-wide output voltage trim range offers major advantages to users who select the PTH12050. It is no longer necessary to purchase a variety of modules in order to cover different output voltages. The output voltage can be trimmed in a range of 1.2 V to 5.5 V for suffix `-W' and 0.8 V to 1.8 V for suffix `-L'. When the PTH12050 converter leaves the factory the output has been adjusted to the default voltage of 1.2 V for the PTH12050W and 0.8V for the PTH12050L.
Notes
Remote ON/OFF. Positive Logic ON: Pin 3 open; or V > Vin - 0.5 V OFF: Pin 3 GND; or V < 0.8 V (min - 0.2 V). 2 See Figure 1 for safe operating curve. 3 A 100 F electrolytic input capacitor is required for proper operation. The capacitor must be rated for a minimum of 750 mA rms of ripple current. C2 = 10 F ceramic capacitor, required for output voltages of 3.3 V and higher. 4 An external output capacitor is not required for basic operation. Adding 100 F of distributed capacitance at the load will improve the transient response. 5 1 A/s load step, 50 to 100% Iomax, Cout = 100 F. 6 If utilized Vout will track applied voltage by 0.3 V (up to Vo set point). 7 Tape and reel packaging only available on the surface-mount versions. 8 The pk-pk output ripple voltage is measured with an external 10F ceramic capacitor. See Figure 3 Standard application schematic. 9 To order Pb-free (RoHS compatible) surface-mount parts replace the mounting option `S' with `Z', e.g. PTH12050WAZ. To order Pb-free (RoHS compatible) through-hole parts replace the mounting option `H' with `D', e.g. PTH12050WAD. 10 NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative. 1
EFFICIENCY TABLE - PTH12050W (IO = 5 A) OUTPUT VOLTAGE Vo = 5.0 V Vo = 3.3 V Vo = 2.5 V Vo = 2.0 V Vo = 1.8 V Vo = 1.5 V Vo = 1.2 V EFFICIENCY 93% 91% 89% 88% 87% 86% 84%
EFFICIENCY TABLE - PTH12050L (IO = 5 A) OUTPUT VOLTAGE Vo = 1.8 V Vo = 1.5 V Vo = 1.2 V Vo = 1.0 V Vo = 0.8 V EFFICIENCY 88% 87% 85% 83% 81%
File Name: PTH12050.pdf Rev (07): 19 Dec 2005
12 Vin single output
DC-DC CONVERTERS POLA Non-isolated NEW Product 3 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
PTH12050W Characteristic Data
PTH12050
90 80 TEMPERATURE (C) 70 EFFICIENCY (%) 60 50 40 30 20 0 1 2 3 4 5 6 OUTPUT CURRENT (A)
Nat Conv 100 LFM 200 LFM 400 LFM
100 95 90 85 80 75 70 65 60
Vout 5.0V 3.3V 2.5V 2.0V 1.8V 1.5V 1.2V
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
Figure 2 - Efficiency vs Load Current for PTH12050W Vin = 12 V (See Note B)
Figure 1 - Safe Operating Area for PTH12050W Vin = 12 V, Output Voltage = 3.3 V (See Note A) PTH12050L Characteristic Data
90 TEMPERATURE (C) 80 EFFICIENCY (%) 70 60 50 40 30 20 0 1 2 3 4 5 6
Nat Conv 100 LFM
100 90 80 70 60 50 0 1 2 3 4 5 6
Vout 1.8V 1.5V 1.2V 1.0V 0.8V
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
Figure 4 - Efficiency vs Load Current for PTH12050L Vin = 12 V (See Note B)
Figure 3 - Safe Operating Area for PTH12050L Vin = 12 V, Output Voltage 1.8 V (See Note A)
Notes
Auto-track 1 2 Vin 3 4 Cin 100F (Required) + 6 Vout
A SOA curves represent the conditions at which internal components are within the Artesyn derating guidelines. B Characteristic data has been developed from actual products tested at 25 C. This data is considered typical data for the converter.
PTH12050 (Top View)
5 + Cout 100F (Optional)
Inhibit
RSET 0.5%, 0.1W (Required)
GND
GND
Figure 5 - Standard Application - All Models
File Name: PTH12050.pdf Rev (07): 19 Dec 2005
12 Vin single output
DC-DC CONVERTERS POLA Non-isolated NEW Product 4 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
PTH12050
0.140 (3.55) 0.870 (22.10) 0.060 (1.52) 1 0.125 (3.18) 0.125 (3.18) 0.125 (3.18) 2 3 5 4
0.070 (1.78) (Standoff Shoulder)
0.750 (19.06) 6
0.060 (1.52)
0.040 (1.02) 6 Places
0.375 0.495 (12.57) (9.52)
Lowest Component 0.010 min. (0.25) Bottom side Clearance
PIN CONNECTIONS PIN NO. FUNCTION Ground Track Vin Inhibit* Vo adjust Vout
TOP VIEW 0.335 (8.50) MAX. Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25) SIDE VIEW
1 2 3 4 5 6
Host Board
Figure 6 - Plated Through-Hole Mechanical Drawing
*Denotes negative logic: Open = Normal operation Ground = Function active
0.870 (22.10) 0.060 (1.52) 1 2 3 5 4 SIDE VIEW 0.750 (19.06) 0.060 (1.52) 6 0.495 0.375 (12.57) (9.52) Solder Ball 0.040 (1.02) 6 Places
0.335 (8.50)
max.* *After solder reflow on customer board
0.125 (3.18) 0.125 (3.18) 0.125 (3.18)
TOP VIEW
Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25)
Figure 7 - Surface-Mount Mechanical Drawing
Datasheet (c) Artesyn Technologies(R) 2005 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items: Application Note
www.artesyn.com
File Name: PTH12050.pdf Rev (07): 19 Dec 2005


▲Up To Search▲   

 
Price & Availability of PTH12050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X