Part Number Hot Search : 
LD2X10 AP04N SXX18 LZA2B SA211 SA211 PC1602 PBSS41
Product Description
Full Text Search
 

To Download PHP250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PIP/PHP 8.4
thru
7,500 & 15,000 Watt TVS Module
PIP/PHP 500
TEL:805-498-2111 FAX:805-498-3804 DESCRIPTION
The PIP & PHP series of transient voltage suppression modules are designed to protect military and commercial electronic equipment from overvoltages caused by lightning, power interrupt, inductive load switching, AC line fluctuations, and NEMP. These modules find applications in both commercial and military environments, including telecommunications, shipboard and aircraft, power distribution, computers, and power supplies. For military applications, the PHP module sub-assemblies are metallurgically bonded and packaged in a hermetically sealed package. TVS modules are most often used in applications where discrete TVS diodes do not have high enough surge handling capabality to suppress large power surges.
FEATURES:
* * * * * * * *
7500 & 15000 watts Peak Pulse Power (tp = 10 x 1000s) PIP series designed for industrial applications. PHP series designed for aerospace applications. Bidirectional Custom voltages available from factory.
MECHANICAL CHARACTERISTICS:
Molded Case Readily solderable terminals Marking : Logo, part number, and date code
SCHEMATIC
SCREENING:
100% Screening is available per MIL-S-19500/516. For ordering use the following suffix: H1 - Submodule screening H2 - Submodule & module screening H3 - Submodule & module screening + Group B & C
MAXIMUM RATINGS
RATING Peak Pulse Power (tp = 10 x 1000s) Operating Temperature Storage Temperature SYMBOL Ppk Tj Tstg VALUE 7500 & 15000 -65 to +150 -65 to +150 UNIT Watts C C
ELECTRICAL CHARACTERISTICS @ 25C
PART NUMBER
(COMMERCIAL)
AVERAGE RMS VOLTAGE VOLTS AC
REVERSE STAND-OFF VOLTAGE VRWM
REVERSE LEAKAGE CURRENT IR
MINIMUM BREAKDOWN VOLTAGE VBR @ IT
TEST CURRENT IT
MAXIMUM CLAMPING VOLTAGE Vc @ Ipp
PEAK PULSE CURRENT Ipp tp = 10/1000s
MAXIMUM PEAK PULSE POWER tp = 10/1000s
(V)
PIP 8.4 PIP 24 PIP 30 PIP 60 PIP 120 PIP 208 PIP 250 PIP 440 PIP 500 PHP 8.4 PHP 24 PHP 30 PHP 60 PHP 120 PHP 208 PHP 250 PHP 440 PHP 500 8.4 24.0 30.0 60.0 120.0 208.0 250.0 440.0 500.0 8.4 24.0 30.0 60.0 120.0 208.0 250.0 440.0 500.0
(V)
12.0 34.0 42.5 85.0 170.0 295.0 354.0 623.0 708.0 12.0 34.0 42.5 85.0 170.0 295.0 354.0 623.0 708.0
(A)
250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
(V)
14 40 50 100 200 347 418 735 835 14 40 50 100 200 347 418 735 835
(mA)
10 10 1 1 1 1 1 1 1 10 10 1 1 1 1 1 1 1
(V)
22 67 84 167 319 536 652 1138 1292 22 67 84 167 319 536 652 1138 1292
(A)
341 112 90 90 47 28 23 13.2 11.6 341 112 90 90 47 28 23 13.2 11.6
(kw)
7.5 7.5 7.5 15.0 15.0 15.0 15.0 15.0 15.0 7.5 7.5 7.5 15.0 15.0 15.0 15.0 15.0 15.0
MILITARY APPLICATIONS : PHP series sub-assemblies are packaged in a hermetically sealed case. COMMERCIAL APPLICATIONS : PIP series sub-assemblies are packaged in a molded epoxy case.
(c) 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PIP/PHP 8.4
thru
7,500 & 15,000 Watt TVS Module
PIP/PHP 500
TEL:805-498-2111 FAX:805-498-3804 PEAK PULSE POWER vs. PULSE TIME
1000kw 100000
100kw 10000
P
ALL OTHERS
P
10kw 1000
8.4V, 24V, 30V
1kw 100 1us 10us 100us 1ms 10ms
PULSE TIME (tp)
PULSE DERATING CURVE
100 Pp or Ipp in % of max ratings 70 60 50 40 30 20 10
10x1000s IMPULSE WAVEFORM
Pulse Conditions as defined by 10 x 1000us Impulse waveform
0
0
25
50
75
100 Tj (oC)
125
150
175
200
MECHANICAL OUTLINE
DIM N
A B C D E F G H J K
DIMENSIONS INCHES MM NOTE MIN MAX MIN MAX 2.22 2.28 56.3 58.0 1.35 1.40 34.2 35.6 .47 .53 11.9 13.5 1.93 1.97 49.0 50.1 .135 .165 3.4 4.2 .66 .72 16.7 18.3 .77 .83 19.5 21.1 .22 .28 5.5 7.2 .325 .365 8.2 9.3 .120 .130 3.0 3.3 DIA.
(c) 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320


▲Up To Search▲   

 
Price & Availability of PHP250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X