Part Number Hot Search : 
P54N06 LC74760 MV3507DG HER205 W78E54B PR6JPXX CHIPS CHIPS
Product Description
Full Text Search
 

To Download PEMD10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D744
PEMD10 NPN/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
Preliminary specification 2001 Sep 11
Philips Semiconductors
Preliminary specification
NPN/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
FEATURES * 300 mW total power dissipation * Very small 1.6 x 1.2 mm ultra thin package * Excellent coplanarity due to straight leads * Replaces two SC-75/SC-89 packaged transistors on same PCB area * Reduces required PCB area * Reduced pick and place costs. APPLICATIONS * General purpose switching and amplification * Inverter and interface circuits * Circuit driver. DESCRIPTION NPN/PNP resistor-equipped transistors in a SOT666 plastic package.
TR1
handbook, halfpage
PEMD10
QUICK REFERENCE DATA SYMBOL VCEO ICM R1 R2 PINNING PIN 1, 4 2, 5 6, 3 SYMBOL TR1; TR2 TR1; TR2 TR1; TR2 base collector DESCRIPTION emitter PARAMETER collector-emitter voltage peak collector current bias resistor bias resistor MAX. 50 100 2.2 47 UNIT V mA k k
6 5 4 R1
5
4
6
R2 TR2
MARKING TYPE NUMBER PEMD10 MARKING CODE D1
1 Top view 2 3 1
MAM448
R2
R1
2
3
Fig.1 Simplified outline (SOT666) and symbol.
2, 5 1, 4
MBK120
6, 3
Fig.2 Equivalent inverter symbol.
2001 Sep 11
2
Philips Semiconductors
Preliminary specification
NPN/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL PARAMETER CONDITIONS - - - - - - - - - Tamb 25 C; note 1 - -65 - -65 Tamb 25 C; note 1 - MIN.
PEMD10
MAX.
UNIT
Per transistor; for the PNP transistor with negative polarity VCBO VCEO VEBO VI collector-base voltage collector-emitter voltage emitter-base voltage input voltage TR1 positive negative input voltage TR2 positive negative IO ICM Ptot Tstg Tj Tamb Per device Ptot Note 1. Transistor mounted on an FR4 printed-circuit board. THERMAL CHARACTERISTICS SYMBOL Rth j-a Notes 1. Transistor mounted on an FR4 printed-circuit board. 2. The only recommended soldering method is reflow soldering. PARAMETER thermal resistance from junction to ambient CONDITIONS notes 1 and 2 VALUE 416 UNIT K/W total power dissipation 300 mW output current (DC) peak collector current total power dissipation storage temperature junction temperature operating ambient temperature +5 -12 100 100 200 +150 150 +150 V V mA mA mW C C C +12 -5 V V open emitter open base open collector 50 50 10 V V V
2001 Sep 11
3
Philips Semiconductors
Preliminary specification
NPN/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
CHARACTERISTICS Tamb = 25 C; unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN. - - - - 100 - - 1.1 1.54 17 IE = ie = 0; VCB = 10 V; f = 1 MHz - - - - TYP. - - - - - - 0.6 0.75 2.2 21
PEMD10
MAX.
UNIT
Per transistor; for the PNP transistor with negative polarity ICBO ICEO IEBO hFE VCEsat Vi(off) Vi(on) R1 R2 ------R1 Cc collector-base cut-off current collector-emitter cut-off current emitter-base cut-off current DC current gain collector-emitter saturation voltage input off voltage input on voltage input resistor resistor ratio collector capacitance TR1 (NPN) TR2 (PNP) VCB = 50 V; IE = 0 VCE = 50 V; IB = 0 VCE = 30 V; IB = 0; Tj = 150 C VEB = 5 V; IC = 0 VCE = 5 V; IC = 10 mA IC = 5 mA; IB = 0.25 mA VCE = 5 V; IC = 100 A VCE = 0.3 V; IC = 5 mA 100 1 50 180 - 100 0.5 - 2.86 26 mV V V k nA A A A
2.5 3
pF pF
2001 Sep 11
4
Philips Semiconductors
Preliminary specification
NPN/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
PACKAGE OUTLINE Plastic surface mounted package; 6 leads
PEMD10
SOT666
D
A
E
X
S
YS HE
6
5
4
pin 1 index A
1
e1 e
2
bp
3
wMA Lp detail X
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 0.6 0.5 bp 0.27 0.17 c 0.18 0.08 D 1.7 1.5 E 1.3 1.1 e 1.0 e1 0.5 HE 1.7 1.5 Lp 0.3 0.1 w 0.1 y 0.1
OUTLINE VERSION SOT666
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 01-01-04 01-08-27
2001 Sep 11
5
Philips Semiconductors
Preliminary specification
NPN/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development DEFINITIONS
PEMD10
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary data
Qualification
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2001 Sep 11
6
Philips Semiconductors
Preliminary specification
NPN/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
NOTES
PEMD10
2001 Sep 11
7
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2001
SCA73
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613514/01/pp8
Date of release: 2001
Sep 11
Document order number:
9397 750 08613


▲Up To Search▲   

 
Price & Availability of PEMD10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X