Part Number Hot Search : 
PESD24 STRS6301 AAT7126 FMMT597 TFI013 TMM823 SIHFP A7840
Product Description
Full Text Search
 

To Download NTE52 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE52 Silicon NPN Transistor High Voltage, High Speed Switch
Description: The NTE52 is a silicon NPN transistor in a TO3 type package designed for high voltage, high-speed power switching in inductive circuits where fall time is critical. This device is particularly suited for line-operated switch-mode appliations. Applications: D Switching Regulators D Motor Controls D Inverters D Solenoid and Relay Drivers Features: D Fast Turn-Off Times: 100ns Inductive Fall Time @ +25C (Typ) 150ns Inductive Crossover Time @ +25C (Typ) 400ns Inductive Storage Time @ +25C (Typ) D Operating Temperature Range: -65 to +200C Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO(sus) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450V Collector-Emitter Voltage, VCEV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 750V Emitter-Base Voltage, VEB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5A Peak (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8A Base Current, IB Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2A Peak (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A Total Device Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.714W/C Total Device Dissipation (TC = +100C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71.5W Operating Junction Temperatur Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Storage Temperatur Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.4C/W Maximum Lead temperature (During Soldering, 1/8" from case, 5sec), TL . . . . . . . . . . . . . . . +275C Note 1. Pulse test: Pulse Width = 5ms, Duty Cycle 10%.
Electrical Charactetristics: (TC = +25C unless otherwise specified)
Parameter OFF Characteristics (Note 2) Collector-Emitter Sustaining Voltage Collector Cutoff Current VCEO(sus) IC = 100mA, IB = 0 ICEV VCEV = 750V, VBE(off) = 1.5V VCEV = 750V, VBE(off) = 1.5V, TC = +100C ICER Emitter Cutoff Current ON Characteristics (Note 2) DC Current Gain Collector-Emitter Saturation Voltage hFE VCE(sat) VCE = 5V, IC = 3A IC = 3A, IB = 0.6A IC = 3A, IB = 0.6A, TC = +100C IC = 5A, IB = 1A Base-Emitter Saturation Voltage Dynamic Characteristics Output Capacitance Delay Time Rise Time Storage Time Fall Time Storage Time Crossover Time Fall Time Storage Time Crossover Time Fall Time Cob td tr ts tf tsv tc tfi tsv tc tfi IC = 3A peak, Vclamp = 250V, IB1 = 0.4A, VBE(off) = 5V, TJ = +100C IC = 3A peak, Vclamp = 250V, IB1 = 0.4A, VBE(off) = 5V VCB = 10V, IE = 0, f = 1kHz VCC = 250V, IC = 3A, IB1 = 0.4A, VBE(off) = 5V, tp = 300s, Duty Cycle 2% - - - - - - - - - - - - 0.03 0.10 0.40 250 0.05 1.40 0.50 pF s s s s s s s s s s Switching Characteristics (Resistive Load) VBE(sat) IC = 3A, IB = 0.6A IC = 3A, IB = 0.6A, TC = +100C 8 - - - - - - - - - - - - 1.0 2.0 3.0 1.5 1.5 V V V V V IEBO VCEV = 750V, RBE = 50, TC = +100C VEB = 6V, IC = 0 450 - - - - - - - - - - 0.5 2.5 3.0 1.0 V mA mA mA mA Symbol Test Conditions Min Typ Max Unit
0.175 0.500 0.40 0.15 0.10 0.70 0.28 0.15 - - - 2.0 0.50 0.30
Switching Characteristics (Inductive Load, Clamped)
Note 2. Pulse test: Pulse Width = 300s, Duty Cycle 2%.
.135 (3.45) Max .350 (8.89) .875 (22.2) Dia Max Seating Plane
.312 (7.93) Min Emitter .215 (5.45)
.040 (1.02) 1.187 (30.16) .665 (16.9) .156 (3.96) Dia (2 Holes)
.430 (10.92)
.188 (4.8) R Max
Base
.525 (13.35) R Max Collector/Case


▲Up To Search▲   

 
Price & Availability of NTE52

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X