Part Number Hot Search : 
KAQV212S 68HC1 CM800 ETCA29 TEGRA DS2415 412D24MA IMH5A
Product Description
Full Text Search
 

To Download NTE525 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE525 Silicon Diode High Voltage Fast Recovery Switch
Features: D Fast Switching D Low Leakage D High Current Capability D High Surge Capability D High Reliability Absolute Maximum Ratings: (TA = +25C unless otherwise specified, Note 1) Maximum Recurrent Peak Reverse Voltage, VRRM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000V Maximum RMS Voltage, VRMS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1400V Maximum DC Blocking Voltage, VDC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000V Maximum Average Forward Rectified Current (TA = +50C, .375" Lead Length), IO . . . . . . . 200mA Peak Forward Surge Current (8.3ms single half sine-wave superimposed), IFSM . . . . . . . . . . . 30A Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +175C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +175C Note 1. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Electrical Characteristics: (TA = +25C unless otherwise specified, Note 1)
Parameter Maximum Instantaneous Forward Voltage Maximum DC Reverse Current Maximum Full Load Reverse Current Average Maximum Reverse Recovery Time Symbol VF IR IR trr Test Conditions IF = 0.5A/0.2A DC VDC = 2000V TA = +55C, .375" Lead Length IF = 0.5A, IR = 1A, IRR = 0.25A Min - - - - Typ - - - - Max Unit 4 5 100 500 V A A ns
Note 1. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1.100 (27.94) Min .210 (5.33) Max
.034 (0.87) Dia Max
.107 (2.72) Dia Max
Color Band Denotes Cathode


▲Up To Search▲   

 
Price & Availability of NTE525

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X