Part Number Hot Search : 
HER301 MPX100AS RB151 A1103EUA D2150 MAX3455E 128MP AOI478
Product Description
Full Text Search
 

To Download NL8060BC31-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
TFT COLOR LCD MODULE
NL8060BC31-17
31 cm (12.1 inches), 800 x 600 pixels, 262144 colors High luminance, Wide viewing angle, Reversible scan direction
DESCRIPTION
NL8060BC31-17 is a TFT (thin film transistor) active matrix color liquid crystal display (LCD) module comprising amorphous silicon TFT attached to each signal electrode, a driving circuit, and a backlight. NL8060BC31-17 has a built-in backlight. The backlight includes long-life-lamps and the lamps are replaceable with a holder. The 31 cm diagonal display area contains 800 x 600 pixels and can display 262144 color simultaneously. NL8060BC31-17 is suitable for industrial application use, because the viewing angle is wide and the luminance is high. Also, the viewing direction is selectable either upper or lower side by changing scan direction.
FEATURES
2 * High luminance (350 cd/m , at IL= 5mArms/lamp)
* Wide viewing angle (with Retardation film) * Low reflection * Reversible scan direction * 6-bit digital RGB input signals * Data enable (DE) function * Smooth polarizer surface (no antiglare treatment) * Edge type backlight with two long-life-time lamps (one lamp holder) * Lamp holder replaceable
APPLICATIONS
* Display terminals for control system * Monitors for process controller
The information in this document is subject to change without notice. Please confirm with the delivery specification before starting to design the system.
Document No. EN0510EJ1V0DS00 Date Published July 2000 P CP (N) Printed in Japan
(c)
2000
NL8060BC31-17
STRUCTURE AND FUNCTIONS
A color TFT (thin film transistor) LCD module is comprised of a TFT liquid crystal panel structure, LSIs for driving the TFT array, and a backlight assembly. The TFT panel structure is created by sandwiching liquid crystal material in the narrow gap between a TFT array glass substrate and a color filter glass substrate. After the driver LSIs are connected to the panel, the backlight assembly is attached to the backside of the panel. RGB (red, green, blue) data signals from a source system is modulated into a form suitable for active matrix addressing by the onboard signal processor and sent to the driver LSIs which in turn addresses the individual TFT cells. Acting as an electro-optical switch, each TFT cell regulates light transmission from the backlight assembly when activated by the data source. By regulating the amount of light passing through the array of red, green, and blue dots, color images are created with clarity.
OUTLINE OF CHARACTERISTICS (at room temperature)
Item Display area Drive system Display colors Number of pixels Pixel arrangement Pixel pitch Module size Weight Contrast ratio Viewing angle (more than the contrast ratio of 10:1) Designed viewing direction 246.0 (H) x 184.5 (V) mm a-Si TFT active matrix 262,144 colors 800 x 600 pixels RGB vertical stripe 0.3075 (H) x 0.3075 (V) mm 280.0 (H) x 210.0 (V) x 13.0 (D) mm (typ.) 750 (typ.) 350:1 (typ.) Horizontal: 55 (typ. left side, right side) Vertical: 40 (typ. up side), 50 (typ. down side) * Wider viewing angle with contrast ratio : down side (6 o'clock, normal scan) up side (12 o'clock, reverse scan) * Wider viewing angle without image reversal: up side (12 o'clock, normal scan) down side (6 o'clock, reverse scan) * Optimum grayscale ( = 2.2) : perpendicular Description
Color gamut Response time Luminance Signal system
43% (typ'. at center, to NTSC) 15 ms (typ.), "white 100%" to "black 10%" 350 cd/m (typ.) (Lamp current: IL = 5 mArms per lamp) 6-bit signals for each of RGB primary colors, synchronous signals (Hsync, Vsync), dot clock (CLK) 3.3 V [5.0 V] (Logic, LCD driving) Edge light type, two cold cathode fluorescent lamp in a holder * Lamp holder : Part No.121LHS15 * Recommended invertor: Part No. 121PW111 7.0 W (typ. at 3.3 V, with a recommended inverter)
2
Supply voltage Backlight
Power consumption
2
Data Sheet EN0510EJ1V0DS00
NL8060BC31-17
BASIC STRUCTURE
200 R0 - R5 200 G0 - G5 200 B0 - B5 47
Controller
H-driver
2400 lines
CLK 200 H sync 200 V sync DE 200
TFT LCD panel
V-driver
600 lines H: 800 x 3 (R, G, B) V: 600
Power supply for drivers
DPS 4.7 k
VCC GND DC/DC Converter
VH VH VL
Backlight Backlight
Note 1:
GND is not connected to FG (Frame Ground) in the LCD module.
Data Sheet EN0510EJ1V0DS00
3
NL8060BC31-17
GENERAL SPECIFICATIONS
Item Module size Display area Number of pixels Dot pitch Pixel pitch Pixel arrangement Display colors Weight Specification 280.0 0.5 (H) x 210.0 0.5 (V) x 13.7 max. (D) 246.0 (H) x 184.5 (V) [Diagonal display area: 31 cm (Type 12.1)] 800 x 3 (H) x 600 (V) 0.1025 (H) x 0.3075 (V) 0.3075 (H) x 0.3075 (V) RGB (Red, Green, Blue) vertical stripe 262,144 780 (max.) Unit mm mm pixel mm mm - color g
ABSOLUTE MAXIMUM RATINGS
Parameter Supply voltage Input voltage Lamp voltage Storage temp. Operating temp. Relative Humidity (RH) Symbol VCC VI VL TST TOP Rating -0.3 to 6.5 -0.3 to VCC + 0.3 1800 -20 to 60 0 to 50 95 85 Absolute humidity Absolute humidity shall not exceed Ta = 50C, RH=85% Unit V V Vrms C C % % g/m
3
Remarks
Ta = 25C
- Module surface* Ta 40C 40 < Ta 50C Ta > 50C No condensation
* Measured at the panel surface (including self-heat)
ELECTRICAL CHARACTERISTICS
(1) Logic LCD driving
Ta = 25C Parameter Supply voltage Symbol VCC Min. 3.0 (4.75) 0 VCC x 0.7 - - Typ. 3.3 (5.0) - - * 320 (240) Max. 3.6 (5.25) VCC x 0.3 VCC 600 (500) Unit V VCC = 3.3 V (VCC = 5.0 V) CMOS level Remarks
Logic input "L" voltage Logic input "H" voltage Supply current
VIL VIH ICC
V V mA
VCC = 3.3 V (VCC = 5.0 V)
* Checker flag pattern (in EIAJ ED-2522)
4
Data Sheet EN0510EJ1V0DS00
NL8060BC31-17
(2) Backlight
Ta = 25C Parameter Lamp current Lamp voltage Lamp turn on voltage Note 2 Oscillator frequency Symbol IL VL VS Min. 2.0 Note 1 - 960 1200 Ft 58 Typ. 5.0 600 - - 65 Max. 5.5 - - - 69 kHz Unit mArm Vrms Vrms Remarks at a lamp IL = 5mA Ta = 25C Ta = 0C Note 3
Note 1: Note 2: Note 3:
In an atmosphere of below 10C, keep the lamp current more than 3.0 mArms in order to prevent the lamp from blinking. The phase of the supply voltage for lamps must keep same one. Recommended value of "Ft". * Ft is within the specification. and * Ft = 1/4th x (2n-1) th: n: cause beat on the display. Hsync period a natural number (1, 2, 3...)
If Ft is out of the recommended value, interference between Ft frequency and Hsync frequency may
SUPPLY VOLTAGE SEQUENCE
Notes1. The supply voltage for input signals should be the same as VCC. 2. Turn on the backlight within the LCD operation period. When the backlight turns on before LCD operation or the LCD operation turns off before the backlight turns off, the display may momentarily become white. 3. When the power is off, please keep whole signals (Hsync, Vsync, CLK, DE, R0-R5, G0-G5, B0-B5) low level or high impedance. 4. Wrong power sequence may damage to the module. 5. The signal should not be down during operation. Even if signal could recover, LCD module can not be operated correctly, the display may be un-uniformity. In case signal is down, VCC should be turned off, and then turn VCC and signal on as above sequence.
3.0 (4.75 V) VCC Signals
003.0 (4.75 V)
VALID VCC - ON Signals: CLK, Hsync, Vsync, DE, R0-R5, G0-G5, B0-B5
Time VCC - OFF
Data Sheet EN0510EJ1V0DS00
5
NL8060BC31-17
INTERFACE AND CONNECTOR PIN ASSIGNMENT
(1) Interface signals, power supply CN1: DF9-41P-1V (HIROSE ELECTRIC CO., LTD.) or IL-310-T41S-VF (Japan Aviation Electronics Industry Limited (JAE)
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 Symbol GND CLK GND Hsync Vsync GND GND GND R0 R1 R2 GND R3 R4 R5 GND GND GND G0 G1 G2 Function Ground Dot clock Ground Horizontal sync. Vertical sync. Ground Ground Ground Red data (LSB) Red data Red data Ground Red data Red data Red data (MSB) Ground Ground Ground Green data (LSB) Green data Green data Pin No. 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 Symbol GND G3 G4 G5 GND GND GND B0 B1 B2 GND B3 B4 B5 GND DE N.C. VCC VCC DPS Function Ground Green data Green data Green data (MSB) Ground Ground Ground Blue data (LSB) Blue data Blue data Ground Blue data Blue data Blue data (MSB) Ground Data enable signal Not Connection Power supply Note 1 Power supply Note 1 Scan direction select Note 2
Adaptable socket: DF9-41S-1V (HIROSE ELECTRIC CO., LTD.)
LSB : Least Significant Bit MSB : Most Significant Bit
Notes 1. DE/This function recognizes Fixed or DE mode whe Vsync rises. Low = DE mode High = Fixed mode Notes 2. DPS/DPS changes scan direction (normal scan and reverse scan). Low or Open = Normal scan High = Reverse scan See DISPLAY POSITION about the scan directions.
6
Data Sheet EN0510EJ1V0DS00
NL8060BC31-17
(2) Lamp connector CN2: Supplier:
Pin No. 1 2 3 Symbol VL VH VH
BHR-03VS-1 J.S.T TRADING COMPANY, LTD.
Function Low voltage terminal High voltage terminal High voltage terminal
Adaptable socket: SM03 (4.0) B-BHS-TB
* VH and VL must be connected correctly. If you make a mistake to connect, you will get hurt and the module will break. (3) Connection of recommended Inverter: 121PW111 CN1 Part No.: Supplier:
Pin No. 1 2 3 4 5 Symbol VDDB VDDB GNDB GNDB BRTHL
LZ-5P-SL-SMT Japan Aviation Electronics Industry Limited (JAE)
Function Power supply (12 V) Power supply (12 V) Backlight ground Backlight ground Luminance control Note 1
Adaptable socket: LZ-5S-SC3
Note 1:
BRTHL = High (+5 V) or open : High luminance (100%) BRTHL = Low (GNDB level) : Low luminance (20%)
CN3 Part No.: Supplier:
Pin No. 1 2 3 Symbol BRTC BRTH BRTL
IL-Z-3PL-SMTY Japan Aviation Electronics Industry Limited (JAE)
Function Backlight ON/OFF signal Luminance control input Luminance control input Note 1 Note 2 Note 2
Adaptable socket: IL-Z-3S-S125C3
Notes 1. BRTC = High (+5 V) or Open : Backlight "ON" BRTC = Low (GNDB level) : Backlight "OFF"
Data Sheet EN0510EJ1V0DS00
7
NL8060BC31-17
2. <1> A way of luminance control by a variable resistor. This way works when BRTHL (No.5 pin) of CN1 is opened. Mating variable resistor
BRTL R BRTH
: 10 k 5 %
Minimum luminance (20%) : R = 0 Maximum luminance (100%) : R = 10 k
<2>
A way of luminance control by a voltage BRTL and BRTHL are opened. The range of input voltage between BRTH and GNDB is as follows. Minimum luminance (20%, typ.) : 3.45 V Maximum luminance (100%) : 1.0 V
8
Data Sheet EN0510EJ1V0DS00
NL8060BC31-17
(4) Connector location
Upper side
CN2

1 3 CN1 Lower side CN3 * Recommended inverter (121PW111) 41 * * * *
2 4 * * * * * 40
1 1 2 2 3 3 3 4 5 2 1

Data Sheet EN0510EJ1V0DS00
9
NL8060BC31-17
DISPLAY COLORS vs. INPUT DATA SIGNALS
Display colors R5 Black Blue Red Basic colors Magenta Green Cyan Yellow White Black Dark Red grayscale Bright Red Black Dark Green grayscale Bright Green Black Dark Blue grayscale Bright Blue 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 | | | 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 | | | 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 | | | 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 0 0 1 1 0 0 1 1 0 0 0 R4 0 0 1 1 0 0 1 1 0 0 0 R3 0 0 1 1 0 0 1 1 0 0 0 | | | 1 1 1 0 0 0 0 1 1 0 0 1 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 | | | 1 1 1 0 0 0 0 1 1 0 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 | | | 1 1 1 0 1 1 1 0 1 R2 0 0 1 1 0 0 1 1 0 0 0 R1 0 0 1 1 0 0 1 1 0 0 1 Data signal (0: Low level, 1: High level) R0 0 0 1 1 0 0 1 1 0 1 0 G5 0 0 0 0 1 1 1 1 0 0 0 G4 0 0 0 0 1 1 1 1 0 0 0 G3 0 0 0 0 1 1 1 1 0 0 0 | | | 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 | | | 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 1 0 G2 0 0 0 0 1 1 1 1 0 0 0 G1 0 0 0 0 1 1 1 1 0 0 0 G0 0 0 0 0 1 1 1 1 0 0 0 B5 0 1 0 1 0 1 0 1 0 0 0 B4 0 1 0 1 0 1 0 1 0 0 0 B3 0 1 0 1 0 1 0 1 0 0 0 | | | 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 B2 0 1 0 1 0 1 0 1 0 0 0 B1 0 1 0 1 0 1 0 1 0 0 0 B0 0 1 0 1 0 1 0 1 0 0 0
Note Colors are developed in combination with 6-bit signals (64 steps in grayscale) of each primary red, green, and blue color. This process can result in up to 262144 (64 x 64 x 64) colors.
10
Data Sheet EN0510EJ1V0DS00
NL8060BC31-17
INPUT SIGNAL TIMING
(1) Input signal specifications
Parameter CLK Frequency Duty Rise, fall Hsync Period Symbol 1/tC tch/tC tcrf th Min. 34.0 0.4 - 24.3 829 Display period Front-porch thd thf - 4 Pulse width thp 12 12 Back-porch thb 73 13 thp + thb 25 CLK-Hsync timing Hsync-CLK timing Hsync-Vsync timing Vsync-Hsync timing Rise, fall Vsync Period thch thcs thv tvs thrf tv 10 8 1 15 - 16.1 603 Display period Front-porch tvd tvf - 1 Pulse width tvp 1 1 Back-porch tvb 1 1 tvp + tvb 2 Rise, fall DATA R0 - R5 G0 - G5 B0 - B5 DE CLK-DATA timing DATA-CLK timing Rise, fall DE-CLK timing CLK-DE timing Rise, fall tvrf tds tdh tdrf tes teh terf - 8 10 - 8 10 - Typ. 38.362 0.5 - 26.693 1024 800 24 24 72 72 128 128 200 200 - - - - - 16.683 625 600 1 1 2 2 22 22 24 24 - - - - - - - 254 10 - - 10 - - 10 - - 23 - 23 - 511 - - - - 10 17.2 - - - 127 - 198 509 Max. 40.0 0.6 10 - - Unit MHz - ns Remarks 26.067 ns (typ.) - - 37.468 kHz (typ.) - Fixed mode DE mode Fixed mode DE mode Fixed mode DE mode Fixed mode DE mode - - - - - 59.95 Hz (typ.)
s
CLK CLK CLK CLK CLK CLK CLK CLK CLK CLK ns ns CLK ns ns ms H H H H H H H H H H ns ns ns ns ns ns ns
Fixed mode DE mode Fixed mode DE mode Fixed mode DE mode Fixed mode DE mode - - - - -
* All of parameters should be kept in the specified range.
Data Sheet EN0510EJ1V0DS00
11
NL8060BC31-17
(2) Definition of input signal timing
tv tvp
Vsync tvf
tvb
Display period (note) tvd
DE

th thp
Hsync
thb
thf
Display period (note) thd
DE
Note These do not exist as signals.
12
Data Sheet EN0510EJ1V0DS00
NL8060BC31-17
tC tch 0.7 VCC 0.5 VCC 0.3 VCC tcrf tcrf
CLK
tds DATA (R0-R5) 0.7 VCC (G0-G5) 0.5 VCC (B0-B5) 0.3 VCC tdrf INVALID
tdh INVALID
tdrf
teh 0.7 VCC 0.5 VCC 0.3 VCC
tes
teh
tes
DE
terf
terf
CLK
0.5 VCC thch 0.7 VCC 0.5 VCC 0.3 VCC thrf thcs
Hsync
Hsync
0.5 VCC thv 0.7 VCC 0.5 VCC 0.3 VCC tvrf ths
Vsync
Data Sheet EN0510EJ1V0DS00
13
NL8060BC31-17
(3) Input signal timing chart a) Fixed timing mode
Vsync 1H (min.) 1H (min.) 24H (fixed) 1H 600H (fixed) 1H
Hsync 123 23 24 623 0 624
Hsync 24 25 623 624 0
R0 - R5 G0 - G5 B0 - B5 D (X, 0) INVALID D (X, Y) D (X, 598) D (X, 599) INVALID (Note: X = 0 to 799)
Hsync
R0 - R5 G0 - G5 B0 - B5 INVALID D (0, Y) D (1, Y) D (X, Y) D (798, Y) D (799, Y) INVALID
Hsync 2CLK (min.) 2CLK (min.) 200CLK (fixed) 1CLK 800CLK (fixed) 24CLK
CLK 1 2 200 201 1000 1001 1024 1
R0 - R5 G0 - G5 B0 - B5 INVALID D (0, Y) D (1, Y) D (799, Y) INVALID (Note: Y = 0 to 599)
14
Data Sheet EN0510EJ1V0DS00
NL8060BC31-17
b) DE mode
Vsync 1H tvp tvb 600H (fixed) tvf
Hsync 123 1
DE
R0 - R5 G0 - G5 B0 - B5 D (X, 0) INVALID D (X, Y) D (X, 599) INVALID (Note: X = 0 to 799)
DE
R0 - R5 G0 - G5 B0 - B5 INVALID D (0, Y) D (1, Y) D (X, Y) D (798, Y) D (799, Y) INVALID
Hsync 1CLK thp thb 800CLK (fixed) thf
CLK 1 DE 2 1
R0 - R5 G0 - G5 B0 - B5
INVALID D (0, Y) D (1, Y) D (799, Y) INVALID (Note: Y = 0 to 599)
Data Sheet EN0510EJ1V0DS00
15
NL8060BC31-17
DISPLAY POSITION Normal scan (DPS = "Low" or "Open")
D (0, 1) D (0, 1) D (1, 1) D (1, 1) ------------------------D (0, Y) D (1, Y) ----------------D (0, 598) D (0, 599) D (1, 598) D (1, 599) ----------------D (X, 598) D (X, 599) D (X, Y) D (X, 1) D (X, 1) --------------------------------------------------------D (798, 598) D (798, 599) D (799, 598) D (799, 599) D (798, Y) D (799, Y) D (798, 1) D (798, 1) D (799, 1) D (799, 1)
Reverse scan (DPS = "High")
D (799,599) D (799,598) D (798,599) D (798,598) ------------------------D (799, Y) D (798, Y) ----------------D (799, 1) D (799, 0) D (798, 1) D (798, 0) ----------------D (X, 1) D (X, 0) D (X, Y) D (X, 599) D (X, 598) --------------------------------------------------------D (1, 1) D (1, 0) D (0, 1) D (0, 0) D (1, Y) D (0, Y) D (1,599) D (1,598) D (0,599) D (0,598)
* Below drawings show relations between the scan direction and the viewing direction. Normal scan
C N 2
Reverse scan
D (0, 0)
D (799, 0)
D (0, 0)
D (799, 0)
C N 1
D (0, 599) D (0, 599) C N 1 D (799, 599) C N 2
D (799, 599)
16
Data Sheet EN0510EJ1V0DS00
NL8060BC31-17
OPTICAL CHARACTERISTICS
Ta = 25C Note 1
Item Contrast ratio Luminance Luminance uniformity Symbols CR Lumax. - Note 2 Note 2 max./min. Conditions Min. 200 270 - Typ. 350 350 - Max. - - 1.4 Unit - cd/m -
2
Remarks Note 3 Note 4 Note 5
Reference data
Item Color gamut Viewing Horizontal angle range Vertical Symbols C Conditions at center, to NTSC CR > 10, y = 0 CR > 10, y = 0 CR > 10, x = 0 CR > 10, x = 0 White to black 100% 10% Black to white 0% 90% Min. 35 45 45 30 40 - - Typ. 43 55 55 40 50 15 55 Max. - - - - - 40 70 Unit % deg. deg. deg. deg. ms ms Note 6 Remarks - Note 7
x+ x- y+ y-
Response time
t on t off
Notes 1. VCC = 3.3 V, IL = 5.0 mA rms, with recommended inverter Part No. 121PW111. 2. Viewing angle: x = 0, y = 0, At center. 3. The contrast ratio is calculated by using the following formula.
Contrast ratio (CR) =
Luminance with all pixels in "white" Luminance with all pixels in "black"
The luminance is measured in darkroom. 4. The luminance is measured after 20 minutes from the module works, with all pixels in "white". Typical value is measured after luminance saturation. The luminance is measured in darkroom.
1 Photodetector (TOPCON BM-5A)
50 cm LCD MODULE
Data Sheet EN0510EJ1V0DS00
17
NL8060BC31-17
5. The luminance uniformity is calculated by using following formula.
Luminance uniformity =
Maximum luminance Minimum luminance
The luminance is measured at near the five points shown below.
Column (133) (400) (667) Line 1 3 2 5 4 (100) (300) (500)
6. Definition of response time is as follows. Photodetector output signal is measured when the Luminance changes "white" to "black" or "black" to "white".
100%
Luminance range
White 90%
Display color
10% 0% ton toff
Black Time
7. Definitions of viewing angle are as follows.
Perpendicular 12 o'clock
x-
Left
y+ x+
Upper
y-
Lower Right
18
Data Sheet EN0510EJ1V0DS00
NL8060BC31-17
RELIABILITY TEST SPECIFICATIONS
Test items High temperature/humidity operation Heat cycle (operation) Test conditions 50 2C, 85% relative humidity 240 hours Display data is black. <1> <2> <3> Thermal shock (non-operation) <1> <2> <3> Vibration (non-operation) <1> 0C 3C ... 1 hour 55C 3C ... 1 hour 50 cycles, 4 hours/cycle Display data is black. -20C 3C ... 30 minutes 60C 3C ... 30 minutes 100 cycles Temperature transition time within 5 minutes 5 - 100 Hz, 19.6 m/s (2G) 1 minute/cycle, X, Y, Z direction 120 times each direction 539 m/s (55G), 11 ms X, Y, Z direction 5 times each direction Note 3 Note 1
2 2
Judgement Note 1
Note 1
Note 1
Note 1 Note 2
<2> Mechanical shock (nonoperation) ESD (operation) <1> <2>
Note 1 Note 2 Note 1
150 pF, 150 , 10 kV 9 places on a panel 10 times each place at one-second intervals 15 kinds of dust (JIS Z 8901) Hourly 15 seconds stir, 8 times repeat
Dust (operation)
Notes 1. Display function is checked by the same condition as LCD module out-going inspection. 2. Physical damage. 3. Discharge points are shown as follows.
Data Sheet EN0510EJ1V0DS00
19
NL8060BC31-17
GENERAL CAUTIONS
Next figures and sentence are very important, please understand these contents as follows.
This figure is a mark that you will get hurt and/or the module will have damages when you make a mistake to operate.
CAUTION
This figure is a mark that you will get an electric shock when you make a mistake to operate.
This figure is a mark that you will get hurt when you make a mistake to operate
CAUTION
Do not touch an inverter ...on which is stuck a caution label... while the LCD module is under the operation, because of dangerous high voltage.
(1) Caution when taking out the module <1> Pick the pouch only, when taking out the module from a carrier box.
(2) Cautions for handling the module <1> <2> <3> <4> <5> <6> <7> <8> <9> As the electrostatic discharges may break the LCD module, handle the LCD module with care against electrostatic discharges. Peel protection sheet cut from the LCD panel surface as slowly as possible. As the LCD panel and backlight element are made from fragile glass material, impulse and pressure to the LCD module should be avoided. As the surface of polarizer is very soft and easily scratched, use a soft dry cloth without chemicals for cleaning. Do not pull the interface connectors in or out while the LCD module is operating. Put the module display side down on a flat horizontal plane. Handle connectors and cables with care. When the module is operating, do not lose CLK, Hsync, or Vsync signal. If any one of these signals is lost, the LCD panel would be damaged. The torque for mounting screw should never exceed 0.294 N.m (3 kgf.cm). Don't push or rub the surface of LCD module please. If you do, the scratches or the marks like rubbing marks may be left on the surface of the module. <10> Do not give the stress to interface connectors. The module may become function by a contact defective and damages. Pay attention to handling at the time of matching connector connection and in the connection condition. (3) Cautions for the atmosphere <1> <2> <3> <4> Dew drop atmosphere must be avoided. Do not store and/or operate the LCD module in high temperature and/or high humidity atmosphere. Storage in an anti-static pouch and under the room temperature atmosphere is recommended. This module uses cold cathod fluorescent lamps. Therefore, the life time of lamp becomes short if the module is operated under the low temperature environment. Do not operate the LCD module in high magnetic field.
20
Data Sheet EN0510EJ1V0DS00
NL8060BC31-17
(4) Caution for the module characteristics <1> <2> <3> <4> Do not apply any fixed patterns data for a long time to the LCD module. It may cause image sticking. Please use screen savers if the display pattern is fixed for a long time. This module has the retardation film which may cause the variation of the color hue in the different viewing angles. The ununiformity may appear on the screen under the high temperature operation. The light vertical stripe may be observed depending on the display pattern. This is not defects or malfunctions. The noise from the inverter circuit may be observed in the luminance control mode. This is not defects or malfunctions. (5) Other cautions <1> <2> <3> Do not disassemble and/or reassemble LCD module. Do not readjust variable resistors nor switches etc. When returning the module for repair etc., Please pack the module properly to avoid any damages. We recommend the original shipping packages. Liquid Crystal Display has the following specific characteristics. There are not defects nor malfunctions. The optical characteristics of this module may be affected by the ambient temperature. The LCD module uses cold cathode tube for backlighting. Optical characteristics, like luminance or uniformity, will be changed by the progress in time. Uneven brightness and/or small spots may be observed depending on different display patterns.
Data Sheet EN0510EJ1V0DS00
21
(18.7)
(4.5)
(9)
(1.6) (3.1)
(105)
MODULE CENTER
(0.1)
ACTIVE AREA CENTER
181.3 0.3
210 0.5
ACTIVE AREA (246184.5)
(4.35)
BEZEL OPENING (249187.5)
(4.5)
(4.5)
(9)
(4.5)
2.5 0.3 13.7 MAX
(9)
(9)
22
Data Sheet EN0510EJ1V0DS00
OUTLINE DRAWING
FRONT SIDE (Unit in mm)
280 0.5 272.2 0.3 13.7 MAX 2.5 0.3 (3.3) (4.5) (140) (3.3) (4.5) (80) 13.7 MAX 2.5 0.3
4 - ( 3.5)
(4.5) (3.3)
(4.5) (3.3) (11.5) (13)
2.5 0.3
NL8060BC31-17
13.7 MAX
Note 1: The value in parentheses are for reference. Note 2: The torque to mounting screw never exceed 0.294 N.m (3kgf.cm).
OUTLINE DRAWING
REAR SIDE (Unit in mm)
(5) (5)
HIOK VOLTAGE
CAUTION
CN2 (10)
S
THE TFT COLOR LCD PANEL CONTAINS COLD CATHODE FLOURESCENT LAMPS. PLEASE FOLLOW LOCAL ORDINANCES OR REGULATIONS FOR ITS DISPOSAL
(10) 156.4 0.5
(5)
(10)
(5)
(5)
(5)
(10)
Data Sheet EN0510EJ1V0DS00
NL8060BC31-17
A1000A762802
ES2228421 A100100100100 MADE IN JAPAN
CN1
NL8060BC31-17
(5.4)
2.2 0.5 (5.4) (6.2)
Note 1: The value in parentheses are for reference. Note 2: The torque to mounting screw never exceed 0.294 N.m (3kgf.cm).
23
1/aici%&eiiae
No part of this document may be copied in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or of others. While NEC Corporation has been making continuous effort to enhance the reliability of its Electronic Components, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC Electronic Components, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
DATA SHEET


▲Up To Search▲   

 
Price & Availability of NL8060BC31-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X