|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VDE FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT 38.1 1.500 NC-RELAYS 25.4 1.000 10.9 .429 25.4 1.000 FEATURES 25.4 1.000 10.9 .429 4C Flat type 11.2 .441 38.1 1.500 2C Flat type 25.4 1.000 11.2 .441 * Space saver -- Flat series and vertical series * High contact reliability due to bifurcated contacts -- 2C: 5 A 250 V AC, 4C: 5 A 125 V AC, 4 A 250 V AC * Latching types available * Low operating power -- 2C: 200 mW, 4C: 400 mW (Single side stable) * Soldering flux inflow prevented by terminal location * Amber sealed types available * High breakdown voltage for transient protection -- 1,000 Vrms between open contacts, contact sets 27.8 1.094 4.1 .161 27.8 1.094 4.1 .161 4C Vertical type (PC board) 2C Vertical type (PC board) mm inch SPECIFICATIONS Contacts Types Standard Amber sealed Arrangement 2 Form C, 4 Form C Initial contact resistance, max. 50 m (By voltage drop 6 V DC 1 A) Max. switching 2C: 1,250 VA 150 W 2C: 750 VA 150 W power 4C: 1,000 VA 150 W 4C: 500 VA 150 W Max. switching 250 V AC voltage Rating Max. switching (resistive 5A current load) Max. switching 5A carrying current Min. switching 100 A 1 V DC power 105 at 105 at 5 A 250 V AC 3 A 250 V AC 2C 5x105 at 5x105 at 5 A 30 V DC 5 A 30 V DC Expected life (minimum) 105 at 105 at 4 A 250 V AC 2 A 250 V AC 4C 5x105 at 5x105 at 5 A 30 V DC 5 A 30 V DC Contact material Gold-clad silver nickel Characteristics (at 25C 77F 50% Relative humidity) Max. operating speed Initial insulation resistance Between open contacts, Initial contact sets breakdown Between contacts and 1 voltage* coil Operate time (at nominal voltage) Release time (at nominal voltage) Operate time (latching) (at nominal voltage) Reset time (latching) (at nominal voltage) Temperature rise (at nominal voltage) Functional*2 Shock resistance Destructive*3 Vibration resistance Functional*4 Destructive (Single side stable) 180 cpm Min. 100 M at 500 V DC 1,000 Vrms 2,000 Vrms Approx. 6 ms Approx. 3 ms Approx. 6 ms Approx. 6 ms Max. 65C Min. 98 m/s2 {10 G} Min. 980 m/s2 {100 G} 58.8 m/s2 {6 G}, 10 to 55 Hz at double amplitude of 1 mm 117.6 m/s2 {12 G}, 10 to 55 Hz at double amplitude of 2 mm up to 48 V DC: -40C to +70C -40F to +158F 110 V DC: -40C to +55C -40F to +131F -40C to +55C -40F to +131F -40C to +55C -40F to +131F 5 to 85% R.H. 2C/Approx. 16 g .56 oz 4C/Approx. 18 g .63 oz Coil (Polarized) (at 25C 77F) Minimum operating power 2 C single side stable 4 C single side stable 2 C single side stable Nominal operating power 4 C single side stable Minimum set and 2 C 2 coil latching reset power 4 C 2 coil latching Nominal set and 2 C 2 coil latching reset power 4 C 2 coil latching Up to 48 V DC 110 V DC Approx. 200 mW 500 mW Approx. 400 mW 500 mW Approx. 360 mW 900 mW Approx. 720 mW 900 mW Approx. 450 mW Approx. 900 mW Approx. 800 mW Approx. 1,600 mW Conditions for operation, transport and storage*5 (Not freezing and condensing at low temperature) Unit weight Remarks 2C 4C (2 coil latching) Humidity * Specifications will vary with foreign standards certification ratings. *1 Detection current: 10 mA *2 Half-wave pulse of sine wave: 11ms; detection time: 10s *3 Half-wave pulse of sine wave: 6ms *4 Detection time: 10s *5 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 61). 223 NC TYPICAL APPLICATIONS Use NC Relays for power control up to 5 A or -- Tape recorders, temperature controls, video tape recorders Telecommunications equipment, measuring controls, copiers Date processing equipment, computer peripherals Automatic vendors, copiers, automatic storage controls, N.C. machines ORDERING INFORMATION Ex. NC 2 EB D J P L2 DC 12V Contact arrangement 2: 2 Form C 4: 4 Form C Type classification Nil: Standard type EB: Amber sealed type Housing Nil: Vertical series J: Flat series Mounting method Nil: Plug-in P: PC board termial Operating function Nil: Single side stable L2: 2 coil latching Coil voltage DC 5, 6, 12, 24, 48, 110 V (Notes) 1. Flat series are available in PC board terminal types only. 2. For VDE recognized type, add suffix VDE. 3. Standard packing Carton: 20 pcs. Case: 200 pcs. 4. UL/CSA, approved type is standard. TYPE AND COIL DATA (at 20C 68F) (Coil data for Amber sealed types are same as those for standard types.) 2 Form C Single side stable Flat series PC board terminal NC2D-JP-DC5V NC2D-JP-DC6V NC2D-JP-DC12V NC2D-JP-DC24V NC2D-JP-DC48V NC2D-JP-DC110V Plug-in NC2D-DC5V NC2D-DC6V NC2D-DC12V NC2D-DC24V NC2D-DC48V NC2D-DC110V Vertical series PC board terminal NC2D-P-DC5V NC2D-P-DC6V NC2D-P-DC12V NC2D-P-DC24V NC2D-P-DC48V NC2D-P-DC110V Pick-up voltage (max.) 4.0 4.8 9.6 19.2 38.4 88.0 Coil voltage, V DC Drop-out Maximum voltage allowable (min.) voltage 0.5 6.75 0.6 8.1 1.2 16.2 2.4 32.4 4.8 64.8 11.0 121 Coil resistance, (10%) 69.4 100 400 1,600 6,400 13,500 Nominal operating power, mW 360 900 2 Form C 2 coil latching Flat series PC board terminal NC2D-JPL2-DC5V NC2D-JPL2-DC6V NC2D-JPL2-DC12V NC2D-JPL2-DC24V NC2D-JPL2-DC48V NC2D-JPL2-DC110V Plug-in NC2D-L2-DC5V NC2D-L2-DC6V NC2D-L2-DC12V NC2D-L2-DC24V NC2D-L2-DC48V NC2D-L2-DC110V Vertical series PC board terminal NC2D-PL2-DC5V NC2D-PL2-DC6V NC2D-PL2-DC12V NC2D-PL2-DC24V NC2D-PL2-DC48V NC2D-PL2-DC110V Pick-up voltage (max.) 4.0 4.8 9.6 19.2 38.4 88.0 Coil voltage, V DC Reset voltage (max.) 4.0 4.8 9.6 19.2 38.4 88.0 Maximum allowable voltage 5.5 6.6 13.2 26.4 52.8 121 Coil resistance, (10%) 31.3 45.0 180 720 2,880 15,125 Nominal operating power, mW 800 4 Form C Single side stable Flat series PC board terminal NC4D-JP-DC5V NC4D-JP-DC6V NC4D-JP-DC12V NC4D-JP-DC24V NC4D-JP-DC48V NC4D-JP-DC110V Plug-in NC4D-DC5V NC4D-DC6V NC4D-DC12V NC4D-DC24V NC4D-DC48V NC4D-DC110V Vertical series PC board terminal NC4D-P-DC5V NC4D-P-DC6V NC4D-P-DC12V NC4D-P-DC24V NC4D-P-DC48V NC4D-P-DC110V Pick-up voltage (max.) 4.0 4.8 9.6 19.2 38.4 88.0 Coil voltage, V DC Drop-out Maximum voltage allowable (min.) voltage 0.5 5.5 0.6 6.6 1.2 13.2 2.4 26.4 4.8 52.8 11.0 121 Coil resistance, (10%) 34.7 50 200 800 3,200 13,500 Nominal operating power, mW 720 900 224 NC 4 Form C 2 coil latching Flat series PC board terminal NC4D-JPL2-DC5V NC4D-JPL2-DC6V NC4D-JPL2-DC12V NC4D-JPL2-DC24V NC4D-JPL2-DC48V NC4D-JPL2-DC110V Notes: Plug-in NC4D-L2-DC5V NC4D-L2-DC6V NC4D-L2-DC12V NC4D-L2-DC24V NC4D-L2-DC48V NC4D-L2-DC110V Vertical series PC board terminal NC4D-PL2-DC5V NC4D-PL2-DC6V NC4D-PL2-DC12V NC4D-PL2-DC24V NC4D-PL2-DC48V NC4D-PL2-DC110V Coil voltage, V DC Maximum Pick-up Reset allowable voltage voltage voltage (max.) (max.) (within 2 min.) 4.0 4.8 9.6 19.2 38.4 88.0 4.0 4.8 9.6 19.2 38.4 88.0 5.5 6.6 13.2 26.4 52.8 121 Coil resistance, (10%) 15.6 22.5 90 360 1,440 7,560 Nominal operating power, mW 1,600 1. Two coil latching relay 4C series are for intermittent operation only. Power should be applied to coil continuously for no more than two minutes. 2. Coil resistance is the measured value at a coil temperature of 20C. Compensate coil resistance by plus or minus 0.4% for each degree (C) of coil temperature change. 3. "Maximum allowable voltage" is that value at maximum contact rating and maximum ambient temperature. The graph shown in the data describes the inter-relationship; care should be taken to prevent the total of ambient temperature and the coil temperature rise from exceeding 120C. DIMENSIONS Flat series 2C single side stable (NC2D-JP) Standard type 5.08 5.08 5.08 .200 .200 .200 mm inch Amber sealed type 5.08 5.08 5.08 .200 .200 .200 PC board pattern (Copper-side view) 8-1.2 DIA. HOLES 8-.047 DIA. HOLES 11 12 13 14 27.94 1.100 25.4 1.000 27.94 1.100 25.4 1.000 27.94 1.100 2.54 .100 25.4 1.000 10.9 .429 3.5 .138 25.4 1.000 10.9 .429 3.5 .138 (NC2ED-JP) 7 5 4 2 2.54 .100 Tolerance: 0.1 .004 Schematic (Top view) 7.62 5.08 7.62 .300 .200 .300 7.62 5.08 7.62 .300 .200 .300 14 13 12 11 General tolerance: 0.5 .020 2 45 -+ 7 Deenergized position 2C 2 coil latching (NC2D-JPL2) Standard type 5.08 5.08 5.08 .200 .200 .200 Amber sealed type 5.08 5.08 5.08 .200 .200 .200 PC board pattern (Copper-side view) 10-1.2 DIA. HOLES 10-.047 DIA. HOLES 11 12 13 14 27.94 1.100 25.4 1.000 27.94 1.100 25.4 1.000 27.94 1.100 2.54 .100 2.54 .100 25.4 1.000 10.9 .429 3.5 .138 25.4 1.000 10.9 .429 3.5 .138 7 5 4 2 (NC2ED-JPL2) 0.5 .020 Tolerance: 0.1 .004 Schematic (Top view) 5.08 5.08 5.08 .200 2.54 .200 2.54 .200 .100 .100 5.08 5.08 5.08 .200 2.54 .200 2.54 .200 .100 .100 14 13 12 11 General tolerance: 0.5 .020 2 34 54 7 -- ++ Diagram shows the "reset" position when terminals 3 and 6 are energized. Energize terminals 4 and 5 to transfer contacts. 225 NC 4C single side stable (NC4D-JP) mm inch Standard type 5.08 5.08 5.08 5.08 5.08 5.08 5.08 .200 .200 .200 .200 .200 .200 .200 Amber sealed type 5.08 5.08 5.08 5.08 5.08 5.08 5.08 .200 .200 .200 .200 .200 .200 .200 PC board pattern (Copper-side view) 14-1.2 DIA. HOLES 14-.047 DIA. HOLES 9 10 11 12 13 14 15 16 27.94 1.100 (NC4ED-JP) 25.4 1.000 27.94 1.100 25.4 1.000 27.94 1.100 2.54 .100 38.1 1.500 10.9 .429 3.5 .138 38.1 1.500 10.9 .429 3.5 .138 8 7 5 4 2 1 2.54 .100 Tolerance: 0.1 .004 Schematic (Top view) 16 15 14 13 12 11 10 9 5.08 7.62 5.08 7.62 5.08 .200 .300 .200 .300 .200 5.08 7.62 5.08 7.62 5.08 .200 .300 .200 .300 .200 General tolerance: 0.5 .020 12 45 78 -+ Deenergized position 4C 2 coil latching (NC4D-JPL2) Standard type 5.08 5.08 5.08 5.08 5.08 5.08 5.08 .200 .200 .200 .200 .200 .200 .200 Amber sealed type 5.08 5.08 5.08 5.08 5.08 5.08 5.08 .200 .200 .200 .200 .200 .200 .200 PC board pattern (Copper-side view) 16-1.2 DIA. HOLES 16-.047 DIA. HOLES 9 10 11 12 13 14 15 16 27.94 1.100 (NC4ED-JPL2) 25.4 1.000 27.94 1.100 25.4 1.000 27.94 1.100 2.54 .100 8 2.54 .100 7 65 43 2 1 0.5 .020 38.1 1.500 10.9 .429 3.5 .138 38.1 1.500 10.9 .429 3.5 .138 Tolerance: 0.1 .004 Schematic (Top view) 5.08 5.08 5.08 5.08 5.08 .200 .200 .200 .200 .200 2.54 2.54 .100 .100 5.08 5.08 5.08 5.08 5.08 .200 .200 .200 .200 .200 2.54 2.54 .100 .100 16 15 14 13 12 11 10 9 1 2 34 56 7 8 General tolerance: 0.5 .020 -- ++ Diagram shows the "reset" position when terminals 3 and 6 are energized. Energize terminals 4 and 5 to transfer contacts. Slim series PC board series 2C single side stable (NC2D-P) Standard type Amber sealed type PC board pattern (Copper-side view) 8-1.2 DIA. HOLES 8-.047 DIA. HOLES 11 12 13 14 27.8 1.094 27.8 1.094 7.62 .300 2.54 .100 7 2.54 .100 5 4 2 4.1 .161 4.1 .161 7.62 .300 11.2 .441 25.4 1.000 5.08 5.08 5.08 .200 .200 .200 7.62 11.2 .441 .300 (NC2ED-PL2) 11 7 5.08 5.08 5.08 .200 .200 .200 12 65 13 43 14 2 25.4 1.000 Tolerance: 0.1 .004 Schematic (Bottom view) 11 12 13 14 7.62 5.08 7.62 .300 .200 .300 7.62 5.08 7.62 .300 .200 .300 7 +- 54 2 General tolerance: 0.5 .020 Deenergized position 226 NC 2C 2 coil latching (NC2D-PL2) mm inch Standard type Amber sealed type PC board pattern (Copper-side view) 10-1.2 DIA. HOLES 10-.047 DIA. HOLES 11 12 13 14 27.8 1.094 27.8 1.094 7.62 .300 2.54 .100 2.54 0.5 .100 .020 7 65 43 2 4.1 .161 (NC2ED-P) 11 7 5.08 5.08 5.08 .200 .200 .200 12 65 13 43 14 2 25.4 1.000 7.62 .300 11.2 .441 4.1 .161 25.4 1.000 5.08 5.08 5.08 .200 .200 .200 7.62 11.2 .441 .300 Tolerance: 0.1 .004 Schematic (Bottom view) 11 12 13 14 7.62 5.08 5.08 .300 .200 2.54.200 .100 5.08 5.08 5.08 .200 2.54 .200 2.54 .200 .100 .100 76 5 43 2 ++ -- General tolerance: 0.5 .020 Diagram shows the "reset" position when terminals 3 and 6 are energized. Energize terminals 4 and 5 to transfer contacts. 4C single side stable (NC4D-P) Standard type Amber sealed type 38.9 1.520 38.1 1.500 PC board pattern (Copper-side view) 14-1.2 DIA. HOLES 14-.047 DIA. HOLES 9 10 11 12 13 14 15 16 7.62 .300 27.8 1.094 27.8 1.094 2.54 .100 8 2.54 .100 7 5 4 2 1 Tolerance: 0.1 .004 (NC4ED-P) 5.08 5.08 5.08 5.08 5.08 5.08 5.08 .200 .200 .200 .200 .200 .200 .200 9 8 10 7 11 12 65 13 43 14 15 16 2 1 4.1 .161 4.1 .161 7.62 .300 11.2 .441 5.08 5.08 5.08 5.08 5.08 5.08 5.08 .200 .200 .200 .200 .200 .200 .200 Schematic (Bottom view) 7.62 11.2 .441 .300 9 10 11 12 13 14 15 16 38.1 1.500 87 5.08 7.62 5.08 7.62 5.08 .200 .300 .200 .300 .200 5.08 7.62 5.08 7.62 5.08 .200 .300 .200 .300 .200 +- 54 21 Deenergized position General tolerance: 0.5 .020 4C 2 coil latching (NC4D-PL2) Standard type Amber sealed type 38.9 1.520 38.1 1.500 PC board pattern (Copper-side view) 16-1.2 DIA. HOLES 16-.047 DIA. HOLES 9 10 11 12 13 14 15 16 7.62 .300 27.8 1.094 27.8 1.094 2.54 .100 8 2.54 .100 7 65 43 2 1 0.5 .020 Tolerance: 0.1 .004 (NC4ED-PL2) 5.08 5.08 5.08 5.08 5.08 5.08 5.08 .200 .200 .200 .200 .200 .200 .200 9 8 10 7 11 12 65 13 43 14 15 16 2 1 4.1 .161 4.1 .161 7.62 .300 11.2 .441 5.08 5.08 5.08 5.08 5.08 5.08 5.08 .200 .200 .200 .200 .200 .200 .200 38.1 1.500 7.62 .300 11.2 .441 Schematic (Bottom view) 9 10 11 12 13 14 15 16 5.085.08 5.08 5.08 5.08 .200.200 2.54 .2002.54.200 .200 .100 .100 8 7 65 43 2 1 5.085.08 5.08 5.08 5.08 .200.200 2.54 .2002.54.200 .200 .100 .100 ++-- General tolerance: 0.5 .020 Diagram shows the "reset" position when terminals 3 and 6 are energized. Energize terminals 4 and 5 to transfer contacts. 227 NC Slim series Plug-in series 2C single side stable (NC2D) mm inch Standard type Amber sealed type Schematic (Bottom view) 11 12 13 14 27.8 1.094 27.8 1.094 7 +- 54 2 (NC2ED) 6.1 .240 6.1 .240 7.62 .300 11.2 .441 5.08 5.08 5.08 .200 .200 .200 Deenergized position 7.62 .300 11.2 .441 25.4 1.000 5.08 5.08 5.08 .200 .200 .200 11 7 12 65 13 14 43 2 25.4 1.000 7.62 5.08 7.62 .300 .200 .300 7.62 5.08 7.62 .300 .200 .300 General tolerance: 0.5 .020 2C 2 coil latching (NC2D-L2) Standard type Amber sealed type Schematic (Bottom view) 11 12 13 14 27.8 1.094 27.8 1.094 76 5 43 2 ++ -- 6.1 .240 6.1 .240 7.62 .300 11.2 .441 5.08 5.08 5.08 .200 .200 .200 (NC2ED-L2) 11 7 25.4 1.000 5.08 5.08 5.08 .200 .200 .200 12 65 13 14 43 2 25.4 1.000 7.62 .300 11.2 .441 Diagram shows the "reset" position when terminals 3 and 6 are energized. Energize terminals 4 and 5 to transfer contacts. 5.08 5.08 5.08 .200 2.54 .2002.54.200 .100 .100 5.08 5.08 5.08 .200 2.54 .2002.54.200 .100 .100 General tolerance: 0.5 .020 4C single side stable (NC4D) Standard type Amber sealed type 38.9 1.520 38.1 1.500 Schematic (Bottom view) 9 10 11 12 13 14 15 16 87 27.8 1.094 27.8 1.094 +- 54 21 Deenergized position (NC4ED-L2) 5.08 5.08 5.08 5.08 5.08 5.08 5.08 .200 .200 .200 .200 .200 .200 .200 9 8 10 11 7 12 65 13 14 43 2 15 16 1 6.1 .240 6.1 .240 7.62 .300 11.2 .441 5.08 5.08 5.08 5.08 5.08 5.08 5.08 .200 .200 .200 .200 .200 .200 .200 38.1 1.500 7.62 .300 11.2 .441 5.08 7.62 5.08 7.62 5.08 .200 .300 .200 .300 .200 5.08 7.62 5.08 7.62 5.08 .200 .300 .200 .300 .200 General tolerance: 0.5 .020 4C 2 coil latching (NC4D-L2) Standard type Amber sealed type 38.9 1.520 38.1 1.500 Schematic (Bottom view) 9 10 11 12 13 14 15 16 8 7 65 43 2 1 -- ++ 27.8 1.094 27.8 1.094 (NC4ED-L2) 5.08 5.08 5.08 5.08 5.08 5.08 5.08 .200 .200 .200 .200 .200 .200 .200 9 8 10 11 7 12 65 13 14 43 2 15 16 1 6.1 .240 6.1 .240 7.62 .300 11.2 .441 5.08 5.08 5.08 5.08 5.08 5.08 5.08 .200 .200 .200 .200 .200 .200 .200 Diagram shows the "reset" position when terminals 3 and 6 are energized. Energize terminals 4 and 5 to transfer contacts. 7.62 .300 11.2 .441 38.1 1.500 5.085.08 5.08 5.08 5.08 .200.200 2.54 .2002.54.200 .200 .100 .100 5.085.08 5.08 5.08 5.08 .200.200 2.54 .2002.54.200 .200 .100 .100 General tolerance: 0.5 .020 228 NC Schematic -- Energize relays only in the polarities shown -- 1. Single side stable Same operation as conventional magnetic relays. Contacts will transfer only when coil is energized under indicated polarity. 2C 4C deenergized coil energized coil 2. 2 coil latching Contacts will transfer only when coil is energized under indicated polarity. Once transferred, contacts remain in that position even with power off until opposite coil is energized at indicated polarity. 2C 4C 2C 4C Reset set Reset set Reset set Reset set Diagrams show the "set" position when terminals 4 (-) and 5 (+) are energized. When the coil current is switched off, these contacts remain in "make" position. Energize terminals 3 (-) and 6 (+) to transfer the contacts. Diagrams show the "reset" position when terminals 3 (-) and 6 (+) are energized. Energize terminals 4 (-) and 5 (+) to transfer the contacts. REFERENCE DATA Standard type 1.-(1) Life curve DC load (2C, 4C) 10,000 110 V DC resistive Expected life, x104 Expected life, x104 Expected life, x104 1,000 1,000 125 V AC resistive 250 V AC resistive 125 V AC inductive (pf=0.4) 250 V AC inductive (pf=0.4) AC load (2C) 5,000 AC load (4C) 5,000 1,000 250 V AC resistive 250 V AC inductive (pf=0.4) 100 100 100 220 V DC resistive 30 V DC resistive 10 0.1 1.0 10 0 1 2 3 4 5 10 0 1 2 3 4 5 Contact carrying current, A Contact carrying current, A Contact carrying current, A 2.-(1) Temperature rise characteristics for single side stable Measured portion: Inside the coil Temperature rise, C rre nt) 2.-(2) Temperature rise characteristics for 2 coil latching Measured portion: Inside the coil 80 70 60 50 40 30 20 5A (C o c nta tc Temperature rise, C 3 ta rin on arr car (C act t) 3 A (Cont ren cur 5A ring car act ont A (C ing rr cu en t) ct rr ca ing cu ur gc ren t) 5 A (Max. contact carring current) 70 60 50 40 30 20 5 A (Max. contact carring current) 0 A (No. contact carring current) 4C 2C 0 A (No. contact carring current) 4C 2C 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8W 180 200 220%V Operating power Coil voltage up to (2C : 48 V DC ) (2C :: 100 V DC ) 4C all types 10 0 5 10 15 100 120 140 160 100 110 120 130 140 150%V 20 25 Energizing time, min. 229 NC 3. Operate time for single side stable 20 18 16 Operate time, ms 14 12 10 8 6 4 2 80 100 90 110 Coil applied voltage,%V 80 100 90 110 Coil applied voltage,%V Max. Max. Min. Min. Release time, ms 4. Release time for single side stable 5 4c 2c 4c 2c 4 3 Max. Min. Max. Min. 2 1 5. Rate of change of pick-up and drop-out voltage 2 Form C single side stable 4 Form C single side stable 120 120 Rated of change, % 100 Pick-up voltage Rated of change, % 110 110 100 Pick-up voltage 90 Drop-out voltage 80 90 80 Drop-out voltage -40 -20 0 20 40 60 80 Ambient temperature, C -40 -20 0 20 40 60 80 Ambient temperature, C 6.-(1) Ambient temperature vs Max. continuous voltage Sample: NC2D-P-DC24 V (2c slim single side stable) 6.-(2) Ambient temperature vs Max. continuous voltage Sample: NC2D-P-DC110 V (2c slim single side stable), NC4D-P-DC24 V (4c slim single side stable) Max. continuous voltage, %V Max. continuous voltage, %V 250 0A 3A 5A (C on (C 250 on tac 200 (C tac tc on tc arr tac arr ing tc ing cu arr cu rre ing rre nt) 200 0A 3A (Co nta cu nt) ct c 150 rre (Co arrin nt) nta g cu 150 5A ct c (Co arrin rren t) t) ntac g cu t ca rren rring curr ent) 50 100 40 50 60 70 Ambient temperature, C 100 30 40 Ambient temperature, C 230 NC ACCESSORIES NC2 Flat NC4 Flat NC2 Slim NC4 Slim Sockets incorporate a spring clip at each end permitting single "snap-in" attachment to chassis or panels - no screws necessary. Relays are held firmly in the socket by clips integrally molded into the socket. TYPES For Flat series Part No. NC2-JPS NC4-JPS NC2-JPL2S NC4-JPL2S Standard packing: Carton: 20 pieces Case: 200 pieces Terminals P/C board P/C board P/C board P/C board Mating relay NC2D-JP NC4D-JP NC2D-JPL2 NC4D-JPL2 For Slim series Part No. NC2-PS NC4-PS NC2-SS NC4-SS NC2-L2PS NC4-L2PS NC4-L2SS NC4-L2SS Terminals P/C board P/C board Solder Solder P/C board P/C board Solder Solder Mating relay NC2D-P NC4D-P NC2D NC2D NC4D-PL2 NC2D-PL2 NC2D-L2 NC4D-L2 SPECIFICATIONS Maximum continuous current Initial breakdown voltage Initial insulation resistance Heat resistance Flat series: 5 A 250 V AC Slim series: 5 A 250 V AC 2,000 V AC (Except for coil-coil of L2 types: 1,500 V AC) 100 M at 500 V DC 150C (302F) for one hour Caution: Do not insert or remove relays while in the energized condition. 231 NC DIMENSIONS Flat series NC2-JPS NC2-JPL2S Terminal width: 0.9 .035 Terminal thickness: 0.4 .016 Terminal portion 15.24 .600 5.08 .200 11 12 13 14 mm inch 3.9 .154 0.1 MAX. .004 PC board pattern (copper-side view) 11 12 13 14 10.16 .400 2-3.5 DIA. HOLES 2-.138 DIA. HOLES 34.9 1.374 44.3 27.94 1.744 1.100 27.94 1.100 10-1.2 DIA. HOLES 10-.047 DIA. HOLES 7 65 4 3 2 7 65 4 3 2 25.4 1.000 14.8 .582 5.08.200 10.16 .400 20.32 .800 2.54 .100 2.54 .100 0.5 .020 Terminals 3 and 6 excluded for NC2-JPS. General tolerance: 0.5 .020 Tolerance: 0.1 .004 Terminal portion 35.56 1.400 25.4 1.000 15.24 .600 5.08.200 3.9 .154 0.1 MAX. .004 27.94 1.100 16-1.2 DIA. HOLES 16-.047 DIA. HOLES 8 8 7 65 43 2 1 7 6 5 43 2 1 NC4-JPS NC4-JPL2S Terminal width: 0.9 .035 Terminal thickness: 0.4 .016 PC board pattern (copper-side view) 9 10 11 12 13 14 15 16 20.32 .800 2-3.5 DIA. HOLES 2-.138 DIA. HOLES 34.9 1.374 44.3 27.94 1.744 1.100 9 10 11 12 13 14 15 16 40 1.575 14.8 .582 5.08.200 10.16 .400 20.32.800 30.48 1.200 2.54 .100 2.54 .100 0.5 .020 Terminals 3 and 6 excluded for NC4-JPS. General tolerance: 0.5 .020 Tolerance: 0.1 .004 Slim series NC2-SS NC2-L2S Terminal width: 1.9 .075 Terminal thickness: 0.4 .016 8.6 8.0 20.4 .339 .315 .803 3.9 1.0 .154 .039 27.9 10.16 5.08 1.100 20.32 .400 .200 .800 11.2 .441 Chassis cutout 12.6 .496 29.9 1.177 15.24 5.08 .660 .200 28.4 1.118 11.5 .453 7.62 .300 Chassis thickness range: 1.0 to 2.0 .039 to .079 Terminals 3 and 6 excluded for NC2-SS. General tolerance: 0.5 .020 NC2-PS NC2-L2P Terminal width: 0.9 .035 Terminal thickness: 0.4 .016 4.6 20.4 8.6 .181 .803 .339 3.9 1.0 .154 .039 11.2 .441 PC board pattern (copper-side view) 11 12 13 14 12.6 .496 29.9 1.177 27.9 1.100 10.16 20.32 .400 5.08 .200 .800 15.24 5.08 .660 .200 7.62 .300 2.54 .100 2.54 .100 7 65 10-1.2 DIA. HOLES 10-.047 DIA. HOLES 0.5 .020 43 2 7.62 .300 Terminals 3 and 6 excluded for NC2-PS. General tolerance: 0.5 .020 Tolerance: 0.1 .004 232 NC NC4-SS NC4-L2S Terminal width: 1.9 .075 Terminal thickness: 0.4 .016 11.2 .441 12.6 .496 20.4 8.6 8.0 .803 .339 .315 3.9 1.0 .154 .039 30.48 1.200 10.165.08 20.32 .400 .200 .800 44.0 1.732 11.5 .453 7.62 .300 35.56 15.24 1.400 5.08 .600 25.4 42.0 1.000 1.654 .200 42.5 1.673 Chassis cutout Chassis thickness range: 1.0 to 2.0 .039 to .079 Terminals 3 and 6 excluded for NC4-SS. General tolerance: 0.5 .020 NC4-PS NC4-L2P Terminal width: 0.9 .035 Terminal thickness: 0.4 .016 4.6 8.6 .181 20.4 .339 .803 3.9 1.0 .154 .039 42.0 1.654 20.3210.16 .800 5.08 30.48 .400 .200 1.200 11.2 .441 12.6 .496 PC board pattern (copper-side view) 9 10 11 12 13 14 15 16 15.24 35.56 5.08 .600 25.4 1.400 1.000 .200 7.62 .300 2.54 .100 8 7 6 5 43 2 1 16-1.2 DIA. HOLES 16-.047 DIA. HOLES 2.54 .100 0.5 .020 44.0 1.732 7.62 .300 Terminals 3 and 6 excluded for NC4-PS. General tolerance: 0.5 .020 Tolerance: 0.1 .004 NOTES 1. To maintain insulation between coils of 2 coil latching series, terminals 5 and 6 for flat series, and terminals 3 and 4 for slim series should be connected to provide common return. 5 6 (2) "Bottom View" wiring diagram is indicated for the Slim series because terminals can not be seen from above. Set coil 4 Reset coil 3 5. Sockets (1) When PC board series are used with socket, do not apply loads exceeding 3 A. (2) Soldering should be done quickly to avoid damaging the thermoplastic body. (3) Insulation will be optimum when wire connections are soldered as shown with all slim sockets. Set switch Reset switch 2. 2 coil latching series 4C are for intermittent operation only. Power should be applied to coils continuously for no more than two minutes. 3. When designing printed circuit board patterns, note that: (1) "Top View" wiring diagram is indicated for the Flat series because terminals can be seen from above. 4. When using slim series in close proximity, mount all relays facing the same direction. Different mounting directions may cause change in the relay characteristics because NC relays are polarized. Same direction For Cautions for Use, see Relay Technical Information (Page 48 to 76). 9/1/2000 All Rights Reserved, (c) Copyright Matsushita Electric Works, 233 Ltd. Go To Online Catalog |
Price & Availability of NC2D-JP-DC5V |