Part Number Hot Search : 
25DF161 M27W201 TL594CNG 2SK2850 P8396 FGA65A3H M2541B QSE256
Product Description
Full Text Search
 

To Download MRF559 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MRF559
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
Features
* * * * * * Specified @ 12.5 V, 870 MHz Characteristics Output Power = .5 W Minimum Gain = 8.0 dB Efficiency 50% Cost Effective Macro X Package Electroless Tin Plated Leads for Improved Solderability
Macro X
DESCRIPTION: Designed primarily for wideband large signal stages in the UHF frequency range.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C)
Symbol VCEO VCBO VEBO IC Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Value 16 30 3.0 150 Unit Vdc Vdc Vdc mA
Thermal Data
P
D Total Device Dissipation @ TC = 75C Derate above 75C Storage Temperature Range -65 to +150 C 2.0 20 Watts mW/ C
Tstg
MSC1317.PDF 10-25-99
MRF559
ELECTRICAL SPECIFICATIONS (Tcase = 25C)
STATIC (off)
Symbol BVCEO BVCBO BVEBO ICES Test Conditions Min. Collector-Emitter Breakdown Voltage (IC = 5.0 mAdc, IB = 0) Collector-Base Breakdown Voltage (IC = 0.1 mAdc, IB = 0) Emitter-Base Breakdown Voltage (IE = 0.1 mAdc, IC = 0) Collector Cutoff Current (VCE = 15 Vdc, VBE = 0 Vdc) 16 30 3.0 Value Typ. Max. 1.0 Unit Vdc Vdc Vdc mA
(on)
HFE DC Current Gain (IC = 50 mAdc, VCE = 10 Vdc) 30 200 -
DYNAMIC
Symbol COB Test Conditions Min. Output Capacitance (VCB = 12.5 Vdc, IE = 0, f = 1.0 MHz) Value Typ. 2.5 Max. 3.0 Unit pF
MSC1317.PDF 10-25-99
MRF559
FUNCTIONAL
Symbol Power Gain GPE Test Conditions Min. Test Circuit-Figure 1 Pout = 0.5 W, VCE =12.5Vdc MHz MHz Test Circuit-Figure 1 Pout = 0.5 W, VCE =12.5Vdc MHz MHz f = 870 f = 512 Collector Efficiency 8.0 Value Typ. 9.5 13 Max. Unit dB
f = 870 f = 512
50 -
65 60
-
%
Typical Performance @ VCC = 7.5V
Power Gain GPE Test Circuit-Figure 1 Pout = 0.5 W, VCE =7.5Vdc MHz Test Circuit-Figure 1 Pout = 0.5 W, VCE =7.5Vdc MHz f = 870 MHz f = 512 6.5 10 dB
Collector Efficiency
f = 870 MHz f = 512
-
70 65
-
%
Figure 2. 870 MHz Test Fixture
C1, C2, C4, C5 -- 1.0-10 pF Johanson C7 -- 1.0 F Tantalum L2, L3 -- Ferrite Bead Z2 -- 30 2.5 cm Z4 -- 50 1.2 cm Microstrip Elements -- r = 2.55 C3, C6 -- 0.001 F Chip Capacitor L1, L4 -- 4 Turns #26 AWG, 0.3 cm ID, 0.4 cm Long Z1 -- 50 1.5 cm Z3 -- 50 2.0 cm Z5, Z6 -- 50 1.25 cm
MSC1317.PDF 10-25-99
MRF559
RF Low Power PA, LNA, and General Purpose Discrete Selector Guide
GPE Freq (MHz) Efficiency (%) Gu Max (dB)
12 11.4 15 17 13 5.5 11 14 11 16.5 14.5 15.5 14 15 17.8 15 18 20 15 15 11 14 10 8 10 11 12.5 17.8 14.5 17
IC max (mA)
Freq (MHz) NF (dB) NF IC (mA) NF VCE
GPE (dB)
BVCEO
Device
SO-8 TO-39 POWER MACRO POWER MACRO TO-39 TO-39 TO-72
MA C R O X MA C R O X TO-39 SO-8 POWER MACRO POWER MACRO MA C R O X MA C R O X SO-8 POWER MACRO POWER MACRO
MRF4427, R2 2N4427 MRF553 MRF553T MRF607 2N6255 2N5179
MRF559 MRF559 2N3866A MRF555 MRF555T MRF559 MRF559 MRF8372,R1,R2 MRF557 MRF557T
NPN 175 NPN 175 NPN 175 NPN 175 NPN 175 NPN 175 NPN 200
NPN 512 NPN 512 NPN 400 NPN 470 NPN 470 NPN 870 NPN 870 NPN 870 NPN 870 NPN 870
0.15 1 1.5 1.5 1.75 3
Pout
18 10 11.5 11.5 11.5 7.8 20
60 50 60 50 50 50
12 12 12.5 12.5 12.5 12.5 6
20 20 16 16 16 12
16 16 30 30 16 16 16 16 16 16 16
400 400 500 500 330 50
150 150 400 400 400 400 150 150 200 400 400
TO-39 TO-39 SO-8 TO-72 TO-72 TO-39 TO-72 TO-72 MACRO T
2N5109 MRF5943C MRF5943, R1, R2 2N5179 2N2857 MRF517 MRF904 2N6304 BFR91 BFR96 MRF5812, R1, R2 MRF581A BFR90 BFY90 MRF914 MRF581 MRF586 MRF951 MRF571 BFR91 BFR90
NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN
200 200 200 200 300 300 450 450 500 500 500 500 500 500 500 500 500 1000 1000 1000 1000
3 3.4 3.4 4.5 5.5 7.5 1.5 5 1.9 2 2 2 2.4 2.5 2.5 2.5 3 1.3 1.5 2.5 3
10 30 30 1.5 50 50 5 2 2 10 50 50 2 2 5 50 90 5 10 2 2
15 15 15 6 6 15 6 5 5 10 10 10 10 5 10 10 15 6 6 5 10
1200 1000 1300 900 1600 4600 4000 1400 5000 500 5000 5000 5000 1300 4500 5000 4500 8000 8000 5000 5000
3.5
1 1 3 1 1 1 2.6
18 1000
0.5 0.5 1 1 1.5 1.5 0.5 0.5 0.75 1.5 1.5
10 13 10 10 11 11 6.5 9.5 8 8 8
65 60 45 45 50 50 70 65 55 55 55
7.5 12.5 28 28 12.5 12.5 7.5 12.5 12.5 12.5 12.5
MACRO T SO-8 MACRO X Macro TO-72 TO-72 MACRO X TO-39 MACRO X MACRO X MACRO T MACRO T
M R F 3 8 6 6 , R 1 , R 2 NPN 400
2.2 0.45 1 1 1
TO-39 TO-39
MRF545 MRF544
PNP NPN
14 13.5
1400 1500
2
RF (Low Power PA / General Purpose) Selection
RF (LNA / General Purpose) Selection Guide
Low Cost RF Plastic Package Options
1 1 2 4 3 3 3 1 8 1 5 4
Macro T
MSC1317.PDF 10-25-99
Macro X
Power
SO-8
Ccb(pF) BVCE IC max (mA)
20 30 30 12 15 25 15 15 12 15 15 15 1 15 15 12 16 17 10 10 12 15 400 400 400 50 40 150 30 50 35 100 200 200 30 50 40 200 200 100 70 35 30
GPE VCC
GN (dB)
Type
Ftau (MHz)
Package
Packag
Device
Type
70 400 70 400
MRF559
PIN 1. COLLECTOR 2. EMITTER 3. BASE 4. EMITTER
1.
4.
2.
3.
MSC1317.PDF 10-25-99


▲Up To Search▲   

 
Price & Availability of MRF559

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X