Part Number Hot Search : 
GMA7175C AD8572 KTC319 A125C AD8572 BSR20A PN4028 PN4028
Product Description
Full Text Search
 

To Download MN101E04G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MN101E04G
Type ROM (x 16-bit) x x RAM (x 16-bit) Package Minimum Instruction Execution Time Interrupts
MN101E04G 128 K 4K QFP084-P-1818E *Lead-free 100 ns (at 3.135 V to 3.465 V, normal-mode) External (5 lines) Internal (13 lines) : Timer x 4, A/D x 1, RESET x 1, OSD x 1, Serial x 2, I2C x 1, Caption x 1, Remote control x 1, HSYNCx 1, VSYNCx 1 8-bit timer x 4 Watchdog timer: Time-out period is selectable.
Timer Counter Serial Interface Caption/Teletext Decoder I/O Pins A/D Inputs PWM Special Ports CRTC Notes I/O
I2C x 1: for multimaster mode, bus line (output) has 2 systems Sync serial / UART x 1 * Built-in sync separator x 1 30 * Common use 10-bit x 8-ch. (with S/H) 8-bit x 4-ch. , 14-bit x 1-ch. Remote control reception 1-layer display (graphics, characters, splits) Remote control input discriminant circuit built-in, build-in NTSC/PAL/SECAM video signal processing circuit, built-in 3-line comb filter (NTSC) built-in adaptive 2-line comb filter (PAL)
MAD00042CEM
MN101E04G
Pin Assignment
P07,ADIN7,VDAF P06,ADIN6,HDAF VDD(VPP)*2
P05,ADIN5
P04,ADIN4
P03,ADIN3
P02,ADIN2
P01,ADIN1
P00,ADIN0
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
SCOMP
MMOD
DVDD
AVDD
SIREF
BOUT
DVSS
AVSS
OSC2
OSC1
VCOI
PDO
P10,RMIN,IRQ0 *1 P11,SDA0 *1 P12,SCL0 *1 P13,PWM P14,VOUT0 P15,SBT0 P16,SBD0 P17,SBO0 *1 P20,SDA1 *1 P21,SCL1 *1 P22,PWM0 P23,PWM1 P24,PWM2 DVDD DVSS P25,SYSCLK *1 P26,TM0IO *1 P27,TM1IO P30,NRST P31,IRQ1 P32,IRQ2
64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84
42 41 40 39 38 37 36 35 34 33
GOUT ROUT VIREF VCOMP VMOUT AVDD FBPIN AVSS EW VOUT AVDD FSCOUT FSCIN FPCO AVSS FVCOI HOUT HDOWN EHTIN BEAMIN ABLIN
MN101E04G
32 31 30 29 28 27 26 25 24 23 22
10
11
12
13
14
15
16
17
18
19
20
AVDD
P36,PWM4
VREFH
VREFL
CLL
P33,IRQ3
P34,IRQ4
VSYNC
PIPYIN
PIPVIN
PIPUIN
VREFM
MCOMPIN
MSCIN
CREFH
QFP084-P-1818E
*Lead-free
*1: 5V dielectric Nch open drain output pin *2: Mask ROM=VDD, Flash Memory built-in type=VPP
Support Tool
In-circuit Emulator Flash Memory Built-in Type
PX-PAC101E02-4W9J Type ROM (x 8-bit) RAM (x 8-bit) Minimum instruction execution time Package MN101EF04G [ES (Engineering Sample) available] 128 K 4K 100 ns QFP084-P-1818E *Lead-free
MAD00042CEM
CREFL
AVSS
MVIN
CLH
PIPYS
MUIN
21
1
2
3
4
5
6
7
8
9
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technical information described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2003 SEP


▲Up To Search▲   

 
Price & Availability of MN101E04G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X