Part Number Hot Search : 
MAX1070 G125G 150CT 5671A4 LL4007G 88523 ADC12 STP20N
Product Description
Full Text Search
 

To Download MMVL2101T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Silicon Tuning Diode
These devices are designed in the popular Plastic Surface Mount Package for high volume requirements of FM Radio and TV tuning and AFC, general frequency control and tuning applications.They provide solid-state reliability in replacement of mechanical tuning methods.
MMVL2101T1
30 VOLTS VOLTAGEVARIABLE CAPACITANCEDIODE
1
* High Q * Controlled and Uniform Tuning Ratio * Standard Capacitance Tolerance - 10% * Complete Typical Design Curves * Device Marking: 4G
ORDERING INFORMATION
Device MMVL2101T1 Package SOD-323 Shipping 3000 / Tape & Reel
2
PLASTIC, CASE 477 SOD- 323
1 CATHODE
2 ANODE
MAXIMUM RATINGS
Symbol VR IF Symbol PD Rating Continuous Reverse Voltage Peak Forward Current Characteristic Total Device Dissipation FR-5 Board,* TA = 25C Derate above 25C Thermal Resistance Junction to Ambient Junction and Storage Temperature Value 30 200 Max 200 1.57 635 150 Unit Vdc mAdc Unit mW mW/C C/W C
THERMAL CHARACTERISTICS
RJA TJ, Tstg *FR-4 Minimum Pad
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Reverse BreakdownVoltage (IR = 10 Adc) Reverse Voltage Leakage Current Symbol V(BR)R Min 30 Typ -- Max -- Unit Vdc
IR TCC
-- --
-- 280
0.1 --
Adc ppm/C
(VR = 25 Vdc, TA = 25C) Diode Capacitance Temperature Coefficient (VR = 4.0 Vdc, f = 1.0 MHz)
Device MMVL2101T1
Ct, Diode Capacitance VR = 4.0 Vdc, f = 1.0 MHz pF Min Nom Max 6.1 6.8 7.5450
Q, Figure of Merit VR = 4.0 Vdc f = 50 MHz Min 2.5
TR, Tuning Ratio C2/C30 f = 1.0 MHz Min Max 2.7 3.2
PARAMETER TEST METHODS
1. CT, DIODE CAPACITANCE (C T = CC + CJ). CT is measured at 1.0 MHz using a capacitance bridge (Boonton Electronics Model 75A or equivalent). 2. TR, TUNING RATIO TR is the ratio of CT measured at 2.0 Vdc divided by CT measured at 30 Vdc. 3. Q, FIGURE OF MERIT Q is calculated by taking the G and C readings of an admittance bridge at the specified frequency and substituting in the following equations: Q =2fC/G (Boonton Electronics Model 33AS8 or equivalent). Use Lead Length = 1/16". 4. TCC, DIODE CAPACITANCE TEMPERATURE COEFFICIENT TCC is guaranteed by comparing CT at VR = 4.0 Vdc, f = 1.0 MHz, TA = -65C with C T at VR = 4.0 Vdc, f = 1.0 MHz, TA = +85C in the following equation, which defines TCC: CT(+85C) - CT(-65C) 106 TCC = * 85+65 CT(25C) Accuracy limited by measurement of CT to 0.1 pF.
MMVL2101T1-1/2
LESHAN RADIO COMPANY, LTD.
MMVL2101T1
TYPICAL DEVICE CHARACTERISTICS
CT, DIODE CAPACITANCE (pF)
VR, REVERSE VOLTAGE (VOLTS)
Figure 1. Diode Capacitance versus Reverse Voltage
NORMALIZED DIODE CAPACITANCE
I R, REVERSE CURRENT (nA)
TJ, JUNCTION TEMPERATURE (C) Figure 2. Normalized Diode Capacitance versus Junction Temperature
VR, REVERSE VOLTAGE (VOLTS) Figure 3. Reverse Current versus Reverse Bias Voltage
Q, FIGURE OF MERIT
VR, REVERSE VOLTAGE (VOLTS) Figure 4. Figure of Merit versus Reverse Voltage
Q, FIGURE OF MERIT
f, FREQUENCY (MHz)
Figure 5. Figure of Merit versus Frequency
MMVL2101T1-2/2


▲Up To Search▲   

 
Price & Availability of MMVL2101T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X