Part Number Hot Search : 
55C120B 2SK14 C114ES FCH30B10 6047613 30N60C ULN2803L 25T08BBW
Product Description
Full Text Search
 

To Download MMBT2222AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT2222AT
Plastic-Encapsulate Transistors NPN Silicon
COLLECTOR
3
3 1 2
1
BASE
2
SOT-523(SC-75)
EMITTER
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current-Continuous Symbol VCEO VCBO VEBO IC Value 40 75 6.0 600 Unit Vdc Vdc Vdc mAdc
THERMAL CHARACTERISTICS
Characteristics Total Device Dissipation FR-5 Board (1) TA=25 C Thermal Resistance, Junction to Ambient Junction and Storage, Temperature Symbol PD RJA TJ,Tstg Max 150 833 -55 to +150 Unit mW C/W C
DEVICE MARKING
MMBT2222AT=1P
ELECTRICAL CHARACTERISTICS
Characteristics Symbol Min Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC= 10 mAdc, IB=0) (2) Collector-Base Breakdown Voltage (IC= 10 Adc, IE=0) Emitter-Base Breakdown Voltage (IE= -10 Adc, IC=0) Collector Cutoff Current (VCB= 70 Vdc, IE=0) Emitter Cutoff Current (VEB= 3 Vdc, IC=0) 1.FR-5=1.0 x 0.75 x 0.062 in _ 2. Pulse Test:Pulse Width=300 us, Duty Cycle < 2.0% V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO 40 75 6.0 0.1 0.1 Vdc Vdc Vdc nAdc nAdc
WEITRON
http://www.weitron.com.tw
MMBT2222AT
ELECTRICAL CHARACTERISTICS (Ta=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min Typ Max Unit
ON CHARACTERISTICS (1)
DC Current Gain (I C = 0.1 mAdc, VCE= 10 Vdc) (I C = 1.0 mAdc, VCE= 10 Vdc) (IC = 10 mAdc, V CE = 10 Vdc) (IC = 150 mAdc, V CE= 10 Vdc) (IC = 500 mAdc, VCE= 10 Vdc) Collector-Emitter Saturation Voltage (3) (IC = 150 mAdc, I B = 15mAdc) (IC = 500 mAdc, IB = 50mAdc) Base-Emitter Saturation Voltage (3) (IC = 150 mAdc, I B= 15mAdc) (I C= 500 mAdc, I B= 50mAdc) VCE(sat) hFE 35 50 75 100 40
-
-
0.3 1 1.2 2
Vdc
VBE(sat)
-
-
Vdc
SMALL-SIGNAL CHARACTERISTICS
Current-Gain-Bandwidth Product (1) (IC = 20 mAdc, VCE=20 Vdc, f=100 MHz) Output Capacitance (VCB= 10 Vdc, I E =0, f=1.0 MHz) fT Cob 300
-
MHz pF
-
8
ELECTRICAL CHARACTERISTICS (Ta=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min Max Unit
SWITCHING CHARACTERISTICS
Delay Time Rise Time Storage Time Fall Time (VCC = 30 Vdc, I C= 150 mAdc, IB1= 15 mAdc) td tr ts tf
-
10 25 ns 225 60
(VCC = 30 Vdc, IC = 150 mAdc, IB1=IB2= 15 mAdc)
WEITRON
http://www.weitron.com.tw
MMBT2222AT
250
DC CURRENT GAIN : h FE
1000 (see Note 1)
Pd ,POWER DISSIPATION(mW)
200
Ta =125 C 100 Ta =-25 C Ta =25 C
150
100
10
50
VCE =1.0V 0 0 100
Ta ,AMBIENT TEMPERATURE( C)
200
1 0.1
1
10
100
1000
IC ,COLLECTOR CURRENT(mA)
FIG.1 Power Derating Curve
30 20 Cibo
CAPACITANCE( p F) VCE ,COLLECTOR-EMITTER VOLTAGE (VOLTS)
FIG.2 Typical DC Current Gain vs Collector Current
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.001 1C =30mA 1C =1mA 1C =10mA 1C =100mA 1C =300mA
10
5.0 Cobo 1.0 0.1 1.0 10 50
0.01
0.1
1
10
100
REVERSE VOLTS(V)
IB ,BASE CURRENT(mA)
FIG.3 Typical Capacitance
VBE(ON) ,BASE EMITTER VOLTAGE (VOLTS)
FIG.4 Typical Collector Saturation Region
0.5 IC /IB =10
VCE(sat),COLLECTOR TO EMITTER SATURATION VOLTAGE(VOLTS)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2
0.1 1 10 100
VCE =5V Ta =50 C Ta =50 C
0.4 Ta =25 C 0.3 Ta =150 C 0.2 0.1 Ta =-50 C 0
1 10 100 IC ,COLLECTOR CURRENT(mA) 1000
Ta =150 C
IC ,COLLECTOR CURRENT(mA)
FIG.5 Collector Emitter Saturation Voltage vs. Collector Current
FIG.6 Base Emitter Voltage vs. Collector Current
WEITRON
http://www.weitron.com.tw
MMBT2222AT
1000 VCE =5V
f T ,GAIN BAND WIDTH PRODUCT(MHz)
100
10
1
1
10
Ia ,COLLECTOR CURRENT(mA)
100
FIG.7 Gain Bandwidth Product vs. Collector Current
WEITRON
http://www.weitron.com.tw
MMBT2222AT
SOT-523 Outline Dimensions (SC-75)
Unit:mm
A
SC-75
B
T OP V IE W
C
D E G H K J L M
Dim A B C D E G H J K L M
Min 0.30 0.70 1.45 0.15 0.80 1.40 0.00 0.70 0.37 0.10
Max 0.50 0.90 1.75 0.50 0.40 1.00 1.80 0.10 1.00 0.48 0.25
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of MMBT2222AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X