Part Number Hot Search : 
SE555 G4PSH71K CY7C132 003931 BN1L3N MMBZ5254 ETD34 L5988D
Product Description
Full Text Search
 

To Download MMBT2222AK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT2222AK NPN Epitaxial Silicon Transistor
February 2005
MMBT2222AK
NPN Epitaxial Silicon Transistor General Purpose Transistor
3
Marking
2 1
1PK
SOT-23
1. Base 2. Emitter 3. Collector
Absolute Maximum Ratings
Symbol
VCBO VCEO VEBO IC PC TSTG Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current
Ta = 25C unless otherwise noted
Parameter
Value
75 40 6 600 350 150
Units
V V V mA mW C
Collector Power Dissipation Storage Temperature
Electrical Characteristics Ta=25C unless otherwise noted
Symbol
BVCBO BVCEO BVEBO ICBO hFE
Parameter
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current DC Current Gain *
Test Condition
IC = 10A, IE = 0 IC = 10mA, IB = 0 IE = 10A, IC = 0 VCB = 60V, IE = 0 VCE = 10V, IC = 0.1mA VCE = 10V, IC = 1mA VCE = 10V, IC = 10mA VCE = 10V, IC = 150mA VCE = 10V, IC = 500mA IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA IC = 20mA, VCE = 20V, f = 100MHz VCB = 10V, IE = 0, f = 1MHz IC = 100A, VCE = 10V RS = 1K, f = 1MHz VCC = 30V, IC = 150mA VBE = 0.5V, IB1 = 15mA VCC = 30V, IC = 150mA, IB1 = IB2 = 15mA
Min.
75 40 6
Max. Units
V V V 0.01 A
35 50 75 100 40
300 0.3 1.0 V V V V MHz 8 4 35 285 pF dB ns ns
VCE (sat) VBE (sat) fT Cob NF tON tOFF
Collector-Emitter Saturation Voltage * Base-Emitter Saturation Voltage * Current Gain Bandwidth Product Output Capacitance Noise Figure Turn On Time Turn Off Time
0.6 300
1.2 2.0
* Pulse Test: Pulse Width300s, Duty Cycle2%
(c)2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
MMBT2222AK Rev. A
MMBT2222AK NPN Epitaxial Silicon Transistor
Mechanical Dimensions
SOT-23
0.20 MIN 2.40
0.10
0.40 0.03
1.30
0.10
0.45~0.60
0.03~0.10 0.38 REF
0.40 0.03 0.96~1.14 2.90 0.10
0.12 -0.023
+0.05
0.95 0.03 0.95 0.03 1.90 0.03 0.508REF
0.97REF
Dimensions in Millimeters
2 MMBT2222AK Rev. A
www.fairchildsemi.com
MMBT2222AK NPN Epitaxial Silicon Transistor
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM
ActiveArrayTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM
Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM
POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I15
3 MMBT2222AK Rev. A
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MMBT2222AK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X