Part Number Hot Search : 
MAZD047 A101219 24C08A 76P03 MABS3 MA102 321519 TA78L008
Product Description
Full Text Search
 

To Download MHP10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MHP10 SERIES
Single and dual output
* * * * * * * 2 x 1 x 0.4 inch package 12.5 Watts/in3 power density 32 models including 3.3VDC and 2.1VDC Designed to meet EN60950 Indefinite short circuit protection Optional remote ON/OFF Optional trim output
The MHP10 series of DC/DC converters, comprising 32 different models, has been designed for a wide range of applications including communications, industrial systems and mobile battery powered systems. Packing 10 Watts of power into a 2 x 1 x 0.4 inch package, with efficiencies as high as 80% the MHP10 has wide input ranges of 4.5-9VDC, 9-18VDC, 18-36VDC and 3672VDC and is available in both single and dual output versions. Other features include indefinite short circuit protection with automatic recovery and remote on/off, all of which minimize the need for external circuitry and make the MHP10 a recommended component in distributed power systems.
[ 2 YEAR WARRANTY ]
SPECIFICATION
OUTPUT SPECIFICATIONS Voltage adjustability Line regulation Load regulation
All specifications are typical at nominal input, full load at 25C unless otherwise stated INPUT SPECIFICATIONS CONTINUED 10% 0.1% 0.1% 1.0% 5.0% max. 2.0% Remote ON/OFF Logic compatibility ON OFF GENERAL SPECIFICATIONS Efficiency Isolation voltage Isolation capacitance Switching frequency Approvals and standards (pending) Case material Material flammability Weight MTBF MIL-HDBK-217F Input/output Input/output Fixed Safety 78% typ. 500VDC 1nF 200 to 275kHz VDE0805, EN60950, IEC950 UL1950, CSA C22.2 No. 950 Black coated, metal case UL94V-0 27g (0.95oz) 300,000 hours CMOS/TTL, See Note 4 3.5VDC min. or open 0.8VDC max.
See Note 3 LL to HL, all outputs ML to FL Single outputs Dual outputs Asymmetrical load 25% / 100% FL
Cross regulation Voltage accuracy Minimum load
2.1V, 3.3V, 5V Single 12V, 15V Duals: each output At start-up 20MHz bandwidth 25% load step
50mA max. 80mA max. 10% FL 3.0% max. 1.5% pk-pk, max. 20mV rms
Overshoot Ripple and noise Transient response
10% typ. max. dev., 0.5ms recovery to within 1.0% 0.02%/C
Temperature coefficient Short circuit protection Hiccup mode See Note 5
ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating ambient -25C to +60C (See derating curve) Extended temp., -40C to +60C option, See Note 1 Non-operating amb. -40C to +95C Case +95C max. Derating See derating curve Cooling Free air convection cooled Non-condensing Operating Non operating 5Hz to 500Hz 30% to 95% 10,000 feet max. 40,000 feet max. 2.5G rms (approx.)
Continuous automatic recovery
INPUT SPECIFICATIONS Input voltage range 5VDC, nominal, FL 12VDC nominal, FL 24VDC nominal, FL 48VDC nominal, FL 4.5 to 9VDC 9 to 18VDC 18 to 36VDC 36 to 72VDC Pi filter See table Single output Dual outputs 200mA 200mA 500ms Relative humidity Altitude Vibration
Input filter Input current Input reflected ripple Start-up time
PAGE 1
DC/DC CONVERTERS
|
10W DC/DC
10 Watt Wide input DC/DC converters
INPUT VOLTAGE 4.5-9VDC 4.5-9VDC 4.5-9VDC 4.5-9VDC 4.5-9VDC 4.5-9VDC 4.5-9VDC 4.5-9VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC OUTPUT VOLTAGE 2.1V 3.3V 5.0V 12V 15V 5.0V 12V 15V 2.1V 3.3V 5.0V 12V 15V 5.0V 12V 15V 2.1V 3.3V 5.0V 12V 15V 5.0V 12V 15V 2.1V 3.3V 5.0V 12V 15V 5.0V 12V 15V OUTPUT CURRENT 2000mA 2000mA 1400mA 580mA 460mA 600mA 290mA 230mA 2000mA 2000mA 2000mA 800mA 660mA 600mA 400mA 300mA 2000mA 2000mA 2000mA 800mA 660mA 600mA 400mA 300mA 2000mA 2000mA 2000mA 800mA 660mA 600mA 400mA 300mA INPUT CURRENT 1400mA 2095mA 2058mA 1856mA 1769mA 1764mA 1784mA 1769mA 583mA 753mA 1068mA 1025mA 1068mA 704mA 1025mA 1068mA 291mA 376mA 534mA 512mA 528mA 347mA 512mA 528mA 145mA 180mA 267mA 256mA 264mA 176mA 256mA 264mA TYPICAL EFFICIENCY 60% 63% 62% 75% 78% 68% 78% 78% 60% 73% 78% 78% 78% 71% 78% 78% 60% 73% 78% 78% 78% 71% 78% 78% 60% 73% 78% 78% 78% 77% 78% 78% REGULATION (TYP.) MODEL NUMBER LINE 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1%
Output Power (Watts)
LOAD 0.1% 0.1% 0.1% 0.1% 0.1% 1.0% 1.0% 1.0% 0.1% 0.1% 0.1% 0.1% 0.1% 1.0% 1.0% 1.0% 0.1% 0.1% 0.1% 0.1% 0.1% 1.0% 1.0% 1.0% 0.1% 0.1% 0.1% 0.1% 0.1% 1.0% 1.0% 1.0% MHP10-05S2V1 (2) MHP10-0533V3 (2) MHP10-05S05 (2) MHP10-05S12 MHP10-05S15
(2) (2)
MHP10-05D05 (2) MHP10-05D12 (2) MHP10-05D15 (2) MHP10-12S2V1 MHP10-12S3V3 MHP10-12S05 MHP10-12S12 MHP10-12S15 MHP10-12D05 MHP10-12D12 MHP10-12D15 MHP10-24S2V1 MHP10-24S3V3 MHP10-24S05 MHP10-24S12 MHP10-24S15 MHP10-24D05 MHP10-24D12 MHP10-24D15 MHP10-48S2V1 MHP10-483V3 MHP10-48S05 MHP10-48S12 MHP10-48S15 MHP10-48D05 MHP10-48D12 MHP10-48D15
Notes
1 Extended operating temperature range is available as an option. To specify a MHP10 that operates down to -40C, add the suffix `-4' to the model number, e.g. MHP10-24S05-4. 5VDC input, max. 7 Watt output power. External trimming of the output voltage is optional on the single output units, add the suffix `-T' to the end of the model number, e.g. MHP10-05S05-T. Remote on/off is available as an option, add the suffix `-S' to the end of the model number, e.g. MHP10-24D15-S. 5VDC in max. for 1 minute.
100%
Output Power (%)
DERATING CURVE
60C
2 3
4 5
0%
90C 40C 60C 80C 100C 120C
-25C 0C 20C
Ambient Temperature (C)
http://www.artesyn.com
PAGE 2
10W DC/DC
|
DC/DC CONVERTERS
DC/DC CONVERTERS
|
10W DC
10 Watt Wide input DC/DC converters
PIN CONNECTIONS PIN NUMBER 1 2 3 4 5 6 SINGLE OUTPUTS + Input - Input + Output N.C./Trim (Option) - Output Control (Option) DUAL OUTPUT + Input - Input + Output Common - Output Control (Option)
EXTERNAL OUTPUT TRIMMING Single output models can be externally trimmed by 10% using either method shown below.
5 5
TRIM UP
4
4
10K TRIMPOT
TRIM DOWN
3 3
0.40 (10.20) 0.24 (6.10) 0.40 (10.16) 0.30 (7.60) 0.20 (5.10)
0.40 (10.20)
0.60 (15.20)
O 0.04 Dia. (1.02)
6 0.80 (20.30) 2.00 (50.80)
2
1
BOTTOM VIEW
5
4
3
0.60 (15.20)
0.10 (2.50)
0.40 (10.20) 1.00 (25.40)
0.40 (10.20)
0.10 (2.50)
ALL DIMENSIONS IN INCHES (mm) Tolerance : 0.008 (0.2) max. on pin placement 0.02 (0.5) max. on outer dimensions
DS_MHP10_19980401.PDF
PAGE 3


▲Up To Search▲   

 
Price & Availability of MHP10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X