Part Number Hot Search : 
BT933 BF547 HMC132 UPD6133 TMP86F 15W10 BYV26EG 20C1X
Product Description
Full Text Search
 

To Download MC78L05ACDR2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
Order this document by AN1319/D
SEMICONDUCTOR
APPLICATION NOTE
Design Considerations for a Low Voltage N Channel H Bridge Motor Drive
Prepared by: Wayne Chavez Discrete Applications Engineering
AN1319
INTRODUCTION
In low voltage motor drives, it is common practice to use complementary MOSFET half-bridges to simplify the gate drive design. However, the P-channel FET within the half-bridge usually has a higher on resistance or is larger and more expensive than the N-channel FET. The alternative solution is to design in an N-channel half-bridge. The N-channel half-bridge uses silicon more efficiently, while minimizing conduction losses and power device expense. The tradeoff to take advantge of N-channel devices is found in increased gate drive design complexity. Minimizing the gate drive complexity in a brushed DC motor drive with an all N-channel H-bridge is the focus of this note. In addition, design considerations, diode snap and shoot-through current are discussed and circuit solutions are given. The result of the design is evaluation board DEVB151 shown in Figure 1. DEVB151 features an MPM3017 N-channel, H-bridge and circuitry designed to interface power devices within the MPM3017 to microprocessor outputs. The board drives 24-volt to 48-volt motors and can handle 8 amps of continuous motor current. A detailed description of the evaluation board is presented within this Application Note.
Figure 1. N-channel, H-bridge Motor Drive (DEVB151)
(c) MOTOROLA INC., 1992
AN1319
DESIGN CONSIDERATIONS
High-side Gate Drive Voltage Using N-channel half-bridges requires circuitry that produces voltage above the motor voltage rail and turns the upper transistors on. One method of accomplishing this task is to use a charge pump. The charge pump shown in Figure 2 provides a constant voltage greater than 12 volts above the motor rail at all motor speeds, unlike the capacitor bootstrap approach, and is less expensive than a transformer isolated gate drive.
D11 1N5819 +B Motor Supply Voltage
C7 330 pF
C9 1 F C10 .1F D10 1N5819
R28 10 k
Figure 2. Charge Pump An oscillator, two capacitors and two diodes are all the components necessary to build a charge pump. The inverter, MC34151, is configured as an oscillator with C7 and R28 determining the frequency. The charge pump action is as follows. C10 charges up to the rail voltage minus a diode drop when the IC's output is low. When the IC's output swings high, C10 dumps charge into C9. The cycle is continuously
+B + Boost
R15 750
+5V Q2 MPSA06
U4 MDC1000A
R19 33
Figure 3. High-side Gate Drive
MOTOROLA 2
II II
U1 74HC00
R10 3.3 k
I
II
I I
U3 MC34151
repeated. In steady state, the voltage across C9 is the voltage swing of the IC's output minus two diode drops. This voltage is in series with the rail voltage, B+, and the sum is sufficient to drive the high-side FETs. Voltage losses in the charge pump are from the diode forward drops and the IC's output voltage swing. To minimize the diode voltage drops, Schottky diodes are implemented. The loss in the IC's output voltage swing is dependent on the level of current the charge pump is asked to support. For example, if the charge pump is to support 50 mA, the IC's output swing diminishes by approximately 2 V. This is of particular concern when operating from a voltage source less than 15 V. Gate drive voltage is compromised when operating from a supply voltage of less than 15 volts which results in increased power dissipation. High-side Gate Drive Now that boost voltage is available for the high-side FETs, a means of switching this voltage to the gate is needed. Together the MDC1000A and a switched current source, shown in Figure 3, accomplish this requirement. The MDC1000A, a MOS turn-off device (MTO), is very useful in the high-side FET applications. It discharges the gate-to-source capacitance quickly and contains a zener clamp for gate protection. To charge the gate-to-source capacitance, the MTO passes current to the gate of the FET. When the gate-to-source voltage reaches the zener clamp voltage, the current is shunted through the zener. When the current source is turned off, a resistor internal to the MTO pulls down on the anode of the series diode. After the anode voltage falls approximately one diode drop, the internal SCR fires, discharging the gate-to-source capacitance. The series gate resistor, R19, limits the rate of discharge of the gate and therefore determines the turn-off time. It will be shown
I
I I
+B + Boost
R16 10 +B Motor Supply Voltage
Q1 MPSA56
+M
Positive Motor Output
AN1319
+B Motor Supply Voltage
U2 MC34151
R22 240
+M Positive Motor Output
D7 1N4148
R23 33
D8 1N4148
R21 .01
Figure 4. Low-side Gate Drive later that this resistor also plays a key role in solving the dynamic issues of the motor drive. The current source used with the MTO consists of a PNP transistor, Q1, and resistors R15 and R16. The FET turn-on time is determined by the sourced current. The reference current is the collector current of the level shifting transistor, Q2, and is set by resistor R10. The reference current is established when the NAND gate output is logic 0. The reference current, though small, must be supported by the charge pump. Low-side Gate Drive The low-side gate drive design, as shown in Figure 4, is relatively simple compared to the high side. The MC34151, used before as an oscillator in the charge pump, is an integrated circuit specifically designed to drive the gate of a power MOSFET. The input to this device can be a 5 volt logic level signal like that of a microcontroller. The MC34151 is capable of sourcing and sinking approximately 1.5 amperes. Therefore, to limit the current into the gate and control the turn-on time, a resistor, R22, is needed between the IC and FET. An additional resistor, R23, in series with a diode, D8, is placed in parallel with R22 to implement a faster turn-off time. The need for separate turn-on and turn-off times will become clear when the dynamic characteristics are explained. Dynamic Issues In addition to static gate drive designs, more difficult dynamic design challenges must be addressed. These issues include diode snap and shoot-through current. A description of these issues and solutions follows. A pulse width modulated motor drive is usually a continuous mode clamped inductive load - i.e. - current continually flows through the inductance. Referring to the simplified half-bridge circuit of Figure 5, current through the motor ramps up when Q2 is on and freewheels through Q1's internal diode when Q2 is switched off. When Q2 turns on again, the stored charge within Q1's diode must be cleared. The resulting drain current of Q2 is shown in the turn-on waveform of Figure 6. The first current peak in Figure 6 shows up as current from the rail to ground, bypassing the motor. This current has two components. The first is the expected reverse recovery
+B Motor Supply Voltage VDS
ta
tb
Q1 Rgs
+ Motor _
Icont PWM Rg Q2
ID
Figure 5. Simplified Half-Bridge
Figure 6. Turn-on Wave Form
AN1319
MOTOROLA 3
current of the internal diode of Q1. The second is dv/dt generated shoot-through current. Reverse recovery characteristics of the freewheeling diode are at the root of the system design challenges. Referring to Figure 6, FET intrinsic diode reverse recovery tends to be fairly snappy; tb is much shorter than ta. It follows that di/dt during tb is greater than during ta, and if unmanageably high, invites unpredictable behavior and unwanted voltage spikes. In addition, VDS falls very rapidly during tb. Referring to Figure 5, the dv/dt created during tb couples through to the gate-to-drain capacitance of the upper FET. A current proportional to dv/dt and CDG flows through the top FET gate impedance, develops a gate-to-source voltage, and turns the FET on. The result is current from the supply to ground through the half-bridge called shoot-through current. Shoot-through and reverse-recovery current bypass the motor and therefore only contribute to power dissipation. Other unwanted side effects consist of EMI and unpredictable gate drive performance from high di/dts acting upon lead and stray PCB trace inductance. However, control of diode snap and shoot-through current is accomplished by employing a gate drive impedance strategy. The gate-to-source impedance of the upper FET as shown in Figure 5, controls the voltage developed across
gate to source during t b and therefore controls the shoot-through current. A low impedance will obviously minimize shoot-through current, but there exists a value that lets an optimal portion of shoot-through current pass. This impedance can be adjusted until the turn-on waveform appears to be critically damped. The FET is conducting as the diode is snapping. If the total current is dominated by the FET condition, the sharp snap of the diode is hidden. The net effect is a softer recovery characteristic. The turn-on gate impedance of the bottom pulse width modulated FET of Figure 5 also plays a key role in softening the reverse recovery characteristic. This impedance sets the positive di/dt during ta. The stored charge in the freewheeling diode is a function of applied di/dt and as ta becomes shorter, the diode snaps more severely. This implies that the turnon gate impedance must be set to a value that will create a manageable positive di/dt and enable the strategy undertaken to control diode snap. An increase in power dissipation is sacrificed for a more desirable turn-on waveform. Considering the problems that arise with unmanageable di/dts, such as EMI, voltage spikes, possible oscillation at turn-on, and possibly a large amount of power dissipation, the trade-off is to the designer's advantage.
MPM3017 MOTOR DRIVE REV A DEVB151
A BOT A TOP B TOP
M1 POWER I/O +B C2 +M R21 + C15 -M GND
CON3
R1 R2 R3 D1 R4 D2 R5 R6 R7
C3 R19 R20 C5
R18 U4
3.25"
B BOT A CS B CS CS GND GND J1 C1
U1 Q2 Q1 D10 R22 D8 R23 R24 D9 R25 D11 R27 R26 C11 C8 C9 R17 D6 D7 U3 U3 Q6 C10 R28 D12 D13 U6 C12
C4
U5
Q5
Q4
C6
R14
R15
MOTOROLA DISCRETE APPLICATIONS 5.2"
Figure 7. Component Layout
MOTOROLA 4
R16
PWR
C13 C14
D5
C7
CON2
R8 R9 D3 R10 D4 R11 R12 R13
Q3
GND
AN1319
AN1319 U3 MC34151 2 C9 330 pF 4 R28 10 k R8 10 k CON1 2 A TOP 1 A BOT 3 B TOP 4 B BOT R12 10 k R2 10 k R6 10 k MOTOROLA 5
VDD
C10 1 F C12 .1 F D12 19 V D11 1N5819 C11 1 F + R16 10 1 C6 .01 F 2 +5 V +5 V C1 .01 F R9 1 k D3 4.7 V 4 5 R11 1 k D4 4.7 V 1 2 U1 74HC00 14 3 R17 10 U1 6 C7 1 .01 F R14 750 R10 3.3 k R15 750 Q1 MPSA56 3 2 U4 MDC1000A 6 3 R19 33 5 4 MPM3017 8 9 1 2 3 4 4 2 1 Q3 MPSA56 3 2 3 2 Q4 MPSA06 1 R4 3.3 k U1 11 6 D1 4.7 V 10 9 R5 1 k D2 4.7 V 2 U1 8 7 4 5 3 C8 .1 F U2 MC34151 7 R25 33 D7 1N4148 D9 1N4148 D5 R13 360 C14 1 F VDD R24 240 C5 100 pF 1 U6 MC78L05 1 OUT GROUND 2 IN 3 C13 1 F D13 17 V 2 U5 MDC1000A 3 R20 33 R18 .01 R21 .01 D6 1N4148 2 R7 1 k R23 D8 33 1N4148 1 10 11 R1 1 k 1 2 3 4 5 CON2 A CS B CS CS GND GND GND 9 C3 1 F CON3 +B +M -M GND 6 C15 390 F
6 7 5 3
D10 1N5819
C4 100 pF 1 R22 240
3 Q2 MPSA06 1
C2 1 F
+5 V R3 1 k 13 12
VDD 3 1 1 2 3 Q6 MPSW06 R26 4.8 k R27 4.8 k 2 Q5 TIP29B
+B
+5 V
Figure 8. MPM3017 Motor Drive Schematic
AAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AA AA AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AA AA AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AA
U6 U4,U5 U2,U3 U1 R26,R27 R22,R24 R19,R20,R23,R25 R18,R21 R16,R17 R14,R15 R13 R4,R10 R2,R6,R8,R12,R28 R1,R3,R5,R7,R9,R11 Q6 Q5 Q2,Q4 Q1,Q3 M1 D13 D12 D10,D11 D6,D7,D8,D9 D5 D1,D2,D3,D4 CON2 CON1,CON3 C15 C9 C6,C8,C12 C4,C5 C2,C3,C10,C11,C13,C14 C1,C6,C7 Designators Quantity 1 2 2 1 2 2 4 2 2 2 1 2 5 6 1 1 2 2 1 1 1 2 4 1 4 1 1 1 1 2 2 6 3 3-pin Voltage Regulator MOS Turn-off Device MOSFET Driver Quad 2 input NAND 4.8k Resistor 240 Resistor 33 Resistor .01 Resistor 10 Resistor 750 Resistor 360 Resistor 3.3 k Resistor 10 k Resistor 1 k Resistor NPN Transistor NPN Transistor NPN Transistor PNP Transistor N-ch H-Bridge 17 V Zener 19 V Zener Diode Schottky Diode LED (RED) 4.7 V Zener 5 Terminal Connector 4 Terminal Connector 390 F Electrolytic Cap 330 pF Ceramic Cap .1 F Ceramic Cap 100 pF Ceramic Cap 1 F Ceramic Cap .01 F Ceramic Cap Description
MOTOROLA 6
Table 1. Parts List
60 V/25 A
80 V/1 W
80 V/2 W
1 A,40 V
500 mW
500 mW
500 mW
2.25 W
Rating
.25 W
.25 W
.25 W
.25 W
.25 W
.25 W
.25 W
.25 W
100 V
100 V
100 V
100 V
100 V
100 V
80 V
80 V
1W
Manufacturer
Motorola
Motorola
Motorola
Motorola
Motorola
Motorola
Motorola
Motorola
Motorola
Motorola
Motorola
Motorola
Motorola
Motorola
Sprague
Mills
GI
MC78L05ACP
MDC1000A
MC34151P
MC74HC00AN
MRP-2-NI
MPSW06
TIP29B
MPSA06
MPSA56
MPM3017
1N5247B
1N5249B
1N5819
1N4148
MV57124A
1N5230B
80D391P100HA2
Part Number
AN1319
Additional decoupling capacitors across each half-bridge provide high frequency current for reverse recovery. Any sharp voltage spikes created during reverse recovery are smoothed out and kept from propagating to the other half-bridge creating unwanted noise. These decoupling capacitors should be physically placed as close to the half-bridge as possible. The PCB layout is also a very important design consideration. Care must be taken to minimize the source inductance and any stray inductance in the high current paths. This is done by keeping the high current traces as wide and as short as possible. Another rule to follow is that the low current ground traces or trace should tie to the high current trace at one central grounding point. Typically the sources of the power transistors are used as the grounding point. If using current sense resistors, the leads terminating to ground must be the central grounding point. The dynamic design challenges are solved simply by employing a gate drive impedance strategy. The different gate impedances in Figures 2 and 3 are optimized to control the turn-on di/dt, shoot-through current and diode snap. Faster turn-off of the bottom FETs minimizes turn-off switching losses.
BOARD DESCRIPTION
Evaluation board DEVB151 was designed to be an electronic building block that interfaces a microcontroller to a motor. This board translates HCMOS logic signals, like those from a microprocessor or microcontroller, to motor turning power. DEVB151 can drive a brushed DC motor in both directions or drive one phase of a stepper motor. Four inputs to the board control the gates of H-Bridge configured FETs. The outputs of the board include + and - terminals for the motor and current-sense terminals for each half-bridge. A single voltage power source is all that is required to operate the board. A silk-screen plot and a full schematic are shown in Figures 7 and 8, respectively. The board content is listed in Table 1. All control inputs and current sense outputs are on the left side of the board. Inputs A TOP, A BOT, B TOP, and B BOT each correspond to a similarly labeled power FET and have positive logic. For example, when B TOP is logic 1 its corresponding transistor is on. To prevent an accidental simultaneous conduction of either half-bridge (A TOP=A BOT=1 or B TOP=B BOT=1), protection circuitry was added
to the design. Cross-coupled NAND gates disable the bottom transistor when the top transistor is on. This protection scheme has another advantage. Inputs A BOT and B BOT can be tied together and share the same PWM signal. The logic of the upper transistors determines which bottom transistor is pulse width modulated. Resistors and zeners are additions to the board inputs to deter static damage of the NAND gates. The NAND inputs are directly compatible with 5 volt HCMOS logic and form a direct interface to microcontrollers and microprocessors. The voltages at output terminals A CS and B CS are the representations of the current through each half-bridge, respectively. Current is related to the voltage present at these terminals by a ratio of 100 amps per volt. To incorporate a single-current sense voltage, jumper J1, can be installed. This ties the current sense resistors from each half-bridge together. In this case, the output voltage at A CS or B CS is related to the current by a ratio of 200 amps per volt. The voltage representation of the currents at these terminals is very noisy. To obtain a clean sense voltage, low pass filtering is recommended before sampling. CS GND terminal is ground for the current sense outputs. Along with this ground, two more terminals are labeled ground. One is used for the ground lead from the microcontroller and the other is available as an instrument grounding point. All power connections are on the right side of the board. Power to the board is brought in on the +B and GND terminals. The power outputs to the motor are the +M and - M terminals. The heart of DEVB151 is the MPM3017. The MPM3017 is made up of four N-channel power MOSFETs which have an RDS(on) rating of 40 m maximum, a breakdown voltage of 60 volts and are energy rated. The remainder of operating specifications are listed in Table 2. Application of DEVB151 is shown in the diagram of Figure 9. An 8 bit microcontroller, such as the MC68HC11, can be readily programmed to generate the required signals to operate this evaluation board. This microcontroller contains a general purpose timer used to perform the time-intensive tasks of generating a PWM signal. The cross-coupled NAND gates at the inputs of DEVB151 allow the use of only one PWM signal. The direction signals can simply be outputs from an available parallel port. In Figure 8, two bits of port B are used as the direction signals, and port A, pin 6 is the output carrying the PWM signal.
Table 2. Electrical Characteristics
AAAAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAA A
Characteristic Symbol +B Min 18 Typ Max 48 30 8 Units Volts Input voltage Peak motor current IPK IC Amps Amps Volts Volts Continuous motor current Minimum logic 1 input voltage VIH VIL PD 2.7 2.0 Maximum logic 0 input voltage Power dissipation Sense voltage 7 Watts mV/A Vsense 10 * Additional heat sinking will increase the maximum power dissipation rating. AN1319 MOTOROLA 7
Atop Btop Abot
+B
PB0 PA6
dir pwm
+M -M
Bbot
GND
MC68HC11
DEVB151
Figure 9. Application Block Diagram
CONCLUSIONS
N-channel half-bridges increase performance of motor drive systems over that of complementary half-bridges. However, the dynamic issues of the design remain constant for both topologies. Shoot-through current and diode snap are managed by relatively simple circuit solutions. These circuit solutions stem from the optimization of the gate impedances for separate turn-on and turn-off speeds. The additional voltage needed to drive the upper half of the N-channel half-bridges above the motor voltage is derived from a charge pump. DEVB151 is more efficiently used if the bottom transistors are pulse-width modulated rather than the upper transistors. The top transistors can be pulse-width modulated, however, due to limitations of the high-side gate drive, top FET turn-on speed is slower than that of the bottom FETs. The slower turn-on speed leads to greater switching losses. Losses in the charge pump circuitry limit the low end supply voltage to 15 volts, therefore DEVB151 does not address the 12 volt market. However, implementing a voltage tripler, a modified charge pump, will allow operation down to 12 volts.
Looking at DEVB151 as a building block between a microcontroller and a motor, the board is kept simple and is protected from accidental misuse. DEVB151 only needs a single voltage source from which different voltage levels are supplied to the various internal devices. The cross-coupled NAND gates prohibit the user from accidentally destroying the power transistors on the board. All inputs and outputs are clearly labeled and are fairly self-explanatory.
REFERENCES
1) Berringer, Ken, "One-Horsepower Off-Line Brushless Permanent Magnet Motor Drive," Power Conversion and Intelligent Motion, June 1990 2) Schultz, Warren, "Interfacing Microcomputers to Fractional Horsepower Motors," Motorola Application Note AN1300 3) Schultz, Warren, "Drive Techniques for High Side N-Channel MOSFETs," Power Conversion and Intelligent Motion, June 1987 4) Motorola Power MOSFET Transistor Data, DL135 Rev 3, 1989
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141 Japan. ASIA-PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, ASIA-PACIFIC: Tai Po, N.T., Hong Kong.
8
MOTOROLA
IIII I IIIII II IIIII III I IIII III I
+ -
PB1
dir
IIIIIIIIIII IIIIIIIIIII IIIIIIIIIIII I IIIIIIIIIIII I IIIIIIIIIIII I IIIIIIIIIII IIIIIIIIIII
IIIIIII IIIIIII IIIIIII IIIIIII IIIIIII IIIIIII IIIIIII
Brushed DC Motor
*AN1319/D*
AN1319/D AN1319
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of MC78L05ACDR2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X