Part Number Hot Search : 
TA014 SW20N70K V03HK AD730 NJM29 B1340 NCP4681 2SA1738R
Product Description
Full Text Search
 

To Download MAX6499 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3778; Rev 0; 7/05
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
General Description
The MAX6495-MAX6499 is a family of small, low-current, overvoltage-protection circuits for high-voltage transient systems such as those found in automotive and industrial applications. These devices monitor the input voltage and control an external n-channel MOSFET switch to isolate the load at the output during an input overvoltage condition. The MAX6495-MAX6499 operate over a wide supply voltage range from +5.5V to +72V. The gate of the n-channel MOSFET is driven high while the monitored input is below the user-adjustable overvoltage threshold. An integrated charge-pump circuit provides a 10V gate-to-source voltage to fully enhance the n-channel MOSFET. When the input voltage exceeds the user-adjusted overvoltage threshold, the gate of the MOSFET is quickly pulled low, disconnecting the load from the input. In some applications, disconnecting the output from the load is not desirable. In these cases, the protection circuit can be configured to act as a voltage limiter where the GATE output sawtooths to limit the voltage to the load (MAX6495/ MAX6496/MAX6499). The MAX6496 supports lower input voltages and reduces power loss by replacing the external reverse battery diode with an external series p-channel MOSFET. The MAX6496 generates the proper bias voltage to ensure that the p-channel MOSFET is on during normal operations. The gate-to-source voltage is clamped during load-dump conditions, and the p-channel MOSFET is off during reverse-battery conditions. The MAX6497/MAX6498 feature an open-drain, undedicated comparator that notifies the system if the output falls below the programmed threshold. The MAX6497 keeps the MOSFET switch latched off until either the input power or the SHDN pin is cycled. The MAX6498 will autoretry when VOVSET falls below 130mV. These devices are available in small, thermally enhanced, 6-pin and 8-pin TDFN packages and are fully specified from -40C to +125C.
Features
Wide Supply Voltage Range: +5.5V to +72V Overvoltage-Protection Switch Controller Allows User to Size External n-Channel MOSFETs Fast Gate Shutoff During Overvoltage with 100mA Sink Capability Internal Charge-Pump Circuit Ensures 10V Gate-to-Source Enhancement for Low RDS(ON) Performance n-Channel MOSFET Latches Off After an Overvoltage Condition (MAX6497/MAX6499) Adjustable Overvoltage Threshold Thermal Shutdown Protection Supports Series p-Channel MOSFET for ReverseBattery Voltage Protection (MAX6496) POK Indicator (MAX6497/MAX6498) Adjustable Undervoltage Threshold (MAX6499) -40C to +125C Operating Temperature Range Small, 3mm x 3mm TDFN Package
MAX6495-MAX6499
Ordering Information
PART MAX6495ATT+T MAX6496ATA+T TEMP RANGE -40C to +125C -40C to +125C PINPACKAGE 6 TDFN-6 8 TDFN-8 TOP MARK AJM AOF
Ordering Information continued at end of data sheet. +Denotes lead-free package. Selector Guide appears at end of data sheet.
Pin Configurations
TOP VIEW
OUTFB 6 GATE 5 GND 4
Applications
Automotive Industrial Telecom/Servers/Networking FireWire(R) Notebook Computers
1 IN
MAX6495
2 SHDN
3 OVSET
3mm x 3mm TDFN
FireWire is a registered trademark of Apple Computer, Inc.
Pin Configurations continued at end of data sheet. 1
________________________________________________________________ Maxim Integrated Products
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET MAX6495-MAX6499
ABSOLUTE MAXIMUM RATINGS
(All pins referenced to GND.) IN, GATE, GATEP ...................................................-0.3V to +80V SHDN, CLEAR .............................................-0.3V to (VIN + 0.3V) POK, OUTFB ..........................................................-0.3V to +80V GATE to OUTFB .....................................................-0.3V to +12V GATEP to IN ...........................................................-12V to +0.3V OVSET, UVSET, POKSET .......................................-0.3V to +12V Current Sink/Source (All Pins).............................................50mA All Other Pins to GND ..................................-0.3V to (VIN + 0.3V) Continuous Power Dissipation (TA = +70C) 6-Pin TDFN (derate 18.2mW/C above +70C) .........1455mW 8-Pin TDFN (derate 18.2mW/C above +70C) .........1455mW Operating Temperature Range .........................-40C to +125C Junction Temperature ......................................................+150C Storage Temperature Range .............................-60C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VIN = 14V, CGATE = 6nF, TA = -40C to +125C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER Supply Voltage Range SYMBOL VIN SHDN = high SHDN = low (MAX6497/MAX6498/ MAX6499) SHDN = low (MAX6495/MAX6496) IN Undervoltage Lockout IN Undervoltage Lockout Hysteresis OVSET Threshold Voltage (MAX6495/MAX6496) OVSET Threshold Hysteresis (MAX6495/MAX6496) OVSET Threshold Voltage (MAX6497/MAX6498) OVSET Threshold Voltage (MAX6499) UVSET Threshold Voltage (MAX6499) OVSET/UVSET Threshold Hysteresis (MAX6499) POKSET Threshold Voltage (MAX6497/MAX6498) POKSET Threshold Hysteresis (MAX6497/ MAX6498) OVSET, UVSET, POKSET Input Current Startup Response Time GATE Rise Time VTH+ VTHVHYST VTH+ VTHVTH+ VTHVTH+ VTHVHYST VIN rising, enables GATE VIN falling, disables GATE OVSET rising OVSET falling OVSET falling OVSET rising OVSET falling OVSET rising OVSET falling UVSET rising UVSET falling OVSET falling 1.22 1.22 1.22 0.494 1.22 4.75 CONDITIONS MIN 5.5 100 15 24 5 155 1.24 1.18 5 0.505 0.13 1.24 1.18 1.24 1.18 5 1.24 1.18 5 1.26 1.26 1.26 0.518 1.26 TYP MAX 72.0 150 24 32 5.25 V mV V % V V V % V A UNITS V
Input Supply Current
IIN
No load
VPOKSET+ POKSET rising VPOKSET- POKSET falling VHYST POKSET falling
%
ISET tSTART SHDN rising (Note 2) GATE rising from GND to VOUTFB + 8V, OUTFB = GND
-50 100 1
+50
nA s ms
2
_______________________________________________________________________________________
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 14V, CGATE = 6nF, TA = -40C to +125C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER OVSET to GATE Propagation Delay UVSET to GATE, POKSET to POK Propagation Delay GATE Output High Voltage GATE Output Low Voltage GATE Charge-Pump Current GATE to OUTFB Clamp Voltage IN to GATEP Output Low Voltage IN to GATEP Clamp Voltage SHDN, CLEAR Logic-High Input Voltage SHDN, CLEAR Logic-Low Input Voltage SHDN Input Pulse Width CLEAR Input Pulse Width SHDN, CLEAR Input Pulldown Current Thermal Shutdown Thermal-Shutdown Hysteresis POKSET to POK Delay (MAX6497/MAX6498) POK Output Low Voltage (MAX6497/MAX6498) POK Leakage Current (MAX6497/MAX6498) VOL VIN 14V, POKSET = GND, ISINK = 3.2mA VIN 2.8V, POKSET = GND, ISINK = 100A VPOKSET = 14V SHDN is Internally pulled down to GND (Note 3) 0.6 VIH VIL 7 0.5 1.0 +160 20 35 0.4 0.4 100 1.4 VOH VOL IGATE VCLMP IGATEP_SINK = 75A, IGATEP_SOURCE = 1A VIN = 24V, IGATEP_SOURCE = 10A SYMBOL tOV CONDITIONS SET rising from VTH - 100mV to VTH + 100mV POKSET, UVSET falling from VTH + 100mV to VTH - 100mV VOUTFB = VIN = 5.5V, RGATE to IN = 1M VOUTFB = VIN, VIN 14V, RGATE to IN = 1M GATE sinking 20mA, OUTFB = GND VIN = 5.5V, GATE sinking 1mA, OUTFB = GND GATE = GND 12 7.5 12 1.4 V 0.4 s s A C C s V nA 100 18 11.7 18 VIN + 8 20 VIN + 3.4 VIN + 3.8 VIN + 4.2 VIN + 10 VIN + 11 1 0.9 MIN TYP MAX 0.6 UNITS s s V V A V V V
MAX6495-MAX6499
Note 1: Specifications to -40C are guaranteed by design and not production tested. Note 2: The MAX6495-MAX6499 power up with the external MOSFET in off mode (VGATE = GND). The external MOSFET turns on tSTART after all input conditions are valid. Note 3: For accurate overtemperature-shutdown performance, place the device in close thermal contact with the external MOSFET.
_______________________________________________________________________________________
3
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET MAX6495-MAX6499
Typical Operating Characteristics
(VIN = +12V, TA = +25C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX6495 toc01
SUPPLY CURRENT vs. TEMPERATURE
SET = GND, GATE ENHANCED 117.5 SUPPLY CURRENT (A) 115.0 112.5 110.0 107.5 105.0
MAX6495 toc02
SHUTDOWN SUPPLY CURRENT vs. SUPPLY VOLTAGE
SHUTDOWN SUPPLY CURRENT (A) SET = GND, SHDN = GND MAX6496 40
MAX6495 toc03
120.0
50
135 SUPPLY CURRENT (A) 110 85 60 35 10 5
SET = GND, GATE ENHANCED
30
20
102.5 100.0 -40 -25 -10 5 20 35 50 65 80 95 110 125 TEMPERATURE (C) 10 5 15 25 35 45 55 65 75 SUPPLY VOLTAGE (V)
15
25
35
45
55
65
75
SUPPLY VOLTAGE (V)
GATE VOLTAGE vs. SUPPLY VOLTAGE
MAX6495 toc04
GATEP VOLTAGE vs. SUPPLY VOLTAGE
MAX6495 toc05
UVLO THRESHOLD vs. TEMPERATURE
5.4 5.3 UVLO THRESHOLD (V) 5.2 5.1 5.0 4.9 4.8 4.7 4.6 FALLING -40 -25 -10 5 20 35 50 65 80 95 110 125 TEMPERATURE (C) RISING SET = GND, IN = OUTFB = SHDN
MAX6495 toc06
12 SET = GND, IN = OUTFB = SHDN 9
12 SET = GND, IN = OUTFB = SHDN 9 VIN - VGATEP (V)
5.5
VGATE - VIN (V)
6
6
3
3
0 5 15 25 35 45 55 65 75 SUPPLY VOLTAGE (V)
0 5 15 25 35 45 55 65 75 SUPPLY VOLTAGE (V)
4.5
SET THRESHOLD vs. TEMPERATURE
MAX6495 toc07
GATE TO OUTFB CLAMP VOLTAGE vs. TEMPERATURE
16.4 16.3 VGATE - VOUTFB (V) 16.2 16.1 16.0 15.9 15.8 15.7 SET = OUTFB = GND IN = SHDN
MAX6495 toc08
1.40 IN = SHDN 1.35 SET THRESHOLD (V) 1.30 1.25 1.20 1.15 FALLING 1.10 RISING
16.5
15.6 15.5 -40 -25 -10 5 20 35 50 65 80 95 110 125 TEMPERATURE (C)
-40 -25 -10 5 20 35 50 65 80 95 110 125 TEMPERATURE (C)
4
_______________________________________________________________________________________
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET MAX6495-MAX6499
Typical Operating Characteristics (continued)
(VIN = +12V, TA = +25C, unless otherwise noted.)
STARTUP WAVEFORM (CIN = 100F, COUT = 10F, ROUT = 100)
MAX6495 toc09
STARTUP FROM SHUTDOWN (CIN = 100F, COUT = 10F, ROUT = 100)
MAX6495 toc10
VIN 10V/div VGATE 10V/div
VSHDN 1V/div VGATE 10V/div
VOUT 10V/div
VOUT 10V/div
400s/div
400s/div
OVERVOLTAGE SWITCH FAULT (CIN = 100F, COUT = 10F, ROUT = 100)
MAX6495 toc11
OVERVOLTAGE LIMITER (CIN = 100F, COUT = 10F, ROUT = 100)
MAX6495 toc12
VIN 20V/div
VIN 20V/div
VGATE 20V/div VGATE 20V/div VOUT 20V/div 200s/div
VOUT 20V/div TRIP THRESHOLD = 28V 400s/div
_______________________________________________________________________________________
5
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET MAX6495-MAX6499
Pin Description
PIN MAX6497/MAX6498
MAX6495
MAX6496
MAX6499
NAME
FUNCTION
1
1
1
1
IN
Positive Supply Voltage. Connect IN to the positive side of the input voltage. Bypass IN with a 10F capacitor to GND. Shutdown Input. Drive SHDN low to force GATE low and turn off the external n-channel MOSFET. Drive SHDN low and then high to reset the overvoltage-condition latch. SHDN is internally pulled to GND with 1A of current. Connect SHDN to IN for normal operation. Overvoltage-Threshold Adjustment Input. Connect OVSET to an external resistive voltage-divider network to adjust the desired overvoltage-disable or overvoltage-limit threshold. Connect the resistor network to the input side (drain) of the n-channel MOSFET for overvoltage switch turn-off applications or to the output side (source) of the n-channel MOSFET for overvoltage-limiting applications (MAX6495/MAX6496/MAX6499). Ground Gate-Driver Output. Connect GATE to the gate of the external n-channel MOSFET switch. GATE is the output of a charge pump with a 100A pullup current to 10V (typ) above IN during normal operation. GATE is quickly clamped to OUTFB during an overvoltage condition. GATE pulls low when SHDN is low. Output-Voltage-Sense Input. Connect OUTFB to the source of the external n-channel MOSFET switch. p-Channel Gate-Driver Output. Connect GATEP to the gate of an external p-channel MOSFET to provide low-drop reverse-voltage protection. GATEP is biased to ensure that the p-channel MOSFET is on during normal operating modes, the gate-to-source is not overstressed during load-dump/overvoltage conditions, and the p-channel MOSFET is off during reverse-battery conditions. No Connection. Not internally connected. Power-OK Output. POK is an open-drain output. POK remains low while POKSET is below the internal POKSET threshold. POK goes high impedance when POKSET goes above the internal POKSET threshold. Connect POK to an external pullup resistor. Power-OK Threshold-Adjustment Input. POK remains low while POKSET is below the internal POKSET threshold (1.18V). POK goes high impedance when POKSET goes above the internal POKSET threshold (1.24V). Connect a resistive divider from OUTFB to POKSET to adjust the desired undervoltage threshold. Latch Clear Input. Connect CLEAR to a logic-high to latch the device off after an overvoltage condition. With OVSET below VTH, pulse CLEAR low (5s typ) to reset the output latch. Connect CLEAR to GND to make the latch transparent. Undervoltage-Threshold Adjustment Input. Connect UVSET to an external resistive voltage-divider network to adjust the desired undervoltage threshold. Exposed Pad. EP is internally connected to GND. Connect EP to the ground plane to provide a low thermal-resistance path from the IC junction to the PC board. Do not use as the primary electrical connection to GND.
2
2
2
2
SHDN
3
3
3
3
OVSET
4
5
5
5
GND
5
6
6
6
GATE
6
7
7
7
OUTFB
--
4
--
--
GATEP
-- --
8 --
-- 4
-- --
N.C. POK
--
--
8
--
POKSET
--
--
--
4
CLEAR
--
--
--
8
UVSET
EP
EP
EP
EP
EP
6
_______________________________________________________________________________________
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Detailed Description
Overvoltage Monitoring
When operating in overvoltage mode, the MAX6495- MAX6499 feedback path (Figure 1) consists of IN, OVSET's internal comparator, the internal gate charge pump, and the external n-channel MOSFET, resulting in a switch-on/off function. When the programmed overvoltage threshold is tripped, the internal fast comparator turns off the external MOSFET, clamping GATE to OUTFB within 0.5s and disconnecting the power source from the load. When IN decreases below the adjusted overvoltage threshold, the MAX6495-MAX6499 slowly enhance GATE above OUTFB, reconnecting the load to the power source.
VIN VOUT
MAX6495-MAX6499
GATE IN OUTFB
R1 OVSET R2
MAX6495- MAX6499
GND
Overvoltage Limiter (MAX6495/MAX6496/MAX6499)
When operating in overvoltage-limiter mode, the MAX6495/MAX6496/MAX6499 feedback path (Figure 2) consists of OUTFB, OVSET's internal comparator, the internal gate charge pump, and the external n-channel MOSFET, resulting in the external MOSFET operating as a voltage regulator. During normal operation, GATE is enhanced 10V above OUTFB. The external MOSFET source voltage is monitored through a resistive divider between OUTFB and OVSET. When OUTFB rises above the adjusted overvoltage threshold, an internal comparator sinks the charge-pump current, discharging the external GATE, regulating OUTFB at the OVSET overvoltage threshold. OUTFB remains active during the overvoltage transients and the MOSFET continues to conduct during the overvoltage event, operating in switched-linear mode. As the transient begins decreasing, OUTFB fall time will depend on the MOSFET's GATE charge, the internal charge-pump current, the output load, and the tank capacitor at OUTFB. For fast-rising transients and very large-sized MOSFETs, add an additional bypass capacitor from GATE to GND to reduce the effect of the fast-rising voltages at IN. The external capacitor acts as a voltage-divider working against the MOSFET's drain-to-gate capacitance. For a 6000pF gate-to-source capacitance, a 0.1F capacitor at GATE will reduce the impact of the fast-rising VIN input. Caution must be exercised when operating the MAX6495/MAX6496/MAX6499 in voltage-limiting mode for long durations. If the VIN is a DC voltage greater than the MOSFET's maximum gate voltage, the MOSFET dissipates power continuously. To prevent damage to the external MOSFET, proper heatsinking should be implemented.
Figure 1. Overvoltage Threshold (MAX6495-MAX6499)
VIN COUT GATE IN OUTFB
VOUT
MAX6495 MAX6496 MAX6499
OVSET GND
R1
R2
Figure 2. Overvoltage-Limiter Protection Switch Configuration
GATE Voltage
The MAX6495-MAX6499 use a high-efficiency charge pump to generate the GATE voltage. Upon VIN exceeding the 5V (typ) UVLO threshold, GATE enhances 10V above VIN (for VIN 14V) with a 100A pullup current. An overvoltage condition occurs when the voltage at OVSET goes above its V TH+ threshold. When the threshold is crossed, GATE falls to OUTFB within 0.5s with a 100mA pulldown current. The MAX6495-MAX6499 include an internal clamp to OUTFB that ensures GATE is limited to 18V (max) above OUTFB to prevent gateto-source damage of the external MOSFET.
7
_______________________________________________________________________________________
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
The gate cycles during overvoltage-limit and overvoltage-switch modes are quite similar but have distinct characteristics. In overvoltage-switch mode, GATE is enhanced to (VIN + 10V) while the monitored VIN voltage remains below the overvoltage fault threshold (OVSET < V TH+). When an overvoltage fault occurs (OVSET VTH+), GATE is pulled one diode drop below OUTFB, turning off the external MOSFET and disconnecting the load from the input. GATE remains low (MOSFET off) as long as the VIN voltage is above the overvoltage fault threshold. As VIN falls back below the overvoltage fault threshold, GATE is again enhanced to (VIN + 10V). In overvoltage-limit mode, GATE is enhanced to (VIN +10V) while the monitored OUTFB voltage remains below the overvoltage fault threshold (OVSET < VTH+). When an overvoltage fault occurs (OVSET V TH+), GATE is pulled one diode drop below OUTFB until OUTFB drops 5% below the overvoltage fault threshold (MAX6495/MAX6496/MAX6499). GATE is then turned back on until OUTFB reaches the overvoltage fault threshold and GATE is again turned off. GATE cycles in a sawtooth waveform until OUTFB remains below the overvoltage fault threshold and GATE remains constantly on (VIN +10V). The overvoltage limiter's sawtooth GATE output operates the MOSFET in a switched-linear mode while the input voltage remains above the overvoltage fault threshold. The sawtooth frequency depends on the load capacitance, load current, and MOSFET turn-on time (GATE charge current and GATE capacitance). GATE goes high when the following startup conditions are met: VIN is above the UVLO threshold, SHDN is high, an overvoltage fault is not present, and the device is not in thermal shutdown.
MAX6495-MAX6499
R VTRIPLOW = (VTH- ) TOTAL R2 + R3 R VTRIPHIGH = (VTH+ ) TOTAL R3 where RTOTAL = R1 + R2 + R3. Use the following steps to determine the values for R1, R2, and R3: 1) Choose a value for RTOTAL, the sum of R1, R2, and R3. Because the MAX6499 has very high input impedance, RTOTAL can be up to 5M. 2) Calculate R3 based on R TOTAL and the desired upper trip point: R3 = VTH+ x R TOTAL VTRIPHIGH
3) Calculate R2 based on RTOTAL, R3, and the desired lower trip point: (VTH- ) x RTOTAL R2 = - R3 VTRIPLOW 4) Calculate R1 based on RTOTAL, R2, and R3: R1 = RTOTAL - R2 - R3
DC-DC CONVERTER VIN IN OUT GND
Undervoltage Monitoring (MAX6499)
The MAX6499 includes undervoltage and overvoltage comparators for window detection (see Figures 3 and 12). GATE is enhanced and the n-channel MOSFET is on when the monitored voltage is within the selected "window." When the monitored voltage falls below the lower limit (V TRIPLOW ) or exceeds the upper limit (VTRIPHIGH) of the window, GATE falls to OUTFB turning off the MOSFET. The application in Figure 3 shows the MAX6499 enabling the DC-DC converter when the monitored voltage is in the selected window. The resistor values R1, R2, and R3 can be calculated as follows:
R1
IN SHDN UVSET R2 OVSET R3
GATE
OUTFB
MAX6499
CLEAR
GND
Figure 3. MAX6499 Window-Detector Circuit
8
_______________________________________________________________________________________
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Power-OK Output (MAX6497/MAX6498)
POK is an open-drain output that remains low when the voltage at POKSET is below the internal POKSET threshold (1.18V). POK goes high impedance when POKSET goes above the internal POKSET threshold (1.24V). Connect a resistive divider from OUTFB to POKSET to adjust the desired undervoltage threshold. Use a resistor in the 100k range from POKSET to GND to minimize current consumption.
Setting Overvoltage Thresholds
OVSET provides an accurate means to set the overvoltage level for the MAX6495-MAX6499. Use a resistive divider to set the desired overvoltage condition (see Figure 2). OVSET has a rising 1.24V threshold with a 5% falling hysteresis (MAX6495/MAX6496/MAX6499) and a rising 0.505V threshold with a falling 0.15V threshold (MAX6497/MAX6498). Begin by selecting the total end-to-end resistance, RTOTAL = R1 + R2. Choose RTOTAL to yield a total current equivalent to a minimum 100 x ISET (OVSET's input bias current) at the desired overvoltage threshold. For example: With an overvoltage threshold (VOV) set to 20V for the MAX6495/MAX6496/MAX6499, RTOTAL < 20V / (100 x ISET), where ISET is OVSET's 50nA (max) input bias current. RTOTAL < 4M Use the following formula to calculate R2: R2 = VTH+ x R TOTAL VOV
MAX6495-MAX6499
Overvoltage Latch Function
The MAX6497/MAX6499 offers a latch function that prevents the external MOSFET from turning on until the latch is cleared. For the MAX6497, the latch can be cleared by cycling the power on the input IN to a voltage below the undervoltage lockout or by pulling the shutdown input low and then back to a logic-high state. The MAX6499 offers a CLEAR input that latches the n-MOSFET off when CLEAR is high. The latch is removed when the CLEAR input is plused low. Connect CLEAR low to make the latch transparent.
Overvoltage Retry Function
The MAX6498 offers an automatic retry function that tries to enhance the external n-channel MOSFET after the overvoltage condition is removed. When the monitored input voltage detects an overvoltage condition (VSET > VTH+), the n-MOSFET is turned off. The MOSFET stays off until the voltage at VSET falls below its VTH- (typically 0.13V), at which point the output tries to turn on again.
where VTH+ is the 1.24V OVSET rising threshold and VOV is the desired overvoltage threshold. R2 = 246k. Use a 243k standard resistor. R TOTAL = R2 + R1, where R1 = 3.754M. Use a 3.74M standard resistor. A lower value for total resistance dissipates more power but provides slightly better accuracy.
Applications Information
Load Dump
Most automotive applications run off a multicell "12V" lead-acid battery with a nominal voltage that swings between 9V and 16V (depending on load current, charging status, temperature, battery age, etc.). The battery voltage is distributed throughout the automobile and is locally regulated down to voltages required by the different system modules. Load dump occurs when the alternator is charging the battery and the battery becomes disconnected. The alternator voltage regulator is temporarily driven out of control. Power from the alternator flows into the distributed power system and elevates the voltage seen at each module. The voltage spikes have rise times typically greater than 5ms and decays within several hundred milliseconds but can extend out to 1s or more depending on the characteristics of the charging system. These transients are capable of destroying sensitive electronic equipment on the first "fault event."
Reverse-Battery Protection
The MAX6496 is an overvoltage-protection circuit that is capable of driving a p-channel MOSFET to prevent reverse-battery conditions. This MOSFET eliminates the need for external diodes, thus minimizing the input voltage drop (see Figure 7).
Inrush/Slew-Rate Control
Inrush current control can be implemented by placing a capacitor from GATE to GND to slowly ramp up the GATE, thus limiting the inrush current and controlling GATE's slew rate during initial turn-on. The inrush current can be approximated using the following equation: IINRUSH = COUT x IGATE + ILOAD CGATE
where IGATE is GATE's 100A sourcing current, ILOAD is the load current at startup, and COUT is the output capacitor.
9
_______________________________________________________________________________________
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET MAX6495-MAX6499
MOSFET Selection
Select external MOSFETs according to the application current level. The MOSFET's on-resistance (RDS(ON)) should be chosen low enough to have a minimum voltage drop at full load to limit the MOSFET power dissipation. Determine the device power rating to accommodate an overvoltage fault when operating the MAX6495/MAX6496/MAX6499 in overvoltage-limit mode. During normal operation, the external MOSFET dissipates little power. The power dissipated in the MOSFET during normal operation is: P = ILOAD2 x RDS(ON) where P is the power dissipated in the MOSFET, ILOAD is the output load current, and RDS(ON) is the drain-tosource resistance of the MOSFET. Most power dissipation in the MOSFET occurs during a prolonged overvoltage event when operating the MAX6495/MAX6496/MAX6499 in voltage-limiter mode. The power dissipated across the MOSFET is as follows (see the Thermal Shutdown in Overvoltage-Limiter Mode section): P = VDS x ILOAD where VDS is the voltage across the MOSFET's drain and source. Thermal Shutdown in Overvoltage-Limiter Mode When operating the MAX6495/MAX6496/MAX6499 in overvoltage-limit mode for a prolonged period of time, a thermal shutdown is possible. The thermal shutdown is dependent on a number of different factors: * The device's ambient temperature * The output capacitor (COUT) * The output load current (IOUT) * The overvoltage threshold limit (VOV) * The overvoltage waveform period (tOV) * The power dissipated across the package (PDISS) During an initial overvoltage occurrence, the discharge time (t1) of COUT, caused by IOUT and IGATEPD. The discharge time is approximately: t1 = COUT VOV x 0.95 (IOUT + IGATEPD )
Thermal Shutdown
The MAX6495-MAX6499 thermal-shutdown feature turns off GATE if it exceeds the maximum allowable thermal dissipation. Thermal shutdown also monitors the PC board temperature of the external n-channel MOSFET when the devices sit on the same thermal island. Good thermal contact between the MAX6495- MAX6499 and the external n-channel MOSFET is essential for the thermal-shutdown feature to operate effectively. Place the n-channel MOSFET as close to possible to OUTFB. When the junction temperature exceeds TJ = +160C, the thermal sensor signals the shutdown logic, turning off the GATE output and allowing the device to cool. The thermal sensor turns the GATE on again after the IC's junction temperature cools by 20C. Thermal-overload protection is designed to protect the MAX6495- MAX6499 and the external MOSFET in the event of current-limit fault conditions. For continuous operation, do not exceed the absolute maximum junction-temperature rating of TJ = +150C.
where VOV is the overvoltage threshold, IOUT is the load current, and IGATEPD is the GATE's 100mA pulldown current. Upon OUT falling below the threshold point, the MAX6495/MAX6496/MAX6499s' charge-pump current must recover and begins recharging the external GATE voltage. The time needed to recharge GATE from -VD to the MOSFET's gate threshold voltage is: t 2 = CISS VGS(TH) + VD IGATE
where C ISS is the MOSFET's input capacitance, VGS(TH) is the MOSFET's gate threshold voltage, VD is the internal clamp (from OUTFB to GATE) diode's forward voltage and IGATE is the charge-pump current (100A typ).
GATE
t2
OUTFB
t1 tOV
t3
Figure 4. MAX6495/MAX6496/MAX6499 Timing
10
______________________________________________________________________________________
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
During t2, COUT loses charge through the output load. The voltage across C OUT (V 2) decreases until the MOSFET reaches its V GS(TH) threshold and can be approximated using the following formula: V2 = IOUT t 2 COUT The total period of the overvoltage waveform can be summed up as follows: tOV = t1 + t2 + t3 The MAX6495/MAX6496/MAX6499 dissipate the most power during an overvoltage event when IOUT = 0. The maximum power dissipation can be approximated using the following equation: PDISS = VOV x 0.975 x IGATEPD x t1 t OV
MAX6495-MAX6499
Once the MOSFET VGS(TH) is obtained, the slope of the output-voltage rise is determined by the MOSFET Qg charge through the internal charge pump with respect to the drain potential. The new rise time needed to reach a new overvoltage event can be calculated using the following formula: t 3 QGD VOUT VGS IGATE
where QGD is the gate-to-drain charge.
The die-temperature increase is related to JC (8.3C/W and 8.5C/W for the MAX6495/MAX6496/MAX6499, respectively) of the package when mounted correctly with a strong thermal contact to the circuit board. The MAX6495/MAX6496/MAX6499 thermal shutdown is governed by the equation: TJ = TA + PDISS x JC < +170C
Typical Application Circuits
DC-DC CONVERTER IN OUT GND GATE OUTFB 12V IN OUTFB DC-DC CONVERTER IN OUT GND
GATE 12V IN IN
MAX6495
SHDN OVSET GND SHDN
MAX6496
GATEP GND
OVSET
Figure 5. Overvoltage Limiter (MAX6495)
Figure 6. Overvoltage Limiter with Low-Voltage-Drop ReverseProtection Circuit (MAX6496)
______________________________________________________________________________________
11
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET MAX6495-MAX6499
Typical Application Circuits (continued)
DC-DC CONVERTER IN OUT EN GND GATE 12V IN SHDN OUTFB POKSET
DC-DC CONVERTER 12V IN OUT GND
IN R1 SHDN UVSET R2 OVSET R3
GATE
OUTFB
MAX6497 MAX6498
OVSET POK GND
MAX6499
CLEAR
GND
Figure 7. Overvoltage Protection to a DC-DC Converter (MAX6497/MAX6498)
Figure 8. Overvoltage and Undervoltage Window Detector (MAX6499)
Functional Diagrams
IN IN THERMAL PROTECTION UVLO 10V CHARGE PUMP GATE 1.24V 1.24V OUTFB SHDN GATEP 10V SHDN OUTFB 5V IGATEP_SOURCE OVSET GATE 10V CHARGE PUMP THERMAL PROTECTION UVLO
5V OVSET
MAX6495
GND
MAX6496
GND
Figure 9. Functional Diagram (MAX6495) 12
Figure 10. Functional Diagram (MAX6496)
______________________________________________________________________________________
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET MAX6495-MAX6499
Functional Diagrams (continued)
IN THERMAL PROTECTION UVLO 10V CHARGE PUMP OVSET GATE 0.505V OUTFB UVSET SHDN POKSET POK 1.24V SHDN 1.24V OUTFB GATE 5V UVLO 10V CHARGE PUMP IN THERMAL PROTECTION
5V OVSET
MAX6497 MAX6498
1.24V
MAX6499
CLEAR GND
GND
Figure 11. Functional Diagram (MAX6497/MAX6498)
Figure 12. Functional Diagram (MAX6499)
Selector Guide
PART MAX6495 MAX6496 MAX6497 MAX6498 MAX6499 FUNCTION OV Switch/Limiter OV Switch/Limiter OV Switch OV Switch OV/UV Switch/Limiter p-CHANNEL DRIVER -- Yes -- -- -- POK FUNCTION -- -- Yes Yes -- UNDERVOLTAGE -- -- -- -- Yes LATCH/ AUTORETRY -- -- Latch Autoretry Latch PACKAGE CODE T633-1 T833-1 T833-1 T833-1 T833-1
______________________________________________________________________________________
13
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET MAX6495-MAX6499
Ordering Information (continued)
PART MAX6497ATA+T MAX6498ATA+T MAX6499ATA+T TEMP RANGE -40C to +125C -40C to +125C -40C to +125C PINPACKAGE 8 TDFN-8 8 TDFN-8 8 TDFN-8 TOP MARK AOC AOD AOE
Chip Information
PROCESS: BiCMOS
+Denotes lead-free package.
Pin Configurations (continued)
TOP VIEW
N.C. OUTFB GATE GND 8 7 6 5 POKSET OUTFB GATE GND 8 7 6 5
MAX6496
MAX6497 MAX6498
1 IN
2
3
4
1 IN
2
3
4
SHDN OVSET GATEP
SHDN OVSET POK
3mm x 3mm TDFN
3mm x 3mm TDFN
UVSET OUTFB GATE GND 8 7 6 5
MAX6499
1 IN
2
3
4
SHDN OVSET CLEAR
3mm x 3mm TDFN
14
______________________________________________________________________________________
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
MAX6495-MAX6499
D2 D A2
N
PIN 1 ID
0.35x0.35 b
PIN 1 INDEX AREA
E DETAIL A
E2 e
[(N/2)-1] x e REF.
A1
k
C L
C L
A
L e e
L
PACKAGE OUTLINE, 6,8,10 & 14L, TDFN, EXPOSED PAD, 3x3x0.80 mm
-DRAWING NOT TO SCALE-
21-0137
G
1
2
______________________________________________________________________________________
15
6, 8, &10L, DFN THIN.EPS
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET MAX6495-MAX6499
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
COMMON DIMENSIONS SYMBOL A D E A1 L k A2 MIN. 0.70 2.90 2.90 0.00 MAX. 0.80 3.10 3.10 0.05
0.20 0.40 0.25 MIN. 0.20 REF.
PACKAGE VARIATIONS PKG. CODE T633-1 T633-2 T833-1 T833-2 T833-3 T1033-1 T1433-1 T1433-2 N 6 6 8 8 8 10 14 14 D2 1.500.10 1.500.10 1.500.10 1.500.10 1.500.10 1.500.10 1.700.10 1.700.10 E2 2.300.10 2.300.10 2.300.10 2.300.10 2.300.10 2.300.10 2.300.10 2.300.10 e 0.95 BSC 0.95 BSC 0.65 BSC 0.65 BSC 0.65 BSC 0.50 BSC 0.40 BSC 0.40 BSC JEDEC SPEC MO229 / WEEA MO229 / WEEA MO229 / WEEC MO229 / WEEC MO229 / WEEC MO229 / WEED-3 ------b 0.400.05 0.400.05 0.300.05 0.300.05 0.300.05 0.250.05 0.200.05 0.200.05 [(N/2)-1] x e 1.90 REF 1.90 REF 1.95 REF 1.95 REF 1.95 REF 2.00 REF 2.40 REF 2.40 REF
DOWNBONDS ALLOWED
NO NO NO NO YES NO YES NO
PACKAGE OUTLINE, 6,8,10 & 14L, TDFN, EXPOSED PAD, 3x3x0.80 mm
-DRAWING NOT TO SCALE-
21-0137
G
2
2
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2005 Maxim Integrated Products
Heaney
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX6499

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X