|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
19-3047; Rev 0; 10/03 KIT ATION EVALU ABLE AVAIL TFT-LCD Power-Supply Controllers General Description Features 2.7V to 5.5V Input Supply Range Input-Supply Undervoltage Lockout Current-Mode Step-Up Controller Fast Transient Response to Pulsed Load High Efficiency Lossless Current Sensing 430kHz/750kHz/1.5MHz Switching Frequency Linear-Regulator Controllers for VGON, VGOFF Linear-Regulator Controller for Logic Supply High-Performance Buffer Amplifier (MAX1513 Only) Additional Linear-Regulator Controller (MAX1513 Only) Power-Up Sequence and VGON Delay Control VMAIN, VGON, VGOFF, VGAMMA Shutdown Control Timer-Delay Fault Latch for All Outputs Thermal-Overload Protection MAX1513/MAX1514 The MAX1513/MAX1514 provide complete power-supply solutions for active-matrix thin-film transistor (TFT) liquid-crystal displays (LCDs). Both devices include a high-performance step-up regulator controller, three linear-regulator controllers, and an adjustable delay block for startup sequencing. The MAX1513 includes an additional linear-regulator controller and a high-performance buffer amplifier. The MAX1513/MAX1514 can operate from 2.7V to 5.5V input supplies and provide overload protection with timer delay latch on all the regulated outputs. The step-up regulator controller drives an external Nchannel MOSFET to generate the regulated supply voltage for the panel source-driver ICs. Its current-mode control architecture provides fast transient response to pulsed loads. The high switching frequency (up to 1.5MHz) allows the use of ultra-small inductors and ceramic capacitors while achieving efficiencies over 85% using lossless current sensing. The internal soft-start limits the input surge current during startup. The gate-on and gate-off linear-regulator controllers of the MAX1513/MAX1514 provide regulated TFT gate-on and gate-off supplies. The gate-on supply is activated after an adjustable delay following the step-up regulator. The logic linear-regulator controller can be used to create a low-voltage logic supply. The gamma linear-regulator controller of the MAX1513 can be used to generate a gamma-correction reference supply or another generalpurpose supply rail. The MAX1513's high-performance buffer amplifier can drive the LCD backplane (VCOM) or the gamma-correction divider string. The MAX1513/MAX1514 are available in 4mm 4mm 20-pin thin QFN packages with a maximum thickness of 0.8mm, suitable for ultra-thin LCD panel design. Ordering Information PART MAX1513ETP MAX1514ETP TEMP RANGE -40C to +85C -40C to +85C PIN-PACKAGE 20 Thin QFN 4mm x 4mm 20 Thin QFN 4mm x 4mm Minimal Operating Circuit VIN IN CS+ CSSDFR GATE GND FB VMAIN DEL Applications Notebook Computer Displays LCD Monitors and TVs Automotive Displays VMAIN DRVG VGAMMA FBG VLOGIC DRVL FBL MAX1513 MAX1514 DRVP FBP VGON SUPB DRVN FBPB FBN VGOFF Pin Configuration appears at end of data sheet. TO VCOM OUTB REF ________________________________________________________________ Maxim Integrated Products 1 For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com. TFT-LCD Power-Supply Controllers MAX1513/MAX1514 ABSOLUTE MAXIMUM RATINGS FB, FBP, FBN, FBG, FBL, IN, CS+, CS-, SDFR to GND ...............................................-0.3V to +6V DEL, GATE, REF to GND .............................-0.3V to (VIN + 0.3V) SUPB to GND .........................................................-0.3V to +14V OUTB, FBPB to GND ..............................-0.3V to (VSUPB + 0.3V) DRVP, DRVG, DRVL to GND ..................................-0.3V to +30V DRVN to GND .....................................(VIN - 28V) to (VIN + 0.3V) OUTB Continuous Output Current ....................................75mA Continuous Power Dissipation (TA = +70C) 20-Pin TQFN (derate 16.9mW/C above +70C) .......1349mW Operating Temperature Range ...........................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ELECTRICAL CHARACTERISTICS (Circuit of Figure 1, VIN = 3V, VSUPB = 10V, SDFR = IN, CREF = 0.22F, TA = 0C to +85C. Typical values are at TA = +25C, unless otherwise noted.) PARAMETER IN Supply Range IN Undervoltage-Lockout Threshold IN Quiescent Current IN Shutdown Current REF Output Voltage Thermal Shutdown Duration to Trigger Fault Latch MAIN STEP-UP CONTROLLER SDFR = IN Operating Frequency Oscillator Maximum Duty Cycle FB Regulation Voltage FB Fault Trip Level FB Load Regulation FB Line Regulation FB Input Bias Current CS+ Input Current CS- Input Current Current-Limit Threshold Gate-Drive Output Soft-Start Period Soft-Start Step Size GATE-ON LINEAR-REGULATOR CONTROLLER (REG P) FBP Regulation Voltage FBP Fault Trip Level FBP Input Bias Current VFBP IDRVP = 50A VFBP falling VFBP = 1.5V 1.225 0.96 -250 1.250 1.00 1.275 1.04 +250 V V nA tSS VFB VCS+ - VCS- = 0 VFB falling 0 < (VCS+ - VCS-) < 50mV VIN = 2.7V to 5.5V VFB = 1.5V 2.2V < VCS+ < 6V 2.2V < VCS- < 6V VCS+ - VCS-, 2.2V < VCS+ < 6V High or low -1 100 125 3 2.7 VREF / 128 -100 fOSC SDFR = REF SDFR = unconnected 80 1.237 0.96 1.275 0.60 1.500 0.75 0.43 85 1.25 1.00 -1 0.1 0.2 +100 90 +1 150 5 90 1.263 1.04 % V V % %/V nA A A mV ms V 1.725 0.90 MHz SYMBOL VIN VUVLO IIN 350mV typical hysteresis VIN rising VIN falling CONDITIONS MIN 2.7 2.5 2.2 2.7 2.35 TYP MAX 5.5 2.9 2.5 1.25 150 1.231 1.250 +160 15 43.6 1.269 UNITS V V mA A V C ms VFB = VFBP = VFBL = VFBG = 1.5V, VFBN = 0 VSDFR = 0, VFBL = 1.5V -2A < IREF < 100A, 2.7V < VIN < 5.5V Temperature rising Hysteresis 2 _______________________________________________________________________________________ TFT-LCD Power-Supply Controllers ELECTRICAL CHARACTERISTICS (continued) (Circuit of Figure 1, VIN = 3V, VSUPB = 10V, SDFR = IN, CREF = 0.22F, TA = 0C to +85C. Typical values are at TA = +25C, unless otherwise noted.) PARAMETER FBP Effective Load-Regulation Error (Transconductance) FBP Line (IN)-Regulation Error DRVP Sink Current DRVP Off-Leakage Current DEL Charge Current DEL Turn-On Threshold DEL Discharge Switch On-Resistance Soft-Start Period Soft-Start Step Size GAMMA LINEAR-REGULATOR CONTROLLER (REG G, MAX1513 ONLY) FBG Regulation Voltage FBG to FB Regulation Voltage Matching FBG Fault Trip Level FBG Input Bias Current FBG Effective Load-Regulation Error (Transconductance) FBG Line (IN)-Regulation Error DRVG Sink Current DRVG Off-Leakage Current Soft-Start Period Soft-Start Step Size LOGIC LINEAR-REGULATOR CONTROLLER (REG L) FBL Regulation Voltage FBL Fault Trip Level FBL Input Bias Current FBL Effective Load-Regulation Error (Transconductance) FBL Line (IN)-Regulation Error DRVL Sink Current DRVL Off-Leakage Current Soft-Start Period Soft-Start Step Size tSS IFBL VFBL IDRVL = 0.8mA VFBL falling VFBL = 1.5V VDRVL = 3V, IDRVL = 0.4mA to 8mA IDRVL = 1mA, 2.7V < VIN < 5.5V VFBL = 1.1V, VDRVL = VIN VFBL = 1.5V, VDRVL = 28V 15 20 0.15 2.7 VREF / 128 10 1.225 0.96 -250 -1.5 1.250 1.00 1.275 1.04 +250 -2 8 V V nA % mV mA A ms V tSS IDRVG VFBG IDRVG = 0.35mA IDRVG = 0.5mA, VCS+ - VCS- = 0 VFBG falling VFBG = 1.5V VDRVG = 10V, IDRVG = 0.175mA to 3.5mA IDRVG = 0.5mA, 2.7V < VIN < 5.5V VFBG = 1.1V, VDRVG = 10V VFBG = 1.5V, VDRVG = 28V 5 0.15 2.7 VREF / 128 10 1.235 -1.2 0.96 -250 -1.5 1.00 1.250 1.265 +1.2 1.04 +250 -2 5 V % V nA % mV mA A ms V tSS VTH(DEL) VIN = 3.0V, VFB = 0.8V IDRVP SYMBOL CONDITIONS VDRVP = 10V, IDRVP = 25A to 500A IDRVP = 50A, 2.7V < VIN < 5.5V VFBP = 1.1V, VDRVP = 10V VFBP = 1.5V, VDRVP = 28V During startup, VDEL = 1.0V 4 1.19 1 0.15 5 1.25 15 2.7 VREF / 128 10 6 1.31 MIN TYP -1.5 MAX -2 8 UNITS % mV mA A A V ms V MAX1513/MAX1514 _______________________________________________________________________________________ 3 TFT-LCD Power-Supply Controllers MAX1513/MAX1514 ELECTRICAL CHARACTERISTICS (continued) (Circuit of Figure 1, VIN = 3V, VSUPB = 10V, SDFR = IN, CREF = 0.22F, TA = 0C to +85C. Typical values are at TA = +25C, unless otherwise noted.) PARAMETER FBN Regulation Voltage FBN Fault Trip Level FBN Input Bias Current FBN Effective Load-Regulation Error (Transconductance) FBN Line (IN)-Regulation Error DRVN Source Current DRVN Off-Leakage Current Soft-Start Period Soft-Start Step Size BUFFER AMPLIFIER SUPB Supply Range SUPB Supply Current FBPB Input Offset Voltage FBPB Input Bias Current FBPB Input Common-Mode Range Common-Mode Rejection Ratio Output-Voltage-Swing High Output-Voltage-Swing Low Short-Circuit Current Power-Supply Rejection Ratio Slew Rate -3dB Bandwidth CONTROL INPUTS AND OUTPUTS SDFR = IN (1.5MHz operation) SDFR Input Level SDFR = unconnected (430kHz operation) SDFR = REF (750kHz operation) SDFR = GND (LCD shutdown) SDFR = IN SDFR Input Current SDFR = REF SDFR = GND -3.0 -3.0 0.9 x VIN 0.69 x VIN 1.00 0.77 x VIN 1.35 0.5 +3.0 A V RL = 10k, CL = 10pF PSRR DC, 6V VSUPB 13V, VFBPB = 4V VSUPB ISUPB VOS IBIAS VCM CMRR VOH VOL 0 < VFBPB < VSUPB IOUTB = 5mA IOUTB = -5mA 50 60 No load, VFBPB = 4V VFBPB = VSUPB / 2 VFBPB = VSUPB / 2 0 50 VSUPB 150 VSUPB 80 80 150 80 10 12 150 4.5 0.75 0 13.0 1.1 12 50 VSUPB V mA mV nA V dB mV mV mA dB V/s MHz tSS IFBN SYMBOL VFBN IDRVN = 0.2mA VFBN rising VFBN = 0V VDRVN = -10V, IDRVN = 0.1mA to 2mA IDRVN = 0.2mA, 2.7V < VIN < 5.5V VFBN = 0.3V, VDRVN = -10V VFBN = -0.1V, VDRVN = -20V 5 0.1 2.7 VREF / 128 10 CONDITIONS MIN 220 380 -250 18 TYP 250 420 MAX 280 460 +250 25 5 UNITS mV mV nA mV mV mA A ms V GATE-OFF LINEAR-REGULATOR CONTROLLER (REG N) 4 _______________________________________________________________________________________ TFT-LCD Power-Supply Controllers ELECTRICAL CHARACTERISTICS (Circuit of Figure 1, VIN = 3V, VSUPB = 10V, SDFR = IN, CREF = 0.22F, TA = -40C to +85C, unless otherwise noted.) (Note 1) PARAMETER IN Supply Range IN Undervoltage-Lockout Threshold IN Quiescent Current REF Output Voltage MAIN STEP-UP CONTROLLER Operating Frequency FB Regulation Voltage FB Line Regulation FB Input Bias Current CS+ Input Current CS- Input Current Current-Limit Threshold Gate-Drive Output FBP Regulation Voltage FBP Input Bias Current FBP Effective Load-Regulation Error (Transconductance) DRVP Sink Current DEL Turn-On Threshold FBG Regulation Voltage FBG to FB Regulation Voltage Matching FBG Input Bias Current FBG Effective Load-Regulation Error (Transconductance) DRVG Sink Current IDRVG IDRVP VTH(DEL) VFBG IDRVG = 0.5mA IDRVG = 0.5mA, VCS+ - VCS- = 0 VFBG = 1.5V VDRVG = 10V, IDRVG = 0.25mA to 5mA VFBG = 1.1V, VDRVG = 10V 10 VFBP fOSC VFB SDFR = IN SDFR = REF VCS+ - VCS- = 0 VIN = 2.7V to 5.5V VFB = 1.5V 2.2V < VCS+ < 6V 2.2V < VCS- < 6V VCS+ - VCS-, 2.2V < VCS+ < 6V High or low IDRVP = 0.1mA VFBP = 1.5V VDRVP = 10V, IDRVP = 0.05mA to 1mA VFBP = 1.1V, VDRVP = 10V 2 1.19 1.235 -1.2 -250 1.31 1.265 +1.2 +250 -2 1.225 -250 -1 100 -100 1.275 0.60 1.230 1.725 0.90 1.270 0.2 +100 90 +1 150 5 1.275 +250 -2 MHz V %/V nA A A mV V nA % mA V V % nA % mA SYMBOL VIN VUVLO IIN 350mV typical hysteresis VIN rising VIN falling CONDITIONS MIN 2.7 2.5 2.2 TYP MAX 5.5 2.9 2.5 1.25 1.225 1.275 UNITS V V mA V MAX1513/MAX1514 VFB = VFBP = VFBL = VFBG = 1.5V, VFBN = 0 -2A < IREF < 100A, 2.7V < VIN < 5.5V GATE-ON LINEAR-REGULATOR CONTROLLER (REG P) GAMMA LINEAR-REGULATOR CONTROLLER (REG G, MAX1513 ONLY) _______________________________________________________________________________________ 5 TFT-LCD Power-Supply Controllers MAX1513/MAX1514 ELECTRICAL CHARACTERISTICS (continued) (Circuit of Figure 1, VIN = 3V, VSUPB = 10V, SDFR = IN, CREF = 0.22F, TA = -40C to +85C, unless otherwise noted.) (Note 1) PARAMETER FBL Regulation Voltage FBL Input Bias Current FBL Effective Load-Regulation Error (Transconductance) DRVL Sink Current FBN Regulation Voltage FBN Input Bias Current FBN Effective Load-Regulation Error (Transconductance) DRVN Source Current BUFFER AMPLIFIER SUPB Supply Range SUPB Supply Current FBPB Input Offset Voltage FBPB Input Bias Current FBPB Input Common-Mode Range Output-Voltage-Swing High Output-Voltage-Swing Low CONTROL INPUTS AND OUTPUTS SDFR = IN (1.5MHz operation) SDFR Input Level SDFR = unconnected (430kHz operation) SDFR = REF (750kHz operation) SDFR = GND (LCD shutdown) SDFR = IN SDFR Input Current SDFR = REF SDFR = GND -3.0 -3.0 0.9 x VIN 0.69 x VIN 1.00 0.77 x VIN 1.35 0.5 +3.0 A V VSUPB ISUPB VOS IBIAS VCM VOH VOL IOUTB = 5mA IOUTB = -5mA No load, VFBPB = 4V VFBPB = VSUPB / 2 VFBPB = VSUPB / 2 0 VSUPB - 150 150 4.5 13.0 1.1 12 50 VSUPB V mA mV nA V mV mV IFBN IFBL VFBN SYMBOL VFBL IDRVL = 1mA VFBL = 1.5V VDRVL = 3V, IDRVL = 0.5mA to 10mA VFBL = 1.1V, VDRVL = VIN IDRVN = 0.2mA VFBN = 0V VDRVN = -10V, IDRVN = 0.1mA to 2mA VFBN = 0.3V, VDRVN = -10V 5 20 220 -250 280 +250 25 CONDITIONS MIN 1.225 -250 TYP MAX 1.275 +250 -2 UNITS V nA % mA mV nA mV mA LOGIC LINEAR-REGULATOR CONTROLLER (REG L) GATE-OFF LINEAR-REGULATOR CONTROLLER (REG N) Note 1: Specifications to -40C are guaranteed by design, not production tested. 6 _______________________________________________________________________________________ TFT-LCD Power-Supply Controllers MAX1513/MAX1514 Typical Operating Characteristics (Circuit of Figure 1, VIN = 5V, VMAIN = 15V, VGON = 25V, VGOFF = -10V, VLOGIC = 3.3V, VGAMMA = 14.7V, TA = +25C, unless otherwise noted.) STEP-UP EFFICIENCY vs. LOAD CURRENT (1.5MHz) MAX1513/14 toc01 STEP-UP OUTPUT VOLTAGE vs. LOAD CURRENT VIN = 5V VIN = 15V fOSC = 1.5MHz MAX1513/14 toc02 STEP-UP REGULATOR LOAD-TRANSIENT RESPONSE MAX1513/14 toc03 100 VIN = 5.0V 90 EFFICIENCY (%) 80 VIN = 2.7V 70 60 50 40 0 VIN = 3.3V 15.1 15.0 OUTPUT VOLTAGE (V) VMAIN 100mV AC-COUPLED 14.9 IMAIN 500mA/div 0.1A IL 1A/div 0A 0 100 200 300 400 500 600 700 4s/div LOAD CURRENT (mA) 14.8 14.7 14.6 100 200 300 400 500 600 700 800 LOAD CURRENT (mA) STEP-UP REGULATOR PULSED-LOAD-TRANSIENT RESPONSE MAX1513/14 toc04 STEP-UP REGULATOR SOFT-START MAX1513/14 toc05 POWER-UP SEQUENCE MAX1513/14 toc06 VLOGIC 5V/div 0V VMAIN 0V 20V/div VGON 20V/div VMAIN 100mV/div AC-COUPLED VMAIN 5V/div IMAIN 1A/div 0.1A IL 1A/div 0A 4s/div 400s/div 0V 0V 0V VGOFF 10V/div IL 2A/div 0A 4ms/div VGAMMA 20V/div 0V LINEAR REGULATOR REG L LOAD-TRANSIENT RESPONSE MAX1513/14 toc07 BUFFER-AMPLIFIER SUPPLY CURRENT vs. SUPPLY VOLTAGE MAX1513/14 toc08 BUFFER-AMPLIFIER SMALL-SIGNAL STEP RESPONSE MAX1513/14 toc09 1.2 1.0 SUPPLY CURRENT (mA) VLOGIC 50mV/div AC-COUPLED 0.8 0.6 0.4 0.2 0 VFBPB 50mV/div AC-COUPLED ILOGIC 500mA/div 0mA VOUTB 50mV/div AC-COUPLED NO LOAD VFBPB = VSUPB / 2 4 6 8 10 12 14 400ns/div 20s/div SUPPLY VOLTAGE (V) _______________________________________________________________________________________ 7 TFT-LCD Power-Supply Controllers MAX1513/MAX1514 Typical Operating Characteristics (continued) (Circuit of Figure 1, VIN = 5V, VMAIN = 15V, VGON = 25V, VGOFF = -10V, VLOGIC = 3.3V, VGAMMA = 14.7V, TA = +25C, unless otherwise noted.) BUFFER-AMPLIFIER LARGE-SIGNAL STEP RESPONSE MAX1513/14 toc10 BUFFER-AMPLIFIER LOAD-TRANSIENT RESPONSE MAX1513/14 toc11 VFBPB 5V/div AC-COUPLED VOUTB 1V/div AC-COUPLED VOUTB 5V/div AC-COUPLED IOUTB 50mA/div 0mA 1s/div 1s/div Pin Description PIN 1 NAME MAX1513 MAX1514 REF REF FUNCTION Internal Reference. Connect a 0.22F ceramic capacitor from REF to the analog ground plane, which is connected to GND. External load capability is at least 100A. LCD Shutdown and Frequency-Select Input. SDFR = GND, LCD shutdown, REF, buffer amplifier and the logic regulator (REG L) output stay on SDFR = IN, 1.5MHz switching frequency SDRF = REF, 750kHz switching frequency SDFR = unconnected, 430kHz switching frequency Buffer-Amplifier Noninverting Input for the MAX1513. Not internally connected for the MAX1514. Buffer-Amplifier Output for the MAX1513. Not internally connected for the MAX1514. Buffer-Amplifier Supply Input for the MAX1513. Bypass to GND with a 0.1F capacitor. Not internally connected for the MAX1514. Gate-Off Linear Regulator (REG N) Feedback Input. FBN regulates to 125mV nominal. Connect to the center tap of a resistive voltage-divider between the REG N output and the reference voltage (REF) to set the output voltage. Place the resistive-divider close to this pin. Delay-Control Timing Capacitor. Connect a capacitor from DEL to GND to set the gate-on linearregulator startup delay. See the Power-Up Sequence and Delay Control Block section. 2 SDFR SDFR 3 4 5 FBPB OUTB SUPB N.C. N.C. N.C. 6 FBN FBN 7 DEL DEL 8 _______________________________________________________________________________________ TFT-LCD Power-Supply Controllers Pin Description (continued) PIN 8 9 NAME MAX1513 MAX1514 DRVN DRVL DRVN DRVL FUNCTION REG N Base Drive. Open drain of an internal P-channel MOSFET. Connect to the base of an external NPN linear-regulator pass transistor. Logic Linear-Regulator (REG L) Base Drive. Open drain of an internal N-channel MOSFET. Connect to the base of an external PNP linear-regulator pass transistor. REG L Feedback Input. FBL regulates to 1.25V (typ). Connect to the center tap of a resistive voltage-divider between the REG L output and the analog ground plane to set the output voltage. Place the resistive voltage-divider close to this pin. Gamma Linear-Regulator (REG G) Base Drive for the MAX1513. Open drain of an internal N-channel MOSFET. Connect to the base of an external PNP linear-regulator pass transistor. Not internally connected for the MAX1514. REG G Feedback Input for MAX1513. FBG regulates to 1.25V (typ). Connect to the center tap of a resistive voltage-divider between the REG G output and the analog ground plane to set the output voltage. Place the divider close to the FBG pin. Not internally connected for the MAX1514. Gate-On Linear-Regulator (REG P) Feedback Input. FBP regulates to 1.25V (typ). Connect to the center tap of a resistive voltage-divider between the REG P output and the analog ground plane to set the output voltage. Place the resistive-divider close to this pin. REG P Base Drive. Open drain of an internal N-channel MOSFET. Connect to the base of an external PNP linear-regulator pass transistor. Ground External MOSFET Gate Drive. Drives the gate of the step-up switching regulator's MOSFET. Supply Input. IN powers all the internal circuitry of the MAX1513/MAX1514. The input voltage range is from 2.7V to 5.5V. Bypass with a 0.1F ceramic capacitor between IN and GND. Place the capacitor within 5mm of IN. Current-Sense-Comparator Noninverting Input. Connect CS+ and CS- to the lossless current-sense network. See the Lossless Current Sense section. Current-Sense-Comparator Inverting Input. Connect CS+ and CS- to the lossless current-sense network. See the Lossless Current Sense section. Main Step-Up Regulator Feedback Input. FB regulates to 1.25V (typ). Connect to the center tap of a resistive voltage-divider between the main output (VMAIN) and the analog ground plane to set the main step-up regulator output voltage. Place the resistive-divider close to this pin. MAX1513/MAX1514 10 FBL FBL 11 DRVG N.C. 12 FBG N.C. 13 FBP FBP 14 15 16 17 DRVP GND GATE IN DRVP GND GATE IN 18 19 CS+ CS- CS+ CS- 20 FB FB _______________________________________________________________________________________ 9 TFT-LCD Power-Supply Controllers MAX1513/MAX1514 VMAIN 15V/400mA D1 C2 10F 16V R1 110k 0.1F 470pF 1M VIN 4.5V TO 5.5V C1 22F 6.3V R11 10 L1 2.2H LX 909 OPEN 18 17 C10 1F CS+ IN 19 CSGATE 16 N1 2 R2 10.0k SDFR GND 15 7 0.47F 2.2F Q1 VLOGIC 3.3V/500mA 10F R7 16.5k 680 9 DEL FB 20 1.5k DRVL DRVG FBL R9 107k 11 0.1F Q4 VGAMMA 14.7V/30mA 10 R8 10.0k 0.47F MAX1513 FBG 12 LX 0.1F D2 3.6k SUPB 5 0.1F 3 4 TO VCOM BACKPLANE R10 10.0k 0.1F 8 Q2 VGOFF -10V/30mA R3 102k DRVN FBPB OUTB LX 0.1F 6 FBN 6.8k D3 0.47F R4 10.0k 1 DRVP REF FBP 13 14 R5 191k Q3 VGON 25V/20mA 0.1F 0.22F R6 10.0k 0.47F Figure 1. Typical Operating Circuit of the MAX1513 10 ______________________________________________________________________________________ TFT-LCD Power-Supply Controllers MAX1513/MAX1514 VMAIN 15V/400mA VIN 4.5V TO 5.5V C1 22F 6.3V OPEN R11 10 0.1F R1 110k 1M L1 2.2H LX D1 C2 10F 16V 909 18 CS+ 17 C10 1F IN 19 CS16 470pF GATE 2 SDFR GND 7 DEL FB N1 R2 10.0k 15 0.47F 2.2F 680 20 LX 0.1F Q1 VLOGIC 3.3V/500mA R7 16.5k 9 DRVL 6.8k D3 10 FBL DRVP 14 R5 191k Q3 VGON 25V/20mA 0.1F 10F R8 10.0k MAX1514 LX 0.1F D2 3.6k FBP 13 R6 10.0k 0.47F 0.1F 8 Q2 VGOFF -10V/30mA R3 102k DRVN 6 FBN 0.47F R4 10.0k 1 0.22F REF Figure 2. Typical Operating Circuit of the MAX1514 ______________________________________________________________________________________ 11 TFT-LCD Power-Supply Controllers MAX1513/MAX1514 VIN CS+ MAX1513 MAX1514 SDFR CSVMAIN DEL MAIN STEP-UP CONTROLLER WITH SOFT-START AND FAULT COMPARATOR GATE GND FB VIN DRVL VLOGIC REG L WITH SOFT-START AND FAULT COMPARATOR FBL REG P WITH SOFT-START AND FAULT COMPARATOR DRVP VGON FBP VMAIN DRVG CONTROL BLOCK VGAMMA FBG REG G WITH SOFT-START AND FAULT COMPARATOR DRVN SUPB REG N WITH SOFT-START AND FAULT COMPARATOR VGOFF FBN FBPB REFERENCE TO VCOM OUTB OP-AMP THERMAL SHUTDOWN MAX1513 ONLY REF Figure 3. MAX1513/MAX1514 Functional Diagram 12 ______________________________________________________________________________________ TFT-LCD Power-Supply Controllers MAX1513/MAX1514 Typical Operating Circuit The typical operating circuit of the MAX1513 (Figure 1) is a complete power-supply system for TFT LCDs. The circuit generates a +15V source-driver supply, +25V and -10V gate-driver supplies, a +3.3V logic supply for the timing controller, a 14.7V gamma-correction string supply and a VCOM buffer. The typical operating circuit of the MAX1514 (Figure 2) is similar to that of the MAX1513 except the gamma-correction string supply and the VCOM buffer have been eliminated. The input voltage range for the IC is from +2.7V to +5.5V. The typical operating circuits' listed load currents are available from a +4.5V to +5.5V supply. Table 1 lists recommended component options, and Table 2 lists the component suppliers' contact information. Detailed Description The MAX1513 and MAX1514 contain a high-performance, step-up switching-regulator controller and three linear-regulator controllers (two positive and one negative). The MAX1513 also includes an additional linear-regulator controller and a high-current buffer amplifier. Figure 3 shows the MAX1513/MAX1514 functional diagram. Main Step-Up Regulator Controller The main step-up regulator controller drives an external N-channel power MOSFET to generate the TFT-LCD source-driver supply. The controller employs a currentmode, fixed-frequency PWM architecture to maximize loop bandwidth and provide fast transient response to pulsed loads found in source-driver applications. The multilevel control input SDFR sets the switching frequency to 430kHz, 750kHz, or 1.5MHz. The high switching frequency allows the use of low-profile inductors and ceramic capacitors to minimize the thickness of LCD panel designs, while maintaining high efficiency using a lossless current-sense method. The IC's built-in soft-start function reduces the inrush current during startup. The controller regulates the output voltage and the power delivered to the output by modulating the duty cycle (D) of the power MOSFET in each switching cycle. The duty cycle of the MOSFET is approximated by: D VMAIN - VIN VMAIN Table 1. Component List DESIGNATION C1 C2 D1 D2, D3 L1 N1 Q1 Q2 Q3, Q4 DESCRIPTION 22F 20%, 6.3V X5R ceramic capacitor (1206) Taiyo Yuden JMK316BJ226ML 10F 20%, 16V POSCAP (D10) Sanyo 16AQU10M 1A, 30V Schottky diode (S-Flat) Toshiba CRS02 200mA, 100V diodes (SOT23) Fairchild MMBT4148SE 2.2H, 3.3A inductor Sumida CLS7D16NP-2R2NC 3A, 20V N-channel MOSFET (SOT23) Fairchild FDN339AN 3A, 60V PNP bipolar transistor (SOT23) Fairchild NZT660 200mA, 40V NPN bipolar transistor (SOT23) Fairchild MMBT3904 200mA, 40V PNP bipolar transistors (SOT23) Fairchild MMBT3906 Figure 4 shows the functional diagram of the step-up regulator controller. The core of the controller is a multiinput summing comparator that sums three signals: the output-voltage error signal with respect to the reference voltage, the current-sense signal, and the slope-compensation ramp. On the rising edge of the internal clock, the controller sets a flip-flop, which turns on the external N-channel MOSFET, applying the input voltage across the inductor. The current through the inductor ramps up linearly, storing energy in its magnetic field. Once the sum of the feedback voltage error, slope compensation, and current-sense signals trip the multi- Table 2. Component Suppliers SUPPLIER Fairchild Semiconductor Sumida Taiyo Yuden TDK Toshiba PHONE 408-822-2000 847-545-6700 800-348-2496 847-803-6100 949-455-2000 FAX 408-822-2102 847-545-6720 847-925-0899 847-390-4405 949-859-3963 WEBSITE www.fairchildsemi.com www.sumida.com www.t-yuden.com www.component.tdk.com www.toshiba.com ______________________________________________________________________________________ 13 TFT-LCD Power-Supply Controllers MAX1513/MAX1514 input PWM comparator, the flip-flop is reset and the MOSFET turns off. Since the inductor current is continuous, a transverse potential develops across the inductor that turns on the diode (D1). The voltage across the inductor then becomes the difference between the output voltage and the input voltage. This discharge condition forces the current through the inductor to ramp down, transferring the energy stored in the magnetic field to the output capacitor and the load. The N-channel MOSFET is kept off for the rest of the clock cycle. Current Limiting and Current-Sense Amplifier (CS+, CS-) The internal current-limit circuit resets the PWM flip-flop and turns off the external power MOSFET whenever the voltage difference between CS+ and CS- exceeds 125mV (typ). The tolerance on this current limit is 20%. Use the minimum value of the current limit to select components of the current-sense network. Lossless Current Sense The lossless current-sense method uses the DC resistance (DCR) of the inductor as the sense element. Figure 5 shows a simplified step-up regulator using the basic lossless current-sensing method. An RC network is connected in parallel with the step-up inductor (L). The voltage across the sense capacitor (C S) is the input to the current-sense amplifier. To prevent the sense amplifier from seeing large common-mode switching voltages, the sense capacitor should always be connected to the nonswitching end of the inductor (i.e., the input of the step-up regulator). Lossless current sense can be easily understood using complex frequency domain analysis. The voltage across the inductor is given by: VL = IL (sL + RL ) where L is the inductance, RL is the DCR of the inductor, and IL is the inductor current. The voltage across the sense capacitor is given by: VS = 1 VL 1 + sRSCS where RS is the series resistor in the sense network and CS is the sense capacitor. The above equation can be rewritten as: VS = If sL + RL 1 + sL / RL IL = RLIL 1 + sRSCS 1 + sRSCS L = RSCS , then the equation becomes : RL VS = RLIL RESET DOMINANT CLOCK S R ILIM COMPARATOR 125mV Q GATE Therefore, the sense capacitor voltage is directly proportional to the inductor current if the time constant of the RC sense network matches the time constant of the inductor/DCR. The sense method is equivalent to using a current-sense resistor that has the same value as the inductor DCR. INDUCTOR RL L VMAIN CS RS LEVEL SHIFT CS+ CS- VIN TO FAULT LOGIC SLOPE_COMP + FB VS CSGATE CS+ SOFT-START BLOCK 1.0V REF MAX1513 MAX1514 GND FB Figure 4. Step-Up Regulator-Controller Functional Diagram 14 Figure 5. Step-Up Regulator Using Lossless Current Sensing ______________________________________________________________________________________ TFT-LCD Power-Supply Controllers Logic Linear-Regulator Controller The logic linear-regulator controller (REG L) is an analog gain block with an open-drain N-channel output. It drives an external PNP pass transistor with a 680 baseto-emitter resistor (Figure 1). Its guaranteed base-drive sink current is at least 10mA. The regulator, including transistor Q1 in Figure 1, uses a 10F ceramic output capacitor and is designed to deliver 500mA at 3.3V. Other output voltages and currents are possible by scaling the pass transistor, input capacitor, and output capacitor. See the Pass-Transistor Selection and Stability Requirements sections. REG L is typically used to generate low-voltage logic supplies for the timing controller and the digital sections of the TFT-LCD source/gate-drive ICs. REG L is automatically enabled when the input voltage is above the UVLO threshold. Each time it is enabled, the controller goes through a soft-start routine that ramps up its internal reference DAC in 128 steps. REG N is enabled after the logic linear-regulator REG L soft-start has completed. Each time it is enabled, the control goes through a soft-start routine that ramps down its internal reference DAC from VREF to 250mV in about 100 steps. MAX1513/MAX1514 Gate-On Linear-Regulator Controller The gate-on linear-regulator controller (REG P) is an analog gain block with an open-drain N-channel output. It drives an external PNP pass transistor with a 6.8k base-to-emitter resistor (Figure 1). Its guaranteed basedrive sink current is at least 1mA. The regulator including Q3 in Figure 1 uses a 0.47F ceramic output capacitor and is designed to deliver 20mA at 25V. Other output voltages and currents are possible by scaling the pass transistor, input capacitor, and output capacitor. See the Pass-Transistor Selection and Stability Requirements sections. REG P is typically used to provide the TFT-LCD gate drivers' gate-on voltage. Use a charge pump with as many stages as necessary to obtain a voltage exceeding the required gate-on voltage (see the Selecting the Number of Charge-Pump Stages section). Note that the voltage rating of the DRVP output is 28V. If the chargepump output voltage can exceed 28V, an external cascode-connected NPN transistor should be added (Figure 6). Alternately, the linear regulator can control an intermediate charge-pump state while regulating the final charge-pump output (Figure 7). REG P is enabled after the step-up regulator soft-start has completed and the voltage on DEL exceeds 1.25V. Each time it is enabled, the controller goes through a soft-start routine that ramps up its internal reference DAC in 128 steps. LX Gate-Off Linear-Regulator Controller The gate-off linear-regulator controller (REG N) is an analog gain block with an open-drain P-channel output. It drives an external NPN pass transistor with a 3.6k base-to-emitter resistor (Figure 1). Its guaranteed basedrive source current is at least 2mA. The regulator, including Q2 in Figure 1, uses a 0.47F ceramic output capacitor and is designed to deliver 30mA at -10V. Other output voltages and currents are possible by scaling the pass transistor, input capacitor, and output capacitor. See the Pass-Transistor Selection and Stability Requirements sections. REG N is typically used to provide the TFT-LCD gate drivers' gate-off voltage. A negative voltage can be produced using a charge-pump circuit as shown in Figure 1. FROM CHARGEPUMP OUTPUT 0.1F 0.1F VMAIN 13V VMAIN DRVP NPN CASCODE TRANSISTOR PNP PASS TRANSISTOR VGON DRVP 6.8k Q1 VGON 35V 0.22F MAX1513 MAX1514 FBP MAX1513 MAX1514 FBP 0.47F 267k 1% 10.0k 1% Figure 6. Using an NPN Cascode for Charge-Pump Output Voltages > 28V Figure 7. Linear Regulator Controls Intermediate Charge-Pump Stage 15 ______________________________________________________________________________________ TFT-LCD Power-Supply Controllers MAX1513/MAX1514 Gamma Linear-Regulator Controller (MAX1513 Only) The gamma linear-regulator controller REG G is an analog gain block with an open-drain N-channel output. It drives an external PNP pass transistor with a 1.5k base-to-emitter resistor (Figure 1). Its guaranteed basedrive sink current is at least 5mA. The regulator, including Q4 in Figure 1, uses a 0.47F ceramic output capacitor, and the controller is designed to deliver 40mA at 14.7V. Other output voltages and currents are possible by scaling the pass transistor, input capacitor, and output capacitor. See the Pass-Transistor Selection and Stability Requirements sections. REG G is typically used to provide the TFT-LCD gamma reference voltage, which is usually 0.3V below the source-drive supply voltage. REG G is enabled 2.7ms after REG P's soft-start has completed. Each time it is enabled, the controller goes through a soft-start routine that ramps up its internal reference DAC in 128 steps. ing, 2.35V falling, typ) to ensure the input voltage is high enough for reliable operation. The 350mV (typ) hysteresis prevents supply transients from causing a restart. Once the input voltage exceeds the UVLO rising threshold, the IC is allowed to start. When the input voltage falls below the UVLO falling threshold, all the regulator outputs (including REF) are disabled until the input voltage exceeds the UVLO rising threshold. Reference Voltage (REF) The reference output is nominally 1.25V and can source at least 100A without degrading its accuracy (see the Typical Operating Characteristics). Bypass REF with a 0.22F ceramic capacitor connected between REF and the analog ground plane (which connects to GND). Shutdown and OscillatorFrequency Selection The four-level logic input SDFR controls shutdown and oscillator-frequency selection. Connecting SDFR to ground shuts off all the regulator outputs except the logic linear-regulator controller (REG L), buffer amplifier, and REF. Connecting SDFR to IN sets the oscillator frequency to 1.5MHz. Connecting SDFR to REF sets the oscillator frequency to 750kHz. Leaving SDFR unconnected sets the oscillator frequency to 430kHz. When SDFR is left unconnected, bypass the pin to ground with a 1000pF to 0.1F capacitor to prevent switching noise from coupling into the pin's high input impedance. Note the soft-start period and the fault-timer period do not change with the oscillator frequency. Buffer Amplifier (MAX1513 Only) The MAX1513 includes a buffer amplifier that is typically used to drive the LCD backplane (VCOM) or the gamma-correction divider string. The buffer amplifier features 150mA output short-circuit current, 10V/s slew rate, and 12MHz bandwidth. The Rail-to-Rail(R) input and output capability maximizes its flexibility. Short-Circuit Current Limit The MAX1513's buffer amplifier limits short-circuit current to approximately 150mA if the output is directly shorted to SUPB or to GND. If the short-circuit condition persists, the junction temperature of the IC rises until it reaches the thermal-shutdown threshold (+160C typ). Once the junction temperature reaches the thermalshutdown threshold, an internal thermal sensor immediately sets the thermal fault latch, shutting off all the IC's outputs. The device remains inactive until the input voltage is cycled below VUVLO. Driving Pure Capacitive Load The buffer amplifier is typically used to drive the LCD backplane (VCOM) or the gamma-correction divider string. The LCD backplane consists of a distributed series capacitance and resistance, a load that can be easily driven by the buffer amplifier. When driving a pure capacitive load, the amplifier's gain peaking increases. A 5 to 50 resistor placed between OUTB and the capacitive load reduces peaking. Power-Up Sequence and Delay Control Block Once the voltage on IN exceeds the UVLO rising threshold (2.7V typ), the internal reference is enabled. With a 0.22F REF bypass capacitor, the reference reaches its regulation voltage of 1.25V in approximately 1ms. When the reference voltage is ready, the MAX1513/MAX1514 enable the logic linear regulator. The MAX1513 also enables the buffer amplifier at the same time. Once the logic linear-regulator soft-start is completed, the MAX1513/MAX1514 enable the step-up regulator and REG N simultaneously. Once the soft-start of the step-up regulator is completed, the MAX1513/MAX1514 enable the delay control block. An internal 5A current starts charging the timing capacitor on DEL. When the voltage on DEL reaches 1.25V, the MAX1513/MAX1514 enable REG P. With a 0.1F capacitor on DEL, the DEL voltage reaches 1.25V in about 25ms. The MAX1513 enables the gamma linear regulator 2.7ms after the soft-start of REG P is completed. Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd. Undervoltage Lockout The undervoltage-lockout (UVLO) circuit compares the voltage at the IN pin with the UVLO threshold (2.7V ris16 ______________________________________________________________________________________ TFT-LCD Power-Supply Controllers Soft-Start Each positive regulator (step-up regulator, REG P, REG L, and REG G) includes a 7-bit soft-start DAC whose input is the reference, and whose output is stepped in 128 steps from zero up to the reference voltage. The soft-start DAC of the negative regulator (REG N) steps from the reference down to 250mV in about 100 steps. The outputs of the soft-start DACs determine the set points of each regulator. The soft-start duration is 2.7ms (typ) for each positive regulator and about 2.2ms for the negative regulator. The soft-start is independent of the selected operating frequency. The maximum output current, input voltage, output voltage, and switching frequency determine the inductor value. Very high inductance values minimize the current ripple and therefore reduce the peak current, which decreases core losses in the inductor and I 2R losses in the entire power path. However, large inductor values also require more energy storage and more turns of wire, which increases size and can increase I 2 R losses in the inductor. Low inductance values decrease the size but increase the current ripple and peak current. Finding the best inductor involves choosing the best compromise between circuit efficiency, inductor size, and cost. The equations used here include a constant, LIR, which is the ratio of the inductor peak-to-peak ripple current to the average DC inductor current at the full load current. The best trade-off between inductor size and circuit efficiency for step-up regulators generally has an LIR between 0.3 and 0.5. However, depending on the AC characteristics of the inductor core material and the ratio of inductor resistance to other power-path resistances, the best LIR can shift up or down. If the inductor resistance is relatively high, more ripple can be accepted to reduce the number of turns required and increase the wire diameter. If the inductor resistance is relatively low, increasing inductance to lower the peak current can decrease losses throughout the power path. If extremely thin high-resistance inductors are used, as is common for LCD panel applications, the best LIR can increase to between 0.5 and 1.0. Once an inductor is chosen, higher and lower values for the inductor should be evaluated for efficiency improvements in typical operating regions. Determine the inductor value and peak current requirement as follows: Since the current delivered by charge pumps connected to LX adds to the inductor current, calculate the effective maximum output current, IMAIN(EFF): IMAIN(EFF) = IMAIN(MAX) + nNEG x INEG + (nPOS + 1) x IPOS where I MAIN(MAX) is the maximum output current including any gamma-regulator current, n NEG is the number of negative charge-pump stages, nPOS is the number of positive charge-pump stages, INEG is the negative charge-pump output current, and IPOS is the positive charge-pump output current, assuming the pump source for IPOS is VMAIN. Calculate the approximate inductor value using the typical input voltage (VIN), the expected efficiency (TYP) 17 MAX1513/MAX1514 Fault Protection During steady-state operation, if the step-up regulator output or any of the linear-regulator outputs does not exceed its respective fault detection threshold, the MAX1513/MAX1514 activate an internal fault timer. If any condition or the combination of conditions indicates a continuous fault for the fault-timer duration (43.6ms typ), the MAX1513/MAX1514 set the fault latch, shutting down all the outputs except the reference. Once the fault condition is removed, toggle SDFR (below 0.4V) or cycle the input voltage (below 2.2V) to clear the fault latch and reactivate the device. The faultdetection circuit is disabled during the soft-start time of each regulator. Thermal-Overload Protection The thermal-overload protection prevents excessive power dissipation from overheating the MAX1513/ MAX1514. When the junction temperature exceeds +160C, a thermal sensor immediately activates the fault-protection circuit, which shuts down all the outputs except the reference, allowing the device to cool down. Once the device cools down by approximately 15C, cycle the input voltage (below the UVLO falling threshold) to clear the fault latch and reactivate the device. The thermal-overload protection protects the controller in the event of fault conditions. For continuous operation, do not exceed the absolute maximum junction temperature rating of TJ = +150C. Design Procedure Main Step-Up Regulator Inductor Selection The minimum inductance value, peak current rating, and DC series resistance (DCR) are factors to consider when selecting the inductor. These factors influence the converter's efficiency, maximum output load capability, transient-response time, and output voltage ripple. Size and cost are also important factors to consider. ______________________________________________________________________________________ TFT-LCD Power-Supply Controllers MAX1513/MAX1514 taken from an appropriate curve in the Typical Operating Characteristics, and an estimate of LIR based on the above paragraphs: V VMAIN - VIN TYP L = IN VMAIN IMAIN(EFF) x fOSC LIR Choose an available inductor value from an appropriate inductor family. Calculate the maximum DC input current at the minimum input voltage (VIN(MIN)) using the following equation: IIN(DC, MAX) = IMAIN(EFF) x VMAIN VIN(MIN) x MIN 2 The ripple current and the peak current are: IRIPPLE = 4.5V x (15V - 4.5V ) 1.0A 2.2H x 15V x 1.5MHz 1.0A 2.6A IPEAK = 2.1A + 2 The expected efficiency at that operating point (MIN) can be taken from an appropriate curve in the Typical Operating Characteristics. Calculate the ripple current at that operating point and the peak current required for the inductor: IRIPPLE = VIN(MIN) x VMAIN - VIN(MIN) The inductor DCR should be low enough for reasonable efficiency. As a rule of thumb, do not allow the voltage drop across the inductor DCR to exceed a few percent of the input voltage at IPEAK. Many notebook panel designs have height constraints on the components. If a thin inductor with the required current rating is not available, use two thin inductors in series or parallel. Current-Sense Network Selection After selecting the inductor, use the following steps to design the current-sense network for lossless current sensing. 1) Calculate the RC time constant of the sense network using the typical inductance and typical DCR: = L RL(TYP) L x VMAIN x fOSC I IPEAK = IIN(DC, MAX) + RIPPLE 2 ( ) The inductor's saturation current rating and the MAX1513/MAX1514s' current limit (ILIM) should exceed I PEAK , and the inductor's DC current rating should exceed IIN(DC, MAX). Considering the typical operating circuit, the maximum load current (IMAIN(MAX)) is 400mA for IMAIN directly and 30mA for REG G to provide V GAMMA. The onestage negative charge pump provides 30mA to REG N for VGOFF, and the one-stage positive charge pump provides 20mA to REG P for V GON . Altogether, the effective maximum output current (IMAIN(EFF)) is 500mA with a 15V output and a typical 5V input voltage. The switching frequency is set to 1.5MHz. Choosing an LIR of 0.6 and estimating efficiency of 85% at this operating point: 15V - 5V 0.85 5V L= 2.2H 15V 0.5A x 1.5MHz 0.6 Using the circuit's minimum input voltage (4.5V) and estimating efficiency of 80% at that operating point: IIN(DC, MAX) = 18 2 2) Determine the component values of the sense network. Select CS, and then calculate RS using: RS = CS 3) Calculate the worst-case high sense voltage over temperature using the maximum DCR value (RL(MAX)) found in the inductor technical specifications: VSENSE = IPEAK x RL(MAX) x (1 + TC x T) where IPEAK is the peak inductor current calculated in the Inductor Selection section, TC is the temperature coefficient of copper (0.5%/C) and T is the difference between the specified temperature for RL(MAX) and the maximum expected inductor temperature. 4) Compare the calculated sense voltage with the minimum value of the current-limit threshold in the Electrical Characteristics (100mV). If the sense voltage is between 80mV and 100mV, use the current-sense configuration in Figure 8 with the calculated CS and RS above. 0.5A x 15V 2.1A 4.5V x 0.8 ______________________________________________________________________________________ TFT-LCD Power-Supply Controllers 5) If VSENSE is greater than 100mV, the current-feedback signal is too high and can trip the current limit before the full load current is delivered. Use the current-sense configuration in Figure 9 to attenuate the sense signal. Define the scale factor (SF) as: SF = Calculate RS1 and RS2: RS SF R x SF RS2 = S1 1 - SF RS1 = 6) If VSENSE is less than 80mV, the current-feedback signal is low relative to the current-limit threshold. Use the Figure 8 configuration, or, if good current-limit accuracy is desired, use the optional current-sense configuration in Figure 10 to increase the amplitude of the sense signal. Calculate RS3 and RS4: RS3 = VMAIN - VIN(MIN) VMAIN - VIN(MIN) - 100mV + VSENSE x RS 100mV VSENSE MAX1513/MAX1514 = 2.2H = 91.7s 24m Select CS = 0.1F and calculate RS: RS = 91.7s = 917 0.1F Assuming T is 40C and TC is 0.5%, the worst-case high sense voltage over temperature is: VSENSE = 2.6A x 30m (1 + 0.005 x 40C) = 93.6mV Because VSENSE would be between 80mV and 100mV, the circuit in Figure 8 should be used. The closest 1% standard value for RS is 909. If the 2.2H inductor used in the typical operating circuit (Figures 1 and 2) has a typical DCR of 45m and a maximum DCR of 56m, the RC time constant of the sense network is: = 2.2H = 48.9s 45m Select CS = 0.1F and calculate RS: RS = 48.9s = 489 0.1F RS4 = RS - RS3 If the 2.2H inductor used in the typical operating circuit (Figures 1 and 2) had a typical DCR of 24m and a maximum DCR of 30m, the RC time constant of the sense network would be: Assuming T is 40C and TC is 0.5%, the worst-case high sense voltage over temperature is: L L VIN RS CS VMAIN VIN VMAIN RS1 RS2 CS CS+ CSGATE CS+ CSGATE MAX1513 MAX1514 GND FB MAX1513 MAX1514 GND FB Figure 8. Lossless Current Sensing with 80mV < VSENSE < 100mV Figure 9. Lossless Current Sensing with VSENSE > 100mV 19 ______________________________________________________________________________________ TFT-LCD Power-Supply Controllers MAX1513/MAX1514 Select CS = 0.1F, RS is: L VIN RS3 CS RS4 VMAIN RS = 220s = 2200 0.1F Assuming T is 40C and TC is 0.5%, the worst-case high sense voltage over temperature is: CSGATE CS+ VSENSE = 2.6A x 14m (1 + 0.005 x 40C) = 44mV Because VSENSE would be much less than 80mV, the circuit in Figure 10 can be used to improve the currentlimit accuracy. Calculate RS3 and RS4: RS3 = 15V - 4.5V x 2600 = 2614 MAX1513 MAX1514 GND FB Figure 10. Lossless Current Sensing with VSENSE < 80mV 15V - 4.5V - 0.1V + 0.044 V RS4 = 2614 - 2600 = 14 The closest 1% standard values for RS3 and RS4 are 2.61k and 14.0, respectively. VSENSE = 2.6A x 56m 1 + 0.005 x 40C ( ) = 175mV Because VSENSE would be greater than 100mV, the circuit in Figure 9 should be used and the scale factor is: SF = 100mV = 0.571 175mV Calculate RS1 and RS2: 489 = 856 0.571 856 x 0.571 RS2 = = 1139 1 - 0.571 RS1 = The closest 1% standard values for RS1 and RS2 are 866 and 1.13k, respectively. If the 2.2H inductor used in the typical operating circuit (Figures 1 and 2) has a typical DCR of 10m and a maximum DCR of 14m, the RC time constant of the sense network is: = 2.2H = 220s 10m Output-Capacitor Selection The output capacitor and its equivalent series resistance (ESR) affect the circuit's stability, output voltage ripple, and transient response. The Output-Capacitor Stability Requirement section discusses the output capacitance requirement based on the loop stability. This section deals with how to determine the output capacitance according to the ripple voltage and load-transient requirements. The total output voltage ripple has two components: the ohmic ripple due to the capacitor's equivalent series resistance (ESR), and the capacitive ripple caused by the charging and discharging of the output capacitance: VRIPPLE = VRIPPLE(ESR) + VRIPPLE(C) VRIPPLE(ESR) IPEAK x RESR VRIPPLE(C) V IMAIN - VIN x MAIN COUT VMAIN x fOSC where VMAIN is the output voltage of the step-up regulator, IMAIN is the output current, COUT is the output capacitance, RESR is the ESR of the output capacitor, fOSC is the switching frequency, and IPEAK is the peak inductor current (see the Inductor Selection section). 20 ______________________________________________________________________________________ TFT-LCD Power-Supply Controllers In the circuits of Figures 1 and 2, the maximum total voltage ripple is 1% (peak-to-peak) of the 15V output, which corresponds to 150mV peak-to-peak ripple. A conservative way to calculate the maximum ESR and minimum capacitance is to assume the ESR ripple and the capacitive ripple each should not exceed 50% of the total ripple budget. RESR(MAX) VRIPPLE(MAX) For the typical load pulse described above, assuming the voltage dip must be limited to 200mV, the minimum output capacitor is 10F, and the maximum ESR is 100m. The voltage rating and temperature characteristics of the output capacitor must also be considered. Input-Capacitor Selection The input capacitor (CIN) reduces the current peaks drawn from the input supply and reduces noise injection into the device. A 22F ceramic capacitor is used in the typical operating circuit (Figure 1) because of the high source impedance seen in typical lab setups. Actual applications usually have much lower source impedance since the step-up regulator often runs directly from the output of another regulated supply. Typically, CIN can be reduced below the values used in the typical operating circuit. Ensure a low noise supply at IN by using adequate CIN. Alternately, greater voltage variation can be tolerated on CIN if IN is decoupled from CIN using an RC lowpass filter (see R11 and C10 in Figure 1). Rectifier Diode The MAX1513/MAX1514s' high switching frequency demands a high-speed rectifier. Schottky diodes are recommended for most applications because of their fast recovery time and low forward voltage. In general, use a Schottky diode with a current rating exceeding the peak inductor current calculated in the Inductor Selection section. Output-Voltage Selection The output voltage of the main step-up regulator is adjustable by connecting a resistive voltage-divider from the output (VMAIN) to the analog ground plane with the center tap connected to FB (see Figure 1). Select R2 in the 10k to 50k range. Calculate R1 with the following equations: V R1 = R2 x MAIN - 1 VFB where VFB, the step-up regulator's feedback set point, is 1.25V. Connect the divider close to the IC. Output-Capacitor Stability Requirement The step-up regulator controller of the MAX1513/ MAX1514 uses a peak current-mode control method. The loop stability of a current-mode step-up regulator can be analyzed using a small-signal model. In continuous-conduction mode, the loop-gain transfer function consists of a DC loop gain, a dominant pole, a righthalf-plane (RHP) zero and an ESR zero. MAX1513/MAX1514 2 x IPEAK V - VIN 2 x IMAIN COUT(MIN) x MAIN VRIPPLE(MAX) VMAIN x fOSC where VRIPPLE(MAX) is the total peak-to-peak output ripple. Since the peak inductor current calculated in the Inductor Selection section is 2.6A, the maximum ESR of the output capacitor should be less than 29m. On the other hand, only 3.1F capacitance is needed to meet the capacitive ripple requirement based on the calculation. A 10F AQU-series POSCAP with maximum ESR of 20m is selected for the typical operating circuits in Figures 1 and 2, which meets both the voltage-ripple and minimum capacitance requirements. The typical load on the step-up regulator for sourcedriver applications is a large pulsed load, with a peak current of approximately 1A and a pulse width of approximately 2s. The shape of the pulse is close to triangular, so it is equivalent to a square pulse with 1A height and 1s pulse width. The total voltage dip during the pulsed load transient also has two components: the ohmic dip due to the output capacitor's ESR and the capacitive dip caused by discharging the output capacitance: VDIP = VDIP(ESR) + VDIP(C) VDIP(ESR) = IPULSE x RESR I x tPULSE VDIP(C) PULSE COUT where IPULSE is the height of the pulse load and tPULSE is the pulse width. Higher capacitance and lower ESR result in less voltage dip. Again, assume the ESR dip and the capacitive dip each should not exceed 50% of the total maximum allowed output-voltage dip caused by a load pulse (VDIP(MAX)). RESR(MAX) COUT(MIN) VDIP(MAX) 2 x IPULSE 2 x IPULSE x t PULSE VDIP(MAX) ______________________________________________________________________________________ 21 TFT-LCD Power-Supply Controllers MAX1513/MAX1514 The DC loop gain (ADC) is approximately: R2 1- D VMAIN ADC = x x R1 + R2 0.554 x RCS IMAIN(EFF) where R1 and R2 are the feedback-divider resistors (Figure 1), D is the duty cycle, IMAIN(EFF) is the effective maximum output current as described in the Inductor Selection section, 0.554 is the gain of the current-sense amplifier, and RCS is the equivalent senseresistor value given by: RCS = SF x RL(TYP) where RL(TYP) is the typical value of the inductor DCR, and SF is either 1 or the scale factor in step 5 of the Current-Sense Network Selection section. The frequency of the dominant pole is: fP(DOMINANT) = IMAIN(EFF) 2 x VMAIN x COUT VMAIN 2 x L x IMAIN(EFF) COUT(MIN) = 10 x ADC x IMAIN(EFF) 2 x fZ x VMAIN where f Z is the frequency of the RHP zero and the ESR zero. Using the typical operating circuit in Figure 1 as an example: the duty cycle is 0.67, the effective maximum output current is 500mA, the inductor is 2.2H with a typical DCR of 24m, and the output capacitor is 10F with a maximum ESR of 20m. The scale factor for the current-sense network is 1, so RCS is 24m. The DC loop gain ADC is 62, the RHP zero is at 236kHz, and the ESR zero is at 796kHz. Since the frequency of the ESR zero is higher than that of the RHP zero, the unity-gain crossover frequency should be determined based on the RHP zero. The minimum output capacitance for stable operation is: COUT(MIN) = 5 x 62 x 500mA 6.97F 2 x 236kHz x 15V The frequency of the RHP zero is: fZ(RHP) = (1 - D) 2 x The frequency of the ESR zero is: 1 fZ(ESR) = 2 x RESR x COUT The unity-gain crossover frequency is: fCROSSOVER = ADC x fP(DOMINANT) For stable operation, select an output capacitor with enough capacitance and a low enough ESR to ensure that the dominant pole is low enough so the loop gain reaches unity well before either the ESR zero or the RHP zero, the lower of which should preferably occur at or above 5 times the unity-gain frequency as long as the two zeros are well separated. Calculate the minimum output capacitance for stable operation using: COUT(MIN) = 5 x ADC x IMAIN(EFF) 2 x min fZ(RHP) , fZ(ESR) x VMAIN Lead or lag compensation can be useful to compensate for particular component choices or to optimize the transient response for various output capacitor or inductor values. Adding lead compensation (the R3/C1 network from VMAIN to FB in Figure 11) increases the loop bandwidth, which can increase the speed of response to transients. Too much speed can destabilize the loop and is not needed or recommended for Figure 1's components. Lead compensation adds a zero-pole pair, providing gain at higher frequencies and increasing loop bandwidth. The frequencies of the zero and pole for lead compensation depend on the feedback-divider resistors and the RC network between VMAIN and FB. The frequencies of the zero and pole for the lead compensation are: fZ _ LEAD = fP _ LEAD = 1 2 x (R1 + R3) x C1 1 R1 x R2 2 x R3 + x C1 R1 + R2 [ ] If the RHP zero and the ESR zero occur simultaneously, place the dominant pole so that the unity-gain frequency is less than 1/10th the frequency of the zeros. Calculate the minimum output capacitance for stable operation using: 22 At high frequencies, R3 is effectively in parallel with R1, determining the amount of added high-frequency gain. If R3 is very large, there is no added gain and as R3 approaches zero, the added gain approaches the inverse of the feedback-divider's attenuation. A typical value for R3 is greater than 1/2 of R1. The value of C1 ______________________________________________________________________________________ TFT-LCD Power-Supply Controllers determines the frequency placement of the zero and pole. A typical value of C1 is between 100pF and 10nF. When adding lead compensation, always check the loop stability by monitoring the transient response to a pulsed output load. Adding lag compensation (the R4/C2 network from FB to ground in Figure 11) decreases the loop bandwidth and improves FB noise immunity. Lag compensation slows the transient response but can increase the stability margin, which may be needed for particular component choice or high values of FB-divider resistors. Lag compensation adds a pole-zero pair, attenuating gain at higher frequencies and lowering loop bandwidth. The frequencies of the pole and zero for lag compensation depend on the feedback-divider resistors and the RC network between FB and GND. The frequencies of the pole and zero for the lag compensation are: fP _ LAG = 1 R1 x R2 2 x R4 + x C2 R1 + R2 1 fZ _ LAG = 2 x R4 x C2 mines the frequency placement of the pole and zero. A typical value of C2 is between 100pF and 1000pF. When adding lag compensation, always check the loop stability by monitoring the transient response to a pulsed output load. Using Lead Compensation to Reduce Startup Inrush Current The digital soft-start of the main step-up regulator limits the average input current during startup. If even smoother startup is needed, add a low-frequency leadcompensation network (Figure 12). The improved softstart is active only during soft-start when the output voltage rises. Positive changes in the output are instantaneously coupled to the FB pin through D1 and the feed-forward capacitor C1. This arrangement generates a smoothly rising output voltage. When the output voltage reaches regulation, capacitor C1 charges up through R3 and diode D1 turns off. If desired, C1 and R3 can be chosen to also provide some lead compensation in normal operation. In most applications, lead compensation in normal operation is not needed and can be avoided by making R3 large. With R3 much greater than R1, the pole and the zero in the compensation network are very close to one another after startup and cancel out, eliminating the effect of the lead compensation. With R2 at 10k, an effective value for C1 is approximately 1000pF. MAX1513/MAX1514 At high frequencies, R4 is effectively in parallel with R2, increasing the divider attenuation ratio. If R4 is very large, the attenuation ratio remains unchanged and as R4 approaches zero, the attenuation ratio approaches infinity. A typical value for R4 is greater than 0.1 times R2. If high-value divider-resistors are used, choose R4 < 1.5k for FB noise immunity. The value of C2 deter- Charge Pumps L VIN D VMAIN R3 R1 LX FB R4 VIN L D VMAIN R3 R1 LX D1 C1 COUT RLOAD FB C1 COUT MAX1513 MAX1514 GND R2 C2 MAX1513 MAX1514 GND R2 Figure 11. Feedback Compensation Figure 12. Using Lead Compensation for Improved Soft-Start ______________________________________________________________________________________ 23 TFT-LCD Power-Supply Controllers MAX1513/MAX1514 POSITIVE CHARGE-PUMP OUTPUT VOLTAGE vs. VMAIN 60 VD = 0.3V TO 1V 50 40 2-STAGE CHARGE-PUMP 30 20 10 1-STAGE CHARGE-PUMP 0 2 4 6 8 VMAIN (V) 10 12 14 G_OFF (V) G_ON (V) 3-STAGE CHARGE-PUMP -0 -5 -10 -15 -20 -25 -30 -35 -40 -45 2 4 6 8 VMAIN (V) 10 12 14 2-STAGE CHARGE-PUMP 3-STAGE CHARGE-PUMP VD = 0.3V TO 1V 1-STAGE CHARGE-PUMP NEGATIVE CHARGE-PUMP OUTPUT VOLTAGE vs. VMAIN Figure 13. Positive Charge-Pump Output Voltage vs. VMAIN Figure 14. Negative Charge-Pump Output Voltage vs. VMAIN Selecting the Number of Charge-Pump Stages For highest efficiency, always choose the lowest number of charge-pump stages that meet the output voltage requirement. Figures 13 and 14 show the positive and negative charge-pump output voltages for a given VMAIN for one-, two-, and three-stage charge pumps. The number of positive charge-pump stages is given by: nPOS = VGON + VDROPOUT - VMAIN VMAIN - 2 x VD Sometimes fractional stages are more desirable for better efficiency. This can be done by connecting the first stage to VIN or another available supply. If the first charge-pump stage is powered from V IN , then the above equations become: VGON + VDROPOUT - VIN VMAIN - 2 x VD -VGOFF + VDROPOUT + VIN nNEG = VMAIN - 2 x VD nPOS = Flying Capacitors Increasing the flying capacitor (CX) value lowers the effective source impedance and increases the outputcurrent capability. Increasing the capacitance indefinitely has a negligible effect on output-current capability because the switch resistance and the diode impedance place a lower limit on the source impedance. A 0.1F ceramic capacitor works well in most low-current applications. The flying capacitor's voltage rating must exceed the following: VCX > n x VMAIN where n is the stage number in which the flying capacitor appears, and VMAIN is the output voltage of the main step-up regulator. Charge-Pump Output Capacitor Increasing the output capacitance or decreasing the ESR reduces the output ripple voltage and the peak-topeak voltage during load transients. With ceramic where nPOS is the number of positive charge-pump stages, VGON is the gate-on linear-regulator REG P output, VMAIN is the main step-up regulator output, VD is the forward-voltage drop of the charge-pump diode, and VDROPOUT is the dropout margin for the linear regulator. Use VDROPOUT = 0.3V. The number of negative charge-pump stages is given by: nNEG = -VGOFF + VDROPOUT VMAIN - 2 x VD where nNEG is the number of negative charge-pump stages, VGOFF is the gate-off linear-regulator REG N output, VMAIN is the main step-up regulator output, VD is the forward-voltage drop of the charge-pump diode, and VDROPOUT is the dropout margin for the linear regulator. Use VDROPOUT = 0.3V. The above equations are derived based on the assumption that the first stage of the positive charge pump is connected to VMAIN and the first stage of the negative charge pump is connected to ground. 24 ______________________________________________________________________________________ TFT-LCD Power-Supply Controllers capacitors, the output voltage ripple is dominated by the capacitance value. Use the following equation to approximate the required capacitor value: COUT _ CP ILOAD _ CP 2fOSCVRIPPLE _ CP Pass-Transistor Selection The pass transistor must meet specifications for current gain (hFE), input capacitance, collector-emitter saturation voltage, and power dissipation. The transistor's current gain limits the guaranteed maximum output current to: V ILOAD(MAX) = IDRV - BE x hFE(MIN) RBE where IDRV is the minimum guaranteed base-drive current and RBE is the pullup resistor connected between the transistor's base and emitter. Furthermore, the transistor's current gain increases the linear regulator's DC loop gain (see the Stability Requirements section), so excessive gain destabilizes the output. Therefore, transistors with current gain over 100 at the maximum output current can be difficult to stabilize and are not recommended unless needed to meet output-current requirements. The transistor's saturation voltage at the maximum output current determines the minimum input-to-output voltage differential that the linear regulator supports. Also, the package's power dissipation limits the useable maximum power-dissipation capability of the transistor's package, and mounting must exceed the actual power dissipation in the device. The power dissipation equals the maximum load current (ILOAD(MAX)_LR ) times the maximum input-to-output voltage differential: P = ILOAD(MAX)_ LR x VIN(MAX)_ LR - VOUT_LR MAX1513/MAX1514 where COUT_CP is the output capacitor of the charge pump, I LOAD_CP is the load current of the charge pump, and VRIPPLE_CP is the peak-to-peak value of the output ripple. The charge-pump output capacitor is typically also the input capacitor for a linear regulator. Often, its value must be increased to maintain the linear regulator's stability. Charge-Pump Rectifier Diodes Use low-cost silicon switching diodes with a current rating equal to or greater than twice the average charge-pump input current. If their low forward voltage helps to avoid an extra stage, some or all of the diodes can be replaced with Schottky diodes with equivalent current ratings. Linear-Regulator Controllers Output-Voltage Selection Adjust the positive linear-regulator (REG P, REG L, and REG G) output voltages by connecting a resistive voltage-divider from their respective outputs to the analog ground plane (which connects to GND) with the center tap connected to FB_ (Figure 1). Select the lower resistor of the divider in the range of 10k to 30k. Calculate the upper resistor with the following equation: VOUT _ RUPPER = RLOWER x - 1 VFB _ where VOUT_ is the output voltage of the respective linear regulator, and VFB_ = 1.25V (typ). Adjust the gate-off linear-regulator REG N output voltage by connecting a resistive voltage-divider from VGOFF to REF with the center tap connected to FBN (Figure 1). Select R4 between 20k and 50k. Calculate R3 with the following equation: V - VGOFF R3 = R4 x FBN VREF - VFBN where VFBN = 250mV, VREF = 1.25V. Note that REF can only source up to 50A; using a resistor less than 20k for R4 results in higher bias current than REF can supply without degrading REF accuracy. ( ) where VIN(MAX)_LR is the maximum input voltage of the linear regulator and VOUT_LR is the output voltage of the linear regulator. Stability Requirements The MAX1513/MAX1514 linear-regulator controllers use an internal transconductance amplifier to drive an external pass transistor. The transconductance amplifier, the pass transistor, the base-emitter resistor, and the output capacitor determine the loop stability. The following applies equally to all linear regulators in the MAX1513 and MAX1514. The transconductance amplifier regulates the output voltage by controlling the pass transistor's base current. The total DC loop gain is approximately: ______________________________________________________________________________________ 25 TFT-LCD Power-Supply Controllers MAX1513/MAX1514 I 4 x hFE A V _ LR x 1 + BIAS x VREF VT ILOAD _ LR where VT is 26mV at room temperature and IBIAS is the current through the base-to-emitter resistor (RBE). Each of the four linear-regulator controllers is designed for a different maximum output current, so they have different output drive currents and different bias currents (IBIAS). Each controller's bias current can be found in the Electrical Characteristics table. The current listed in the conditions column for the FB_ regulation voltage specification is the individual controller's bias current. The base-to-emitter resistor for each controller should be chosen to set the correct IBIAS: RBE = VBE IBIAS 4) gm h , RIN = FE , 2fT gm where CIN = gm is the transconductance of the pass transistor, and fT is the transition frequency. Both parameters can be found in the transistor's data sheet. Because RBE is much greater than RIN, the above equation can be simplified: fPOLE _ IN = 1 2 x CIN x RIN The equation can be further simplified: fPOLE _ IN = fT hFE The output capacitor and the load resistance create the dominant pole in the system. However, the internal amplifier delay, the pass transistor's input capacitance, and the stray capacitance at the feedback node create additional poles in the system. The output capacitor's ESR generates a zero. For proper operation, use the following equations to verify the linear regulator is properly compensated: 1) First, determine the dominant pole set by the linear regulator's output capacitor and the load resistor: ILOAD(MAX)_ LR 2 x COUT _ LR x VOUT _ LR 5) Next, calculate the pole set by the linear regulator's feedback resistance and the capacitance between FB_ and GND (including stray capacitance): fPOLE _ FB = 2 x CFB x RUPPER || RLOWER ( 1 ) where CFB is the capacitance between FB_ and ground, RUPPER is the upper resistor of the linear regulator's feedback divider, and RLOWER is the lower resistor of the divider. Next, calculate the zero caused by the output capacitor's ESR: fPOLE _ ESR = 1 2 x COUT _ LR x RESR fPOLE _ LR = The unity-gain crossover of the linear regulator is: fCROSSOVER = A V _ LR x fPOLE _ LR 2) The pole created by the internal amplifier delay is about 1MHz: fPOLE _ AMP 1MHz 3) Next, calculate the pole set by the transistor's input capacitance CIN, the transistor's input resistance RIN, and the base-to-emitter pullup resistor: fPOLE _ IN = 1 2 x CIN x RBE || RIN 6) where R ESR is the equivalent series resistance of COUT_LR. To ensure stability, choose COUT_LR large enough so the crossover occurs well before the poles and zero calculated in steps 2 to 5. The poles in steps 3 and 4 generally occur at several megahertz and using ceramic capacitors ensures the ESR zero occurs at several megahertz as well. Placing the crossover below 500kHz is sufficient to avoid the amplifier-delay pole and generally works well, unless unusual component choices or extra capacitances move the other poles or zero below 1MHz. ( ) 26 ______________________________________________________________________________________ TFT-LCD Power-Supply Controllers PC Board Layout and Grounding Careful PC board layout is important for proper operation. Use the following guidelines for good PC board layout: 1) Minimize the area of high-current loops. The highcurrent input loop goes from the positive terminals of the input capacitors to the inductor, to the power MOSFET, and to the negative terminals of the input capacitors. The high-current output loop is from the positive terminals of the input capacitors to the inductor, to the output diode, and to the positive terminals of the output capacitors, reconnecting between the output-capacitor and input-capacitor ground terminals. Connect these loops with short, wide connections. Avoid using vias in the high-current paths. If vias are unavoidable, use many vias in parallel to reduce resistance and inductance. 2) Create a power ground plane consisting of the input and output-capacitor ground terminals, the source of the power MOSFET, and any ground terminals of the charge-pump components. Connect all of these together with short, wide traces or a small ground plane. Maximizing the width of the power ground traces improves efficiency and reduces output voltage ripple and noise spikes. Create an analog ground plane consisting of the IC's backside pad, all the feedback-divider ground connections, the bufferamplifier-divider ground connection, the REF capacitor ground connection, and the DEL capacitor ground connection. The power ground plane and the analog ground plane should be connected at only one location, which is the IC's GND pin. All other ground connections, such as the IN pin bypass capacitor and the linear-regulator output capacitors, should be starconnected directly to the backside pad of the IC through a via with wide traces, not otherwise connecting to either the power ground plane or the analog ground plane. Connect the IC's backside pad to the IC's GND pin. Make no other connections between the analog and power ground planes. 3) Place IN and REF bypass capacitors as close to the device as possible. 4) Place all feedback-voltage-divider resistors as close to their respective feedback pins as possible. The divider's center trace should be kept short. Placing the resistors far away causes their FB traces to become antennas that can pick up switching noise. Care should be taken to avoid running any feedback trace near the switching nodes in the step-up regulator and charge pumps. 5) Minimize the length and maximize the width of the traces between the output capacitors and the load for best transient responses. 6) Minimize the size of the switching node while keeping it wide and short. Keep the switching node away from feedback nodes (FB, FBP, FBL, FBG, and FBN) and analog ground. Use DC traces to shield if necessary. Refer to the MAX1513 evaluation kit for an example of proper board layout. MAX1513/MAX1514 Pin Configuration TOP VIEW GATE Chip Information TRANSISTOR COUNT: 4807 PROCESS: BiCMOS CS+ 18 CS- FB 20 REF SDFR *FBPB *OUTB *SUPB 1 2 3 4 5 6 FBN 19 17 IN 16 15 14 GND DRVP FBP *FBG *DRVG MAX1513 MAX1514 13 12 11 7 DEL 8 DRVN 9 DRVL 10 FBL THIN QFN 4mm x 4mm *N.C. FOR MAX1514 ______________________________________________________________________________________ 27 TFT-LCD Power-Supply Controllers MAX1513/MAX1514 Package Information (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.) 24L QFN THIN.EPS PACKAGE OUTLINE 12,16,20,24L QFN THIN, 4x4x0.8 mm 21-0139 B 1 2 PACKAGE OUTLINE 12,16,20,24L QFN THIN, 4x4x0.8 mm 21-0139 B 2 2 Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. 28 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2003 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products. |
Price & Availability of MAX1513ETP |