Part Number Hot Search : 
242003B HD61200 CY22391 SI851X EE320 ATMEGA MAZ3027 XR1015CN
Product Description
Full Text Search
 

To Download MA4X160A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switching Diodes
MA4X160A
Silicon epitaxial planar type
Unit : mm
For switching circuits
0.65 0.15
2.8 - 0.3 1.5 - 0.05
+ 0.25
+ 0.2
0.65 0.15
0.5 R
1.1 - 0.1
0.4 0.2
Parameter Reverse voltage (DC) Repetitive peak reverse voltage Reverse voltage (DC) Repetitive peak forward current Non-repetitive peak forward surge current* Junction temperature Storage temperature Note) * : t = 1 s Single Double Single Double Single Double
Symbol VR VRRM IF(AV) IF(AV) IFRM IFRM IFSM IFSM Tj Tstg
Rating 80 80 100 75 225 170 500 375 150 -55 to +150
Unit V V mA mA/Unit mA mA/Unit mA mA/Unit C C 4 3 1 2
1 : Cathode 1 2 : Anode 2 3 : Cathode 2 4 : Anode 1 Mini Type Package (4-pin)
Marking Symbol: M1E Internal Connection
I Electrical Characteristics Ta = 25C
Parameter Reverse current (DC) Forward voltage (DC) Reverse voltage (DC) Terminal capacitance Reverse recovery time* Symbol IR VF VR Ct trr VR = 75 V IF = 100 mA IR = 100 A VR = 0 V, f = 1 MHz IF = 10 mA, VR = 6 V Irr = 0.1 * IR, RL = 100 80 0.9 2 3 0.95 Conditions Min Typ Max 0.1 1.2 Unit A V V pF ns
Note) 1. Rated input/output frequency: 100 MHz 2. * : trr measuring circuit
Bias Application Unit N-50BU tr 10% Input Pulse tp t IF trr t Irr = 0.1 * IR IF = 10 mA VR = 6 V RL = 100 Output Pulse
A
VR Pulse Generator (PG-10N) Rs = 50 W.F.Analyzer (SAS-8130) Ri = 50
90% tp = 2 s tr = 0.35 ns = 0.05
0 to 0.1
I Absolute Maximum Ratings Ta = 25C
0.1 to 0.3
0.8
0.16 - 0.06
* Two isolated elements contained in one package, allowing highdensity mounting * Centrosymmetrical wiring, allowing to free from the taping direction * Short reverse recovery time trr * Small terminal capacitance, Ct
1.9 0.2
0.95
4
1
2.9 - 0.05
+ 0.2
0.95
0.5
+ 0.1
3
0.4 - 0.05
2
0.2
+ 0.2 + 0.1
0.6 - 0
+ 0.1
0.4 - 0.05 1.45
+ 0.1
I Features
1
MA4X160A
IF VF
103 102
Switching Diodes
IR V R
1.2
VF Ta
102
10
Forward current IF (mA)
Reverse current IR (A)
Forward voltage VF (V)
Ta = 125C
1.0
IF = 100 mA
0.8
10
1
75C
0.6
1
Ta = 125C 75C 25C
10 mA 3 mA 1 mA 0.1 mA
10-1 25C
0.4
10-1
- 20C
10-2
0.2
10-2
10-3 0 0.2 0.4 0.6 0.8 1.0 1.2
0
20
40
60
80
100
120
0
-40
0
40
80
120
160
Forward voltage VF (V)
Reverse voltage VR (V)
Ambient temperature Ta (C)
IF T a
102
10 5
Ct VR
f = 1 MHz Ta = 25C
IF(surge) tW
1 000 300
tW
Ta = 25C
IF(surge)
10
Forward surge current IF(surge) (A)
Terminal capacitance Ct (pF)
Forward current IF (mA)
3 2
100 30 10 3 1 0.3 0.1 0.03
Non repetitive
1
VR = 80 V
40 V
1
10-1
0.5 0.3 0.2
10-2
10-3
-40
0.1
0
40
80
120
160
0
10
20
30
40
50
60
0.1
0.3
1
3
10
30
Ambient temperature Ta (C)
Reverse voltage VR (V)
Pulse width tW (ms)
2


▲Up To Search▲   

 
Price & Availability of MA4X160A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X