Part Number Hot Search : 
01800 370911 RFB300 VTE1285 A8294 S7806 2SA1265N 2786GT
Product Description
Full Text Search
 

To Download IW4069BE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IW4069UB
HEX INVERTER
High-Voltage Silicon-Gate CMOS
The IW4069UB types consist of six inverter circuits. These devices are intended for all general-purpose inverter applications where the medium-power TTL-drive and logic-level-conversion capabilities of circuits such as the IW4049UB Hex Inverter/Buffers are not required. Each of the six inverters is a single stage * Operating Voltage Range: 3.0 to 18 V * Maximum input current of 1 A at 18 V over full packagetemperature range; 100 nA at 18 V and 25C * Noise margin (over full package temperature range): 0.5 V min @ 5.0 V supply 1.0 V min @ 10.0 V supply 1.0 V min @ 15.0 V supply
ORDERING INFORMATION IW4069UBN Plastic IW4069UBD SOIC TA = -55 to 125 C for all packages
LOGIC DIAGRAM PIN ASSIGNMENT
PIN 14 =VCC PIN 7 = GND
FUNCTION TABLE Inputs Output A Y L H H L
1
IW4069UB
MAXIMUM RATINGS* Symbol Parameter Value Unit VCC DC Supply Voltage (Referenced to GND) -0.5 to +20 V VIN DC Input Voltage (Referenced to GND) -0.5 to VCC +0.5 V VOUT DC Output Voltage (Referenced to GND) -0.5 to VCC +0.5 V IIN DC Input Current, per Pin mA 10 PD Power Dissipation in Still Air, Plastic DIP+ 750 mW SOIC Package+ 500 PD r Dissipation per Output Transistor 100 mW Tstg Storage Temperature -65 to +150 C 260 TL Lead Temperature, 1 mm from Case for 10 C Seconds (Plastic DIP or SOIC Package) * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C RECOMMENDED OPERATING CONDITIONS Symbol Parameter VCC DC Supply Voltage (Referenced to GND) VIN, VOUT DC Input Voltage, Output Voltage (Referenced to GND) TA Operating Temperature, All Package Types Min 3.0 0 -55 Max 18 VCC +125 Unit V V C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
IW4069UB
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND) Guaranteed Limit VCC Symbol Parameter Test Conditions V -55C 25C 125 C 4 4 4 5.0 VIH Minimum High- VOUT=0.5V 8 8 8 10 Level Input VOUT=1.0 V 12.5 12.5 12.5 15 Voltage VOUT=1.5V 1 1 1 5.0 VIL Maximum Low - VOUT= VCC - 0.5 V 2 2 2 10 Level Input VOUT= VCC - 1 V 2.5 2.5 2.5 15 Voltage VOUT= VCC - 1.5 V 4.95 4.95 4.95 VOH Minimum High- VIN=GND 5.0 9.95 9.95 9.95 Level Output 10 Voltage 15 14.95 14.95 14.9 5 0.05 0.05 0.05 VOL Maximum Low- VIN= VCC 5.0 0.05 0.05 0.05 Level Output 10 0.05 0.05 0.05 Voltage 15 IIN Maximum Input VIN= GND or VCC 18 0.1 0.1 1.0 Leakage Current 7.5 0.25 VIN= GND or VCC 0.25 ICC Maximum 5.0 15 0.5 0.5 Quiescent Supply 10 30 1.0 1.0 Current 15 150 5.0 5.0 (per Package) 20 IOL Minimum Output VIN= GND or VCC 0.51 0.36 0.64 Low (Sink) UOL=0.4 V 5.0 0.9 1.3 1.6 Current 10 UOL=0.5 V 2.4 3.4 4.2 15 UOL=1.5 V IOH Minimum Output VIN= GND or VCC -1.6 -1.15 -2.0 5.0 High (Source) UOH=2.5 V 5.0 -0.64 -0.51 -0.36 Current UOH=4.6 V -0.9 -1.3 -1.6 10 UOH=9.5 V -2.4 -3.4 -4.2 15 UOH=13.5 V
Unit V V V
V A A
mA
mA
3
IW4069UB
AC ELECTRICAL CHARACTERISTICS(CL=50pF, RL=200k, Input tr=tf=20 ns) Guaranteed Limit VCC Symbol Parameter V -55 25C 125 C C 220 110 110 tPLH, Maximum Propagation Delay, Input A to 5.0 120 60 60 tPHL Output Y (Figure 1) 10 100 50 50 15 400 200 200 tTLH, tTHL Maximum Output Transition Time, Any 5.0 200 100 100 Output (Figure 1) 10 160 80 80 15 CIN Maximum Input Capacitance 15
Unit ns ns pF
Figure 1. Switching Waveforms
EXPANDED LOGIC DIAGRAM (1/6 of the Device)
4


▲Up To Search▲   

 
Price & Availability of IW4069BE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X