Part Number Hot Search : 
IRS21 STM6968 2500V GR40N60 US1DL AC12V P6NB80FP HMC606L
Product Description
Full Text Search
 

To Download I5062-ZD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Create
I5062-ZD
I5062-ZD
USB Flash Disk Controller Data Sheet
iCreate Technologies Corporation
Release date: 03/10/2005 (c) 2005 iCreate Technologies Corporation This document contains preliminary information on product but not yet fully characterized. iCreate Technologies Corporation reserves the right to change the specification in any manner without notice. Page 1
I5062-ZD
(c) Copyright 2005 iCreate Technologies Corporation
Create
Information contained in this publication is intended through suggestion only and may be superseded by updates. No liability is assumed by iCreate Technologies Corporation with respect to the use of such information or otherwise and no representation or warranty is given. Use of iCreate's products as critical components in life support systems is not authorized. No part of this document may be reproduced or transmitted in any form or by any means for any purpose without the permission of iCreate. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights. The iCreate logo and name are registered trademarks of iCreate Technologies Corporation. All rights reserved. All other trademarks mentioned herein are the property of their respective companies.
Data sheet marking
iCreate uses various markings in the data sheet to designate each document phase as it relates to the product development stage. Marking Objective Specification Advance Information Description The objective specification contains data for new product development. The information is on products in the design phase. Your designs should not be finalized with this information. This is preliminary information on new products but not yet fully characterized. The specifications in these data sheets are subject to change in any manner without notice. Information contained in the data sheet is on products in full production.
Preliminary
No Marking
For more information, please contact: iCreate Technologies Corporation 2F, No. 26, R&D 2nd Rd., Hsinchu Science Park, Hsinchu, Taiwan 300 Phone +886-3-579-0000 Fax +886-3-579-0077
E-Mail support@icreate.com.tw
Release date: 03/10/2005 (c) 2005 iCreate Technologies Corporation This document contains preliminary information on product but not yet fully characterized. iCreate Technologies Corporation reserves the right to change the specification in any manner without notice.
Page 2
Create
1. Introduction
General description
I5062-ZD is a single-chip USB flash disk controller which can handle up to four NANDtype flash memory chips. It is compatible with USB 1.1 and also compliant with USB 2.0. The features of USB-boot-up and driver-less make the flash disk very convenient for end-users. I5062-ZD is designed with iCreate flash interface technology to provide wear-leveling and on-the-fly error-correction coding, which enhance the life time of the disk. The flexibility of the interface design also ensures supporting to AND flash by firmware change and MLC NAND flash in the protocol level. For data security, I5062-ZD supports multi-level protection mechanism. In the nonprotection level, data in the disk is fully accessible. In low protection level, disk is readonly to protect from virus and accidental file removal. In high protection level, the disk data cannot be accessed. User-programmable device name based on USB Mass Storage protocol (SCSI) is also provided. The end-users can change the device name that appears in Windows.
I5062-ZD
Features
System Function USB 1.1 compatible and USB 2.0 compliant USB-ZIP/USB-HDD boot-up Support multi-disk Multi-level security protection Support Read-only privilege Compatible with Windows 98/Me/2K/XP, MacOS 9+, and Linux kernel 2.4+ Configurable Removable or Fixed drive type under Windows Support unique serial number for each disk Configurable USB vendor/product ID Support customized disk ID by end-user Read speed > 1000K byte/s Write speed > 800K byte/s Write protect switch Ready/busy LED Flash Control Support 128Mb to 8Gb NAND-type flash, AND flash is supported with i5068-Z. Connect up to four flash chips Wear-leveling extends product life time Defect block concealment and dynamic defect block handling On-the-fly ECC enhances reliability Chip Hardware On-chip voltage detector for power-on-reset Single 3.3V voltage supply 6MHz external clock for low EMI 32 pin TSOP Type I package
Release date: 03/10/2005 (c) 2005 iCreate Technologies Corporation This document contains preliminary information on product but not yet fully characterized. iCreate Technologies Corporation reserves the right to change the specification in any manner without notice.
Page 1
I5062-ZD
2. Pin Configuration and Definition
Pin configuration
32 PIN TSOP TYPE-I VDDA VSSA FD7 FD6 FD5 FD4 VDD OSCI OSCO VSS FD3 FD2 FD1 FD0 FCLE FALE 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 (TOP VIEW) 32 31 30
Create
LED VSS FCE3 FCE2 FCE1 FCE0 VDDA DPLS DMNS VSSA VDD FWEN FREN VDD FRDY PPU
Create
I5062-ZD
WYWW EFYMZZ.P
29 28 27 26 25 24 23 22 21 20 19 18 17
Figure 1. Pin configuration
Pin definition
Pin Number Name
IO Type
USB (2 pins)
Function
25 24
DPLS DMNS
Analog Analog
USB bus D+. USB bus D-. Clock (2 pins)
8 9
OSCI OSCO
Clock In
6MHz crystal input.
Clock Out 6MHz crystal output. Flash (17 pins)
3, 4, 5, 6, 11, FD7, FD6, FD5, 12, 13, 14 FD4, FD3, FD2, FD1, FD0 30, 29, 28, 27 15 16 20 21 18 FCE3, FCE2, FCE1, FCE0 FCLE FALE FREN FWEN FRDY
IO4
Bi-directional data bus signals to NAND flash.
O2 O4 O4 O4 O4 I, ST, PU
Active-low chip enable signals to NAND flash. Command latch enable (CLE) of NAND flash. Address latch enable (ALE) of NAND flash. Active-low read enable signal to NAND flash. Active-low write enable signal to NAND flash. Ready/Busy from NAND flash.
Release date: 03/10/2005 (c) 2005 iCreate Technologies Corporation This document contains preliminary information on product but not yet fully characterized. iCreate Technologies Corporation reserves the right to change the specification in any manner without notice.
Page 2
Create
System Control (2 pins) 17 32 PPU LED IO4 O8
I5062-ZD
This pin controls programmable pull-up of DPLS, and is connected to DPLS through 1.5 K resistor. This pin controls LED. LED blinks when operating and dark when idle.
Power and Ground (9 pins) 7, 19, 22 10, 31 1, 26 2, 23 VDD VSS VDDA VSSA Power Ground Power Ground 3.3V Power Ground 3.3V Analog Power Analog Ground
Function of I/O types I ST PU O2 O4 O8 IO4 Input Input with Schmitt trigger Input with internal pull-up Output buffer with 2mA driving capability Output buffer with 4mA driving capability Output buffer with 8mA driving capability I/O buffer with 4mA driving capability
3. Electrical Specifications
Recommended Operating Condition
Symbol Parameter Min 3.0 0 Typ 3.3 Max 3.6 70 Units V
o
VDD TOPR
VDD Voltage Operating temperature
C
DC Characteristics
Symbol Parameter Min Typ Max Units
VIL VIH VOL VOH
Input LOW voltage Input HIGH voltage Output LOW voltage Output HIGH voltage 2.4 2.0
0.3*VDD
V V
0.4
V V
Release date: 03/10/2005 (c) 2005 iCreate Technologies Corporation This document contains preliminary information on product but not yet fully characterized. iCreate Technologies Corporation reserves the right to change the specification in any manner without notice.
Page 3
I5062-ZD
4. Package Dimensions
Create
Release date: 03/10/2005 (c) 2005 iCreate Technologies Corporation This document contains preliminary information on product but not yet fully characterized. iCreate Technologies Corporation reserves the right to change the specification in any manner without notice.
Page 4
Create
5. Flash Support List
Actrans 512Mbit (64MByte) Fujitsu 128Mbit (16MByte) Hynix 256Mbit (32MByte) 512Mbit (64MByte) 1Gbit (128MByte) 2Gbit (256MByte) 1Gbit (128MByte) Large Block Infineon 256Mbit (32MByte) 512Mbit (64MByte) 1Gbit (128MByte) Micron 2Gbit (256MByte) Large Block Samsung 128Mbit (16MByte) 256Mbit (32MByte) 512Mbit (64MByte) 1Gbit (128MByte) 2Gbit (256MByte) 1Gbit (128MByte) Large Block 2Gbit (256MByte) Large Block 4Gbit (512MByte) Large Block 8Gbit (1GByte) Large Block Sandisk 128Mbit (16MByte) 256Mbit (32MByte) 512Mbit (64MByte) 1Gbit (128MByte) 2Gbit (256MByte) 512Mbit (64MByte) 4LC 1Gbit (128MByte) 4LC 2Gbit (256MByte) 4LC 1Gbit (128MByte) Big Block 2Gbit (256MByte) Big Block ST 128Mbit (16MByte) 256Mbit (32MByte) 512Mbit (64MByte) 1Gbit (128MByte) AC79LV512B MBM30LV0128 HY27US08561M HY27US08121M HY27UA081G1M, HY27UA081G4M HY27UB082G4M HY27UF081G2M HYF33DS256800ATC HYF33DS512800ATC HYF33DS1G800ATC MT29F2G08AAA
I5062-ZD
KM29U128, K9K2808U0, K9F2808U0 K9K5608U0, K9F5608U K9K1208U0, K9F1208U K9K1G08U0, K9T1G08U0 K9E2G08U0 K9F1G08U0 K9K2G08U0, K9F2G08U0 K9K4G08U0, K9W4G08U0 K9W8G08U0 SDTNFAH-128, SDTNGAHE0-128 SDTNFAH-256, SDTNGAHE0-256 SDTNFAH-512, SDTNGAHE0-512 SDTNFBH-1024, SDTNGBHE0-1024 SDTNGBHE0-2048 SDTNFCH-512, SDTNGCHE0-512 SDTNFCH-1024, SDTNGCHE0-1024 SDTNFDH-2048, SDTNGDHE0-2048, SDTNGCHE0-2048 SDTNGEHE0-1024 SDTNGFHE0-2048 NAND128W3A NAND256W3A NAND512W3A NAND1GW3A
Release date: 03/10/2005 (c) 2005 iCreate Technologies Corporation This document contains preliminary information on product but not yet fully characterized. iCreate Technologies Corporation reserves the right to change the specification in any manner without notice.
Page 5
I5062-ZD
1Gbit (128MByte) Big Block Toshiba 128Mbit (16MByte) 256Mbit (32MByte) 512Mbit (64MByte) 1Gbit (128MByte) 2GBit (256MByte) 512Mbit (64MByte) 4LC 1Gbit (128MByte) 4LC 2Gbit (256MByte) 4LC 1Gbit (128MByte) Big Block 2Gbit (256MByte) Big Block NAND1GW3B
Create
TC58128FT, TC58DVAM72AF1FT TC58256FT, TC58DVAM82AF1FT TH58512FT, TC58512FT, TC58512TG, TC58DVM92A1FT TH58100FT, TC58DVG02A1FT TH58DVG12A1TGK0 TC58005FT, TC58DVM94B1FT TC58010FT, TC58DVG04B1FT TH58020FT, TC58DVG14B1FT , TH58DVG14B1FT TC58NVG0S3AFT TH58NVG1S3AFT
Release date: 03/10/2005 (c) 2005 iCreate Technologies Corporation This document contains preliminary information on product but not yet fully characterized. iCreate Technologies Corporation reserves the right to change the specification in any manner without notice.
Page 6


▲Up To Search▲   

 
Price & Availability of I5062-ZD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X