Part Number Hot Search : 
1N3892R TLGU53T KCH20A20 V585ME01 CPH6412 SD103A LA72702 B44066
Product Description
Full Text Search
 

To Download HD151TS304ARP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD151TS304ARP
Spread Spectrum Clock for EMI Solution
REJ03D0020-0400Z (Previous ADE-205-691C(Z)) Rev.4.00 May.19.2003
Description
The HD151TS304A is a high-performance Spread Spectrum Clock modulator. It is suitable for low EMI solution.
Features
Supports 10 MHz to 60 MHz operation. (Designed for XIN = 24 MHz and 48 MHz) 1 copy of clock out with spread spectrum modulation @3.3 V 1 copy of reference clock @3.3 V Programmable spread spectrum modulation (0.25%, 0.5%, 1.5% central spread modulation and spread spectrum disable mode.) * SOP-8pin * Pin to pin compatible with HD151TS304RP * * * *
Key Specifications
* * * * * * Supply voltages : VDD = 3.3 V0.165 V Ta = 0 to 70C operating range Clock output duty cycle = 505% Cycle to cycle jitter = 250 ps typ. Output slew rate = 0.8V/ns min. Ordering Information
Package Type SOP-8 pin (JEDEC) Package Code FP-8DC Package Abbreviation RP Taping Abbreviation (Quantity) EL (2,500 pcs / Reel)
Part Name HD151TS304ARPEL
Note: Please consult the sales office for the above package availability.
Rev.4.00, May.19.2003, page 1 of 12
HD151TS304ARP
Block Diagram
VDD GND
CLKOUT XIN OSC XOUT R=1 M 1/n SSC Modulator SEL0 1/m Synthesizer SSCCLKOUT
R=100 k
Mode Control
SEL1
R=100 k
Pin Arrangement
SSCCLKOUT
1
8
SEL1
VDD
2
7
CLKOUT
GND
3
6
SEL0
XIN
4
5
XOUT
(Top view)
Rev.4.00, May.19.2003, page 2 of 12
HD151TS304ARP
SSC Function Table
SEL1 :0 00 01 10 11 Spread Percentage 0.5% 1.5% SSC OFF 0.25%
Note: 1.5% SSC is selected for default by internal pull-up & down resistors.
Clock Frequency Table
XIN(MHz) 48 24 SSCCLKOUT(MHz) 48
*1
CLKOUT(MHz) 48*2 24*2
24*1
Notes: 1. With spread spectrum modulation. 2. Without spread spectrum modulation.
Pin Descriptions
Pin name GND VDD CLKOUT SSCCLKOUT XIN XOUT SEL0 SEL1 No. 3 2 7 1 4 5 6 8 Type Ground Power Output Output Input Output Input Input Description GND pin Power supplies pin. Normally 3.3 V. Normally 3.3 V reference clock output. Spread spectrum modulated clock output. Oscillator input. Oscillator output. SSC mode select pin. LVCMOS level input. Pull-up by internal resistor. (100 k). SSC mode select pin. LVCMOS level input. Pull-down by internal resistor (100 k).
Rev.4.00, May.19.2003, page 3 of 12
HD151TS304ARP
Absolute Maximum Ratings
Item Supply voltage Input voltage Output voltage
*1
Symbol VDD VI VO IIK IOK IO
Ratings -0.5 to 4.6 -0.5 to 4.6 -0.5 to VDD+0.5 -50 -50 50 0.7
Unit V V V mA mA mA W C
Conditions
Input clamp current Output clamp current Continuous output current Maximum power dissipation at Ta = 55C (in still air) Storage temperature Notes:
VI < 0 VO < 0 VO = 0 to VDD
Tstg
-65 to +150
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. 1. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
Recommended Operating Conditions
Item Supply voltage DC input signal voltage High level input voltage Low level input voltage Operating temperature Input clock duty cycle VIH VIL Ta Symbol VDD Min 3.135 -0.3 2.0 -0.3 0 45 Typ 3.3 -- -- -- -- 50 Max 3.465 VDD+0.3 VDD+0.3 0.8 70 55 Unit Conditions V V V V C %
Rev.4.00, May.19.2003, page 4 of 12
HD151TS304ARP
DC Electrical Characteristics
Ta = 0 to 70C, VDD = 3.3 V5%
Item Input low voltage Input high voltage Input current Symbol VIL VIH II Min -- 2.0 -- -- Typ -- -- -- -- Max 0.8 -- 10 100 Unit V V A VI = 0 V or 3.465 V, VDD = 3.465 V, XIN pin VI = 0 V or 3.465 V, VDD = 3.465 V, SEL0, SEL1 pins V / ns 20% - 80% pF mA SEL0, SEL1 XIN = 24 MHz, CL = 0 pF, VDD = 3.3 V Test Conditions
Input slew rate Input capacitance Operating current CI
1 -- --
-- -- 7
4 4 --
DC Electrical Characteristics / Clock Output & SSC Clock Output
Ta = 0 to 70C, VDD = 3.3 V5%
Item Output voltage0
1
Symbol Min VOH VOL IOH IOL 3.1 -- -- --
Typ -- -- -30 30
Max -- 50 -- --
Unit V mV mA
Test Conditions IOH = -1 mA, VDD = 3.3 V IOL = 1 mA, VDD = 3.3 V VOH = 1.5 V VOL = 1.5 V
Output current* Note:
1. Parameters are target of design. Not 100% tested in production.
Rev.4.00, May.19.2003, page 5 of 12
HD151TS304ARP
AC Electrical Characteristics / Clock Output & SSC Clock Output
Ta = 25C, VDD = 3.3 V, CL = 15 pF
Item Cycle to cycle jitter
*1, 2
Symbol tCCS
Min -- -- -- -- -- -- --
Typ | 250 | | 250 | | 250 | | 250 | | 250 | | 250 | | 250 | -- -- -- -- -- -- -- -- -- 50 40 33 -- --
Max | 300 | | 300 | | 300 | | 300 | | 300 | | 300 | | 300 | 24.2 48.7 24.3 48.8 24.6 49.4 24.2 48.7 -- 55 -- -- 60 2
Unit ps
Test Conditions SSCCLKOUT, 24 MHz SSCCLKOUT, 48 MHz SSCCLKOUT, 24 MHz SSCCLKOUT, 48 MHz SSCCLKOUT, 24 MHz SSCCLKOUT, 48 MHz CLKOUT, 24 MHz & 48MHz
Notes SSCOFF SEL1:0 = 10 Fig1 SSC= 0.25% SEL1:0 = 11 Fig1 SSC= 1.5% SEL1:0 = 01 Fig1
Fig1 SSCOFF SEL1:0 = 10
Output frequency
*1, 2
23.8 47.3 23.7 47.2 23.4 46.6 23.8 47.3
MHz
SSCCLKOUT, XIN = 24 MHz SSCCLKOUT, XIN = 48 MHz SSCCLKOUT, XIN = 24 MHz SSCCLKOUT, XIN = 48 MHz SSCCLKOUT, XIN = 24 MHz SSCCLKOUT, XIN = 48 MHz CLKOUT, 24 MHz CLKOUT, 48 MHz
SSC= 0.25% SEL1:0 = 11
SSC= 1.5% SEL1:0 = 01
Slew rate
*1 *1 *1
tSL
0.8 45 -- -- 10 --
V/ns % KHz MHz ms
@48 MHz CLKOUT 0.4 V to 2.4 V
Clock duty cycle
Output impedance
Spread spectrum *1 modulation frequency Input clock frequency Stabilization time Notes:
*1,3
@48 MHz SSCCLKOUT
1. Parameters are target of design. Not 100% tested in production. 2. Cycle to cycle jitter and output frequency are included spread spectrum modulation. 3. Stabilization time is the time required for the integrated circuit to obtain phase lock of its input signal after power up.
Rev.4.00, May.19.2003, page 6 of 12
HD151TS304ARP
SSCCLKOUT (or CLKOUT) tcycle n tcycle n+1
t CCS = (tcycle n) - (tcycle n+1)
Figure 1 Cycle to cycle jitter
Rev.4.00, May.19.2003, page 7 of 12
HD151TS304ARP
Application Information 1. Recommended Circuit Configuration
The power supply circuit of the optimal performance on the application of a system should refer to Fig. 2. VDD decoupling is important to both reduce Jitter and EMI radiation. The C1 decoupling capacitor should be placed as close to the VDD pin as possible, otherwise the increased trace inductance will negate its decoupling capability. The C2 decoupling capacitor shown should be a tantalum type.
R1 SSCCLKOUT 1 8 SEL1 R2 VDD C2 C1 3 6 SEL0 2 7 CLKOUT
TS300 Series
GND GND 4 GND XIN (Crystal or Reference input) XOUT (Crystal or Not connection) 5
Notes:
C1 = High frequency supply decoupling capacitor. (0.1 F recommended) C2 = Low frequency supply decoupling capacitor. (22 F tantalum type recommended) R1, R2 = Match value to line impedance. (22 Reference value)
Figure 2 Recommended circuit configuration
Rev.4.00, May.19.2003, page 8 of 12
HD151TS304ARP
2. Example Board Layout Configuration
VDD (+3.3 V Supply)
P FB
22 F
G
R1 SSCCLKOUT 0.1 F
G
1
8 R2 7 CLKOUT
G
3
6
4
5
Crystal connection or Reference input Note:
Crystal connection or Not connection
G Via to GND plane R1, R2 = Match value to line impedance. (22 Reference value) FB = Ferrite bead.
Figure 3 Example Board Layout
Rev.4.00, May.19.2003, page 9 of 12
HD151TS304ARP
3. Example of TS300 EMI Solution IC's Application
Spread Spectrum Modulated Clock XIN XOUT TS30X SSC CLKOUT Ref. Clock 3.3 V CMOS level ref. Clock CPU & ASIC XTAL Memory Graphics System Cont.
Fig 4 Ref. Clock Input Example
Spread Spectrum Modulated Clock XIN XTAL XOUT TS30X SSC CLKOUT CPU & ASIC Memory Graphics System Cont.
System BUS
System BUS
Fig 5 XTAL Ref. Clock Input Example
Rev.4.00, May.19.2003, page 10 of 12
HD151TS304ARP
Package Dimensions
As of January, 2003
Unit: mm
4.90 5.3 Max 5 8
1
4
3.95
*0.22 0.03 0.20 0.03
1.75 Max
0.75 Max
6.10 - 0.30
+ 0.10
1.08 0 - 8
+ 0.67
0.14 - 0.04
+ 0.11
1.27
0.60 - 0.20
*0.42 0.08 0.40 0.06
0.15 0.25 M
*Dimension including the plating thickness Base material dimension Package Code JEDEC JEITA Mass (reference value) FP-8DC Conforms -- 0.085 g
Rev.4.00, May.19.2003, page 11 of 12
HD151TS304ARP
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap.
Notes regarding these materials
1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corporation product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corporation or a third party. 2. Renesas Technology Corporation assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corporation without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corporation or an authorized Renesas Technology Corporation product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corporation assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corporation by various means, including the Renesas Technology Corporation Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corporation assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corporation semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corporation or an authorized Renesas Technology Corporation product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corporation is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corporation for further details on these materials or the products contained therein.
http://www.renesas.com
Copyright (c) 2003. Renesas Technology Corporation, All rights reserved. Printed in Japan.
Colophon 0.0
Rev.4.00, May.19.2003, page 12 of 12


▲Up To Search▲   

 
Price & Availability of HD151TS304ARP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X