Part Number Hot Search : 
CY62136V 133BZC E80QL EN25F051 P2191DWG STK62 L4953 201VX
Product Description
Full Text Search
 

To Download H16A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
Low Leakage Low Zener Impedance High Reliability
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
H2 Series THRU H36 Series
500 mW Zener Diode 1.7 to 37.2 Volts
* * *
Maximum Ratings
Symbol PD TJ TSTG Rating Power dissipation Junction Temperature Storage Temperature Range Rating 500 -55 to +150 -55 to +150 Unit W O C O C
10-2
H16 H30 H12 H20
10-3
Zener Current I Z (A)
H2 H4 H6
H24
H36
H9

10-4
10
-5
10-6
10-7
10-8 0
5
10
15
20
25
30
35
40
DIMENSIONS

Zener Voltage V Z (V) Fig.1 Zener current Vs. Zener voltage



www.mccsemi.com
H2 Series thru H36 Series
MCC
50
Zener Voltage Temperature Coefficient z (mV/ C)
0.10
Zener Voltage Temperature Coefficient z (%/ C)
500
5mm 2.5 mm 3 mm
0.08 0.06 0.04
%/ C
40 30 20 mV/ C 10 0 -10 -20 -30 -40
400
Power Dissipation Pd (mW)
Printed circuit board 100 x180 x1.6t mm Quality: paper phenol
0.02 0
300
-0.02 -0.04 -0.06 -0.08 -0.10 0 5
200
100
-50 10 15 20 25 30 35 40 Zener Voltage VZ (V)
0 0 50 100 150 Ambient Temperature Ta ( C) 200
Fig.2 Temperature Coefficient Vs. Zener voltage
Fig.3 Power Dissipation Vs. Ambient Temperature
ELECTRICAL CHARACTERISTICS @25 C
MCC PART NUMBER Type Grade A1 A2 A3 B1 B2 B3 C1 C2 C3 A1 A2 A3 B1 B2 B3 C1 C2 C3 A1 A2 A3 B1 B2 B3 C1 C2 ZENER VOLTAGE VZ @ IZT VOLTS Min Max 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 TEST CURRENT I ZT mA 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Dynamic Resistance
rd (Max)
OHMS 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100
IZ
mA 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
REVERSE CURRENT I R (Max) @ V R A 25 25 25 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 VOLTS 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
H2
H3
H4
www.mccsemi.com
H2 Series thru H36 Series
ELECTRICAL CHARACTERISTICS @25C
MCC PART NUMBER Type Grade A1 A2 A3 B1 B2 B3 C1 C2 C3 A1 A2 A3 B1 B2 B3 C1 C2 C3 A1 A2 A3 B1 B2 B3 C1 C2 C3 A1 A2 A3 B1 B2 B3 C1 C2 C3 A1 A2 A3 B1 B2 B3 C1 C2 C3 A1 A2 A3 B1 B2 B3 C1 C2 C3 1 2 3 1 2 3 1 2 3 1 2 3 ZENER VOLTAGE VZ @ IZT VOLTS Min 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5 5.6 5.7 5.8 6.0 6.1 6.3 6.4 6.6 6.7 6.9 7.0 7.2 7.3 7.5 7.7 7.9 8.1 8.3 8.5 8.7 8.9 9.1 9.3 9.5 9.7 9.9 10.2 10.4 10.7 10.9 11.1 11.4 11.6 11.9 12.2 12.4 12.6 12.9 13.2 13.5 13.8 14.1 14.5 14.9 15.3 15.7 16.3 16.9 17.5 18.1 18.8 19.5 20.2 Max 4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.5 5.6 5.7 5.8 5.9 6.0 6.1 6.3 6.4 6.6 6.7 6.9 7.0 7.2 7.3 7.6 7.7 7.9 8.1 8.3 8.5 8.7 8.9 9.1 9.3 9.5 9.7 9.9 10.1 10.3 10.6 10.8 11.1 11.3 11.6 11.9 12.1 12.4 12.7 12.9 13.1 13.4 13.7 14.0 14.3 14.7 15.1 15.5 15.9 16.5 17.1 17.7 18.3 19.0 19.7 20.4 21.1 TEST CURRENT I ZT mA 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.0 2.0 2.0 OHMS 100 100 100 100 100 100 100 100 100 40 40 40 40 40 40 40 40 40 15 15 15 15 15 15 15 15 15 20 20 20 20 20 20 20 20 20 25 25 25 25 25 25 25 25 25 35 35 35 35 35 35 35 35 35 40 40 40 45 45 45 55 55 55 60 60 60 Dynamic Resistance
MCC
rd (Max) IZ
mA 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.0 2.0 2.0 REVERSE CURRENT I R (Max) @ VR A 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 VOLTS 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 11 11 11 12 12 12 13 13 13 15 15 15
H5
H6
H7
H9
H11
H12
H15
H16
H18
H20
www.mccsemi.com
MCC
H2 Series thru H36 Series
ELECTRICAL CHARACTERISTICS @25C
MCC PART NUMBER Type H22 Grade 1 2 3 1 2 3 1 2 3 1 2 3 1 2 3 1 2 3 ZENER VOLTAGE VZ @ IZT VOLTS Min Max 20.9 21.6 22.3 22.9 23.6 24.3 25.2 26.2 27.2 28.2 29.2 30.2 31.2 32.2 33.2 34.2 35.3 36.4 21.9 22.6 23.3 24.0 24.7 25.5 26.6 27.6 28.6 29.6 30.6 31.6 32.6 33.6 34.6 35.7 36.8 38.0 TEST CURRENT IZT mA 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 Dynamic Resistance
rd (Max)
OHMS 65 65 65 70 70 70 80 80 80 100 100 100 120 120 120 140 140 140
IZ
mA 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
REVERSE CURRENT I R (Max) @ VR A 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 VOLTS 17 17 17 19 19 19 21.0 21.0 21.0 23.0 23.0 23.0 25.0 25.0 25.0 27.0 27.0 27.0
H24
H27
H30
H33
H36
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of H16A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X