Part Number Hot Search : 
HTIP105 00900 TDA2616Q AD534TD HD74L 15BCC DDTA114 74F16
Product Description
Full Text Search
 

To Download FR303 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR301 THRU FR307
FAST RECOVERY RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 3.0 Amperes
DO-201AD
FEATURES
* The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 * Fast switching * Low leakage * Low forward voltage drop * High current capability * High current surge * High reliability
1.0(25.4) MIN. 0.210(5.3) 0.190(4.8) DIA. 0.375(9.5) 0.285(7.2) 1.0(25.4) MIN.
MECHANICAL DATA
Case : JEDEC DO-201AD molded plastic Terminals : Plated axial leads , solderable per MIL-STD-750, Method 2026 Polarity : Color band denotes cathode end Mounting Position : Any Weight : 0.04 ounes , 1.12 grams
0.052(1.3) 0.048(1.2) DIA.
*Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature SYMBOLS unless otherwise specified. Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TL=75 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 3.0 A Maximum Full Load Reverse Current Full Cycle average, 0.375" (9.5mm) lead length at TL=55 C Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Operating junction and storage temperature range
o o o
FR301 50 35 50
FR302
100 70 100
FR303
200 140 200
FR304
400 280 400
FR305
600 420 600
FR306
800 560 800
FR307
1000 700 1000
UNITS Volts Volts Volts Amps
VRRM VRMS VDC I(AV)
3.0
IFSM VF IR(AV)
200 1.3 150
Amps Volts uA
TA=25 C
o
IR trr CJ TJ,TSTG 150
10 250 15 -65 to +150 500
uA nS pF
o
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
REV. : 0
Zowie Technology Corporation
RATINGS AND CHARACTERISTIC CURVES FR301 THRU FR307
FIG.1 - FORWARD CURRENT DERATING CURVE 3.0 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES 2.5 2.0 1.5 1.0 0.5
0.375" (9.5mm) LEAD LENGTH 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 250 PEAK FORWARD SURGE CURRENT, AMPERES
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
200
150
100
50
0 0 25 50 75 100 125
o
0 150 175 1 10 NUMBER OF CYCLES AT 60Hz 100 AMBIENT TEMPERATURE, C
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10.00 IINSTANTANEOUS FORWARD CURRENT, AMPERES JUNCTION CAPACITANCE, pF
FIG.5 - TYPICAL JUNCTION CAPACITANCE
200 100 60 40
20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10
PULSE WIDTH=300uS 1% DUTY CYCLE
TJ = 25 C
o
1.00
TJ=25 C
o
0.10
20
40
100
REVERSE VOLTAGE, VOLTS 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
50 NONINDUCTIVE
10 NONINDUCTIVE
+0.5A (-)
PULSE GENERATOR ( NOTE 2 )
trr
(+) 25 Vdc ( approx ) (-)
D.U.T.
0 -0.25A
1 NONINDUCTIVE
OSCILLOSCOPE ( NOTE 1 )
(+) -1.0A
NOTES : 1. Rise Time = 7ns max. Input Impedance= 1 megohm. 22pF. 2. Rise Time = 10ns max. Source Impedance= 50 ohms.
SET TIME BASE FOR 50/100 ns/cm
REV. : 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of FR303

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X