Part Number Hot Search : 
1N5233B SY88927V 4S1064 4017N ZB4BP5 70400 S100R 7P1002
Product Description
Full Text Search
 

To Download FR303 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
FR301 THRU FR307
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
FEATURES
* * * * * * Fast switching Low leakage Low forward voltage drop High current capability High current surge High reliability
DO-27
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Mounting position: Any Weight: 1.18 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA= 75 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 3.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 oC Maximum Full Load Reverse Current Average, Full Cycle .375*(9.5mm) lead length at T L = 55 oC Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts VRRM VRMS VDC IO IFSM VF
FR301 50 35 50
FR302 100 70 100
FR303 200 140 200
FR304 400 280 400 3.0 200 1.3 10
FR305 600 420 600
FR306 800 560 800
FR307 UNITS 1000 700 1000 Volts Volts Volts Amps Amps Volts uAmps uAmps
IR 150 trr CJ TJ, TSTG 150 65 -65 to + 150 250 500
nSec pF
0
C
92
NEXT NEXT NEXT
EXIT BACK BACK EXI BACK EXIT
RATING AND CHARACTERISTIC CURVES ( FR301 THRU FR307 )
DC COMPONENTS CO., LTD.
R
93
NEXT NEXT NEXT
EXIT BACK BACK EXI BACK EXIT


▲Up To Search▲   

 
Price & Availability of FR303

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X