Part Number Hot Search : 
SC3BK05 ACT541 DFREE FMMT413 40510 DFREE 6R5FKE SB1020
Product Description
Full Text Search
 

To Download EZWFDU02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EZWFDU02 data sheet
Device features
IEEE 802.11b compliant USB 1.1 compliant USB to A-Type host interface 64-, 128 bit WEP Frequency Range 2412 to 2484 GHz USB powered @5.0V Indoor range of upto 300 feet over USB. Outdoor range of upto 1750 feet over USB. Supports Device Firmware Upgrade over USB. Operating Temperature Range of 0 C to 70C Storage Temperature Range of -20 C to 85C Dimension (30.0mm x 13.3mm x 78.5mm) w/o cradle
EZWFDU02
WLAN 802.11b USB adapter
Product Information Data Sheet November, 2003
General Description The EZWFDU02 is a low-cost wireless USB adapter with USB 1.1 interface. It is capable of data transfer rates of up to 11 Mbps. It can operate with other 802.11b WLAN compliant wireless adapters, access points and routers. The EZWFDU02 USB adapter is based on the Intersil Prism 3 chipset.
Applications Ad-Hoc Networking Infrastructure Networking
Key Features
Radio 14 dBm output power Receiver sensitivity: - -93 dBm @1Mbps - -91 dBm @2Mbps - -88 dBm @5.5Mbps - -85 dBm @11Mbps 39 dB Adjacent Channel Rejection @8%PER Baseband Data Rates of 1-, 2-, 5.5-, 11Mbps Modulation Techniques supported: - CCK(11Mbps) - CCK(5.5Mbps) - DQPSK(2Mbps) - DBSK(1Mbps) 64-, 128 bit WEP encryption
Copyright (c) EAZIX, Inc. 2003. All Rights Reserved
1
EZWFDU02 data sheet
Block Diagram
Diversity Antenna
Diversity Switch
Band Pass Filter
T/R Switch
Power Amp ISL3984
Balun
HOST
USB
BASEBAND PROCESSOR/ MAC ISL3871
Direct Up/Down Converter ISL3684
VCO ISL3084
Loop Filter
Flash Memory
44MHz Clock
Figure 1: EZWFDU01 Block Diagram
Copyright (c) EAZIX, Inc. 2003. All Rights Reserved
2
EZWFDU02 data sheet
Device Terminal Functions
Pin
1 2 3 4
Signal +5VDC -USB +USB GND
Table 1: Data Terminal Functions
Electrical Characteristics
Radio Characteristics, Receiver Data Rate(Mbps) 1 2 5.5 11 Typ -93 -91 -88 -85 0 39 14 Unit dBm dBm dBm dBm dBm dBm dBm
Sensitivity
Input Third Order Intercept Point, Low Gain Adjacent Channel Rejection at 8% PER
Transmitter
RF Transmit Power
Table 2: Radio Characteristics
Current Consumption,
Mode Receive Transmit IEEE802.11 Power Save Mode
Typ 225 235 65
Unit mA mA mA
Table 3: Current Consumption
Copyright (c) EAZIX, Inc. 2003. All Rights Reserved
3
EZWFDU02 data sheet
Applications
Figure 2: EZWFDU01 Basic Applications
Copyright (c) EAZIX, Inc. 2003. All Rights Reserved
4
EZWFDU02 data sheet
Mechanical Drawing
*units in mm
Copyright (c) EAZIX, Inc. 2003. All Rights Reserved
5
EZWFDU02 data sheet
Ordering and Contact Information Order Number EZWFDU02 Description MOQ is 1k. Leadtime: 8-10 weeks.
EAZIX, Inc. Unit 301 Plaz@ B 6530 Northgate Avenue, Filinvest Corporate City Alabang, Muntinlupa City Philippines 1770 Tel: + 632 772-4941 + 632 772-4942 + 632 772-4943 Fax: + 632 772-4944 Website: http://www.eazix.com/ E-mail: info@eazix.com
Copyright (c) EAZIX, Inc. 2003. All Rights Reserved
6


▲Up To Search▲   

 
Price & Availability of EZWFDU02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X