Part Number Hot Search : 
CDLL4570 EA7605 MN3723FE ACTQ403 AR25D SF2188D DMD1009 MBR201
Product Description
Full Text Search
 

To Download EW20200XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EXAMINED BY :
FILE NO .
CAS-10181
EMERGING DISPLAY
APPROVED BY: TECHNOLOGIES CORPORATION
ISSUE :
FEB.24,2003 7
TOTAL PAGE : VERSION :
2
CUSTOMER
ACCEPTANCE
SPECIFICATIONS
MODEL NO. :
20200(LED TY PES)
FOR MESSRS :
CUSTOMER'S APPROVAL
: _____________________________
DATE
: _____________________________
BY
EMERGING
RECORDS
DATE FEB.24,2003
DISPLAY
REVISION
MODEL NO.
VERSION
TECHNOLOGIES CORPORATION
20200(LED TYPES)
DOC . FIRST ISSUE
2
JUL.28,1999
OF
REVISED PAGE NO. 3
SUMMARY
NUMBERING SYSTEM ADD BACKLIGHTRED , CODE VALUER 4. ELECTRICAL CHARACTERISTICS
PARAMETER RECOMMENDED LCD DRIVING VOLTAGE LED FORWARD VOLTAGE SYMBOL VDD -VO CONDITION Ta = - 20 25 70 C C C MIN . TYP . 4.4 4.4 4.4 4.2 MAX . 4.6 UNIT V V V V
= 10, = 0 Ta = DUTY= 1/16 VF Ta =
IF = 130 mA
PARAMETER RECOMMENDED LCD DRIVING VOLTAGE LED FORWARD VOLTAGE
SYMBOL VDD -VO = 10, = 0 DUTY= 1/16 VF
CONDITION Ta = - 20 Ta = Ta = IF = 210 mA RED 25 70 C C C Y-G
MIN . 4.1 4.1 4.1
TYP . MAX . UNIT 4.4 4.4 4.4 4.2 3.6 4.7 4.7 4.7 4.6 V 4.0 V V V
3
5. OPTICAL CHARACTERISTICS
I THE OF T E M SYMBOL CONDITION IF = 210 mA MIN . TYP . MAX . UNIT NOTE 38 66 cd/m2 1,2 1,3 BRIGHTNESS BACK-LIGHT
L
I
T
E
M
SYMBOL
CONDITION Y-G
MIN . TYP . MAX . UNIT NOTE 22 25 37 28 42 cd/m2 1,2 1,3 1,2 1,3
THE OF
BRIGHTNESS MODULE
L
IF = 210 mA RED
33
EMERGING
DISPLAY
MODEL NO.
VERSION
TECHNOLOGIES CORPORATION NUMBERING SYSTEM
Polarizer
20200(LED TYPES)
2
Mode Backlight Code LED LED L M
value
Transflective Transmissive
Backlight Color Yellow-Green RED
Code Value Y R
E W 20 2 00 G L Y
LCD LCD
type + color
Code Value Y G B
STN + Yellow-Green STN + Gray STN + Blue
EMERGING
DISPLAY
MODEL NO.
VERSION
TECHNOLOGIES CORPORATION
20200(LED TYPES)
2
TABLE
OF
CONTENTS
NO. ITEM PAGE ===============================================================
1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. GENERAL SPECIFICATIONS
----------------------------------------------------------------------------------------------------------------------------------------------------------
1 1 2 3 3 4 5 5 6 7 7
MECHANICAL SPECIFICATIONS ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS OPTICAL CHARACTERISTICS OUTLINE DIMENSION
-------------------------------------------------------------------------
------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
DETAIL DRAWING OF DOT MATRIX BLOCK DIAGRAM INTERFACE SIGNALS POWER SUPPLY
-------------------------------------------------------
DISPLAY DATA RAM ADDRESS
EMERGING
1.
DISPLAY
MODEL NO.
VERSION
PAGE
TECHNOLOGIES CORPORATION GENERAL SPECIFICATIONS 1.1 GENERAL SPECIFICATIONS PLEASE REFER TO : CUSTOMER ACCEPTANCE
20200(LED TYPES)
2
1
STANDARD
SPECIFICATIONS :
EU-002A 1.2 APPLICATION NOTES FOR CONTROLLER / DRIVER : KS0066U PLEASE REFER TO : CUSTOMER ACCEPTANCE STANDARD SPECIFICATIONS :
EU- KS0066U 1.3 THIS INDIVIDUAL SPECIFICATIONS IS PRIOR TO GENERAL SPECIFICATIONS .
2.
MECHANICAL SPECIFICATIONS
( 1 ) NUMBER OF CHARACTER ( 2 ) MODULE SIZE ( 3 ) EFFECTIVE AREA ( 4 ) CHARACTER FONT ( 5 ) CHARACTER SIZE ( 6 ) CHARACTER PITCH ( 7 ) DOT SIZE ( 8 ) DOT PITCH ( 9 ) LCD TYPE * ( 10 ) DRIVING METHOD ( 11 ) BACK-LIGHT * * PLEASE REFER TO NUMBERING SYSTEM
-------------------- 20 CH * 2 LINES
-------------------------------- 116.0W * 37.0H * 16.0D (max.) mm ---------------------------- 83.0W * 18.6H mm --------------------------- 5 * 7 DOTS + CURSOR --------------------------- 3.20W * 5.55H mm --------------------------- 3.70W * 5.95H mm
------------------------------------- 0.60W * 0.65H mm ----------------------------------- 0.65W * 0.70H mm --------------------------- 1 / 16 DUTY MULTIPLEX DRIVE
EMERGING
3. 3.1
DISPLAY
MODEL NO.
VERSION
PAGE
TECHNOLOGIES CORPORATION
20200(LED TYPES)
2
2
ABSOLUTE MAXIMUM RATINGS ELECTRICAL ABSOLUTE MAXIMUM RATINGS . ( AT Ta = 25 C )
PARAMETER SYMBOL VDD-VSS VDD-VO VI PD IF VR MIN . 0 0 VSS MAX . 7.0 13.0 VDD 100 2.4 420 8 UNIT V V V V W mA V NOTE ( 1 ) REMARK
POWER SUPPLY FOR LOGIC POWER SUPPLY FOR LCD DRIVE INPUT VOLTAGE STATIC ELECTRICITY LED POWER DISSIPATION LED FORWARD CURRENT LED REVERSE VOLTAGE

NOTE ( 1 ) : TEST METHOD AND CONDITIONS : AFTER CHARGING UP 200 PF CAPACITOR BY STATED VOLTAGE , THE CAPACITOR IS CONNECTED WITH INTERFACE PINS OF THE MODULE .
3 . 2 ENVIRONMENTAL ABSOLUTE MAXIMUM RATINGS .
ITEM AMBIENT TEMPERATURE HUMIDITY VIBRATION SHOCK CORROSIVE GAS OPERATING MIN . MAX . - 2 0C 7 0C 9 0 % RH 4 . 9 m /s2 (0.5G) 2 9 . 4 m /s2 (3G) NOT ACCEPTABLE STORAGE MIN . MAX . - 3 0C 8 0C 9 0 % RH 1 9 . 6 m /s2 (2G) 4 9 0 . 0 m /s2 (50G) NOT ACCEPTABLE REMARK NOTE ( 2 ) , ( 3 ) WITHOUT CONDENSATION
XYZ DIRECTIONS
NOTE ( 2 ) : Ta AT -30C : 48HR MAX . 80C : 168HR MAX . NOTE ( 3 ) : BACKGROUND COLOR CHANGES SLIGHTLY DEPENDING ON AMBIENT TEMPERATURE THIS PHENOMENON IS REVERSIBLE .
EMERGING
4.
DISPLAY
MODEL NO.
VERSION
PAGE
TECHNOLOGIES CORPORATION ELECTRICAL CHARACTERISTICS
20200(LED TYPES)
Ta = 25C
2
VDD = 5.0 0.25 V
3
PARAMETER H LEVEL INPUT VOLTAGE L LEVEL INPUT VOLTAGE H LEVEL OUTPUT VOLTAGE L LEVEL OUTPUT VOLTAGE POWER SUPPLY CURRENT (LOGIC) RECOMMENDED LCD DRIVING VOLTAGE CLOCK OSCILLATION FREQUENCY LED FORWARD VOLTAGE LED FORWARD CURRENT LED REVERSE CURRENT
SYMBOL VIH VIL VOH VOL IDD VDD -VO = 10, = 0 DUTY= 1/16 FOSC VF IF IR
CONDITION -IOH = 0 . 2 mA IOL = 1 . 2 mA VDD = 5 . 0 V Ta = - 20 C Ta = 25 C Ta = 70 C Ta = 25 C IF = 210 mA VR = 8 V Y-G RED
MIN . 2.2 2.4 4.1 4.1 4.1
TYP . 2.0 4.4 4.4 4.4 270 4.2 3.6 210
MAX . 0.6 0.4 5.0 4.7 4.7 4.7 4.6 4.0 0.2
UNIT V V V V mA V V V KHZ V mA mA
5.
OPTICAL CHARACTERISTICS .
SYMBOL 2 -1 K tr ( rise ) Ta = 25 C VDD = 5.0 V CONDITION MIN . TYP . MAX . UNIT NOTE 30 deg. 1 K 1.4 = 10 5 1 = 0 5538 Ta = -20C 228 Ta = 25C 104 =10 Ta = 70C ms 1 2316 = 0 Ta = -20C 174 Ta = 25C 85 Ta = 70C 25 1,2 Y-G 37 1,3 IF = 210 mA cd/m2 22 28 1,2 RED 33 42 1,3 IF = 210 mA 570 nm 1
ITEM VIEWING ANGLE CONTRAST RATIO
RESPONSE TIME tf ( fall )
THE BRIGHTNESS OF MODULE PEAK EMISSION WAVELENGTH NOTE ( 1 ) : PLEASE REFER TO :
L
P
CUSTOMER
ACCEPTANCE
STANDARD
SPECIFICATION : EU-002A
NOTE ( 2 ) : POLARIZER MODE : TRANSFLECTIVE NOTE ( 3 ) : POLARIZER MODE : TRANSMISSIVE
EMERGING
6.
DISPLAY
MODEL NO.
VERSION
PAGE
TECHNOLOGIES CORPORATION OUTLINE DIMENSION
20200(LED TYPES)
2
4
UNIT : mm SCALE : NTS NOT SPECIFIED TOLERANCE IS 0.5
EMERGING
7.
DISPLAY
MODEL NO.
VERSION
PAGE
TECHNOLOGIES CORPORATION
20200(LED TYPES)
2
5
DETAIL DRAWING OF DOT MATRIX
73.5 3.70 3.20 0.050.01
0.60
11.5
0.65
0.050.01
5.55
UNIT : mm SCALE : NTS NOT SPECIFIED TOLERANCE IS 0.1
8.
BLOCK DIAGRAM
E R/W RS DB0 8 DB7 VDD V0 VSS VLED VLSS 4 LCD SEGMENT DRIVER * 1 LCD CONTROLLER 16 LCD PANEL
40
60
LED
BACKLIGHT
EMERGING
9.
DISPLAY
MODEL NO.
VERSION
PAGE
TECHNOLOGIES CORPORATION INTERFACE SIGNALS PIN NO. 1 2 3 4 SYMBOL VSS VDD VO RS
20200(LED TYPES)
2
6
DESCRIPTION GROUND POWER SUPPLY FOR LOGIC CIRCUIT LCD CONTRAST ADJUSTMENT +5V
FUNCTION 0V (GND)
RS = 0 : INSTRUCTION
INSTRUCTION/DATA REGISTER SELECTION
REGISTER RS = 1 : DATA REGISTER R/W = 0 : REGISTER WRITE R/W = 1 : REGISTER READ
5
R/W
READ/WRITE SELECTION
6 7 8 9 10 11 12 13 14 15 16
E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 VLED VLSS
ENABLE INPUT
4 BIT/8BIT DATA INPUT/OUTPUT LINES SELECTABLE 4 BIT : DB4 - DB7 8 BIT : DB0 - DB7
POWER SUPPLY FOR LED BACKLIGHT ( ANODE ) POWER SUPPLY FOR LED BACKLIGHT ( CATHODE ) 0V ( GND )
EMERGING
DISPLAY
MODEL NO.
VERSION
PAGE
TECHNOLOGIES CORPORATION 1 0 . POWER SUPPLY
20200(LED TYPES)
2
7
1 0 . 1 POWER SUPPLY FOR LCD MODULE
VDD LCD DISPLAY VO VSS VDD - VO : VR : LCD DRIVING RESISTOR VOLTAGE R : VDD - VO 1.5V VDD- VO R VR VDD (+5V)
MODULE
10K ~20K
RECOMMENDED
10.2. POWER SUPPLY FOR LED BACK-LIGHT
VLED+ LED BACKLIGHT VLSSRECOMMENDED RESISTOR RL : 6~3,1/2 WATT (CONTROLLED BY USER) * THE BRIGHTNESS WOULD BE ALTERED SUBJECT TO DIFFERENT VALUES OF RL
RL VLED (+5V)
1 1. DISPLAY DATA RAM ADDRESS
CHARACTER 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 LINE 1 80 81 82 83 84 85 86 87 88 89 8A 8B 8C 8D 8E 8F 90 91 92 93 LINE 2 C0 C1 C2 C3 C4 C5 C6 C7 C8 C9 CA CB CC CD CE CF D0 D1 D2 D3


▲Up To Search▲   

 
Price & Availability of EW20200XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X