|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Bussmann(R) Subminiature Circuit Protector om Axial Lead Overcurrent Protection w w Catalog Symbol: DO-35 Voltage Rating: 32V ac/dc Interrupting Rating: 50 Amp AC, Power Factor = 1.0 50 Amp DC, Battery Source Physical Size: EIA/JEDEC Publication 95; Outline DO-35; Axial Leads Agency Approvals: U.L. Recognized, Std. 248-14, File E19180, Guide JDYX2 CSA Component Acceptance, File 53787, Class 1422-30 General Information: * Economical overcurrent protection. * Compatible with wave soldering. * Unaffected by rigorous board washing operations. * Excellent environmental integrity. * One time positive disconnect. Interruption Time: 10 Sec. max. @ 250% rated current 1 mSec. typ. @ 500% rated current Environmental Specifications: Operating Temperature Range: -55C to + 125C, with proper derating. Thermal Shock: MIL-STD-202, Method 107, Test Condition B (-65C to 125C). Vibration: MIL-STD-202, Method 204, Test Condition C (55 to 2000 Hz, 10G). Solderability: Withstands 60 seconds above 200C, 260C maximum. Moisture Resistance: MIL-STD-202, Method 106, 10 day cycle. Electrical Characteristics Part Number (xx = Package Code) xx/DO-35-250mA xx/DO-35-375mA xx/DO-35-400mA xx/DO-35-500mA xx/DO-35-750mA xx/DO-35-1A xx/DO-35-1.5A xx/DO-35-2A xx/DO-35-2.5A xx/DO-35-3A xx/DO-35-3.5A ta a D . w Sh et e 4U .c DO-35 R Dimensions: mm (0.13) inches (0.005) 30.24 1.19 4.62 .182 30.24 1.19 .51 dia. .020 Construction: 1 2 3 4 w w .D w Current Rating (Amperes) .25 .375 .400 .5 .75 1 1.5 2 2.5 3 3.5 t a NA S a Packaging and Ordering Information: Tape and Reel: In compliance with EIA-296-E or EIA-468-A. DO-35 Product Symbol (See Table) Rated Current e h t e 1. Lead assembly, tin-lead dipped. 2. End termination. 3. Ceramic substrate. 4. Metal film fuse element. 5. Glass tube. U 4 .c 5 Color band(s) to identify ampere rating. (see chart below). m o 1.83 dia. .072 Package Code Blank = 10 pieces, bulk packed BK = 500 pieces, bulk packed TR = 2,500 pieces, tape/reel, 52.4mm tape to tape spacing per EIA-296-E TR1 = 5,000 pieces, tape/reel, 52.4mm tape to tape spacing per EIA-296-E TR2 = 2,500 pieces tape/reel, radial configuration, 5.08mm lead to lead spacing per EIA-468-A. Contact Bussmann if other package quantities are required. Color Code Color # of Bands Green Green Blue Orange Brown Brown Black Black Yellow Yellow 1 2 0 1 2 1 2 1 2 1 2 Typ. Resistance @ 10% Rated Current (Ohms) 4.5 3.0 3.0 1.4 0.55 0.32 0.15 0.10 0.072 0.05 0.04 Typical Voltage Drop @ Rated Current (Volts) 1.4 1.35 1.2 0.84 0.50 General Notes: 1. Device designed to carry rated current for four hours minimum. An operating current of 80% or less of rated current is recommended, with further derating required at elevated ambient temperatures. 2. All measurements made at 23 3C ambient temperature with the device mounted on a suitable circuit board trace. 12-17-98 SB98107 Rev. A w w w .D at aS ee h 0.39 0.27 0.26 0.20 0.19 0.23 4U t om .c Form No. DO-35 Page 1 of 1 BIF Doc #3003 |
Price & Availability of DO-35 |