Part Number Hot Search : 
2SC28 DV740 00223 8893C SMAJ13 TM162XBC 30021 HD75160A
Product Description
Full Text Search
 

To Download CNC7S101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoisolators (Photocouplers)
CNC7S101,CNZ3182,CNC7T101,CNC1H101
Optoisolators
Overview
CNC7S101 is an AC input compatible optoisolator in which two GaAs high output infrared light emitting diode chips are connected in reverse parallel as light emitting elements, and opitically are connected to a high sensitivity Si phototransistor chip as a light detecting element in a small DIL 4-pin package. This optoisolator series also includes the two-channel CNZ3182, the three-channel CNC7T101, and the four-channel CNC1H101. The CNC7S101 series has a number of excellent features, including high I/O isolation voltage and current transfer ratio (CTR), as well as high speed response and high reliability.
CNC7S101
LED Mark
Unit : mm
5.2 max. 0.5 min. 4 3 2.54 min.
4.580.3
1 2 7.620.3 6.20.5
3.850.3 2.0
0 to
15
0 to
15
1: Anode/Cathode 2: Cathode/Anode 3: Emitter 4: Collector
CNZ3182
LED Mark 1 2 3 4 7.620.3 6.20.5
5.2 max. 0.5 min. 5 6 7 8
Fast response : tr = 4 s, tf = 3 s UL listed (UL File No. E79920)
3.850.3 2.0
High I/O isolation voltage : VISO = 5000 Vrms (min.)
0.25 -0
+0.15
AC input support
0 to
15
0 to
15
1,3: Anode/Cathode 2,4: Cathode/Anode 5,7: Emitter 6,8: Collector
Applications
Telephones Telephone switches Programmable controllers AC/DC input modules for measuring
CNC7T101
LED Mark 1 2 3 4 5 6 7.620.3 6.20.5
5.2 max. 0.5 min. 12 11 10 9 8 7
14.740.3
CNC7S101
1 2 4 3
CNZ3182
1 2 3 4
Top View
3.850.3 2.0
Pin Connection
8 7 6 5
Top View
0.25 -0
+0.15
0 to
15
0 to
1,3,5: Anode/Cathode 15 2,4,6: Cathode/Anode 7,9,11: Emitter 8,10,12: Collector
CNC1H101
LED Mark 1 2 3 4 5 6 7 8 7.620.3 6.20.5
5.2 max. 0.5 min. 16 15 14 13 12 11 10 9
CNC7T101
1 2 3 4 5 6 12 11 10 9 8 7
Top View
CNC1H101
1 2 3 4 5 6 7 8 16 15 14
12 11 10 9
Top View
3.850.3 2.0
13
0.25 -0
+0.15
0 to
15
0 to
1,3,5,7: Anode/Cathode 2,4,6,8: Cathode/Anode 15 9,11,13,15: Emitter 10,12,14,16: Collector
16-0.50.1 16-1.20.15 2.540.25
19.820.5
12-0.50.1 12-1.20.15 2.540.25
8-0.50.1 8-1.20.15 2.540.25
Features
9.660.3
4-0.50.1 4-1.20.15 2.540.25
0.25 -0
+0.15
Unit : mm
2.54 min.
Unit : mm
2.54 min.
Unit : mm
2.54 min.
1
Optoisolators (Photocouplers)
CNC7S101,CNZ3182,CNC7T101,CNC1H101
Absolute Maximum Ratings (Ta = 25C)
Parameter Forward current (DC) Input (Light Pulse forward current emitting diode) Power dissipation Collector current Output (Photo Collector to emitter voltage transistor) Emitter to collector voltage Collector power dissipation Total power dissipation Isolation voltage, input to output Operating ambient temperature Storage temperature
*1 *2 *3 *4
Symbol Ratings IF IFP*1 PD
*2
Unit mA A mW mA V V mW mW Vrms C C
50 1 75 50 80 7 150 200
*4
IC VCEO VECO PC
*3
PT VISO
5000
Topr -30 to +100 Tstg -55 to +125
Pulse width 100 s, repeat 100 pps Input power derating ratio is 0.75 mW/C at Ta 25C. Output power derating ratio is 1.5 mW/C at Ta 25C. AC 1 min. RH < 60 %
Electrical Characteristics (Ta = 25C)
Parameter Input characteristics Capacitance between pins Collector cutoff current Collector to emitter voltage Output characteristics Emitter to collector voltage Collector to emitter capacitance DC current transfer ratio Isolation capacitance, input to output Transfer Rise time characteristics Fall time Isolation resistance, input to output Forward voltage (DC) Symbol VF Ct ICEO Conditions IF = 50mA VR = 0V, f = 1MHz VCE = 20V 80 7 3 20 0.6 1011 4 3 0.1 0.33 1.0 0.2 3.0 300 min typ 1.35 35 5 100 max 1.5 Unit V pF nA V V pF % pF s s V -
VCEO IC = 100A VECO IE = 10A CC CISO RISO tr
*2
VCE = 10V, f = 1MHz f = 1MHz VISO = 500V VCC = 10V, IC = 2mA, RL = 100
CTR*1, 5 VCE = 5V, IF = 1mA
tf*3
Collector to emitter saturation voltage VCE(sat) IF = 20mA, IC = 1mA Collector current ratio
*1 DC *2 *3 *4
IC(Ratio)*4 VCE = 5V, IF = 1mA
current transfer ratio (CTR) is a ratio of output current against DC input current tr : Time required for the collector current to increase from 10% to 90% of its final value tf : Time required for the collector current to decrease from 90% to 10% of its initial value IC2 (IF=IF2, VCE=5V) IC (Ratio) = IC1 (IF=IF1, VCE=5V)
IC1 1 4 3 IC2 VCE
*5 CTR
IF1 IF2
classifications General 20 to 300 R 50 to 150 S 100 to 300
Class CTR (%)
2
,,
2
CNC7S101,CNZ3182,CNC7T101,CNC1H101
Optoisolators (Photocouplers)
PC , PD -- Ta
Collector power dissipation , power dissipation PC , PD (mW)
160 PC 50 60
IF -- VF
10 2 Ta = 25C VCC = 5V Ta = 25C
IC -- IF
IC (mA) Collector current
120
IF (mA)
10
40
Forward current
80 PD
30
1
20
40
10 -1
10
0 - 20
0
20
40
60
80
100
120
0
0
0.4
0.8
1.2
1.6
2.0
2.4
10 -2 10 -1
1
10
10 2
Ambient temperature Ta (C )
Forward voltage VF (V)
Forward current IF (mA)
IC -- VCE
50 IF = 30mA 25mA 180
IC -- Ta
10 4
ICEO -- Ta
VCE = 20V 10 3
IC (mA)
40
IC (%)
20mA
ICEO (nA) Dark current
0 20 40 60 80 100
140
30 10mA 20
Relative output current
15mA
10 2
Collector current
100
10
1
10
5mA 2mA 1mA 10 12
60
10 -1
0
0
2
4
6
8
20 - 20
10 -2 - 40 - 20
0
20
40
60
80
100
Collector to emitter voltage VCE (V)
Ambient temperature Ta (C )
Ambient temperature Ta (C )
IC -- VCE(sat)
10 2 IF = 50mA 0.10
VCE(sat) -- Ta
10 2
tr -- IC
IC (mA)
20mA 10mA 10 5mA
Collector to emitter saturation voltage VCE(sat) (V)
0.08 10
RL = 1k 500 100 1
0.06
Collector current
2mA 1
0.04
1mA
Rise time
tr (s)
10 -1 0.02
Sig.IN VCC V1 V1 50 V2 RL 90% 10%
, ,,
10 -2 10 -1 1
V2
10 -1
tr
10
td
tf
10 2
0
0.1
0.2
0.3
0.4
0.5
0.6
0 - 40 - 20
0
20
40
60
80
100
Collector to emitter saturation voltage VCE(sat) (V)
Ambient temperature Ta (C )
Collector current IC (mA)
3
Optoisolators (Photocouplers)
CNC7S101,CNZ3182,CNC7T101,CNC1H101
tf -- IC
10 2 10
Frequency characteristics
Ta = 25C
Measuring circuit of frequency characteristics
VCC = 10V +10V
10
RL = 1k 500 100
P (dB)
1
50k 100F 16V
tf (s)
Relative power output
Fall time
,,
Sig.IN - 50
IF = 5mA 2mA
1
10 -1
Sig.OUT
+
10 -1
Sig.IN VCC V1 V1 V2 90% 10%
10 -2
5k 50
Sig.OUT RL = 100
,,
10 3
,, ,
50
RL
V2
10 -2
tr
td
tf
10 2
10
-1
1
10
10 -3
1
10
10 2
Collector current IC (mA)
Frequency f (kHz)
4
,, ,


▲Up To Search▲   

 
Price & Availability of CNC7S101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X