Part Number Hot Search : 
AN311 V674ME08 LL2012 00BGI 1602H SS100 CSNB2 2N608
Product Description
Full Text Search
 

To Download CMD17-21SRCTR8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMD17-21 Series SMT LEDs 0805 Package Size
DESCRIPTION AND FEATURES
Surface Mount Technology * Tape and reel packaged for high-speed autoinsertion. * Convection and vapor-phase reflow compatible. * Compact form enables high density placement. * Packaged 2000 pieces per reel. Leading Edge LED Optoelectronic Performance * Consistenthigh brightness. * Bi-coloravailable. Exceptional Reliability * Stringent process controls assure quality. * Extensive qualification testing to meet strictest requirements. * Designed to permit easy post-reflow solder joint inspection. * Solder pad geometry on page 1-X2.
All dimensions in mm.
0.20 R
0.60
1.25 1.40 2.000.20
C AT HODE MAS K
0.40 1.250.20 1.100.10
ELECTRO-OPTICAL CHARACTERISTICS
P art Number C MD17-21S R C /T R 8 C MD17-21V R C /T R 8 C MD17-21V Y C /T R 8 C MD17-21V G C /T R 8 C MD17-21UG C /T R 8 C MD17-21V R D/T R 8 C MD17-21V Y D/T R 8 C MD17-21V G D/T R 8 C MD17-21UB C /T R 8 C MD17-21UY C /T R 8 C MD17-21US OC /TR 8 Min. (mcd) 10.0 C lear S uper R ed 4.5 C lear H.E . R ed 5.0 C lear Y ellow 6.0 C lear G reen 8.0 C lear G reen R ed Diffused H.E . R ed 3.0 Yellow Diffused Y ellow 2.5 Green Diffused G reen 4.0 C lear B lue 16.0 S uper Y ellow C lear 41.0 S unset Orange C lear 26.0 E mitted C olor Lens C olor Luminous Intensity T yp. (mcd) 21.0 13.0 12.0 10.0 15.0 6.0 4.0 7.0 27.0 61.0 43.0 F orward V oltage T yp. (V ) 1.7 2.0 2.0 2.1 2.1 2.0 2.0 2.1 4.5 2.1 2.1 Max. (V ) 2.4 2.8 2.8 2.8 2.8 2.8 2.8 2.8 5.5 2.8 2.8 T est C urrent (mA) 20 20 20 20 20 20 20 20 20 20 20 V iew P eak Wavelength Angle (degrees) (nm) 140 660 140 640 140 585 140 570 140 570 140 640 140 585 140 570 120 430 140 590 140 620
ABSOLUTE MAXIMUM RATINGS
Red Yellow Green Units Power Dissipation................................................100.................105................105........................ mW Operating/Storage Temperature......................-40 to +85........-40 to +85.......-40 to +85......................C Peak Forward Current (1 s @ 10% duty cycle).......150.................150................150..........................mA Reverse Voltage (IR=100A).................................5.0..................5.0.................5.0............................V Lead Solder Time @ 260C.....................................5.....................5...................5.....................seconds Average Forward Current.......................................30...................30.................30...........................mA
America: CML Innovative Technologies,Inc. 147 Central Avenue Hackensack, NJ 07601 -USA Tel:1-201-489 -8989 Fax:1-201-489 -6911 e-mail:americas@cml-it.com
Europe: CML Technologies GmbH &Co.KG Robert-Bunsen-Str.1 67098 Bad Durkheim -GERMANY Tel:+49 (0)6322 9567-0 Fax:+49 (0)6322 9567-88 e-mail:europe@cml-it.com
Asia: CML Innovative Technologies,Inc. 61 Aida Street Singapore 459975 Tel:(65)9630 -5003 e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product
CMD17-21 Series SMT LEDs 0805 Package Size


▲Up To Search▲   

 
Price & Availability of CMD17-21SRCTR8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X