Part Number Hot Search : 
HMC197E MAX924 CS4811 MHO14TAD G79LXX MAX6033 SB360A 600TTS
Product Description
Full Text Search
 

To Download BCP56T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCP56T1 Series
Preferred Devices
NPN Silicon Epitaxial Transistor
These NPN Silicon Epitaxial transistors are designed for use in audio amplifier applications. The device is housed in the SOT-223 package, which is designed for medium power surface mount applications.
Features http://onsemi.com
* Pb-Free Package is Available * High Current: 1.0 Amp * The SOT-223 package can be soldered using wave or reflow. The * *
formed leads absorb thermal stress during soldering, eliminating the possibility of damage to the die Available in 12 mm Tape and Reel Use BCP56T1 to order the 7 inch/1000 unit reel Use BCP56T3 to order the 13 inch/4000 unit reel PNP Complement is BCP53T1
MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
COLLECTOR 2,4
BASE 1 EMITTER 3
MAXIMUM RATINGS (TC = 25C unless otherwise noted)
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Total Power Dissipation @ TA = 25C (Note 1) Derate above 25C Operating and Storage Temperature Range Symbol VCEO VCBO VEBO IC PD 1.5 12 TJ, Tstg -65 to 150 Watts mW/C C AWW xxxx Value 80 100 5 1 Unit Vdc Vdc Vdc Adc
1 2 3 4
SOT-223 CASE 318E STYLE 1
MARKING DIAGRAM
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance Junction-to-Ambient (surface mounted) Maximum Temperature for Soldering Purposes Time in Solder Bath Symbol RqJA Max 83.3 Unit C/W
xxxx A WW
= Specific Device Code = Assembly Location = Work Week
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. Preferred devices are recommended choices for future use and best overall value.
TL 260 10
C Sec
1. Device mounted on a FR-4 glass epoxy printed circuit board 1.575 in x 1.575 in x 0.0625 in; mounting pad for the collector lead = 0.93 sq in.
(c) Semiconductor Components Industries, LLC, 2004
1
June, 2004 - Rev. 3
Publication Order Number: BCP56T1/D
BCP56T1 Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristics OFF CHARACTERISTICS Collector-Base Breakdown Voltage (IC = 100 mAdc, IE = 0) Collector-Emitter Breakdown Voltage (IC = 1.0 mAdc, IB = 0) Emitter-Base Breakdown Voltage (IE = 10 mAdc, IC = 0) Collector-Base Cutoff Current (VCB = 30 Vdc, IE = 0) Emitter-Base Cutoff Current (VEB = 5.0 Vdc, IC = 0) ON CHARACTERISTICS (Note 2) DC Current Gain (IC = 5.0 mA, VCE = 2.0 V) (IC = 150 mA, VCE = 2.0 V) hFE All Part Types BCP56T1 BCP56-10T1 BCP56-16T1 All Types VCE(sat) VBE(on) 25 40 63 100 25 - - - - - - - - - - 250 160 250 - 0.5 1.0 Vdc Vdc - V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO 100 80 5.0 - - - - - - - - - - 100 10 Vdc Vdc Vdc nAdc mAdc Symbol Min Typ Max Unit
(IC = 500 mA, VCE = 2.0 V) Collector-Emitter Saturation Voltage (IC = 500 mAdc, IB = 50 mAdc) Base-Emitter On Voltage (IC = 500 mAdc, VCE = 2.0 Vdc) DYNAMIC CHARACTERISTICS Current-Gain - Bandwidth Product (IC = 10 mAdc, VCE = 5.0 Vdc, f = 35 MHz)
fT
-
130
-
MHz
2. Pulse Test: Pulse Width 300 ms, Duty Cycle 2.0%
ORDERING INFORMATION
Device BCP56T1 BCP56T3 BCP56-10T1 BCP56-16T1 BCP56-16T1G BCP56-16T3 BH-16 Marking BH BH BH-10 Package SOT-223 SOT-223 SOT-223 SOT-223 SOT-223 (Pb-Free) SOT-223 Shipping 1000 / Tape & Reel 4000 / Tape & Reel 1000 / Tape & Reel 1000 / Tape & Reel 1000 / Tape & Reel 4000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
BCP56T1 Series
TYPICAL ELECTRICAL CHARACTERISTICS
1000 TJ = 125C TJ = 25C 100 TJ = - 55C
hFE, DC CURRENT GAIN
10
1
10 IC, COLLECTOR CURRENT (mA)
100
1000
Figure 1. DC Current Gain
BANDWIDTH PRODUCT (MHz)
1000
80 60 C, CAPACITANCE (pF) 40 Cibo TJ = 25C
100
20
f T, CURRENT-GAIN
10 8.0 6.0 Cobo 0.2 0.5 1.0 2.0 5.0 10 20 VR, REVERSE VOLTAGE (VOLTS) 50 100
10 1.0
10 100 IC, COLLECTOR CURRENT (mA)
1000
4.0 0.1
Figure 2. Current-Gain - Bandwidth Product
Figure 3. Capacitance
1.0 0.8 V, VOLTAGE (VOLTS) 0.6 0.4 0.2 VCE(sat) @ IC/IB = 10 0 0.5 1.0 2.0 100 5.0 10 20 50 IC, COLLECTOR CURRENT (mA) 200 500 TJ = 25C VBE(sat) @ IC/IB = 10 VBE(on) @ VCE = 1.0 V
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
1.0 TJ = 25C 0.8 0.6 0.4 0.2 0 0.05 IC = 10 mA 50 mA 100 mA 250 mA 500 mA
0.1
0.2
0.5 5.0 10 1.0 2.0 IC, COLLECTOR CURRENT (mA)
20
50
Figure 4. "On" Voltages
Figure 5. Collector Saturation Region
http://onsemi.com
3
BCP56T1 Series
PACKAGE DIMENSIONS
SOT-223 (TO-261) CASE 318E-04 ISSUE K
A F
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES DIM MIN MAX A 0.249 0.263 B 0.130 0.145 C 0.060 0.068 D 0.024 0.035 F 0.115 0.126 G 0.087 0.094 H 0.0008 0.0040 J 0.009 0.014 K 0.060 0.078 L 0.033 0.041 M 0_ 10 _ S 0.264 0.287 STYLE 1: PIN 1. 2. 3. 4. BASE COLLECTOR EMITTER COLLECTOR MILLIMETERS MIN MAX 6.30 6.70 3.30 3.70 1.50 1.75 0.60 0.89 2.90 3.20 2.20 2.40 0.020 0.100 0.24 0.35 1.50 2.00 0.85 1.05 0_ 10 _ 6.70 7.30
4
S
1 2 3
B
D L G J C 0.08 (0003) H M K
SOLDERING FOOTPRINT*
3.8 0.15 2.0 0.079
2.3 0.091
2.3 0.091
6.3 0.248
2.0 0.079
mm 1.5 SCALE 6:1 inches 0.059 *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
BCP56T1/D


▲Up To Search▲   

 
Price & Availability of BCP56T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X