Part Number Hot Search : 
C2012X7 16C255 WF7350S7 LPT64 BD3573Y GMS90L56 AX104 1N5641
Product Description
Full Text Search
 

To Download AP4511M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4511M
Advanced Power Electronics Corp.
Simple Drive Requirement Low On-resistance Fast Switching Performance
D2 D1 D2 D1 D1 D1 D2 D2
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
N-CH BVDSS RDS(ON)
S2 G1 S2 S1 G1 S1 G2 G2
35V 25m 7A -35V 40m -6.1A
SO-8 SO-8
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and costeffectiveness. The SO-8 package is universally preferred for all commercialindustrial surface mount applications and suited for low voltage applications such as DC/DC converters.
ID P-CH BVDSS RDS(ON) ID
D1
D2
G1 S1
G2 S2
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating N-channel 35 20 7 5.7 30 2.0 0.016 -55 to 150 -55 to 150 P-channel -35 20 -6.1 -5 -30
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 62.5
Unit /W
Data and specifications subject to change without notice
201122041
AP4511M
N-CH Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=250uA
Min. 35 1 -
Typ. 0.02 18 29 9 11 3 6 12 7 22 6 830 150 110 1.2
Max. Units 25 37 3 1 25 100 18 1330 1.8 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=7A VGS=4.5V, ID=5A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=VGS, ID=250uA VDS=10V, ID=7A VDS=35V, VGS=0V VDS=28V, VGS=0V VGS=20V ID=7A VDS=28V VGS=4.5V VDS=18V ID=1A RG=3.3,VGS=10V RD=18 VGS=0V VDS=25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=1.7A, VGS=0V IS=7A, VGS=0V dI/dt=100A/s
Min. -
Typ. 18 12
Max. Units 1.2 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
AP4511M
P-CH Electrical Characteristics@Tj=25 C(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
o
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (T oC) j=25 Drain-Source Leakage Current (T oC) j=70
2
Test Conditions VGS=0V, ID=-250uA VGS=-10V, ID=-6A VGS=-4.5V, ID=-4A VDS=VGS, ID=-250uA VDS=-10V, ID=-6A VDS=-35V, VGS=0V VDS=-28V, VGS=0V VGS=20V ID=-6A VDS=-28V VGS=-4.5V VDS=-18V ID=-1A RG=3.3,VGS=-10V RD=18 VGS=0V VDS=-25V f=1.0MHz f=1.0MHz
Min. -35 -1 -
Typ. -0.02 32 50 9 10 2 6 10 6 26 7 690 165 130 5.2
Max. Units 40 60 -3 -1 -25 100 16 1100 7.8 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25,ID=-1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=-1.7A, VGS=0V IS=-6A, VGS=0V dI/dt=-100A/s
Min. -
Typ. 20 12
Max. Units -1.2 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board, t <10sec ; 135 /W when mounted on Min. copper pad.
AP4511M
N-Channel
50 50
T A = 25 o C
40
10V 7.0V 5.0V
ID , Drain Current (A)
T A = 150 o C
40
10V 7.0V 5.0V
ID , Drain Current (A)
30
30
20
20
10
V G =3.0V
10
V G =3.0V
0 0 1 2 3 4 5
0 0 1 2 3 4 5
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
40
1.8
ID=5A
35
1.6
T A =25 o C Normalized RDS(ON)
1.4
ID=7A V G =10V
RDS(ON) (m )
30
1.2
1.0
25 0.8
20
2 4 6 8 10
0.6 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.5
6
5 1.3
4
Normalized VGS(th) (V)
IS(A)
T j =150 o C
3
T j =25 o C
1.1
0.9
2
0.7 1
0 0 0.2 0.4 0.6 0.8 1 1.2
0.5 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP4511M
N-Channel
f=1.0MHz
14 1000
C iss
VGS , Gate to Source Voltage (V)
12
I D =7A V DS =28V
10
C oss
8
C (pF)
100
C rss
6
4
2
0 0 5 10 15 20 25
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (Rthja)
Duty factor=0.5
10us
10
02
1ms 10ms
01
0.1
0 05
ID (A)
1
100ms
o
0 02
0 01
PDM 0.01
Si
t T
0.1
T A =25 C Single Pulse
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja=135o C/W
0.01 0.1 1 10 100
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
30
V DS =5V ID , Drain Current (A) T j =25 o C
20
VG
T j =150 o C
QG 4.5V QGS QGD
10
Charge
0 0 2 4 6 8
Q
V GS , Gate-to-Source Voltage (V)
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
AP4511M
P-Channel
50
50
T A = 25 C
40
o
-10V 7 0V
40
T A = 150 C -ID , Drain Current (A)
o
-10V -7.0V
-ID , Drain Current (A)
30
30
20
20
V
10
3 0V
10
V
3 0V
0 0 1 2 3 4 5
0
0 1 2 3 4 5
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
60
1.4
I D = -4 A
55
o T A =25 C
1.2
I D =-6A V G =-10V Normalized R DS(ON)
50
RDS(ON) (m)
45
1.0
40
0.8
35
0.6
30
3 5 7 9 11
-50
0
50
100
150
-V GS ,Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.5
6
Normalized -VGS(th) (V)
5
1.3
4
1.1
-IS(A)
3
T j =150 o C
T j =25 o C
0.9
2
0.7 1
0 0 0.2 0.4 0.6 0.8 1 1.2
0.5 -50 0 50 100 150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP4511M
P-Channel
f=1.0MHz
14 10000
12
-VGS , Gate to Source Voltage (V)
I D = -6 A V DS = - 28V
10
8
C (pF)
1000
C iss
6
4
C oss
2
C rss
0 0 5 10 15 20 25 100 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
10
100us 1ms
Normalized Thermal Response (Rthja)
0.1
-ID (A)
1
10ms 100ms T =25 o C
P DM 0.01
t T
0.1
1s DC
Duty factor = t/T Peak Tj = P DM x Rthja + Ta Rthja=135oC/W
0.01 0.1 1 10 100
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
30
V DS =-5V -ID , Drain Current (A) T j =25 o C
20
VG
T j =150 o C
QG -4.5V QGS QGD
10
Charge
0 0 2 4 6 8
Q
-V GS , Gate-to-Source Voltage (V)
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP4511M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X