Part Number Hot Search : 
C6201SNL 61089 CA310 PC332 01GEEG3V CA310 TS4558CS 1N4736
Product Description
Full Text Search
 

To Download 917-99-208-41-005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 917
76
TO sockets Solder tail
Series 917 TO package sockets exist with 3, 4, 8 and 10 contacts. Two 8 pin versions feature pin centers either on a 5.08 mm or a 5.84 mm circle Insertion characteristics: 4-finger standard
Platings 91 B 93 97 B 99 B
Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb
Clip 0.25 m Au 0.75 m Au Goldflash 5 m Sn Pb
Pin
Ordering information Replace xx with code of required plating, e.g. 917-xx-103-41-005 becomes: 917-99-103-41-005 with 5 m tin on sleeve and clip
917-xx-103-41-005 917-xx-104-41-005 917-xx-108-41-005
Series 917 sockets for TO 5 package Contacts arranged on 5.08 mm circle diameter
917-xx-208-41-005 917-xx-210-41-005
Series 917 sockets for TO 100 package Contacts arranged on 5.84 mm circle diameter
B Products not available from stock. Please consult PRECI-DIP.


▲Up To Search▲   

 
Price & Availability of 917-99-208-41-005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X