Part Number Hot Search : 
80020 2SD388 ASI10713 MM1381 16250 HER406G MP6801 2SD388
Product Description
Full Text Search
 

To Download 87331-1820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
s s s s s
Features and Benefits Sizes 4 to 50 circuits Fully shrouded to protect pins during mating/unmating Center slot for polarization Front latches for mechanical locking Center polarization slot (6 to 12 circuits); center polarization slot and front latches (14 to 50 circuits)
Reference Information Product Specification: PS-87331 Packaging: Tube UL File No.: E29179 CSA File No.: LR19980 Mates With: 50394, 51110 and 87568 Designed In: Millimeters
w
w
w
.D
ta a
he S
et
4U
.
om c
Electrical Current: 2.0A Dielectric Withstanding Voltage: 1000V Insulation Resistance: 1000 M min.
2.00mm (.079") Pitch Milli-GridTM Header 87331 Shrouded Vertical, SMC
Physical Housing: Black 4/6 nylon, UL 94V-0 Contact: Phosphor Bronze Plating: See Table Operating Temperature: -55 to +105C
CATALOG DRAWING (FOR REFERENCE ONLY)
ORDERING INFORMATION AND DIMENSIONS
Circuits 04 06 08 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 15 " Select Gold 87331-0420 87331-0620 87331-0820 87331-1020 87331-1220 87331-1420 87331-1620 87331-1820 87331-2020 87331-2220 87331-2420 87331-2620 87331-2820 87331-3020 87331-3220 87331-3420 87331-3620 87331-3820 87331-4020 87331-4220 87331-4420 87331-4620 87331-4820 87331-5020
w
w
Order No.
w
.D
t a
S a
e h
t e
U 4
.c
m o
Dimension A 6.65 (.262) 8.65 (.341) 10.65 (.419) 12.65 (.498) 14.65 (.577) 16.65 (.656) 18.65 (.734) 20.65 (.813) 22.65 (.892) 24.65 (.970) 26.65 (1.049) 28.65 (1.128) 30.65 (1.207) 32.65 (1.285) 34.65 (1.364) 36.65 (1.443) 38.65 (1.522) 40.65 (1.600) 42.65 (1.679) 44.65 (1.758) 46.65 (1.837) 48.65 (1.915) 50.65 (1.994) 52.65 (2.073) B 2.00 (.079) 4.00 (.157) 6.00 (.236) 8.00 (.315) 10.00 (.394) 12.00 (.472) 14.00 (.551) 16.00 (.630) 18.00 (.709) 20.00 (.787) 22.00 (.866) 24.00 (.945) 26.00 (1.024) 28.00 (1.102) 30.00 (1.181) 32.00 (1.260) 34.00 (1.339) 36.00 (1.417) 38.00 (1.496) 40.00 (1.575) 42.00 (1.654) 44.00 (1.732) 46.00 (1.811) 48.00 (1.890) 5.00 7.00 9.00 11.00 13.00 15.00 17.00 19.00 21.00 23.00 25.00 27.00 29.00 31.00 33.00 35.00 37.00 39.00 41.00 43.00 45.00 47.00 49.00 51.00 C (.197) (.276) (.354) (.433) (.512) (.591) (.669) (.748) (.827) (.906) (.984) (1.063) (1.142) (1.220) (1.299) (1.378) (1.457) (1.535) (1.614) (1.693) (1.771) (1.850) (1.929) (2.008) 4.85 6.85 8.85 10.85 12.85 14.85 16.85 18.85 20.85 22.85 24.85 26.85 28.85 30.85 32.85 34.85 36.85 38.85 40.85 42.85 44.85 46.85 48.85 50.85 D (.191) (.270) (.348) (.427) (.506) (.585) (.663) (.742) (.821) (.900) (.978) (1.057) (1.136) (1.215) (1.293) (1.372) (1.451) (1.530) (1.608) (1.687) (1.766) (1.844) (1.923) (2.002)
30 " Select Gold 87331-0421 87331-0621 87331-0821 87331-1021 87331-1221 87331-1421 87331-1621 87331-0621 87331-2021 87331-2221 87331-2421 87331-2621 87331-2821 87331-3021 87331-3221 87331-3421 87331-3621 87331-3821 87331-4021 87331-4221 87331-4421 87331-4621 87331-4821 87331-5021
w
w
w
.D
at
Sh a
et e
4U
.
om c
MX01
A-21
Dense Packaging
A


▲Up To Search▲   

 
Price & Availability of 87331-1820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X