Part Number Hot Search : 
2SC2000 TF12F SF5008 ZMM20 SPX2808 HWS600P MM74HC LT1882
Product Description
Full Text Search
 

To Download 489D155X035C46V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 489D, 499D
Vishay Sprague
Resin-Coated, Radial-Lead Solid Tantalum Capacitors
FEATURES
* Large capacitance range * Encapsulated in a hard orange epoxy resin * Large variety of lead styles available * Supplied on tape and reel or ammopack * Low impedance and ESR at high frequencies
ELECTRICAL CHARACTERISTICS
Operating Temperature: - 55C to + 85C: Type 489D - 55C to + 125C Type 499D
APPLICATIONS
* Offer a very cost effective solution in the consumer, industrial and professional electronics markets. The capacitors are intended for high volume applications.
ORDERING INFORMATION
489D TYPE 489D Standard +85C 499D Standard +125C Low IL 686 CAPACITANCE Expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros following. D X0 6R3 CAPACITANCE DC VOLTAGE RATING CASE CODE TOLERANCE @ + 85C See Table X0 = 20% Expressed by zeros if X9 = 10% needed to complete the Ratings and Case Codes 3 digit block. A decimal point is indicated by an "R" (6R3 = 6.3 volts). 2 LEAD STYLE 1, 2, 3, 4, 6, 9 See description on next page A PACKAGING A = Ammopack B = Reel pack, positive leader C = Reel pack, negative leader V = Bulk Pack
LEAD STYLE CONFIGURATIONS AND DIMENSIONS (MAX) in millimeters
BULK : CODE V 1&3
D MAX.
2&4
D MAX.
6
D MAX.
9
D MAX.
REEL/AMMO : CODE A, B, C 2&4 6
D MAX. D MAX.
H Max.
H MAX.
H1 MAX.
Upper edge of Printed Circuit Board
H2 MAX.
H3 MAX.
H4 MAX.
0.5O 15 Min. 20 Max. 0.5O 3 P 0.5O 15 Min. 20 Max. P 0.5
5.5 0.5
4.5 1.5 1.1 0.05 P 0.5 P 0.5 P 0.5 0.5O
P 0.5
P 0.5
LEAD
CASE A B C D E F H M N R D 3.7 4.0 4.5 5.0 5.5 6.0 6.5 10.0 11.0 12.0
STYLES 1-2-3-4
P 2.5 2.5 2.5 2.5 2.5 2.5 2.5 5.0 5.0 5.0 H 7.0 7.5 8.0 9.0 10.0 11.0 12.0 14.5 16.0 19.0
STYLE 6
P 5 5 5 5 5 5 5 -- -- -- H1 9.5 10.0 10.5 11.5 12.5 13.5 14.5 -- -- --
STYLE 9
P 5 5 5 5 5 5 5 5 5 5 H2 10.0 10.5 11.0 12.0 13.0 14.0 15.0 18.0 19.0 22.0
STYLES 2-4
P 2.5 2.5 2.5 2.5 2.5 2.5 2.5 5.0 -- -- H3 7.0 7.5 8.0 9.0 10.0 11.0 12.0 14.5 -- --
STYLE 6
P 5 5 5 5 5 5 5 -- -- -- H4 11.0 11.5 12.0 13.0 14.0 15.0 16.0 -- -- --
Document Number 42070 Revision 02-Aug-02
For technical questions, contact eurotant@vishay.com
www.vishay.com 105
489D, 499D
Vishay Sprague
LEAD STYLES
LEAD STYLE 1: Straight leads, 2.5mm Lead Space, Uneven Length LEAD STYLE 3: Straight leads, 5mm Lead Space, Uneven Length LEAD STYLE 6: Shouldered leads, 5mm Lead Space LEAD STYLE 2: Straight leads, 2.5mm Lead Space, Even Length LEAD STYLE 4: Straight leads, 5mm Lead Space, Even Length LEAD STYLE 9: Snap-In leads, 5mm Lead Space
Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
STANDARD RATINGS, CASE CODES AND LEAD STYLE
CR RATED VOLTAGE UR @ + 85C 3.0V 6.3V 10V 16V 20V 25V 35V A A A A A B A A A A A A B B C C D D E H M N N R A B B C C D D E M M N R R A B B C C D D E M M N R B B C C D D E F M N N R B C C D D E F H M N N B B C C D D E H M M N B C C D D E F M M N N 50V A A A B B C D E F F H N N N N 3-4-9 4 1-2 6-9 2-6 LEAD STYLE BULK AMMO/REEL
F
0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680
www.vishay.com 106
For technical questions, contact eurotant@vishay.com
Document Number 42070 Revision 02-Aug-02
489D, 499D
Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
STANDARD RATINGS
CR (F) CASE CODE TYPE PART NUMBER 489D MAX. DCL @ + 25C (A) 1.0 1.0 1.0 1.0 1.4 2.1 3.0 4.5 6.7 9.9 14.8 21.1 30.6 1.0 1.0 1.0 1.4 2.0 3.1 4.4 6.4 9.4 14.1 20.7 31.1 44.4 64.2 1.0 1.0 1.0 1.5 2.2 3.3 4.9 7.0 10.2 15.0 22.5 33.0 49.5 499D 489D, 499D MAX. DCL MAX. DF, 100 Hz @ + 25C @ + 25 (%) (%) UC = 2 V @ + 125 C, Surge = 2.6 V (only 499D) 0.5 6 0.5 8 0.5 8 0.5 8 0.7 8 1.1 8 1.6 8 2.4 10 3.6 10 5.2 10 7.9 10 11.2 12 16.3 12 UC = 4 V @ + 125 C, Surge = 5.2 V (only 499D) 0.5 6 0.5 6 0.5 8 0.7 8 1.1 8 1.6 8 2.3 8 3.4 8 5.0 10 7.5 10 11.0 10 16.6 10 23.6 12 34.2 12 UC = 7 V @ + 125 C, Surge = 8.6 V (only 499D) 0.5 6 0.5 6 0.5 6 0.8 8 1.2 8 1.7 8 2.6 8 3.7 8 5.4 8 8.0 10 12.0 10 17.6 10 26.4 10
Vishay Sprague
UR= 3 Volt @ + 85 C, Surge = 4 V 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0 150.0 220.0 330.0 470.0 680.0 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0 150.0 220.0 330.0 470.0 680.0 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0 150.0 220.0 330.0 489D (*) __ 489D685X(*)003A_ _ 489D106X(*)003B_ _ 489D156X(*)003B_ _ 489D226X(*)003C_ _ 489D336X(*)003C_ _ 489D476X(*)003D_ _ 489D686X(*)003D_ _ 489D107X(*)003E_ _ 489D157X(*)003H_ _ 489D227X(*)003M_ _ 489D337X(*)003N_ _ 489D477X(*)003N_ _ 489D687X(*)003R_ _ UR= 6.3 Volt @ + 85 C, Surge = 8 V A 489D475X(*)6R3A_ _ A 489D685X(*)6R3A_ _ B 489D106X(*)6R3B_ _ B 489D156X(*)6R3B_ _ C 489D226X(*)6R3C_ _ C 489D336X(*)6R3C_ _ D 489D476X(*)6R3D_ _ D 489D686X(*)6R3D_ _ E 489D107X(*)6R3E_ _ M 489D157X(*)6R3M_ _ M 489D227X(*)6R3M_ _ N 489D337X(*)6R3N_ _ R 489D477X(*)6R3R_ _ R 489D687X(*)6R3R_ _ UR= 10 Volt @ + 85 C, Surge = 13 V A 489D335X(*)010A_ _ A 489D475X(*)010A_ _ B 489D685X(*)010B_ _ B 489D106X(*)010B_ _ C 489D156X(*)010C_ _ C 489D226X(*)010C_ _ D 489D336X(*)010D_ _ D 489D476X(*)010D_ _ E 489D686X(*)010E_ _ M 489D107X(*)010M_ _ M 489D157X(*)010M_ _ N 489D227X(*)010N_ _ R 489D337X(*)010R_ _ Type part number 489D, 499D Insert 0 for 20% tolerance or 9 for 10% Case code/lead style see case code table A B B C C D D E H M N N R
PACKAGING QUANTITIES
CASE CODE BULK AMMOPACK REEL PACK 2500 2500 2000 2000 A B C D 500 1500 1500 500 500 www.vishay.com 107 E F H M N 100 R
Document Number 42070 Revision 02-Aug-02
For technical questions, contact eurotant@vishay.com
489D, 499D
Vishay Sprague
STANDARD RATINGS
489D MAX. DCL @ + 25C (A) 499D MAX. DCL @ + 25C (A) 489D, 499D MAX. DF, 100Hz @ + 25C (OHMS)
Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
CR (F)
CASE CODE
TYPE PART NUMBER
UR= 16Volt @ + 85 C, Surge = 20 V 2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0 150.0 220.0 A B B C C D D E F M N N R 489D225X(*)016A_ _ 489D335X(*)016B_ _ 489D475X(*)016B_ _ 489D685X(*)016C_ _ 489D106X(*)016C_ _ 489D156X(*)016D_ _ 489D226X(*)016D_ _ 489D336X(*)016E_ _ 489D476X(*)016F_ _ 489D686X(*)016M_ _ 489D107X(*)016N_ _ 489D157X(*)016N_ _ 489D227X(*)016R_ _ UR= 20Volt @ + 85 C, Surge = 26 V 1.5 2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0 A B C C D D E F H M N N 489D155X(*)020A_ _ 489D225X(*)020B_ _ 489D335X(*)020C_ _ 489D475X(*)020C_ _ 489D685X(*)020D_ _ 489D106X(*)020D_ _ 489D156X(*)020E_ _ 489D226X(*)020F_ _ 489D336X(*)020H_ _ 489D476X(*)020M_ _ 489D686X(*)020N_ _ 489D107X(*)020N_ _ UR= 25 Volt @ + 85 C, Surge = 32 V 1.0 1.5 2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 489D (*) __ A B B C C D D E H M M N 489D105X(*)025A_ _ 489D155X(*)025B_ _ 489D225X(*)025B_ _ 489D335X(*)025C_ _ 489D475X(*)025C_ _ 489D685X(*)025D_ _ 489D106X(*)025D_ _ 489D156X(*)025E_ _ 489D226X(*)025H_ _ 489D336X(*)025M_ _ 489D476X(*)025M_ _ 489D686X(*)025N_ _ 1.0 1.0 1.0 1.2 1.7 2.5 3.7 5.6 8.2 12.3 17.6 25.5 1.0 1.0 1.0 1.4 2.0 3.0 4.5 6.6 9.9 14.1 20.4 30.0 1.0 1.0 1.1 1.6 2.4 3.6 5.2 7.9 11.2 16.3 24.0 36.0 52.8
UC = 10 V @ + 125 C, Surge = 13 V (only 499D) 0.5 0.5 0.6 0.8 1.2 1.9 2.8 4.2 6.0 8.7 12.8 19.2 28.1 6 6 6 6 8 8 8 8 8 8 10 10 10
UC = 13 V @ + 125 C, Surge = 16 V (only 499D) 0.5 0.5 0.5 0.7 1.0 1.6 2.4 3.5 5.2 7.5 10.8 16.0 4 6 6 6 6 8 8 8 8 8 8 10
UC = 17 V @ + 125 C, Surge = 21 V (only 499D) 0.5 0.5 0.5 0.6 0.9 1.3 2.0 3.0 4.4 6.6 9.4 13.6 4 4 6 6 6 6 8 8 8 8 8 8
Type part number 489D, 499D Insert 0 for 20% tolerance or 9 for 10% Case code/lead style see case code table
www.vishay.com 108
For technical questions, contact eurotant@vishay.com
Document Number 42070 Revision 02-Aug-02
489D, 499D
Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
STANDARD RATINGS
489D MAX. DCL @ + 25C (A) 499D MAX. DCL @ + 25C (A) 489D, 499D MAX. DF, 100 Hz @ + 25 C (%)
Vishay Sprague
CR (F)
CASE CODE
TYPE PART NUMBER
UR= 35 Volt @ + 85 C, Surge = 46 V 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 A A A A A B B C C D D E F M M N N 489D104X(*)035A_ _ 489D154X(*)035A_ _ 489D224X(*)035A_ _ 489D334X(*)035A_ _ 489D474X(*)035A_ _ 489D684X(*)035B_ _ 489D105X(*)035B_ _ 489D155X(*)035C_ _ 489D225X(*)035C_ _ 489D335X(*)035D_ _ 489D475X(*)035D_ _ 489D685X(*)035E_ _ 489D106X(*)035F_ _ 489D156X(*)035M_ _ 489D226X(*)035M_ _ 489D336X(*)035N_ _ 489D476X(*)035N_ _ 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.1 1.7 2.4 3.5 5.2 7.8 11.5 17.3 24.6
UC = 23 V @ + 125 C, Surge = 28 V (only 499D) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.9 1.3 1.9 2.8 4.2 6.1 9.2 13.1 4 4 4 4 4 4 4 4 6 6 6 6 8 8 8 8 8
UR= 50Volt @ + 85 C, Surge = 65 V 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10.0 15.0 22.0 489D (*) __ A A A B B C D E F F H N N N N 489D104X(*)050A_ _ 489D154X(*)050A_ _ 489D224X(*)050A_ _ 489D334X(*)050B_ _ 489D474X(*)050B_ _ 489D684X(*)050C_ _ 489D105X(*)050D_ _ 489D155X(*)050E_ _ 489D225X(*)050F_ _ 489D335X(*)050F_ _ 489D475X(*)050H_ _ 489D685X(*)050N_ _ 489D106X(*)050N_ _ 489D156X(*)050N_ _ 489D226X(*)050N_ _ 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.1 1.6 2.4 3.5 5.1 7.5 11.2 16.5
UC = 33 V @ + 125 C, Surge = 40 V (only 499D) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.8 1.3 1.8 2.7 4.0 6.0 8.8 4 4 4 4 4 4 4 4 6 6 6 6 8 8 8
Type part number 489D, 499D Insert 0 for 20% tolerance or 9 for 10% Case code/lead style see case code table
Document Number 42070 Revision 02-Aug-02
For technical questions, contact eurotant@vishay.com
www.vishay.com 109
489D, 499D
Vishay Sprague
Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
PERFORMANCE CHARACTERISTICS
1. Operating Temperature: - 55C to + 85C with rated DC voltage UR applied. + 85C to + 125C with linear voltage derating to category voltage UC for 499D only (see general information) 2. Capacitance and Tolerance: Capacitance measured at 100Hz and + 25C shall be within the specified tolerance limits of the nominal rating. Capacitance measurement shall be made by means of a polarized capacitance bridge. No polarizing voltage is required. The maximum voltage applied during measurements shall be 0.5 volt rms at 100 Hz and + 25C. 3. Reverse Voltage: These capacitors are capable of withstanding peak voltage in the reverse direction equal to: 15% of the rated DC voltage at + 20C 10% of the rated DC voltage at + 25C 5% of the rated DC voltage at + 85C 4. Surge Voltage:
DC rated voltage at + 85C (V) DC surge voltage at + 85C (V) 3 6.3 10 16 20 4 8 4 13 20 26 7 10 13 25 35 50 32 46 65 17 23 33 21 28 40
6. Life Test: After 2000 hours at + 85C with rated DC voltage applied, or after 1000 hours at + 125C. with derated DC voltage*, capacitors shall meet the requirements in table below. (*only for 499D)
Capacitance change DC leakage current Dissipation factor Within 10% of initial value Within initial requirements at + 25C Within initial requirements at + 25C
7. Humidity Test: After 21 days (504 hours) * at + 40C, 90 to 95% of relative humidity (per IEC 68-2-3) with no voltage applied, capacitors shall meet the requirements in table below.
Capacitance change Within 5% of initial value
DC leakage current Within initial requirements at + 25C - Table 2 Dissipation factor Within initial requirements at + 25C - Table 2
* Humidity test is 56 days (1350 hours) for 499D
DC rated voltage at + 125C. (V)* 2
DC surge voltage at + 125C. (V)* 2.6 5.2 8.6 13 16 *For 499D
8. Marking: The capacitors shall be marked with the rated capacitance and the rated DC working voltage. A code may be used for both capacitance and voltage. Units rated at 6.3 volts are usually marked as 6 volts. The package shall be marked with full Vishay Sprague part number, date code and quantity.
Capacitors shall withstand the surge voltage applied in series with a 1000 ohm ( 5%) resistor, at the rate of one half-minute on, five and a half-minute off for 1000 successive test cycles at + 85C. After test, capacitance change shall not exceed 10% of initial value, dissipation factor and DC leakage current shall meet initial requirements at + 25C - Table 2. 5. Stability at low and high temperatures: 489D - Table 2A
TEMP. - 55C + 25C + 85C CAPACITANCE CHANGE - 10% of initial value ------------+ 10% of initial value DC LEAKAGE CURRENT* ----------0.015 CR x UR or 1A, whichever is greater 0.15 CR x UR or 10A, whichever is greater DISSIPATION FACTOR @ 100 HZ CR 1.5F 1.5F < CR < 10F 10F < CR < 100F 100F CR 330F 330F < CR 4% max 6% max 8% max 10% max 12% max
499D - Table 2B
TEMP. - 55C + 25C + 85C + 125C** CAPACITANCE CHANGE - 10% of initial value -----------+ 10% of initial value + 10% of initial value DC LEAKAGE CURRENT* ------------0.008 CR x UR or 0.5A, whichever is greater 0.08 CR x UR or 5A, whichever is greater 0.1 CR x UR or 6.25A, whichever is greater DISSIPATION FACTOR @ 100 HZ CR 1.5F 4% max 1.5F < CR < 10F 10F < CR < 100F 100F CR 330F 330F < CR 6% max 8% max 10% max 12% max
* Rated voltage applied for 5 minutes with a series resistor of 1000 ohm ** Only for 499 D www.vishay.com 110 For technical questions, contact eurotant@vishay.com Document Number 42070 Revision 02-Aug-02
489D, 499D
Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
GUIDE TO APPLICATION
1. AC ripple current: The maximum allowable ripple current shall be determined from the formula: P RESR 4. Power dissipation: Power dissipation will be affected by the heat sinking capability of the mounting surface. Non-sinusoidal ripple current may produce heating effects which differ from those shown in the following table. It is important that the equivalent IRMS value be established when calculating permissible operating levels.
Vishay Sprague
Irms =
where
P = Power Dissipation in Watts at + 25C as given below RESR = The capacitor Equivalent Series Resistance at the specified frequency. 2. AC ripple current: The maximum allowable ripple voltage shall be determined from the formula : Vrms = P RESR x Z , where
CASE CODE A B C D E POWER DISSIPATION @ + 25C (Watts) 0.080 0.090 0.100 0.110 0.120 0.130 0.140 0.150 0.160 0.180
Z = The capacitor Impedance at the specified frequency. 3. AC ripple current or voltage derating factor: If these capacitors are to be operated at temperatures above +25C, the permissible rms ripple current or voltage shall be calculated using the derating factors in the table below:
TEMPERATURE + 25C + 55C + 85C + 125C. DERATING FACTOR 1.0 0.9 0.8 0.4 F H M N R
5. Cleaning: These capacitors are compatible with all commonly used solvents, such as TES, TMS, Prelete and Chloretane. Solvents containing methylene chloride or other epoxy solvents should be avoided since these will attack the epoxy encapsulation material.
Document Number 42070 Revision 02-Aug-02
For technical questions, contact eurotant@vishay.com
www.vishay.com 111
489D, 499D
Vishay Sprague
Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
TAPE AND REEL PACKAGING in millimeters
(meets IEC 286-2)
h P2 P P2 P P
H2 P1 H F P1 F W2 H0
L W0
W1 W
t Unreeling direction P0 D0
Dimensions for components on tape and tolerances: DESIGNATION Pitch of component Feed hole pitch Tape width Hold down tape width Hole position Hold down tape position Overall component height Component alignment Feed hole diameter Tape thickness Component alignment Lengh of snipped leads Lead clinch height Lead wire spacing Feed hole center to wire center Hole center to component center Component height SYMBOL P P0 W W0 W1 W2 H1 P D0 t H L H0 F P1 P2 H 2.5 - 0.1
+ 0.6
DIMENSIONS (mm) 12.7 1.0 12.7 0.3 18 (+1 / - 0.5) 5.0 9 (+0.75 / -0.5) 0 (+3 /-0) 32 max 1.3 max 4.0 0.3 0.5 0.2 02 11 max 16.0 0.5 5
+ 0.6 - 0.1
5.1 0.7 6.35 1.3 18 1
3.65 0.7 6.35 1.3
www.vishay.com 112
For technical questions, contact eurotant@vishay.com
Document Number 42070 Revision 02-Aug-02


▲Up To Search▲   

 
Price & Availability of 489D155X035C46V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X