Part Number Hot Search : 
KA431DTF 32620 25F80 DS2290 EP4864 HD63B2 F4360 0498050
Product Description
Full Text Search
 

To Download 2W005GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2W005GM THRU 2W10GM
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 2.0 Amperes
Features
UL Recognized File # E-96005 Glass passivated junction High surge current capability Ideal for printed circuit board Reliable low cost construction technique results in inexpensive product High temperature soldering guaranteed: 260 / 10 seconds / 0.375" ( 9.5mm ) lead length at 5 lbs. ( 2.3 Kg ) tension Weight: 1.10 grams
WOB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% 2W 2W Symbol 2W Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 50 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @2.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Typical Thermal Resistance (Note) Operating Temperature Range Storage Temperature Range
2W
2W
2W
2W
005GM 01GM 02GM 04GM 06GM 08GM 10GM
Units V V V A A V uA uA /W
VRRM VRMS VDC I(AV) IFSM VF IR
RJA RJL TJ TSTG
50 35 50
100 70 100
200 140 200
400 280 400 2.0 50 1.1
600 420 600
800 1000 560 700 800 1000
10 500 40 15 -55 to +150 -55 to +150
Note: Thermal Resistance from Junction to Ambient and from Junction to Lead at 0.375" (9.5mm) Lead Length for P.C.B. Mounting.
- 638 -
RATINGS AND CHARACTERISTIC CURVES (2W005GM THRU 2W10GM)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
50 2.0
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
PEAK FORWARD SURGE CURRENT. (A)
8.3ms Single Half Sine Wave 40
1.5
30
1.0
20
10
.5
0
1
10 NUMBER OF CYCLES AT 60Hz
100
0 20 40 60 80 100
o
120
140
150
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
FIG.4- TYPICAL REVERSE CHARACTERISTICS
100
10
INSTANTANEOUS REVERSE CURRENT. ( A)
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=125 0C
10
1.0
.1
1.0
Tj=25 C PULSE WIDTH-300 s
0
Tj=25 0C
.01 0
.2
.4
.6
.8
1.0
1.2
1.4
0.1
FORWARD VOLTAGE. (V)
0 20 40 60 80 100 120 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
140
- 639 -
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2W005GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X