Part Number Hot Search : 
MB3505 MB9124 HMC1042L M514265 MB9124 M514265 N6104 OSWOK5
Product Description
Full Text Search
 

To Download 2SC4569 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET DATA SHEET
SILICON TRANSISTOR
2SC4569
UHF TV TUNER OSC/MIXER NPN SILICON EPITAXIAL TRANSISTOR
DESCRIPTION
The 2SC4569 is an NPN silicon epitaxial transistro intended for use as UHF oscillator and UHF mixer in a tuner of TV receiver.
2.80.2
PACKAGE DIMENSIONS (Units: mm)
0.4 -0.05
+0.1
FEATURES
* High gain bandwidty product fT = 5.0 GHz TYP. Cob = 0.9 pF TYP. * Surface mount package EIAJ: SC-59
2.90.2
1.5
0.65 -0.15
+0.1
0.95 0.95
* Low output capacitance
2
Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature
CHARACTERISTIC Collector Cutoff Current Emitter Cutoff Current Collector Saturation Voltage DC Current Gain Gain Bandwidth Product Output Capacitance Insertion Gain
VCBO VCEO VEBO IC PT Tj Tstg
SYMBOL ICBO IEBO VCE(sat) hFE fT Cob 40
55
20 12 3.0 60 150 125 to +125
TYP.
V V V mA mW
C C
1.1 to 1.4
PIN CONNECTIONS 1. Emitter 2. Base 3. Collector
ELECTRICAL CHARACTERISTICS (TA = 25 C)
MIN. MAX. 0.1 0.1 0.5 100 5.0 0.9
2
UNIT
TEST CONDITIONS VCB = 15 V, IE = 0 VEB = 1 V, IC = 0 hEF = 10, IC = 5 mA VCE = 5 V, IC = 5 mA *1
A A
V
200 GHz 1.2 pF dB
VCE = 5 V, IC = 5 mA f = 1.0 GHz VCB = 5 V, IE = 0, f = 1.0 MHz VCE = 5 V, IC = 5 mA, f = 1.0 MHz
S21e
5.0
*1 Pulsd: PW 35 S, Dyty Cycle 2 % hFE Classification
Class Marking hFE T75 T75 40 to 80 T76 T76 60 to 120 T77 T77 100 to 200
Document No. P10374EJ3V1DS00 (3rd edition) Date Published March 1997 N Printed in Japan
0 to 0.1
(c)
0.16 -0.06
Maximum Voltages and Current
0.3
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Marking
+0.1
0.4 -0.05
+0.1
1
3
1989
2SC4569
TYPICAL CHARACTERISTICS (TA = 25 C)
OUTPUT CAPACITANCE vs. COLLECTOR TO BASE VOLTAGE 2.0
fT-Gain Bandwidth Product-GHz
GAIN BANDWIDTH PRODUCT vs. COLLECTOR CURRENT 8 f = 1 GHz 6 3V VCE = 5 V
Cob-Output Capacitance-pF
1.0 0.7 0.5
4
0.3
2
0 0.5 0.1
1
3
5 7 10
30
50 70 100
IC-Collector Current-mA 1 3 5 7 10 20
VCB-Collector to Base Voltage-V
DC CURRENT GAIN vs. COLLECTOR CURRENT 200 VCC = 5 V 100
hFE-DC Current Gain
50
20
10 0.5
1
2
5
10
20
50
IC-Collector Current-mA
2
2SC4569
S-PARAMETER
VCE = 5 V, IC = 1 mA
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 S11 MAG 0.958 0.917 0.855 0.799 0.739 0.693 0.647 0.607 0.583 0.559 ANG MAG 3.299 3.151 2.926 2.685 2.462 2.256 2.072 1.889 1.760 1.615 S21 ANG 164.6 150.4 137.5 126.2 116.1 107.3 99.9 92.4 86.5 79.8 MAG 0.038 0.072 0.100 0.118 0.134 0.142 0.148 0.152 0.154 0.155 S12 ANG 77.8 68.2 59.7 51.7 45.8 41.1 37.6 35.2 33.4 31.7 MAG 0.973 0.944 0.899 0.850 0.806 0.778 0.743 0.716 0.702 0.688 S22 ANG
18.7 36.4 53.0 67.5 81.5 93.5 104.2 113.9 123.7 132.5
7.8 14.5 20.6 25.9 29.7 33.0 35.9 39.0 40.6 43.4
VCE = 5 V, IC = 3 mA
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 S11 MAG 0.860 0.754 0.648 0.562 0.506 0.462 0.429 0.400 0.390 0.378 ANG MAG 9.203 7.982 6.693 5.623 4.796 4.188 3.695 3.278 2.984 2.711 S21 ANG 156.2 137.3 122.6 111.9 103.1 95.9 90.3 84.5 79.9 75.0 MAG 0.035 0.062 0.078 0.090 0.099 0.106 0.112 0.119 0.127 0.133 S12 ANG 74.7 61.5 55.1 51.0 48.9 48.2 48.7 48.1 49.2 49.8 MAG 0.932 0.826 0.723 0.641 0.583 0.547 0.514 0.492 0.478 0.467 S22 ANG
29.5 55.1 75.6 91.9 106.5 118.1 127.8 137.4 144.7 153.3
14.9 25.6 32.3 36.7 39.1 41.0 42.2 44.3 45.2 47.2
VCE = 5 V, IC = 5 mA
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 S11 MAG 0.769 0.630 0.513 0.442 0.399 0.368 0.345 0.329 0.323 0.316 ANG MAG 13.666 10.889 8.545 6.888 5.752 4.940 4.300 3.801 3.434 3.112 S21 ANG 149.3 128.6 114.5 104.9 97.1 91.0 86.2 81.3 77.3 72.8 MAG 0.032 0.054 0.067 0.076 0.086 0.094 0.104 0.113 0.123 0.133 S12 ANG 70.4 60.9 55.6 54.2 54.8 54.5 55.8 56.3 56.7 56.8 MAG 0.885 0.728 0.606 0.528 0.495 0.446 0.420 0.401 0.390 0.384 S22 ANG
38.2 68.1 89.7 106.3 120.6 131.7 140.4 149.4 156.7 163.7
20.1 32.1 37.7 40.6 42.0 42.9 43.9 45.3 45.8 47.4
3
2SC4569
VCE = 5 V, IC = 7 mA
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 S11 MAG 0.698 0.540 0.435 0.372 0.343 0.321 0.306 0.297 0.291 0.286 ANG MAG 17.070 12.682 9.583 7.566 6.238 5.324 4.613 4.066 3.669 3.319 S21 ANG 144.7 122.8 109.5 100.8 93.8 88.4 84.0 79.4 75.7 71.6 MAG 0.031 0.049 0.061 0.071 0.080 0.090 0.100 0.113 0.124 0.135 S12 ANG 68.1 58.9 58.2 58.1 59.3 59.9 60.7 60.7 61.2 61.0 MAG 0.839 0.655 0.533 0.461 0.415 0.390 0.370 0.354 0.344 0.340 S22 ANG
45.4 77.6 99.9 116.7 129.7 139.8 148.4 157.5 162.9 170.4
24.3 35.9 40.4 43.1 42.9 43.1 44.0 45.3 45.7 47.6
VCE = 5 V, IC = 9 mA
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 S11 MAG 0.629 0.474 0.381 0.334 0.310 0.295 0.286 0.274 0.275 0.274 ANG MAG 19.656 13.850 10.219 7.978 6.530 5.550 4.805 4.228 3.793 3.442 S21 ANG 140.7 118.7 106.2 98.1 91.8 86.7 82.5 78.3 74.8 71.0 MAG 0.029 0.045 0.056 0.067 0.079 0.089 0.101 0.112 0.125 0.136 S12 ANG 66.7 61.4 59.8 61.1 61.8 63.4 63.6 63.5 63.7 63.2 MAG 0.800 0.598 0.481 0.170 0.375 0.356 0.339 0.325 0.317 0.310 S22 ANG
51.3 85.3 107.7 123.4 137.2 146.9 154.5 162.4 168.2 175.1
27.2 38.3 41.5 42.4 43.0 43.0 43.4 44.8 45.5 47.2
4
2SC4569
[MEMO]
5
2SC4569
[MEMO]
6
2SC4569
[MEMO]
7
2SC4569
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96. 5


▲Up To Search▲   

 
Price & Availability of 2SC4569

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X