Part Number Hot Search : 
2SK2185 MB3788 KE220 ST21NFC LBN11530 08080380 09Q7V KP4020
Product Description
Full Text Search
 

To Download 2SA1568 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Built-in Diode at C-E Low VCE (sat)
2SA1568
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VFEC fT COB Conditions VCB=-60V VEB=-6V IC=-25mA VCE=-1V, IC=-6A IC=-6A, IB=-0.3A IECO=-10A VCE=-12V, IE=0.5A VCB=-10V, f=1MHz (Ta=25C) 2SA1568 -100max -60max -60min 50min -0.35max -2.5max 40typ 330typ V V MHz pF
13.0min
( 250 )
E
B
Equivalent curcuit
C
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC4065) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SA1568 -60 -60 -6 - +12 -3 35(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : DC Motor Driver, Chopper Regulator and General Purpose External Dimensions FM20 (TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
Unit
A
V
16.90.3 8.40.2
mA
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2
sTypical Switching Characteristics (Common Emitter)
VCC (V) -24 RL () 4 IC (A) -6 VBB1 (V) -10 VBB2 (V) 5 IB1 (mA) -120 IB2 (mA) 120 ton (s) 0.4typ tstg (s) 0.4typ tf (s) 0.2typ
2.54
3.9 BCE
IC - VCE Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s a t)( V ) -12
00 mA
-15 0mA
VCE( sat ) - IB Characteristics (Typical)
-1.4
I C - V BE Temperature Characteristics (Typical)
-12 (V C E= -1V)
I B=
-2
-10 Collector Current I C (A)
-1 00 mA
-10 -1.0 Collector Current I C( A)
-8
-60mA
-8
-6
Tem
-20mA
C
-2
-10mA
-2
0
0
-1
-2
-3
-4
-5
-6
0 -7 -10
-100 Base Current I B( mA)
-1000
-3000
0
0
-0.2
-0.4
-0.6
-0.8
-30C
125
25C
(Cas
(Cas
(Ca
-4
-4
se
-0.5
e Te
e Te
mp)
mp)
p)
-40mA
-6
0.2
0.80.2
a b
o3.30.2
Weight : Approx 2.0g a. Type No. b. Lot No.
I C= -12 A
-9A
-6A
-3 A
-1A
-1.0
-1.2
Collector-Emitter Voltage V C E( V)
Base-Emittor Voltage V B E( V)
h FE - IC Characteristics (Typical)
(V C E= -1V) 300
hFE - I C Temperature Characteristics (Typical)
(V C E= -1V) 300 125C D C Cur r ent Gai n h F E 100 25C -30C
j-a - t Characteristics
j - a( C /W)
Transient Thermal Resistance 4
Typ
DC Curr ent Gain h F E 100
1
10
10
0.5 0.3
2 -0.02
-0.1
-1
-10
2 -0.02
-0.1
-1
-10
1
10 Time t(ms)
100
1000
Collector Current I C( A)
Collector Current I C( A)
fT - IE Characteristics (Typical)
50 (VCE=-12V) -30
Safe Operating Area (Single Pulse)
35
1m s
P c - T a Derating
Natural Cooling Silicone Grease Heatsink: Aluminum in mm
-10 Cut- off Fr equ ency f T( M H Z)
Typ
40 Collector Cur rent I C( A) -5
10
DC
0m
s
Maximu m Power Dissi pation P C( W)
30
10 m s
W ith
20
In fin
30
ite
-1 -0.5 Without Heatsink Natural Cooling
he
150x150x2 100x100x2 10 50x50x2 Without Heatsink
at si nk
20
-0.1 0 0.05 0.1 -0.05 -3
1 Emitter Current I E( A)
10
-5
-10
-50
-100
2 0
0
25
50
75
100
125
150
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
24
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 2SA1568

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X