Part Number Hot Search : 
2306A W12NK80Z FSM30C DV20400 54352 RGP30K TS7009 39100
Product Description
Full Text Search
 

To Download 2N6533 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
2N6530 2N6531 2N6532 2N6533 NPN POWER TRANSISTOR TO-220 CASE
DESCRIPTION: The CENTRAL SEMICONDUCTOR 2N6530 Series are NPN silicon Darlington transistors designed for power applications requiring extremely high gain. MAXIMUM RATINGS: (TC=25C unless otherwise noted) Collector-Base Voltage Collector-Emitter Voltage Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VCBO VCER VCEV VCEO VEBO IC ICM PD TJ,Tstg JC 2N6530 80 80 80 80 2N6531 100 100 100 100 2N6532 100 100 100 100 5.0 8.0 15 65 2N6533 120 120 120 120 UNITS V V V V V A A W C C/W
-65 to +150 1.92
ELECTRICAL CHARACTERISTICS: (TC=25C unless otherwise noted) 2N6530 2N6531 2N6532 SYMBOL TEST CONDITIONS MIN MAX MIN MAX MIN MAX
ICEO ICEV ICEV IEBO BVCER BVCEO BVCEV VCE(SAT) VCE(SAT) VCE(SAT) VBE(ON) VBE(ON) VBE(ON) VCE=Rated VCEO VCE=Rated VCEV, VEB=1.5V VCE=Rated VCEV, VEB=5.0V, TC=125C VEB=5.0V IC=200mA, RBE=100 IC=200mA IC=200mA, VEB=1.5V IC=3.0A, IB=6.0mA IC=5.0A, IB=10mA IC=8.0A, IB=80mA VCE=3.0V, IC=3.0A VCE=3.0V, IC=5.0A VCE=3.0V, IC=8.0A 80 80 80 2.0 3.0 2.8 4.5 1.0 0.5 5.0 5.0 100 100 100 3.0 3.0 2.8 4.5 2.0 3.0 2.8 4.5 1.0 0.5 5.0 5.0 100 100 100 1.0 0.5 5.0 5.0
2N6533 MIN MAX
1.0 0.5 5.0 5.0 120 120 120 2.0 3.0 2.8 4.5
UNITS
mA mA mA mA V V V V V V V V V
(CONTINUED ON REVERSE SIDE) R0
2N6530 SERIES ELECTRICAL CHARACTERISTICS (Continued) SYMBOL
hFE hFE hFE VF hfe |hfe| Cob IS/b ES/b
NPN POWER TRANSISTOR
TEST CONDITIONS
2N6530 MIN MAX
10K 5K 2.8
2N6531 MIN MAX
500 100 1K 20 10K 5K 2.8
2N6532 MIN MAX
1K 100 1K 20 10K 5K 2.8
2N6533 MIN MAX
1K 100 1K 20 10K 5K 2.8
UNITS
VCE=3.0V, IC=3.0A VCE=3.0V, IC=5.0A 1K VCE=3.0V, IC=8.0A 100 IC=10A VCE=5.0V, IC=1.0A, f=1.0kHz 1K VCE=5.0V, IC=1.0A, f=1.0MHz 20 VCB=10V, IE=0, f=1.0MHz VCE=24V, t=0.5s nonrep. 2.7 VEB=1.5V, IC=4.5A, 120 RBE=100, L=12mH
V
200 2.7 120
200 2.7 120
200 2.7 120
200
pF A mJ
JEDEC TO-220 CASE - MECHANICAL OUTLINE
A B G H I E F
SYMBOL A B C D E F (DIA) G H I J K L M DIMENSIONS INCHES MILLIMETERS MIN MAX MIN MAX 0.176 0.190 4.48 4.82 0.045 0.055 1.15 1.39 0.014 0.026 0.35 0.65 0.083 0.106 2.10 2.70 0.394 0.417 10.01 10.60 0.140 0.157 3.55 4.00 0.100 0.118 2.54 3.00 0.230 0.270 5.85 6.85 0.560 0.625 14.23 15.87 0.250 6.35 0.025 0.038 0.64 0.96 0.500 0.579 12.70 14.70 0.090 0.110 2.29 2.79 TO-220 (REV: R1)
123
J C L
K
D
M R1
Lead Code: 1) Base 2) Collector 3) Emitter
2N6530 SERIES
NPN POWER TRANSISTOR
SAFE OPERATING AREA (TC=25C)
100
COLLCECTOR CURRENT - I C (A)
10
IC (MAX) - DC
5ms
1ms
10s 50s
1
0.1 1
VCEO (MAX) = 80V (2N6530) VCEO (MAX) = 100V (2N6531, 2N6532) VCEO (MAX) = 120V (2N6533)
10
100
1000
COLLECTOR-EMITTER VOLTAGE - VCE (V)
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2N6533

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X