Part Number Hot Search : 
MX29LV 1000AM D2478 LT1T023C C103Z 002223 BYV27200 MJF3055G
Product Description
Full Text Search
 

To Download UT8Q1024K8-UWX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard Products Data Sheet January, 2003
QCOTSTM UT8Q1024K8 SRAM
FEATURES 25ns maximum (3.3 volt supply) address access time Dual cavity package contains two (2) 512K x 8 industrystandard asynchronous SRAMs; the control architecture allows operation as an 8-bit data width TTL compatible inputs and output levels, three-state bidirectional data bus Typical radiation performance - Total dose: 50krad(Si) - SEL Immune >80 MeV-cm2/mg - LETTH(0.25) = >10 MeV-cm2/mg - Saturated Cross Section cm2 per bit, 5.0E-9 - <1E-8 errors/bit-day, Adams 90% geosynchronous heavy ion Packaging options: - 44-lead bottom brazed dual CFP (BBTFP) (4.6 grams) Standard Microcircuit Drawing 5962-01532 - QML T and Q compliant part
INTRODUCTION The QCOTSTM UT8Q1024K8 Quantified Commercial Off-theShelf product is a high-performance 1M byte (8Mbit) CMOS static RAM built with two individual 524,288 x 8 bit SRAMs with a common output enable. Memory access and control is provided by an active LOW chip enable (En), an active LOW output enable (G). This device has a power-down feature that reduces power consumption by more than 90% when deselected. Writing to each memory is accomplished by taking one of the chip enable (En) inputs LOW and write enable (Wn) inputs LOW. Data on the I/O pins is then written into the location specified on the address pins (A0 through A18). Reading from the device is accomplished by taking one of the chip enable (En) and output enable (G) LOW while forcing write enable (Wn) HIGH. Under these conditions, the contents of the memory location specified by the address pins will appear on the I/O pins. Only one SRAM can be read or written at a time. The input/output pins are placed in a high impedance state when the device is deselected (En HIGH), the outputs are disabled (G HIGH), or during a write operation (En LOW and Wn LOW).
E1 A(18:0) G 512K x 8
W1
E0
W0
512K x 8
DQ(7:0) Figure 1. UT8Q1024K8 SRAM Block Diagram
1
DEVICE OPERATION
NC NC A0 A1 A2 A3 A4 E1 DQ0 DQ1 VDD VS S DQ2 DQ3 W1 A5 A6 A7 A8 A9 W2 NC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 NC E2 NC A18 A17 A16 A15 G DQ7 DQ6 VSS VDD DQ5 DQ4 A14 A13 A12 A11 A10 NC NC NC
Each die in the UT8Q1024K8 has three control inputs called Enable (En), Write Enable (Wn), and Output Enable (G); 19 address inputs, A(18:0); and eight bidirectional data lines, DQ(7:0). The device enable (En) controls device selection, active, and standby modes. Asserting En enables the device, causes IDD to rise to its active value, and decodes the 19 address inputs to each memory die . Wn controls read and write operations. During a read cycle, G must be asserted to enable the outputs. Table 1. Device Operation Truth Table
G X1 X
Wn X 0 1 1
En 1 0 0 0
I/O Mode 3-state Data in 3-state Data out
Mode Standby Write Read2 Read
Figure 2. 25ns SRAM Pinout (44)
1 0
PIN NAMES A(18:0) DQ(7:0) En Wn G VDD V SS Address Data Input/Output Device Enable WriteEnable Output Enable Power Ground
Notes: 1. "X" is defined as a "don't care" condition. 2. Device active; outputs disabled.
READ CYCLE A combination of Wn greater than V IH (min) with En and G less than V IL (max) defines a read cycle. Read access time is measured from the latter of device enable, output enable, or valid address to valid data output. SRAM Read Cycle 1, the Address Access is initiated by a change in address inputs while the chip is enabled with G asserted and Wn deasserted. Valid data appears on data outputs DQ(7:0) after the specified t AVQV is satisfied. Outputs remain active throughout the entire cycle. As long as device enable and output enable are active, the address inputs may change at a rate equal to the minimum read cycle time (tAVAV). SRAM Read Cycle 2, the Chip Enable-controlled Access is initiated by En going active while G remains asserted, Wn remains deasserted, and the addresses remain stable for the entire cycle. After the specified t ETQV is satisfied, the eight-bit word addressed by A(18:0) is accessed and appears at the data outputs DQ(7:0). SRAM Read Cycle 3, the Output Enable-controlled Access is initiated by G going active while En is asserted, Wn is deasserted, and the addresses are stable. Read access time is tGLQV unless tAVQV or tETQV have not been satisfied.
2
Notes: 1. To avoid bus contention, on the DQ(7:0) bus, only one En can be driven low simultaneously while G is low.
WRITE CYCLE A combination of Wn less than VIL(max) and En less than VIL(max) defines a write cycle. The state of G is a "don't care" for a write cycle. The outputs are placed in the high-impedance state when eitherG is greater than V IH(min), or when Wn is less than VIL (max). Write Cycle 1, the Write Enable-controlled Access is defined by a write terminated by Wn going high, with En still active. The write pulse width is defined by tWLWH when the write is initiated byWn, and by t ETWH when the write is initiated by En. Unless the outputs have been previously placed in the highimpedance state byG, the user must wait t WLQZ before applying data to the eight bidirectional pins DQ(7:0) to avoid bus contention. Write Cycle 2, the Chip Enable-controlled Access is defined by a write terminated by the former of En or Wn going inactive. The write pulse width is defined by tWLEF when the write is initiated by Wn, and by t ETEF when the write is initiated by the En going active. For the Wn initiated write, unless the outputs have been previously placed in the high-impedance state by G, the user must wait tWLQZ before applying data to the eight bidirectional pins DQ(7:0) to avoid bus contention.
TYPICAL RADIATION HARDNESS The UT8Q1024K8 SRAM incorporates features which allow operation in a limited radiation environment. Table 2. Typical Radiation Hardness Design Specifications 1 Total Dose Heavy Ion Error Rate 2 50 <1E-8 krad(Si) nominal Errors/Bit-Day
Notes: 1. The SRAM will not latchup during radiation exposure under recommended operating conditions. 2. 90% worst case particle environment, Geosynchronous orbit, 100 mils of Aluminum.
3
ABSOLUTE MAXIMUM RATINGS 1 (Referenced to V SS ) SYMBOL V DD V I/O TSTG PD TJ JC II PARAMETER DC supply voltage Voltage on any pin Storage temperature Maximum power dissipation Maximum junction temperature2 Thermal resistance, junction-to-case3 DC input current LIMITS -0.5 to 4.6V -0.5 to 4.6V -65 to +150C 1.0W (per byte) +150C 10C/W
10 mA
Notes: 1. Stresses outside the listed absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and functional operation of the device at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. E xposure to absolute maximum rating conditions for extended periods may affect device reliability and performance. 2. Maximum junction temperature may be increased to +175 C during burn-in and steady-static life. 3. Test per MIL-STD-883, Method 1012.
RECOMMENDED OPERATING CONDITIONS SYMBOL V DD TC V IN PARAMETER Positive supply voltage Case temperature range DC input voltage LIMITS 3.0 to 3.6V -40 to +125C 0V to V DD
4
DC ELECTRICAL CHARACTERISTICS (Pre/Post-Radiation)* (-40C to +125C) (V DD = 3.3V + 0.3) SYMBOL VIH V IL VOL1 VOL2 V OH1 V OH2 CIN 1 CIO 1 I IN IOZ PARAMETER High-level input voltage Low-level input voltage Low-level output voltage Low-level output voltage High-level output voltage High-level output voltage Input capacitance Bidirectional I/O capacitance Input leakage current Three-state output leakage current (CMOS) (CMOS) IOL = 8mA, VDD =3.0V IOL = 200A,VDD =3.0V IOH = -4mA,V DD =3.0V IOH = -200A,V DD =3.0V = 1MHz @ 0V = 1MHz @ 0V V SS < V IN < V DD, V DD = V DD (max) 0V < V O < VDD V DD = V DD (max) G = VDD (max) I OS2, 3 I DD (OP) Short-circuit output current Supply current operating @ 1MHz 0V < V O < VDD Inputs: V IL = 0.8V, V IH = 2.0V IOUT = 0mA V DD = V DD (max) IDD1 (OP) Supply current operating @40MHz Inputs: V IL = 0.8V, V IH = 2.0V IOUT = 0mA V DD = V DD (max) I DD2(SB) Nominal standby supply current @0MHz Inputs: V IL = V SS IOUT = 0mA En = VDD - 0.5, V DD = V DD (max) V IH = V DD - 0.5V
Notes: * Post-radiation performance guaranteed at 25C per MIL-STD-883 Method 101 9 . 1. Measured only for initial qualification and after process or design changes that could affect input/output capacitance. 2. Supplied as a design limit but not guaranteed or tested. 3. Not more than one output may be shorted at a time for maximum duration of one second.
CONDITION
MIN 2.0
MAX
UNIT V
0.8 0.4 0.08 2.4 VDD -0.10 20 24 -2 -2 2 2
V V V V V pF pF A A
-90
90 150
mA mA
220
mA
-40C and 25C
4
mA mA
+125C
25
5
AC CHARACTERISTICS READ CYCLE (Pre/Post-Radiation)* (-40C to +125C) (V DD = 3.3V + 0.3) SYMBOL tAVAV 1 tAVQV tAXQX 2 tGLQX 2 tGLQV tGHQZ 2 tETQX2,3 tETQV3 tEFQZ1,2,4 Read cycle time Read access time Output hold time G-controlled Output Enable time G-controlled Output Enable time (Read Cycle 3) G-controlled output three-state time En-controlled Output Enable time En-controlled access time En-controlled output three-state time 3 25 10 3 0 10 10 PARAMETER MIN 25 25 MAX UNIT ns ns ns ns ns ns ns ns ns
Notes: * Post-radiation performance guaranteed at 25C per MIL-STD-883 Method 1019. 1. Functional test. 2. Three-state is defined as a 300mV change from steady-state output voltage. 3. The ET (enable true) notation refers to the falling edge of En. SEU immunity does not affect the read parameters. 4. The EF (enable false) notation refers to the rising edge of En. SEU immunity does not affect the read parameters.
High Z to Active Levels
Active to High Z Levels
VLOAD + 300mV } VLOAD VLOAD - 300mV { { }
VH - 300mV
VL + 300mV
Figure 3. 3-Volt SRAM Loading
6
t AVAV A(18:0)
DQ(7:0)
Previous Valid Data
Valid Data t AVQV
Assumptions: 1 . En andG < V IL (max) and Wn > V IH (min)
tAXQX Figure 4a. SRAM Read Cycle 1: Address Access
A(18:0) En tETQV DQ(7:0) t ETQX t EFQZ
DATA VALID
Assumptions: 1. G < V IL (max) and Wn > VIH (min)
Figure 4b. SRAM Read Cycle 2: Chip Enable-Controlled Access
tAVQV A(18:0) G t GHQZ t GLQX DQ(7:0)
Assumptions: 1 . En < V IL (max) andWn > V IH (min)
DATA VALID
tGLQV
Figure 4c. SRAM Read Cycle 3: Output Enable-Controlled Access
7
AC CHARACTERISTICS WRITE CYCLE (Pre/Post-Radiation)* (-40C to +125C) (V DD = 3.3V + 0.3) SYMBOL tAVAV 1 tETWH tAVET tAVWL tWLWH tWHAX tEFAX tWLQZ 2 tWHQX 2 tETEF tDVWH tWHDX 2 tWLEF tDVEF 2 tEFDX tAVWH tWHWL1 Write cycle time Device Enable to end of write Address setup time for write (En - controlled) Address setup time for write (Wn - controlled) Write pulse width Address hold time for write (Wn - controlled) Address hold time for Device Enable (En - controlled) Wn- controlled three-state time Wn - controlled Output Enable time Device Enable pulse width (En - controlled) Data setup time Data hold time Device Enable controlled write pulse width Data setup time Data hold time Address valid to end of write Write disable time 5 20 15 2 20 15 2 20 5 PARAMETER MIN 25 20 0 0 20 2 2 10 MAX UNIT ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Notes : * Post-radiation performance guaranteed at 25 C per MIL-STD-883 Method 1019. 1. Functional test performed with outputs disabled (G high). 2. Three-state is defined as 300mV change from steady-state output voltage.
8
A(18:0) tAVAV 2 En tAVWH tETWH Wn t AVWL Q(7:0) t WLQZ D(7:0)
Assumptions: 1. G < VIL (max). If G > VIH (min) then Qn(8:0) will be in three-state for the entire cycle. 2. G high for t AVAV cycle. APPLIED DATA
tWHWL tWHAX
tWLWH
t WHQX
t DVWH
t WHDX
Figure 5a . SRAM Write Cycle 1: Write Enable - Controlled Access
t AVAV 3 A(18:0) tAVET t ETEF tEFAX En
or
tAVET En t ETEF tWLEF
APPLIED DATA
t EFAX
Wn D(7:0)
tWLQZ Q(7:0)
tDVEF
tEFDX
Assumptions & Notes: 1. G < V IL (max). If G > VIH (min) then Q(7:0) will be in three-state for the entire cycle. 2. Either En scenario above can occur. 3. G high for t AVAV cycle.
Figure 5b. SRAM Write Cycle 2: Chip Enable - Controlled Access
9
DATA RETENTION MODE
VDD
50% t EFR
VDR > 2.0V
50% tR
En
Figure 7. Low VDD Data Retention Waveform
DATA RETENTION CHARACTERISTICS (Pre/Post-Irradiation) (1 Second Data Retention Test) SYMBOL PARAMETER V DR IDDR
1,2
MINIMUM 2.0 -0 tAVAV
MAXIMUM -4.0
UNIT V mA ns ns
V DD for data retention Data retention current (per byte) Chip select to data retention time Operation recovery time
tEFR1,3 tR1,3
Notes: 1. En = VDD - .2V, all other inputs = VDR or V SS. 2. Data retention current (I DDR ) Tc = 25 oC. 3. Not guaranteed or tested.
DATA RETENTION CHARACTERISTICS (Pre/Post-Irradiation) (10 Second Data Retention Test, TC=-40oC to +125o C) SYMBOL V DD 1 tEFR 2, 3 tR2, 3 PARAMETER V DD for data retention Chip select to data retention time Operation recovery time MINIMUM 3.0 0 tAVAV MAXIMUM 3.6 UNIT V ns ns
Notes: 1. Performed at VD D (min) and V D D (max). 2. En = VSS , all other inputs = VDR or V SS . 3. Not guaranteed or tested.
10
11
PACKAGING
1. All exposed metalized areas must be plated per MIL-PRF-38535. 2. The lid is electrically connected to V SS . 3. Index mark configuration is optional. 4. Total weight is approx. 4.6 g.
Figure 9. 44-lead bottom brazed dual CFP (BBTFP) package
12
ORDERING INFORMATION 1024K8 SRAM:
UT8Q1024K8 - * *
*
*
Lead Finish: (A) = Hot solder dipped (C) = Gold (X) = Factory option (gold or solder)
Screening: (P) = Prototype flow (W) = Extended Industrial Temperature Range Flow (-40o C to +125o C)
Package Type: (U) = 44-lead bottom brazed dual CFP (BBTFP)
Device Type: - = 25ns access, 3.3V operation Aeroflex UTMC Core Part Number
Notes: 1. Lead finish (A,C, or X) must be specified. 2. If an "X" is specified when ordering, then the part marking will match the lead finish and will be either "A" (solder) or "C" (g old). 3. Prototype flow per UTMC Manufacturing Flows Document. Tested at 25 C only. Lead finish is GOLD ONLY. Radiation neither tested nor guaranteed. 4. Extended Industrial Temperature Range flow per UTMC Manufacturing Flows Document. Devices are tested at -40C to +125C. Radiation neither tested nor guaranteed.
13
1024K8 SRAM: SMD
5962 - 01532
** * * *
Lead Finish: (A) = Hot solder dipped (C) = Gold (X) = Factory Option (gold or solder) Case Outline: (Y) = 44-lead dual cavity CFP Class Designator: (T) = QML Class T (Q) = QML Class Q
Device Type 01 = 25ns access time, 3.3V operation, Extended Industrial Temp (-40oC to +125 oC)
Drawing Number: 01532 Total Dose (-) = None (D) = 1E4 (10krad(Si)) (P) = 3E4 (30krad(Si)) (contact factory) (L) = 5E4 (50krad(Si)) (contact factory) Federal Stock Class Designator: No Options Notes: 1. Lead finish (A, C, or X) must be specified. 2. If an "X" is specified when ordering, part marking will match the lead finish and will be either "A" (solder) or "C" (gold). 3. Total dose radiation must be specified when ordering.
14
COLORADO Toll Free: 800-645-8862 Fax: 719-594-8468 SE AND MID-ATLANTIC Tel: 321-951-4164 Fax: 321-951-4254
INTERNATIONAL Tel: 805-778-9229 Fax: 805-778-1980 WEST COAST Tel: 949-362-2260 Fax: 949-362-2266
NORTHEAST Tel: 603-888-3975 Fax: 603-888-4585 CENTRAL Tel: 719-594-8017 Fax: 719-594-8468
www.aeroflex.com
info-ams@aeroflex.com
Aeroflex UTMC Microelectronic Systems Inc. (Aeroflex) reserves the right to make changes to any products and services herein at any time without notice. Consult Aeroflex or an authorized sales representative to verify that the information in this data sheet is current before using this product. Aeroflex does not assume any responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to in writing by Aeroflex; nor does the purchase, lease, or use of a product or service from Aeroflex convey a license under any patent rights, copyrights, trademark rights, or any other of the intellectual rights of Aeroflex or of third parties.
Our passion for performance is defined by three attributes represented by these three icons: solution-minded, performance-driven and customer-focused
1
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of UT8Q1024K8-UWX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X