Part Number Hot Search : 
JANSR2 RFG40N10 W91640 DTA12 UESP05J HT9020B W81181 STV8116
Product Description
Full Text Search
 

To Download UPA1872 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
PA1872
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
DESCRIPTION
The PA1872 is a switching device which can be driven directly by a 2.5 V power source. This device features a low on-state resistance and excellent switching characteristics, and is suitable for applications such as power switch of portable machine and so on.
8
PACKAGE DRAWING (Unit : mm)
5 1 2, 3 4 5 6, 7 8 : Drain1 : Source1 : Gate1 : Gate2 : Source2 : Drain2
1.2 MAX. 1.00.05 0.25 3 +5 -3 0.10.05 0.5 0.6 +0.15 -0.1
FEATURES
* 2.5 V drive available * Low on-state resistance RDS(on)1 = 13.0 m MAX. (VGS = 4.5 V, ID = 5.0 A) RDS(on)2 = 13.5 m MAX. (VGS = 4.0 V, ID = 5.0 A) RDS(on)3 = 15.5 m MAX. (VGS = 3.1 V, ID = 5.0 A) RDS(on)4 = 18.0 m MAX. (VGS = 2.5 V, ID = 5.0 A) * Built-in G-S protection diode against ESD
1 4
0.145 0.055
3.15 0.15 3.0 0.1
6.4 0.2 4.4 0.1 1.0 0.2
ORDERING INFORMATION
PART NUMBER PACKAGE
0.65 0.8 MAX.
PA1872GR-9JG
0.1
Power TSSOP8
0.27 +0.03 -0.08
0.10 M
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current (DC) (TA = 25C) Drain Current (pulse)
Note1 Note2
VDSS VGSS ID(DC) ID(pulse) PT Tch Tstg
20 12 10 80 2.0 150 -55 to +150
V V A A W C C
Gate1
EQUIVALENT CIRCUIT
Drain1 Drain2
Body Diode
Gate2 Gate Protection Diode Source2
Body Diode
Total Power Dissipation (2 unit) Channel Temperature Storage Temperature
Gate Protection Diode Source1
Notes 1. PW 10 s, Duty Cycle 1% 2 2. Mounted on ceramic substrate of 5000 mm x 1.1 mm Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. G15622EJ1V0DS00 (1st edition) Date Published December 2001 NS CP(K) Printed in Japan
(c)
2001
PA1872
ELECTRICAL CHARACTERISTICS (TA = 25C)
CHARACTERISTICS Zero Gate Voltage Drain Current Gate Leakage Current Gate Cut-off Voltage Forward Transfer Admittance Drain to Source On-state Resistance SYMBOL IDSS IGSS VGS(off) | yfs | RDS(on)1 RDS(on)2 RDS(on)3 RDS(on)4 Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr VDD = 16 V VGS = 4.0 V ID = 10 A IF = 10 A, VGS = 0 V IF = 10 A, VGS = 0 V di/dt = 50 A / s TEST CONDITIONS VDS = 20 V, VGS = 0 V VGS = 12 V, VDS = 0 V VDS = 10 V, ID = 1.0 mA VDS = 10 V, ID = 5.0 A VGS = 4.5 V, ID = 5.0 A VGS = 4.0 V, ID = 5.0 A VGS = 3.1 V, ID = 5.0 A VGS = 2.5 V, ID = 5.0 A VDS = 10 V VGS = 0 V f = 1.0 MHz VDD = 10 V, ID = 5.0 A VGS = 4.0 V RG = 10 0.5 5.0 8.0 8.5 9.0 10.0 10.0 10.5 11.5 13.5 1200 370 270 60 350 450 640 15 2.0 8.0 0.83 470 990 13.0 13.5 15.5 18.0 1.0 MIN. TYP. MAX. 10 10 1.5 UNIT
A A
V S m m m m pF pF pF ns ns ns ns nC nC nC V ns nC
TEST CIRCUIT 1 SWITCHING TIME
TEST CIRCUIT 2 GATE CHARGE
D.U.T.
D.U.T. RL VGS PG. RG
Wave Form
VGS
0 10% VGS 90%
IG = 2 mA 50
RL VDD
VDD
PG.
90%
VDS
90% 10% 10%
VGS 0 = 1 s Duty Cycle 1%
VDS
VDS
Wave Form
0 td(on) ton
tr
td(off) toff
tf
2
Data Sheet G15622EJ1V0DS
PA1872
TYPICAL CHARACTERISTICS (TA = 25C)
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 100 80
FORWARD BIAS SAFE OPERATING AREA 1000 100
RDS(on) Limited (VGS = 4.5 V)
dT - Derating Factor - %
ID (pulse)
PW = 10 s
ID - Drain Current - A
60
10
ID (DC)
100 s
1 ms
40
1
10 ms
100 ms
20
0.1
Single Pulse PD (FET1) : PD (FET2) = 1:1
DC
0
0
30 60 120 90 TA - Ambient Temperature - C
150
0.01 0.1
10 1 VDS - Drain to Source Voltage - V
100
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE 35 30
FORWARD TRANSFER CHARACTERISTICS 100 VDS = 10 V
Pulsed VGS = 4.5 V
10
ID - Drain Current - A
ID - Drain Current - A
25 20
4.0 V
1 0.1
TA = 125C
3.1 V 15 10 2.5 V 5 0
25C
0.01 0.001 0.0001
75C
-25C
0.0
0.1
0.2
0.3
0.4
0.00001 0.0
0.5
1.0
1.5
2.0
VDS - Drain to Source Voltage - V
VGS - Gate to Sorce Voltage - V
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT 100
| yfs | - Forward Transfer Admittance - S
GATE TO SOURCE CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE
VGS(off) - Gate to Source Cut-off Voltage - V
1.5 VDS = 10 V ID = 1 mA
VDS = 10 V -25 C
TA = 25 C
10
75 C 1 125 C 0.1
1.0
0.5 -50
0
50
100
150
0.01 0.01
0.1
1
ID - Drain Current - A
10
100
Tch - Channel Temperature - C
Data Sheet G15622EJ1V0DS
3
PA1872
RDS(on) - Drain to Source On-state Resistance - m
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 25
VGS = 2.5 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 25
VGS = 3.1 V
20 TA = 125C 15 75C 25C -25C 10
20
15
TA = 125C 75C 25C
10
-25C
5 0.01
0.1
1 10 ID - Drain Current - A
100
5 0.01
0.1
1 10 ID - Drain Current - A
100
RDS(on) - Drain to Source On-state Resistance - m
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 20
VGS = 4.0 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 20
VGS = 4.5 V
15 TA = 125C 75C 10 25C -25C
15 TA = 125C 75C 10 25C -25C
5 0.01
0.1
1 10 ID - Drain Current - A
100
5 0.01
0.1
1 10 ID - Drain Current - A
100
RDS (on) - Drain to Source On-state Resistance - m
RDS (on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE 20 ID = 5 A
VGS = 2.5 V 3.1 V 4.0 V 4.5 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE 30 Pulsed ID = 5.0 A 25
15
20
15
10
10
5 -50
0
50
100
150
5 0
2
4
6
8
10
12
Tch - Channel Temperature - C
VGS - Gate to Source Voltage - V
4
Data Sheet G15622EJ1V0DS
PA1872
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 10000
td(on), tr, td(off), tf - Switching Time - ns
SWITCHING CHARACTERISTICS 1000 tf td (off)
Ciss, Coss, Crss - Capacitance - pF
f = 1 MHz VGS = 0 V
1000
Ciss
tr 100 td (on)
Coss Crss 100
10 0.1
1
10
100
10 0.1
VDD = 10 V VGS = 4.0 V RG = 10
1
10
100
VDS - Drain to Source Voltage - V
ID - Drain Current - A
SOURCE TO DRAIN DIODE FORWARD VOLTAGE 100
IF - Diode Forward Current - A
DYNAMIC INPUT/OUTPUT CHARACTERISTICS 5 ID = 10 A VDD = 16 V 10 V 3
VGS = 0 V
VGS - Gate to Source Voltage - V
4
10
1
2
0.1
1
0.01 0.4
0
0.6
0.8
1.0
1.2
0
4
VF(S-D) - Source to Drain Voltage - V
8 12 QG - Gate Charge - nC
16
20
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH 1000
Single Pulse PD (FET1) : PD (FET2) = 1:1 Mounted on FR-4 Board of 25 cm2 x 1.6 mm 125C/W
rth(ch-A) - Transient Thermal Resistance - C/W
100
Mounted on Ceramic Board of 50 cm2 x 1.1 mm 62.5C/W
10
1
0.1 0.001
0.01
0.1
1 PW - Pulse Width - s
10
100
1000
Data Sheet G15622EJ1V0DS
5
PA1872
[MEMO]
6
Data Sheet G15622EJ1V0DS
PA1872
[MEMO]
Data Sheet G15622EJ1V0DS
7
PA1872
* The information in this document is current as of December, 2001. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC's data sheets or data books, etc., for the most up-to-date specifications of NEC semiconductor products. Not all products and/or types are available in every country. Please check with an NEC sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without prior written consent of NEC. NEC assumes no responsibility for any errors that may appear in this document. * NEC does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC semiconductor products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC endeavours to enhance the quality, reliability and safety of NEC semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. * NEC semiconductor products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. The recommended applications of a semiconductor product depend on its quality grade, as indicated below. Customers must check the quality grade of each semiconductor product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC semiconductor products is "Standard" unless otherwise expressly specified in NEC's data sheets or data books, etc. If customers wish to use NEC semiconductor products in applications not intended by NEC, they must contact an NEC sales representative in advance to determine NEC's willingness to support a given application. (Note) (1) "NEC" as used in this statement means NEC Corporation and also includes its majority-owned subsidiaries. (2) "NEC semiconductor products" means any semiconductor product developed or manufactured by or for NEC (as defined above).
M8E 00. 4


▲Up To Search▲   

 
Price & Availability of UPA1872

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X