Part Number Hot Search : 
0805K K16A60W F1006FC GBJ10 BC32716 BC32716 XXXGX P4KE220A
Product Description
Full Text Search
 

To Download U143M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 U143M
7-Segment Decoder Driver
Technology: PMOS Features
D Display numbers from 1 to 16 D Supply voltage -VS = 12 V D Output currents -I01 to -I09 = 10 mA D Input code BCD + 1 D Pull-up resistors 50 kW to VS D Separate input for dark switching
Case: 16 pin dual inline plastic
Figure 1. Block diagram
Absolute Maximum Ratings
Parameters Supply voltage range Pin 16 Supply current Pin 1 Output current of one output Pin 7 to 15 Total power dissipation -I01 to -I09 a 10 mA = 90 mA -V01 to -V09 = 2 V, Tamb = 70C Symbol VS IS -I01 to -I09 Ptot Value -13.5 to +0.3 150 50 220 Unit V mA mA mW
TELEFUNKEN Semiconductors Rev. A1, 26-Jun-96
1 (4)
Preliminary Information
U143M
Electrical Characteristics
-VS = 12 V, reference point Pin 1, Tamb = 25C, unless otherwise specified Parameters Supply voltage Supply quiescent current Output reverse current Output voltage level Logic "0" Logic "1" Output current Test Conditions / Pin Pin 16 Pin 1 -V0 = 13.2 V, Pin 7 to 15 Tamb = 70C Pin 7 to 15 Symbol -VS ISB -I0R Min 10.8 Typ 12 Max 13.2 1.5 50 Unit V mA
mA
-VOH -VOL -VOH = 2 V, Tamb = 25C Tamb = 7 C Pin 7 to 15 Pin 7 to 15 Pin 2 to 6 -IO -IO -VIH -VIL -IIL -IIH
2.0 10.8 12 10 -0.3 13.2 10 +1 4.0 120
V V mA mA V V
Input voltage level Logic "0" Logic "1" Input currents
-VIL = 4.0 V -VIH = 1.0 V
Pin 2 to 6
mA mA
Truth Table
2 (4)
Preliminary Information
TELEFUNKEN Semiconductors Rev. A1, 26-Jun-96
U143M
Dimensions in mm
TELEFUNKEN Semiconductors Rev. A1, 26-Jun-96
3 (4)
Preliminary Information
U143M
Ozone Depleting Substances Policy Statement
It is the policy of TEMIC TELEFUNKEN microelectronic GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs). The Montreal Protocol ( 1987) and its London Amendments ( 1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. TEMIC TELEFUNKEN microelectronic GmbH semiconductor division has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. TEMIC can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use TEMIC products for any unintended or unauthorized application, the buyer shall indemnify TEMIC against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. TEMIC TELEFUNKEN microelectronic GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
4 (4)
Preliminary Information
TELEFUNKEN Semiconductors Rev. A1, 26-Jun-96


▲Up To Search▲   

 
Price & Availability of U143M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X