Part Number Hot Search : 
6B10V 1010C SC618 4805S 1010C SMCJ6 AT91S ON2752
Product Description
Full Text Search
 

To Download TSMBJ1012C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
TSMBJ1006C THRU TSMBJ1024C
Transient Voltage Protection Device 75 to 320 Volts
DO-214AA (SMBJ)
H
Oxide-Glass passivated Junction Bi-Directional protection in a single device Surge capabilities up to 100A@10/1000us or 400A@8/20us High Off-State impedance and Low On-State voltage Plastic material has UL flammability classification 94V -0
Mechanical Data
* * * Case : Molded plastic Polarity : None cathode band denotes Approx Weight : 0.093grams
Cathode Band
J
Maximum Rating
Characteristic Non-repetitive peak impulse current Non-repetitive peak On-state current Operating temperature range Junction and storage temperature range Symbol IPP ITSM TOP TJ, TSTG Value 100A 50A -40~150oC -55~150oC
DIM A B C D E F G H J
Unit 10/1000us 8.3ms, one-half cycle
E F G
A
C
D
B
DIMENSIONS INCHES MIN .078 .077 .002 --.030 .065 .205 .160 .130 MM MIN 2.00 1.96 .05 --.76 1.65 5.21 4.06 3.30
Thermal Resistance
Characteristic Thermal Resistance junction to lead Thermal Resistance junction to ambient Typical positive temperature coefficient for breakdown voltage Symbol
RqJL RqJA
MAX .096 .083 .008 .02 .060 .091 .220 .180 .155
MAX 2.44 2.10 .20 .51 1.52 2.32 5.59 4.57 3.94
NOTE
Value 20 C/W 100oC/W
o
Unit
SUGGESTED SOLDER PAD LAYOUT
0.090"
On recommended pad layout
0.085"
VBR/TJ
0.1%/oC
0.070"
www.mccsemi.com
TSMBJ1006C thru TSMBJ1024C
ELECTRICAL CHARACTERISTIC @25 Unless otherwise specified
Parameter On-State Rated Off-state Breakover Voltage Breakover Current Repetitive OffLeakage Voltage @IT =1.0A state Voltage Curr ent@V DRM
MCC
Holding Current
Off-State Capacitance CJ pF Typ. 200 120 120 120 80 80 80 80
Symbol Units Limit TSMBJ1006C TSMBJ1007C TSMBJ1010C TSMBJ1012C TSMBJ1016C TSMBJ1018C TSMBJ1022C TSMBJ1024C
VDRM Volts Max 75 90 140 160 190 220 275 320
IDRM uA Max 5 5 5 5 5 5 5 5
VBO Volts Max 98 130 180 220 265 300 350 400
VT Volts Max 5 5 5 5 5 5 5 5
IBOmA Min 50 50 50 50 50 50 50 50
IBO+ mA Max 800 800 800 800 800 800 800 800
IHmA Min 150 150 150 150 150 150 150 150
IH+ mA Max 800 800 800 800 800 800 800 800
MAXIMUM RATED SURGE WAVEFORM Waveform Standard Ipp (A)
2/10 us 8/20 us 10/160 us 10/700 us 10/560 us 10/1000 us GR-1089-CORE IEC 61000-4-5 FCC Part 68 ITU-T K20/21 FCC Part 68 GR-1089-CORE 500 400 200 200 150 100
Ipp ; PEAK PULSE CURRENT (%) 100
Peak value (Ipp)
tr = rise time to peak value tp = decay time to half value
50
Half value
0
tr
tp
TIME
Symbol VDRM IDRM VBR IBR VBO IBO IH VT IPP CO
NOTE
Parameter
Stand-off voltage Leakage current at stand-off voltage Breakdown voltage Breakdown current Breakover voltage Breakover current Holding current On state voltage Peak pulse current Off-state capacitance
NOTE: 2 NOTE: 1
IBR IBO IH IDRM IPP
I
VT
VBR VDRM VBO
V
1. I H > ( V L/ R L) If this criterion is not obeyed, the TSPD triggers but does not return correctly to high-resistance state. The surge recovery time. It does not exceed 30ms. 2. Off-state capacitance measured at f=1.0MHz , 1.0Vrms signal , VR=2Vdc bias.
www.mccsemi.com
TSMBJ1006C thru TSMBJ1024C
Fig.1 - Off-State Current v.s Junction Temperature
100 1.2
MCC
Fig.2 - Relative Variation of Breakdown Voltage v.s Junction Temperature
I(DRM) , OFF-STATE CURRENT(uA)
10
NORMALISED BREAKDOWN VOLTAGE
VBR(TJ)
1.15
VBR(TJ=25)
1
1.1
VDRM = 50V
0.1
1.05
1
0.01
0.95
0.001 -25 0 25 50 75 100 125 150
0.9 -50 -25 0 25 50 75 100 125 150 175
Tj , JUNCTION TEMPERATURE ()
Tj ; JUNCTION TEMPERATURE ()
Fig.3 - Relative Variation of Breakover Voltage v.s Junction Temperature
100 1.1
Fig.4 - On-State Current v.s On-State Voltage
NORMALISED BREAKOVER VOLTAGE
VBO(TJ)
1.05
VBO(TJ=25)
I(T) ; ON-STATE CURRENT (A)
10
1
TJ = 25
0.95 -50 -25 0 25 50 75 100 125 150 175
1 1 2 3 4 5 6 7 8 9
Tj ; JUNCTION TEMPERATURE ()
V(T) ; ON-STATE VOLTAGE
Fig.5 - Relative Variation of Holding Current v.s Junction Temperature
2 1
Fig.6 - Relative Variation of Junction Capacitance v.s Reverse Voltage Bias
NORMALISED HOLDING CURRENT
1.5
1
NORMALISED CAPACITANCE
CO(VR) CO(VR = 1V) Tj =25 f=1MHz VRMS = 1V
0.5
IH(TJ) IH(TJ =25)
0 -50 -25 0 25 50 75 100 125
0.1 1 10 100
Tj ; JUNCTION TEMPERATURE ()
VR ; REVERSE VOLTAGE (V)
www.mccsemi.com
TSMBJ1006C thru TSMBJ1024C
TYPICAL APPLICATION CIRCUITS
MCC
FUSE
RING TELECOM EQUIPMENT E.G. MODEM TIP
TSPD 1
RING
PTC
TSPD 1
TELECOM EQUIPMENT E.G. ISDN
TSPD 2
TIP
PTC
RING
PTC
TSPD 2 TSPD 1 TSPD 3
TELECOM EQUIPMENT E.G. LINE CARD
TIP
PTC
The PTC (Positive Temperature Coefficient) is an overcurrent protection device.
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of TSMBJ1012C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X