Part Number Hot Search : 
STE800P 4740ETE MT620 124ML 3PSF810 M37207 L5985 SI7348DP
Product Description
Full Text Search
 

To Download TSL060-112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Industrial Power Supplies
TSL Series
Features
Easy snap-on mounting on DIN-Rails Universal Input 93-264 VAC, 50/60 Hz Standard Models with 12, 24 and 48 VDC Output Voltage adjustable Low Output Ripple and Noise High Efficiency Overload Protection Parallel Operation possible CE Compliance to European EMC and Low Voltage Directive Compliance to EN 61000-3-2 (PFHC) Conducted Emissions to EN55011, Class B and FCC Part 15, Level B Noise Immunity to EN 50082-2 Safety Approvals to IEC 60950, EN 60950 (SELV), UL/cUL 1950, UL 508 2 Year Product Warranty This range of compact switching power supplies has been designed for applications in harsh industrial environments. With excellent electrical specifications and a high immunity against electrical disturbances they provide a reliable power source for sensitive loads in industrial process control equipments, machine tools or other electronic equipment exposed to difficult factory floor conditions. Adjustable output voltage and constant current regulation make these power supplies also suitable for battery charger applications.
30 - 480 Watt
Models
Ordercode Input Voltage range 93-264 VAC Universal input 93-264 VAC Universal input 93-132 VAC / 187-264 VAC Autorange 93-132 VAC / 187-264 VAC Autorange 93-132 VAC / 187-264 VAC Autorange Output Power max. 30 W Output Voltage nom. 12 VDC 24 VDC 12 VDC 24 VDC 24 VDC 48 VDC Output Current max. 2.5 A 1.25 A 5.0 A 2.5 A 5.0 A 2.5 A
TSL 030-112 TSL 030-124 TSL 060-112 TSL 060-124 *TSL 120-124 (P) *TSL 120-148 (P)
60 W
120 W
*TSL 240-124 (P) *TSL 240-148 (P)
240 W
24 VDC 48 VDC
10 A 5.0 A
*TSL 480-124 (P) *TSL 480-148 (P)
480 W
24 VDC 48 VDC
20 A 10 A
*For compliance to EN 61000-3-2 (PFHC) opt. P is requied for these models
http://www.tracopower.com
Page 1
Industrial Power Supplies
TSL Series 30-480 Watt
Input Specifications
Input voltage range Input frequency Input current at full load (typ.) - TSL 030 - TSL 060 - TSL 120 - TSL 240 - TSL 480 Inrush current (< 2 ms) - TSL 030 - TSL 060 - TSL 120 - TSL 240 - TSL 480 - TSL 030, TSL 060 - TSL 120 ... TSL 480 93 - 264 VAC 93 - 132 VAC / 187 - 264 VAC 47 - 63 Hz 115 VAC 0.5 A 1.1 A 1.9 A 3.5 A 7.2 A 115 VAC < 17.5 A < 24 A < 24 A < 35 A < 33 A 230 VAC 0.3 A 0.65 A 1.2 A 1.7 A 3.5 A 230 VAC < 35 A < 48 A < 48 A < 69 A < 65 A
Output Specifications
Output voltage adj. range - 12 VDC models - 24 VDC models - 48 VDC models 12 - 14 VDC 24 - 28 VDC 48 - 52 VDC 48 - 55 VDC on request ( Option-BC) 0.2 % max. 0.3 % max. ( 1.5 % in parallel operation) < 50 mV pk-pk current limitation at 110 % typ. (constant current, automatic restart) 5 units max.
Regulation - Input variation - Load variation (10 - 90 %) Ripple and Noise (20MHz Bandwidth) Electronic short circuit protection Parallel operation User selectable standard operation mode or parallel operation mode (see TSL instruction manual) Overvoltage protection, triggerpoint at Hold-up time - TSL 030 ... TSL 120 - TSL 240 - TSL 480
140 % typ. Vout nom. 115 VAC min. 25 ms min. 20 ms min. 15 ms 230 VAC min. 30 ms min. 40 ms min. 25 ms
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2
Industrial Power Supplies
TSL Series
30-480 Watt
General Specifications
Temperature ranges - Operating - Derating above 60 C - Storage (non operating) Humidity (non condensing) Temperature coefficient Switching frequency Efficiency - TSL 030 ... TSL 120 - TSL 240 - TSL 480 - 25 C...+70 C ambient temp. max. 2% /C - 25 C...+ 85 C 95 % rel H max. 0.02 % / C 80 kHz typ. (Pulswidth modulation) 85 % typ. 90 % typ. 88 % typ. according to EN 60950, UL 1950, UL 508C - TSL 030/ 060 - TSL 120/ 240 - TSL 480 516000 h @ 35C /500000 h @ 35C 447000 h @ 35C /365000 h @ 35C 287000 h @ 35C IEC 60950, EN 60950 (SELV), UL/cUL 1950, UL 508C UL/cUL 1950 recognized, File E181381 UL 508 C listed, File E210002 CB-Scheme EN 50081-1 / EN 50081-2 EN 55011 class B, EN 55022 class B, FCC part 15, level B EN 61000-3-2, Class A EN 61000-3-2, Class D (50% - 100% load) EN 50082-2 IEC / EN 61000-4-2 IEC / EN 61000-4-3 IEC / EN 61000-4-4 IEC / EN 61000-4-5 IEC / EN 61000-4-6 IEC / EN 61000-4-8 4 kV / 8 kV 10 V / m 2 kV 2 kV / 4 kV 10 V 30 A / m
Isolation Reliability, calculated MTBF (MIL-HDBK-217E)
Safety standards Safety approvals
Electromagnetic compatibility (EMC), Emissions - Conducted RI suppression 120W - 480W models with option P - Harmonic current emissions (PFHC) Electromagnetic compatibility (EMC), Immunity - Electrostatic discharge (ESD) - Radiated RF field immunity - Electrical fast transient / burst immunity - Surge immunity - Immunity to conducted RF disturbances - Power frequency field immunity Safety class Case protection Enclosure material Mounting (snap-on with selflocking spring) Connection
Degree of Protection 1 (IEC 536) IP 20 (IEC 529) Steel / Aluminium 35 mm DIN-rails as per EN 50022 Screw terminals (60 - 480 W models with double terminals for output)
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 3
Industrial Power Supplies
TSL Series
30-480 Watt
Outline Dimensions mm (inches) TSL 030
(0.98)
30.5 34.5
25
24 VDC / 1.25 A
100 (3.94)
DC-ON
115/230 V AC 0.5-0.3A 50/60 Hz
29 (1.14) 25 (0.98)
79 (3.11)
Power Supply TSL 030-124
(1.36)
(1.2)
5
(0.2)
115 (4.53)
Output voltage adj.
Weight:
TSL 060
(0.98)
TSL 030
30.5
310 g (0.68 lb) 400 g (0.88 lb)
TSL 060
(1.2) (1.36)
24 VDC / 2.5 A DC-ON
100 (3.94)
25
Power Supply TSL 060-124
115/230 VAC 1.3/0.7 A 50/60 Hz
45 (1.77)
(0.39) 10
79 (3.11)
34.5
5
(0.89) (0.2)
115 (4.53)
25
Output voltage adj.
Tolerances: 0.5 mm (0.02) Specifications can be changed without notice http://www.tracopower.com Page 4
Industrial Power Supplies
TSL Series
30-480 Watt
Outline Dimensions mm (inches) TSL 120
40 (1.57) 45.5 34.5
24 VDC / 5.0 A
125 (4.92)
DC-ON
115/230 VAC 1.9/1.2 A 50/60 Hz
91.5 (3.6)
Power Supply TSL 120-124
(1.36)
(1.79)
61 (2.4)
(0.39)
5 8
(0.31) (0.2)
125 (4.92)
45 (1.77)
10
Output voltage adj.
Weight: TSL 120 720 g (1.59 lb) 1020 g (2.25 lb)
TSL 240
40 (1.57) 45.5
(1.79)
TSL 120P 900 g (1.98 lb) TSL 240 TSL 240P 1350 g (2.98 lb)
125 (4.92)
34.5
DC-ON
115/230 VAC 3.5/1.7 A 50/60 Hz
24 VDC / 10.0 A
91.5 (3.6)
Power Supply TSL 240 -124
(1.36)
100 (3.94)
(0.39)
5
(0.2)
125 (4.92)
45 (1.77) 40 (1.57)
10
Output voltage adj.
Tolerances: 0.5 mm (0.02) Specifications can be changed without notice http://www.tracopower.com Page 5
Industrial Power Supplies
TSL Series 30-480 Watt
Outline Dimensions mm (inches) TSL 480
40 (1.57) 45.5 34.5
(1.79) (1.36)
125 (4.29)
DC-ON
115/230 VAC 7.2/3.5 A 50/60 Hz
24 VDC / 20.0 A
91.5 (3.6)
Power Supply TSL 480-124
220 (8.66)
0.39)
5
(0.2)
125 (4.92)
25
(0.98)
131 (5.16)
25 19.5
(0.98) (0.77)
10
Weight: TSL 480 1950 g (4.30 lb) TSL 480P 2500 g (5.51 lb)
Output voltage adj.
Tolerances: 0.5 mm (0.02) Specifications can be changed without notice
Rev. 07/01
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41-1284 2911 * Fax +41-1201 1168 * e-mail: sales@traco.ch * internet: http://www.tracopower.com
Page 6


▲Up To Search▲   

 
Price & Availability of TSL060-112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X