Part Number Hot Search : 
PAM8407 LT1520 BDT29DF A2918SW 110AS90 2SC52 MBR1045 5962F
Product Description
Full Text Search
 

To Download TC-350-CBG-156A-1280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Data Sheet
TC-350 Series Low Profile TCXO's
Temperature Compensated Crystal Oscillators
Features
* * * * * * Frequency from 1 to 77.76 MHz 1.0 ppm, -40C to +85C Low Profile: 3.81 mm (0.15") Ht. Aging <5 ppm for Ten Years 3.3 Vdc or 5 Vdc operation TTL/HCMOS Output
Applications
* * * * * SMC Clock SONET/SDH Network Timing Sources Wireless Communications Satellite Communications Portable Test Equipment
Description
Vectron International has introduced a series of low profile surface mount, Temperature Compensated Crystal Oscillators (TCXO's) available in frequencies from 1 to 77.76 MHz. The TC-350 series surface mount TCXO can be mounted using the standard convection reflow process. Current drain to less than 5 mA is available upon request. Aging <5 ppm for ten years. For additional information about TCXO's visit our website at:
www.tcxo.com
TC-350 Series Low Profile TCXO's
Performance Characteristics
Parameter Characteristics
Standard Frequencies: Package: Supply Voltage (Vdd):
(Other options are available upon request)
10.00, 12.80, 13.00, 16.384, 19.44, 20.00, 20.48, 27.00 MHz Available from 1.0 MHz to 77.76 MHz 22.86 x 17.78 x 3.81 mm (0.90" x 0.70" x 0.15") C = 5.0 Vdc 5% D = 3.3 Vdc 5% Current draw will vary greatly depending on frequency and output type. For this series TCXO typical current draw will be about 10 mA. Please consult the factory about your exact current requirements. A = HCMOS/ACMOS 0.8 Vdd 0.5 Vdc 5 ns max. 50% 10% 100k ohm // 10 pF B-507 = 5.0 x 10-7 B-106 = 1.0 x 10-6 C-507 = 5.0 x 10-7 C-106 = 1.0 x 10-6 D-757 = 7.5 x 10-7 D-156 = 1.5 x 10-6 F-106 = 1.0 x 10-6 F-206 = 2.0 x 10-6 G-156 = 1.5 x 10-6 G-256 = 2.5 x 10-6
over over over over over over over over over over
Current:
Output: Voh min. Voh max. Rise/Fall Time: Symmetry (Duty Cycle): Load: Temperature Stability:
B = 10 TTL 2.4 Vdc 0.5 Vdc 10 ns max. 50% 10% 10 TTL
0C to +50C 0C to +50C 0C to +70C 0C to +70C -20C to +70C -20C to +70C -40C to +85C -40C to +85C -55C to +85C -55C to +85C NOTE: Tighter stabilities and wider temperature ranges are available, please consult the factory.
Aging (typical): Frequency vs. Supply: Electrical Frequency Adjust:
<5 ppm for ten years @ +70C <0.1 ppm for a 5% change in Supply Voltage 5 ppm minimum via external voltage, 0 to Vdd
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
2
TC-350 Series Low Profile TCXO's
Outlline Drawing
2.54 ( .100) 1 2
22.86 ( .900)
17.78 ( .700)
4 7.62 ( .300) 3
3.81 ( .15)
.100
2.54 ( .100)
mm '# ) (in)
.045R
.100
4 places
Pin I 2 3 4
Function Output Freq. Adj. GND Supply
Recommended Pad Layout
3.175 SQ (.125)
7.62 (.300)
Pad Layout for 350 Package
17.78 (.700) 12.7 (.500)
mm
'# ) (in)
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
3
TC-350 Series Low Profile TCXO's
Recommended Reflow Profile
pre-heating 60 to 90 sec. at 150C to 170C
reflow 20 to 40 sec. at > 200C
Note: TCXO's are precision subsystems with tolerances measured to 0.01 ppm. NonHermetically sealed TCXO's should not be subjected to a wash process that will immerse the TCXO in solvents. NO CLEAN is the recommended procedure. The TC-350 series of TCXO's has been designed for pick and place reflow soldering. The suggested reflow profile is shown above. The TCXO may be relfowed one time in the non-inverted state. Typical frequency shift as a result of reflow is <1.0 ppm per reflow. VI recommends waiting at least two hours after reflow below measuring the unit.
Output Loads
Vdd
Vdd
.01F .01F PROBE DUT OUT D1 R2 270 D2 D3 D4 PROBE Vdd
DUT
OUT
RL CL
R1 6k
C1 .01F
(A) HCMOS / ACMOS
(B) TTL
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
4
TC-350 Series Low Profile TCXO's
Standard Shipping Method
The Standard ship method for volume production of the TC-350 series is in a matrix tray. These trays are 100% recyclable. The trays also offer the added feature that they can be continuously feed into a pick-n-place machine eliminating the down time required with tape-n-reel.
12 15/16 0.44 0.44
0.20 Deep
VI Logo
0.25
4.00 0.15
0.95
0.25
0.15 0.75
3 x 13 Array / 39 units per tray
Pin 1 this corner
Handling Precautions
Although protection circuitry has been designed into this device, proper precautions should be taken to avoid exposure to electrostatic discharge (ESD) during handling and mounting. VI employs a human-body model *HBM) and a charged-device model (CDM) for ESD-susceptibility testing and protection design evaluation. ESD voltage thresholds are depending on the circuit parameters used to define the mode. Although no industry-wide standard has been adopted for the CDM, a standard HBM (resistance =1500 ohms, capacitance - 1000 pf) is widely used and therefore can be used for comparison purposes. The HBM ESD threshold presented here was obtained by using these circuit parameters.
ESD Threshold Voltage
Model Human-Body (HBM) Charged-Device Threshold 500 500 Unit V min V min
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
5
TC-350 Series Low Profile TCXO's
Ordering Information
TC
-
350
-D
A
G
-
256
A
-
12.80
MHz
Product Family TC = TCXO
Output Frequency 1.0 to 77.76 MHz
Package 350 = SMT package
Supply Voltage C = 5.0 Vdc 5% D = 3.3 Vdc 5%
Pin 1 Options A = Standard, No Options (Default)
Output Type A = HCMOS / ACMOS B = 10 TTL
Temperature Stability B-507 = 5.0 x 10-7 over 0C to +50C -6 0C to +50C B-106 = 1.0 x 10 over 0C to +70C C-507 = 5.0 x 10-7 over -6 C-106 = 1.0 x 10 over 0C to +70C -7 D-757 = 7.5 x 10 over -20C to +70C D-156 = 1.5 x 10-6 over -20C to +70C F-106 = 1.0 x 10-6 over -40C to +85C F-206 = 2.0 x 10-6 over -40C to +85C G-156 = 1.5 x 10-6 over -55C to +85C G-256 = 2.5 x 10-6 over -55C to +85C
Note: Other stabilities are available upon request.
Visit our website at www.vectron.com
For additional information please contact:
USA: Vectron International * 267 Lowell Road, Hudson, NH 03051 . . . . . Tel: 1-88-VECTRON-1 * Fax: 1-888-FAX-VECTRON EUROPE: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: 49 (0) 3328 4784 17 Fax: 49 (0) 3328 4784 30 ASIA: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +86 21 28909740 / 41 /42 Fax: +86 21 28909240 / 2890999
www.vectron.com
Vectron International reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
(c)2001, Vectron International.
Rev.04Jan02, 19Aug02


▲Up To Search▲   

 
Price & Availability of TC-350-CBG-156A-1280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X