Part Number Hot Search : 
7805S 3N212 IK2804D 7805S 3N212 3N212 3N212 4C256
Product Description
Full Text Search
 

To Download TBN6301U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Specification NPN SILICON RF TRANSISTOR
SOT323
TBN6301 series
Unit in mm
2.10.1 1.250.05
Applications
- UHF and VHF wide band amplifier
2.00.2
1.300.1
1 3 2
0.300.1 0.1 Min.
Features
- High gain bandwidth product fT = 6 GHz @ VCE = 3 V, IC = 10 mA fT = 7.5 GHz @ VCE = 5 V, IC = 20 mA - High power gain |S21|2 = 9 dB @ VCE = 3 V, IC = 10 mA, f = 1 GHz - Low noise figure NF = 1.4 dB @ VCE = 3 V, IC = 10 mA, f = 1 GHz
0.900.1
Pin Configuration (TBN6301U) 1. Base 2. Emitter 3. Collector
Absolute Maximum Ratings (TA = 25 )
Parameter Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Total Power Dissipation Operating Junction Temperature Storage Temperature Symbol BVCBO BVCEO BVEBO IC Ptot Tj Tstg Ratings 20 8 3 75 150 150 -65 ~ 150 Unit V V V mA mW
Caution : Electro Static Discharge sensitive device
http://www.tachyonics.co.kr Dec. 2005.
0~0.1
Page 1 of 6
Rev. 1.0
0.150.05
Preliminary Specification
Electrical Characteristics (TA = 25 )
Parameter Collector Cut-off Current Symbol ICBO ICEO Emitter Cut-off Current DC Current Gain Gain Bandwidth Product IEBO hFE fT Test Conditions VCB = 15 V, IE = 0 mA VCE = 8 V, IB = 0 mA VEB = 2 V, IC = 0 mA VCE = 3 V, IC = 10 mA VCE = 3 V, IC = 10 mA VCE = 5 V, IC = 20 mA Insertion Power Gain |S21|2 VCE = 3 V, IC = 10 mA, f = 1 GHz VCE = 5 V, IC = 20 mA, f = 1 GHz Noise Figure Reverse Transfer Capacitance NF Cre VCE = 3 V, IC = 10 mA, f = 1 GHz VCB = 3 V, IE = 0 mA, f = 1 MHz 50 5 6 7 7
TBN6301 series
Min.
Typ.
Max. 0.5 10 0.5 250
Unit
6 7.5 9 9.5 1.4 1.1 1.8
GHz GHz dB dB
pF
hFE Classification
Marking hFE Value SB2 50 - 160 SB1 125 - 250
Available Package
Product TBN6301S TBN6301U TBN6301E TBN6301KF Package SOT23 SOT323 SOT523 SOT623F
Unit in mm
Dimension 2.9 1.3, 1.2t 2.0 1.25, 1.0t 1.6 0.8, 0.8t 1.4 0.8, 0.6t
http://www.tachyonics.co.kr Dec. 2005.
Page 2 of 6
Rev. 1.0
Preliminary Specification
TBN6301 series
Typical Characteristics ( TA = 25 , unless otherwise specified)
Power Dissipation vs. Ambient Temperature
200
Reverse Transfer Capacitance vs. Collector to Base Voltage
Reverse Transfer Capacitance, Cre (pF)
1.4 f = 1 MHz
Collector Power Dissipation, PC (mW)
150
1.2
100
1.0
50
0 0 25 50 75 100
o
125
150
0.8 0 1 2 3 4 5 6 7
Ambient Temperature, TA ( C)
Collector to Base Voltage, VCB (V)
DC Current Gain vs. Collector Current
400 350 300 VCE = 3 V
30 25 20 15 10 5
Collector Current vs. Base to Emitter Voltage
VCE = 3 V
250 200 150 100 50 0 0.1
Collector Current, IC (mA)
1 10 100
DC Current Gain, hFE
0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Collector Current, IC (mA)
Base to Emitter Voltage, VBE (V)
http://www.tachyonics.co.kr Dec. 2005.
Page 3 of 6
Rev. 1.0
Preliminary Specification
TBN6301 series
Base Current, Collector Current vs. Base to Emitter Voltage
Base Current, IB or Collector Current, IC (A)
10 10 10 10 10 10 10 10 10
0
Collector Current vs. Collector to Emitter Voltage
70 IB Step = 50 A
-1
-2
Collector Current, IC (mA)
VCE = 3 V
60 50 40 30 20 10
-3
-4
-5
-6
-7
-8
10
-9
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
0.0
0
1
2
3
4
5
6
Base to Emitter Voltage, VBE (V)
Collector to Emitter Voltage, VCE (V)
Gain Bandwidth Product vs. Collector Current
14
30
Insertion Power Gain vs. Frequency
VCE = 3 V IC = 10 mA
Gain Bandwidth Product, fT (GHz)
12 10 8 6 4 2 0 1
Insertion Power Gain, |S21| (dB)
VCE = 3 V VCE = 5 V VCE = 7 V
25 20 15 10 5 0 0.1
2
10
100
1
Collector Current, IC (mA)
Frequency (GHz)
http://www.tachyonics.co.kr March. 2005.
Page 4 of 6
Rev. 1.0
Preliminary Specification
TBN6301 series
Insertion Power Gain vs. Collector Current
16
20
Maximum Available Gain vs. Collector Current
Maximum Available Gain, MAG (dB)
VCE = 3 V VCE = 5 V VCE = 7 V f = 1 GHz
Insertion Power Gain, |S21| (dB)
14 12 10 8 6 4 2 0 1
VCE = 3 V VCE = 5 V VCE = 7 V f = 1 GHz
2
15
10
5
0
10
100
1
10
100
Collector Current, IC (mA)
Collector Current, IC (mA)
http://www.tachyonics.co.kr March. 2005.
Page 5 of 6
Rev. 1.0
Preliminary Specification
Dimensions of TBN6301S in mm
SOT 23
TBN6301 series
Dimensions of TBN6301E in mm
SOT523
Dimensions of TBN6301KF in mm
SOT 623F
1.2 0.8
Pin Configuration (SOT23, SOT523, SOT623F)
Pin No. 1 2 Symbol B E C Description Base Emitter Collector
1 1.4 0.9 3 0.2 2
3
0.6
0~0.1
0.11
http://www.tachyonics.co.kr March. 2005.
Page 6 of 6
Rev. 1.0


▲Up To Search▲   

 
Price & Availability of TBN6301U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X