Part Number Hot Search : 
A106K01 46271G P1BAU 2SK31 PC302 4910NT4G 8XC562 PPS10
Product Description
Full Text Search
 

To Download T0980NBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T0980
SiGe Transmit / Receive Front End IC
Description
The T0980 is a monolithic SiGe transmit/ receive front end IC with power amplifier & low noise amplifier. Electrostatic sensitive device. Observe precautions for handling.
Features
D High power added efficient power amplifier (Pout typ. 29 dBm) D Controlled output power D Low noise preamplifier (NF typ. 1.7 dB) D Few external components D PSSO16 plastic package with down set paddle
Block Diagram
16 13 11 9
Bias
1
3
5
Figure 1. Block diagram
8
Ordering Information
Extended Type Number T0980-TJS T0980-TJQ Package PSSO16 PSSO16 Tube Taped and reeled Remarks
Rev. A4, 08-Dec-00
1 (7)
Preliminary Information
T0980
Pin Description
Pin 1 Symbol V2_PA_OUT Function Inductor to power supply and matching network for power amplifier output Inductor to power supply and matching network for power amplifier output Ground
POUT_ CONTROL GND LNA_IN GND BIAS_LNA 4 T0980 5 6 7 8 12 PA_IN 13 GND V2_PA_OUT 1 V2_PA_OUT 2 GND 3 16 V2_PA_OUT 15 GND 14 V1_PA
2
V2_PA_OUT
3 4 5 6 7 8 9 10 11 12 13 14 15 16
GND
POUT_CONTROL Power amplifier control input GND Ground LNA_IN GND BIAS_LNA VS_CTRL LNA_OUT GND PA_IN GND V1_PA GND V2_PA_OUT Low noise amplifier input Ground Resistor to Vs sets the LNA current Supply voltage for control of power amplifier Low noise amplifier output and supply voltage Ground Power amplifier input Ground Supply voltage for power amplifier Ground Matching network for power amplifier output
11 GND 10 LNA_OUT 9 VS_CTRL
Figure 2. Pinning PSSO16
Absolute Maximum Ratings
All voltages are referred to GND Parameter Supply voltage PA, TX Supply voltage LNA, RX Junction temperature Storage temperature Pins 1, 2, 9 and 14 Pin 10 Symbol Vs_PA Vs_LNA Tjmax Tstg -55 Min. Max. 4.5 2.8 150 +125 Unit V V _C _C
Operating Range
All voltages are referred to GND. The following table represents the sum of all supply currents. Parameter Supply voltage PA Supply voltage LNA Supply current PA Test Conditions / Pins TX, RX, TX, Pins 1, 2, 9 and 14 Pin 10 Pins 1, 2, 9 and 14 Symbol Vs_PA Vs_LNA Is_PA Min. Typ. 3.6 2.5 400 Max. 4.4 2.6 Unit V V mA
2 (7)
Rev. A4, 08-Dec-00
Preliminary Information
T0980
Operating Range (continued)
All voltages are referred to GND. The following table represents the sum of all supply currents. Parameter Test Conditions / Pins Symbol Min. Typ. Max. Supply current LNA Ambient temperature Pins 10 and 8 Is_LNA Tamb -25 2.5 25 60 Unit mA _C
Thermal Resistance
Parameter Junction ambient Symbol RthJA Value 25 Unit K/W
ESD Protection:
t.b.d.
Electrical Characteristics
Test conditions (unless otherwise specified) : Vs_PA = 3.6 V, Tamb = 25 C. Parameter Power amplifier Supply voltage Supply current Frequency range Power gain Control voltage g Control current Shut-down mode Power added efficiency Saturated output power Harmonics Low-noise amplifier Supply voltage Supply current Frequency range Power gain Noise figure Isolation 3rd-order input interception point Notes : 1) RX, Pins 8 and 10 RX @ R1 = 5.6 kW, Pins 8 and 10 RX RX @ R1 = 5.6kW, Is=2.5 mA RX @ R1 = 5.6 kW, Is=2.5 mA RX @ R1 = 5.6 kW, Is=2.5 mA RX @ R1 = 5.6 kW, Is=2.5 mA Vs_LNA Is_LNA f Gp NF ISO IIP3 400 19 1.7 20 -10 2.5 2.5 2.5 500 V mA MHz dB dB dB dBm
1)
Test Conditions / Pins TX, Pins 1, 2, 9 and 14 TX, Pins 1, 2, 9 and 14 TX TX TX, output power (max), Pin 4 TX, output power (min), Pin 4 Pin 4 Control voltage 0.1 V, Pins 1, 2, 9 and 14 TX @ 450 MHz TX, input power 3 dBm TX, input power 3 dBm TX, input power 3 dBm
Symbol Vs_PA Is_PA f Gp
Min.
Typ. 3.6 400
Max.
Unit V mA
400 33 2.5 0.7 0
500
MHz dB V V
400 10
A A %
Is_PA PAE Psat 2 fo 3 fo 50
29 -20 -20
dBm dBc dBc
Power amplifier shall be unconditional stable, maximum duty cycle 100%, true cw-operation, maximum load mismatch 10:1 for 5 s @ 3.6 V
Rev. A4, 08-Dec-00
3 (7)
Preliminary Information
T0980
Typical Characteristics
70 60 50 Pout ( dBm ) Gain ( dB ) PAE ( % ) 40 30 20 10 0 -10 -20 -50 -40 -30 -20 -10 0 10 20 10 0 0 1 2 3 4 5 Pin ( dBm ) VCC ( V ) Gain Pout PAE PAE ( % ) Pout ( dBm ) 70 60 50 40 30 20 Pout PAE
Figure 3. Power sweep
Figure 5. VCC sweep
70 60 PAE 50 PAE ( % ) Pout ( dBm ) 40 30 Pout 20 10 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 Vramp ( V )
Figure 4. Ramp sweep
4 (7)
Rev. A4, 08-Dec-00
Preliminary Information
T0980
Application Circuit T0980 (460 MHz)
C12
1uF
VS_PA C2 C9
100pF 1uF
L5
22nH
C11
100pF
L6
4.7nH
L4
6.8nH
C8
2.7pF
GND
PA_OUT C10
12pF
1 2 3
16 15
L1
1.5nH
T0980 Bias
14
C1 POUT_CTRL C15 C14 LNA_IN L7
22nH 100pF
4
C13
100pF
13 12
C3
100pF
1nF
5 6 7 8
PA_IN R3
39
8.2pF
L2
39nH
11 10
C5
3.9pF
LNA_OUT L3 C4 R2
NC 22nH
BIAS_LNA C16
NC
9
R1
5.6k
0
VS_LNA C6
100pF
C18
10nF
VS_CTRL C7
100pF
C17
NC
Figure 6. Typical application circuit T0980 (460 MHz)
Rev. A4, 08-Dec-00
5 (7)
Preliminary Information
T0980
Package Information
6 (7)
Rev. A4, 08-Dec-00
Preliminary Information
T0980
Ozone Depleting Substances Policy Statement
It is the policy of Atmel Germany GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Atmel Germany GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Atmel Germany GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Atmel Wireless & Microcontrollers products for any unintended or unauthorized application, the buyer shall indemnify Atmel Wireless & Microcontrollers against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Data sheets can also be retrieved from the Internet: http://www.atmel-wm.com
Atmel Germany GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2594, Fax number: 49 (0)7131 67 2423
Rev. A4, 08-Dec-00
7 (7)
Preliminary Information


▲Up To Search▲   

 
Price & Availability of T0980NBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X